Part Number Hot Search : 
STFW3N15 TEVAL BUZ11A SB250 1005C 2010D NSPR510A DTA14
Product Description
Full Text Search
 

To Download TC1027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY INFORMATION
EVALUATION KIT AVAILABLE
1
TC1027
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
FEATURES
s s s s s s s Combines Four Comparators and a Voltage Reference into a Single Package Optimized for Single Supply Operation Small Package ................. 16-Pin SOIC (Narrow) or 16-Pin Plastic DIP (Narrow) Ultra Low Input Bias Current ...... Less than 100pA Low Quiescent Current ........................... 15A max Rail-to-Rail Inputs and Outputs Operates Down to VDD = 1.8V min.
2 3 4 5 6 7
GENERAL DESCRIPTION
The TC1027 is a mixed-function device combining four general purpose, complimentary output comparators and a voltage reference in a single 16-pin package. This increased integration allows the user to replace two packages, saving space, lowering supply current, and increasing system performance. The TC1027 is designed specifically for operation from a single supply; however, operation from dual supplies is also possible. The power supply current drain is independent of the magnitude of the power supply voltage. The TC1027 is optimized for low supply voltage and very low supply current operation (15A max) making it ideal for battery operated applications. Packaged in a 16-pin QSOP, SOIC (0.150 wide) or 16pin DIP, the TC1027 is ideal for applications requiring high integration, small size and low power. FUNCTIONAL BLOCK DIAGRAM
OUTB OUTC OUTD
APPLICATIONS
s s s s s s Power Supply Circuits Embedded Systems Instrumentation Portable Equipment Consumer Products Replacements for Discrete Components
ORDERING INFORMATION
Part No.
TC1027COR TC1027CPE TC1027CQR TC1027EOR TC1027EPE TC1027EQR
Package
16-Pin SOIC (Narrow) 16-Pin Plastic DIP 16-Pin QSOP 16-Pin SOIC (Narrow) 16-Pin Plastic DIP 16-Pin QSOP
Temp. Range
0C to +70C 0C to +70C 0C to +70C - 40C to +85C - 40C to +85C - 40C to +85C
OUTA
VDD INA- INA+
-
A
+
TC1027
B C
-
D
+
GND IND+ IND-
-
INB- INB+ REF+
+
-
+
INC+ INC-
TC43EV
Evaluation Kit for Linear Building Block Family
Voltage Reference
VSS
PIN CONFIGURATIONS
16-Pin Plastic DIP (Narrow)
OUTB 1 OUTA 2 VDD 3 INA- 4 INA
+
16-Pin QSOP
OUTB OUTA VDD INA- INA+ INB- INB+ REF+ 1 2 3 4 5 6 7 8 16 OUTC 15 OUTD 14 GND 13 IND+ IND- INC+ INC- VSS
16-Pin SOIC (Narrow)
OUTB OUTA VDD INA- INA
+
16 OUTC 15 OUTD 14 GND 13 IND+
1 2 3 4
16 15 14 13
OUTC OUTD GND IND+ IND- INC+ INC- VSS
TC1027-01 11/15/96
TC1027CPE 5 TC1027EPE 12 IND- 6 7 11 INC
INB- INB
+
+
10 INC- 9 VSS
TC1027CQR 12 TC1027- 11 EQR 10 9
TC1027COR 5 TC1027EOR 12 6 7 8 11 10 9
INB- INB
+
REF+ 8
REF+
8
3-313
TELCOM SEMICONDUCTOR, INC.


▲Up To Search▲   

 
Price & Availability of TC1027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X