Part Number Hot Search : 
TA1810A 2SC2510A SG3644M 4812S BCX51 WP483IDT X9279UBI 1N5416
Product Description
Full Text Search
 

To Download STS9012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STS9012
PNP Silicon Transistor
Description
* General purpose application. * Switching application.
Features
* Excellent hFE linearity. * Complementary pair with STS9013
Ordering Information
Type NO. STS9012 Marking STS9012 Package Code TO-92
Outline Dimensions
3.450.1 4.50.1 2.250.1
unit : mm
4.50.1
0.40.02
2.060.1
14.00.40
1.27 Typ. 2.54 Typ.
123
1.200.1
0.38
PIN Connections 1. Emitter 2. Base 3. Collector
KST-9015-000
1
STS9012
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Emitter current Collector dissipation Junction temperature Storage temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC IE PC Tj Tstg
Ratings
-40 -30 -5 -500 500 625 150 -55~150
Unit
V V V mA mA mW C C
Electrical Characteristics
Characteristic
Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Base-Emitter voltage Transistor frequency Collector output capacitance
(Ta=25C)
Symbol
ICBO IEBO hFE* VCE(sat) VBE fT Cob
Test Condition
VCB=-35V, IE=0 VEB=-5V, IC=0 VCE=-1V, IC=-50mA IC=-100mA, IB=-10mA VCE=-1V, IC=-100mA VCE=-6V, IC=-20mA VCB=-6V, f=1MHz
Min. Typ. Max.
96 150 -0.1 -0.8 7 -0.1 -0.1 246 -0.25 -1.0 -
Unit
A A V V MHz pF
*
: hFE rank / F : 96~135, G : 118~166, H : 144~202, I : 176~246.
KST-9015-000
2
STS9012
Electrical Characteristic Curves
Fig. 1 PC - Ta Fig. 2 IC - VBE
Fig. 3 I C - VCE
Fig. 4 VCE(sat) - IC
Fig. 5 hFE - IC
Fig. 6 hFE -
IC
KST-9015-000
3


▲Up To Search▲   

 
Price & Availability of STS9012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X