|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STP7NB60 STP7NB60FP N - CHANNEL ENHANCEMENT MODE PowerMESHTM MOSFET TYPE STP7NB60 STP7NB60F P s s s s s V DSS 600 V 600 V R DS(on) < 1.2 < 1.2 ID 7.2 A 4.1 A TYPICAL RDS(on) = 1.0 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED 1 2 3 1 2 3 DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, SGS-Thomson has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE ABSOLUTE MAXIMUM RATINGS Symbol V DS V DGR V GS ID ID IDM (*) P t ot dv/dt(1) V ISO T stg Tj March 1998 Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at Tc = 25 o C Drain Current (continuous) at Tc = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor Peak Diode Recovery voltage slope Insulation W ithstand Voltage (DC) Storage Temperature Max. O perating Junction Temperature o TO-220 TO-220FP INTERNAL SCHEMATIC DIAGRAM Value ST P7NB60 STP7NB60FP 600 600 30 7.2 4.5 28.8 125 1.0 4.5 -65 to 150 150 (1) ISD 7A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX Uni t V V V 4.1 2.6 28.8 40 0.32 4.5 2000 A A A W W/ C V/ ns V o o o C C 1/9 (*) Pulse width limited by safe operating area STP7NB60/FP THERMAL DATA TO-220 R t hj-ca se R t hj- amb R thc- si nk Tl Thermal Resistance Junction-case Max 1.0 62.5 0.5 300 T O220-F P 3.13 o o o C/W C/W C/W o C Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose AVALANCHE CHARACTERISTICS Symb ol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy o (starting Tj = 25 C, I D = I AR , V DD = 50 V) Max Valu e 7.2 580 Unit A mJ ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF Symb ol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Cond ition s I D = 250 A VGS = 0 Min. 600 1 50 100 Typ . Max. Un it V A A nA Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (V DS = 0) V GS = 30 V Tc = 125 o C ON () Symb ol V GS(th) R DS( on) ID(o n) Parameter Gate T hreshold Voltage V DS = VGS Static Drain-source O n Resistance On State Drain Current V GS = 10V Test Cond ition s ID = 250 A I D = 3.6 A 7.2 Min. 3 Typ . 4 1.0 Max. 5 1.2 Un it V A V DS > I D(on) x R DS(on) max V GS = 10 V DYNAMIC Symb ol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Cond ition s V DS > I D(on) x R DS(on) max V DS = 25 V f = 1 MHz I D = 3.6 A VGS = 0 Min. 4 Typ . 5.3 1250 165 16 1625 223 22 Max. Un it S pF pF pF 2/9 STP7NB60/FP ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON Symb ol t d(on) tr Qg Q gs Q gd Parameter Turn-on T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Cond ition s V DD = 300 V I D = 3.6 A VGS = 10 V R G = 4.7 (see test circuit, figure 3) V DD = 480 V I D = 7.2 A VGS = 10 V Min. Typ . 18 8 30 9.9 13.3 Max. 27 12 45 Un it ns ns nC nC nC SWITCHING OFF Symb ol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over T ime Test Cond ition s V DD = 480 V I D = 7.2 A R G = 4.7 V GS = 10 V (see test circuit, figure 5) Min. Typ . 8 5 15 Max. 12 8 23 Un it ns ns ns SOURCE DRAIN DIODE Symb ol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward O n Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 7.2 A V GS = 0 530 4.5 17 Test Cond ition s Min. Typ . Max. 7.2 28.8 1.6 Un it A A V ns C A I SD = 7.2 A di/dt = 100 A/s o T j = 150 C V DD = 100 V (see test circuit, figure 5) () Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area Safe Operating Area for TO-220 Safe Operating Area for TO-220FP 3/9 STP7NB60/FP Thermal Impedance for TO-220 Thermal Impedance forTO-220FP Output Characteristics Transfer Characteristics Transconductance Static Drain-source On Resistance 4/9 STP7NB60/FP Gate Charge vs Gate-source Voltage Capacitance Variations Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature Source-drain Diode Forward Characteristics 5/9 STP7NB60/FP Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform Fig. 3: Switching Times Test Circuits For Resistive Load Fig. 4: Gate Charge test Circuit Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times 6/9 STP7NB60/FP TO-220 MECHANICAL DATA DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 E mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40 inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151 A C D1 L2 F1 D G1 Dia. F2 F L5 L7 L6 L9 L4 G H2 P011C 7/9 STP7NB60/FP TO-220FP MECHANICAL DATA DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409 A B L3 L6 L7 F1 F D G1 E H F2 123 L2 L4 8/9 G STP7NB60/FP Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1998 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . .. 9/9 |
Price & Availability of STP7NB60FP |