Part Number Hot Search : 
BP60380 MIC5204 OMT253 TYN210 TL431CZ 10240 OV7670 CBT3126D
Product Description
Full Text Search
 

To Download STK4032X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number: EN 4672
Thick Film Hybrid IC
STK4032X AF Power Amplifier (Split Power Supply) (40W min, THD = 0.008%)
Features
* Compact package for thin-type audio sets * Member of pin-compatible series with outputs of 30 to 100W * Easy heatsink design to disperse heat generated in thintype stereo sets * Current mirror circuit for low 0.008% total harmonic distortion * External supply switch-on and switch-off shock noise muting, load short-circuit protection, thermal shutdown and other circuits can be tailored-designed.
Package Dimensions
unit: mm
4062
[STK4032X]
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Thermal resistance Junction temperature Operating substrate temperature Storage temperature Available time for load short-circuit1 Symbol VCC max j-c Tj Tc Tstg ts VCC = 33.5V, RL = 8, f = 50Hz, PO = 40W Conditions Ratings 49 1.8 150 125 -30 to +125 2 Unit V C/W C C C s
Recommended Operating Conditions at Ta = 25C
Parameter Recommended supply voltage Load resistance Symbol VCC RL Conditions Ratings 33.5 8 Unit V
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
52797HA (ID) / 30795TH (ID) No. 4672--1/3
STK4032X
Operating Characteristics
at Ta = 25C, VCC = 33.5V, RL = 8 (noninductive load), Rg = 600, VG = 40dB, 100kHz LPF on
Parameter Quiescent current Symbol ICCO PO(1) Output power PO(2) Total harmonic distortion Frequency response Input impedance Output noise voltage2 Neutral voltage THD fL, fH ri VNO VN Conditions VCC = 40V THD = 0.008%, f = 20Hz to 20kHz VCC = 30V, THD = 0.04%, RL = 4, f = 1kHz PO = 1.0W, f = 1kHz PO = 1.0W, +0 dB -3 PO = 1.0W, f = 1kHz VCC = 40V, Rg = 10k VCC = 40V min 15 40 45 - - - - -70 typ - - - - 20 to 50k 55 - 0 max 120 - - 0.008 - - 1.2 +70 Unit mA W W % Hz k mVrms mV
Notes. All tests are measured using a constant-voltage supply unless otherwise specified. 1. Available time for load short-circuit and output noise voltage are measured using the transformer supply specified below. 2. The output noise voltage is the peak value of an average-reading meter with an rms value scale. The noise voltage waveform does not inlcude any pulse noise.
Specified Transformer Supply (MG-200 or Equivalent)
Equivalent Circuit
No. 4672--2/3
STK4032X
Sample Application Circuit (40W min AF Power Amplifier)
s
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees, jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
s
s
This catalog provides information as of May, 1997. Specifications and information herein are subject to change without notice.
No. 4672--3/3


▲Up To Search▲   

 
Price & Availability of STK4032X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X