Part Number Hot Search : 
TGS2313 MAX4658 NL8060 ZM4736 LM2901D BCM5238 M5291 SDM0565R
Product Description
Full Text Search
 

To Download SB10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET SB1020~SB10100
SCHOTTKY BARRIER RECTIFIERS VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.
.038(0.96) MAX.
.177(4.5) MAX .50(12.7) MAX
TO-220AC
.419(10.66) MAX .139(3.55) MIN
.269(6.85) MAX
Unit: inch ( mm )
.196(5.0) MAX .054(1.39) MAX
.624(15.87) MAX
.025(0.65) MAX
MECHANICAL DATA
Case: TO-220AC Molded plastic Terminals: Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams.
.1(2.54)
.1(2.54)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% SB1020 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=90C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 10.0A per element Maximum DC Reverse Current (Note 1) Ta=25C at Rated DC Blocking Voltage Ta=100C Typical Thermal Resistance Note RJA Operating and Storage Temperature Range TJ 0.55 0.5 50 60 -50 to +125 20.0 14.0 20.0 SB1030 30.0 21.0 30.0 SB1040 40.0 28.0 40.0 SB1050 50.0 35.0 50.0 10 150 SB1060 60.0 42.0 60.0 SB1080 80.0 56.0 80.0 SB10100 100.0 70.0 100.0 UNIT V V V A A
0.75
0.85
V
mA C/W C
NOTES: 1. Thermal Resistance Junction to Ambient .
DATE : SEP.24.2002
PAGE . 1
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD CURRENT AMPERES
40 20,30,40V 50,60V
AVERAGE FORWARD CURRENT
25.0 20.0 15.0 10.0 5.0 0 0
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
80,100V
TJ = 25 C Pulse Width = 300ms 1% Duty Cycle
O
50
100
O
150
.4
.5
.6
.7
.8
.9
1.0
1.1
CASE TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
100 TC = 100OC 150
PEAK FORWARD SURGE CURRENT,
10 TC = 75 C 1.0 TC = 25OC
O
120 110 90 70 50 30 20 10 1 2 5 10
8.3ms Single Half Since-Wave JEDEC Method
0.1
0.01 0 100 200 300
PERCENT OF PEAK REVERSE VOLTAGE
20
50
100
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
400
CAPACITANCE, pF
350
TJ = 25 C
O
300 250 200 150 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
DATE : SEP.24.2002
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X