Part Number Hot Search : 
DTMPU63 MTA406N SMBJ26 023GP W12NK90Z AN802 P6SMB91A PC102
Product Description
Full Text Search
 

To Download S9018LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
S9018LT1
FEATURES Power dissipation PCM: 0.2 W (Tamb=25)
1. 0
TRANSISTOR (NPN) SOT-23
1. BASE 2. EMITTER 3. COLLECTOR
0. 95
Collector current 0.05 A ICM: Collector-base voltage 25 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) VCE(sat) VBE(sat)
2. 4 1. 3
2. 9
1. 9
0. 95
Unit: mm
unless otherwise specified)
Test conditions MIN 25 18 4 0.1 0.1 0.1 70 190 0.5 1.4 V V TYP MAX UNIT V V V
Ic= 100A, IE=0 Ic= 0.1mA, IB=0 IE=100A, IC=0 VCB=20V, IE=0 VCE=15V, IB=0 VEB= 3V, IC=0 VCE=5V, IC= 1mA IC=10mA, IB= 1mA IC=10mA, IB= 1mA VCE=5V, IC= 5mA
0. 4
A A A
Transition frequency
fT
f=400MHz
600
MHz
DEVICE MARKING
S9018LT1= J8


▲Up To Search▲   

 
Price & Availability of S9018LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X