Part Number Hot Search : 
TA7612AP BAV990 025001 100BG MX23C ASM3P F10A40 8108A
Product Description
Full Text Search
 

To Download RWS450A-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RWS-A-SERIES
RWS450A RWS200A
Single output 15W ~ 450W
Unit Type Power Supply Model name
RWS300A
RWS 15A-5/
Name of series Output power Nominal output voltage
Features
RWS100A RWS150A
RWS15A RWS30A
RWS50A
(Low Voltage Directive)
1 year warranty
marking (Low Voltage Directive) With PFHC Built-in RWS200A, 300A, 450A Low profile, 40 models Wide input voltage range 85 ~ 265VAC universal input: RWS15A, 30A 100/200VAC selectable: RWS50A, 100A, 150A 85 ~ 265VAC universal input: RWS200A, 300A, 450A 1 year warranty
Option Blank: Open frame, Barrier strip terminal A: With cover, Barrier strip terminal B: Open frame, Connector terminal (RWS15A, 30A, 50A only) C: With cover, Connector terminal (RWS15A, 30A, 50A only)
Specifications
1. Input voltage range RWS15A, 30A: 85 ~ 265VAC (47 ~ 440Hz), 110 ~ 330VDC universal input RWS50A, 100A, 150A: 85 ~ 132VAC/170 ~ 265VAC (47 ~ 440Hz), DC230 ~ 330V user selectable RWS200A, 300A, 450A: 85 ~ 265VAC (47 ~ 63Hz) universal input 10%
2. Output voltage range 3. Cooling Convection cooling 4. Operating ambient 0 ~ +60C RWS15A, 30A, 50A / 0 ~ +50C: 100%, +60C: 60% temperature RWS100A, 150A / 0 ~ +50C: 100%, +60C:50% (Standard mounting) -10 ~ +60C RWS200A / -10 ~ +40C: 100%, +50C: 80%, +60C: 60% RWS300A, 450A / -10 ~ +40C: 100%, +50C: 75%, +60C: 50% Input-output: 3kVAC, Input-FG: 2kVAC, Output-FG: 500VAC for 1 min. 5. Withstand voltage Approved by UL1950 , CSA950 and EN60950 6. Safety standard RWS15A, 30A, 50A: Conforms to FCC class B, RWS100A, 150A: Conforms to FCC class A 7. EMI Over voltage protection, Over current protection, Remote sensing (RWS100A ~ 450A) 8. Functions Remote on/off control (RWS 200A ~ 450A)
For 50 to 150W, We are to recommend JWS series (AC85 ~ 265V input, CE marking, PFHC, EMI, EMS) for new inquiries.
Product lineup
Model name RWS15A-5 RWS15A-12 RWS15A-15 RWS15A-24 RWS15A-48 RWS30A-5 RWS30A-12 RWS30A-15 RWS30A-24 RWS30A-48 RWS50A-5 RWS50A-12 RWS50A-15 RWS50A-24 RWS50A-48 RWS100A-5 RWS100A-12 RWS100A-15 RWS100A-24 RWS100A-48 Nominal Max. Max. output voltage output current output power 15.0W 3.0A 5V 15.6W 1.3A 12V 15.0W 1.0A 15V 16.8W 0.7A 24V 14.4W 0.3A 48V 30.0W 6.0A 5V 30.0W 2.5A 12V 30.0W 2.0A 15V 31.2W 1.3A 24V 28.8W 0.6A 48V 50.0W 10.0A 5V 50.4W 4.2A 12V 51.0W 3.4A 15V 50.4W 2.1A 24V 48.0W 1.0A 48V 100.0W 20.0A 5V 102.0W 8.5A 12V 105.0W 7.0A 15V 108.0W 4.5A 24V 100.8W 2.1A 48V UL CSA EN Model name RWS150A-5 RWS150A-12 RWS150A-15 RWS150A-24 RWS150A-48 RWS200A-3 RWS200A-5 RWS200A-12 RWS200A-15 RWS200A-24 RWS300A-3 RWS300A-5 RWS300A-12 RWS300A-15 RWS300A-24 RWS450A-3 RWS450A-5 RWS450A-12 RWS450A-15 RWS450A-24 Max. Nominal Max. UL CSA EN output voltage output current output power 30.0A 5V 150.0W 13.0A 12V 156.0W 10.0A 15V 150.0W 6.5A 24V 156.0W 3.2A 48V 153.6W 40A 3V 120W 40A 5V 200W 19A 12V 228W 15A 15V 225W 9A 24V 216W 60A 3V 180W 60A 5V 300W 26A 12V 312W 21A 15V 315W 24V 13A 312W 3V 90A 270W 5V 90A 450W 12V 40A 480W 15V 32A 480W 24V 20A 480W
: Safety standard approved
RWS15A
RWS150A
RWS30A
RWS200A
RWS50A
RWS300A
RWS100A
RWS450A
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
31
RWS-A-SERIES
Unit Type Power Supply RWS15A
Recommended Noise Filter
MAW-12R5-22
P134
Recommended Power Supply Fixture P198
(Unit: mm)
RWS30A
Recommended Noise Filter
MAW-1201-22
P134
Recommended Power Supply Fixture P198
(Unit: mm)
RWS50A
Recommended Noise Filter
MAW-1202-22
P134
Recommended Power Supply Fixture P198
(Unit: mm) 32
RWS-A-SERIES
Unit Type Power Supply RWS100A
TERMINAL COVER COMPONENT SIDE (93.01 WITH COVER) (50.01 WITH COVER)
2-M4 MOUNTING HOLES (DEPTH 6mm MAX)
(188.01 WITH COVER)
Recommended Noise Filter
MB1206
NAME PLATE
P137
Recommended Power Supply Fixture P198
3-M4 MOUNTING HOLES (DEPTH 6mm MAX)
(Unit: mm)
RWS150A
Recommended Noise Filter
MB1206
P137
Recommended Power Supply Fixture P198
(Unit: mm)
RWS200A
Recommended Noise Filter
MXB-1206-33
P148
Recommended Power Supply Fixture P198
(Unit: mm) 33
RWS-A-SERIES
Unit Type Power Supply RWS300A
Recommended Noise Filter
MXB-1206-33
P148
Recommended Power Supply Fixture P198
(Unit: mm)
RWS450A
Recommended Noise Filter
MXB-1210-33
P148
Recommended Power Supply Fixture P198
(Unit: mm) 34


▲Up To Search▲   

 
Price & Availability of RWS450A-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X