Part Number Hot Search : 
UG1111C C3225 74HC533 MT9042C 215800 G23AS2 107M01 LA1833N
Product Description
Full Text Search
 

To Download PJ1117CM-33V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJ1117 1 Amp Low Dropout Positive Voltage Regulator
T
he PJ1117 Series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current, Additionally, the PJ1117 Series provides excellent regulation over variations due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response. The PJ1117 Series are three terminal regulators with fixed and adjustable voltage options available in popular packages.
TO-220
TO-263
FEATURES
Low dropout voltage 1.3 V max. Full current rating over line and temperature Fast transient response 2%Total output regulation over line, load and temperature * * * * * Adjust pin current max 120 A over temperature Line regulation typical 0.015%. Load regulation typical 0.05%. Fixed/adjustable output voltage TO-220, TO-263, TO-252& SOT-223 package
TO-252
Pin: 1.Adj (Com) 2.Out 3.In
SOT-223
Pin: 1.Adj (Com) 2.Out 3.In
ORDERING INFROMATION
Device PJ1117CZ-adj / 1.8V PJ1117CZ-2.5V /2.85V PJ1117CZ-3.3V PJ1117CZ-5.0V PJ1117CM -adj / 1.8V
PJ1117CM-2.5V /2.85V
Operating Temperature (Ambient)
Package
TO-220
BLOCK DIAGRAM
PJ1117CM-3.3V PJ1117CM-5.0V -20 to +85oC PJ1117CW-adj / 1.8V PJ1117CW-2.5V/2.85V PJ1117CW-3.3V PJ1117CW-5.0V PJ1117CP-adj / 1.8V PJ1117CP-2.5V/2.85V PJ1117CP-3.3V PJ1117CP-5.0V NOTE: Contact factory for additional voltage option.
TO-263
SOT-223
TO-252
ABSOLUTE MAXIMUM RATING
Parameter Input Voltage Power Dissipation Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient Operating Junction Temperature Range Operating Ambient Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 Sec. 1-6 Symbol VIN PD Maximum 7 Internally Limited 2.5 50 0 to +125 -20 to +85 -25 to 150 260 2002.rev.A
o o
Units V W C /W
JC
JA TJ TA TSTG TLEAD
C
PJ1117 1 Amp Low Dropout Positive Voltage Regulator
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Adjust VIN = 2.75V to 12V and Adjust Io = 10mA to 1.0A Fixed VIN = 4.75V to 12V and Fixed Io = 10mA to 1.0A (For Fixed 5.0V Output Version ,VIN = 7.5V to 12V ) Test Conditions Parameter Output Voltage Fixed Voltage Reference Voltage Adj Voltage Line Regulation(1) (Vin-Vout=3V) Load Regulation(1) (Vin-Vout=3V) Dropout Voltage VREF =1% Current Limit (Vin-Vout=5V) Quiescent Current Fixed Model Temperature Coefficient Adjust Pin Current IQ Tc IADJ 25 5V IcL Over Temp. 12 0.005 55 120 Adjust Pin Current Change Temperature Stability Minimum Load Current Adjust Model RMS Output Noise(2) Ripple Rejection Ratio(3) IADJ Ts Io VN RA 5V 1.0A 5V 5V 25 Over Temp. 60 500mA Over Temp. 0.2 0.5 5 0.003 72 10 5 % mA %Vo dB A 14 mA / 1.0 VD REG(LOAD) REG(LINE) 10mA
(1) (1)
Test Limits TJ(4) 25 Min 0.99|Vo| 0.98|Vo| 1.238 1.225 0.015 0.035 0.05 0.2 1 1.1 1.1 1.3 A 0.3 0.4 V % 1.250 Typ Vo Max 1.01|Vo| 1.02|Vo| 1.262 1.275 0.2 V Units
Symbol Vo
VIN -VOUT 5V
IO 10mA
Over Temp. VREF 5V 10mA 25 Over Temp. 25 Over Temp. 25 Over Temp. 25
(1)Low duty cycle pulse testing with Kelvin connections required. (2)Bandwidth of 10Hz to 10KHz. (3)120Hz input ripple (CADJ for ADJ) =25F . (4)Over Temp.-over specified operating junction temperature range.
2-6
2002.rev.A
PJ1117 1 Amp Low Dropout Positive Voltage Regulator
Typical Application Circuit
(1) C1 NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS
(1) C1 NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS (2) C2 REQUIRED FOR STABILITY
3-6
2002.rev.A
PJ1117 1 Amp Low Dropout Positive Voltage Regulator
4-6
2002.rev.A
PJ1117 1 Amp Low Dropout Positive Voltage Regulator
TO-220 Mechanical drawing
DIM A B C D E F G H I J K L M N O P
TO-220 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.00 10.50 0.394 0.413 3.24 4.44 0.128 0.175 2.44 2.94 0.096 0.116 3.565 4.315 0.140 0.170 0.68 0.92 0.027 0.036 1.115 1.485 0.044 0.058 2.345 2.715 0.092 0.107 13.49 14.31 0.531 0.563 4.475 5.225 0.176 0.206 1.15 1.39 0.045 0.055 27.78 29.62 1.094 1.166 2.175 2.925 0.086 0.115 0.297 0.477 0.012 0.019 8.28 8.80 0.326 0.346 14.29 15.31 0.563 0.603 6.01 6.51 0.237 0.256
TO-263 Mechanical drawing
DIM A B C D E F G H I J
TO-263 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.00 10.50 0.394 0.413 14.60 15.87 0.575 0.625 0.68 0.92 0.027 0.036 2.42 2.66 0.095 0.105 4.31 4.83 0.170 0.190 1.14 1.40 0.045 0.055 2.28 2.79 0.090 0.110 0.45 0.73 0.018 0.029 8.28 8.80 0.326 0.346 1.14 1.4 0.045 0.055
5-6
2002.rev.A
PJ1117 1 Amp Low Dropout Positive Voltage Regulator
TO-252 Mechanical drawing
DIM A B C D E F G H I J
TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.57 6.84 0.259 0.269 9.25 10.40 0.364 0.409 0.62 0.76 0.024 0.030 2.56 2.67 0.101 0.105 2.30 2.39 0.090 0.094 0.49 0.57 0.019 0.022 1.46 1.58 0.057 0.062 0.52 0.57 0.020 0.022 5.34 5.55 0.210 0.219 1.46 1.64 0.057 0.065
SOT-223 Mechanical drawing
DIM A B C D E F G H I J K L
SOT-223 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.30 6.80 0.248 0.268 2.9 3.1 0.114 0.122 3.3 3.7 0.130 0.146 0.63 0.83 0.025 0.033 4.60 4.60 0.181 0.181 2.30 2.30 0.091 0.091 0.835 1.035 0.033 0.041 6.7 7.3 0.264 0.287 0.255 0.355 0.010 0.014 16 16 16 16 1.55 1.80 0.061 0.070 10 10 10 10
6-6
2002.rev.A


▲Up To Search▲   

 
Price & Availability of PJ1117CM-33V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X