Part Number Hot Search : 
NJW1152 XR1016CD RPH4NSZ 2E682K MCH3322 24M05 6TRPB TEA0676T
Product Description
Full Text Search
 

To Download NL565050T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 511_NL2016 (1/2)
Inductors
For General Applications SMD
FEATURES * The NL series are available in five form factors ranging from 2016 to 5650. * Utilizing a miniaturized winding structure, these products provide high Q characteristics. * Inductance tolerance is 5 percent. APPLICATIONS Personal computers, hard disk drives, and other electronic equipment. SPECIFICATIONS
Operating temperature range Storage temperature range -20 to +85C -40 to +85C [Unit of products]
NL Series NL2016 Type
FLUX AND CLEANING Rosin-based flux is recommended. Cleaning Conditions
Solvent Time Chlorine-based solvent (Do not use acid or alkali solvents.) 2min max.
PRODUCT IDENTIFICATION NL (1) 201614 T- 2R2 J (2) (3) (4) (5)
(1)Series name (2)Dimensions LxWxT
201614 252018 322522 453232 565050 2.1x1.6x1.4mm 2.5x2.0x1.8mm 3.2x2.5x2.2mm 4.5x3.2x3.2mm 5.6x5.0x5.0mm
RECOMMENDED SOLDERING CONDITIONS REFLOW SOLDERING
10s max. 230C 200C 150C 100C Preheating: 120s Time (s) Natural cooling 30s max.
(3)Packaging style
T Taping (reel)
(4)Inductance value
1R0 330 1H 33H
FLOW SOLDERING
10s max. 260C Natural cooling
(5)Inductance tolerance
J K 5% 10%
150C 100C Preheating: 120s Time (s)
PACKAGING STYLE AND QUANTITIES
Packaging style Taping Type NL201614T NL252018T NL322522T NL453232T NL565050T Quantity 2000 pieces/reel 2000 pieces/reel 2000 pieces/reel 500 pieces/reel 400 pieces/reel
IRON SOLDERING Perform soldering at 250C on 30W max. within 5 seconds. VAPOR-PHASING
10s max. 220C 215C 150C 100C Preheating: 120s Time (s) Natural cooling 30s max.
Specifications which provide more details for the proper and safe use of the described product are available upon request. All specifications are subject to change without notice.
511_NL2016 (2/2)
Inductors
For General Applications SMD
NL Series NL2016 Type
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
Inductor Solder land pattern 2.10.2 1.40.2 0.5 Terminal electrode (0.4) 1.60.2 1 0.8 1 0.8 0.80.1 Weight: 15mg
Dimensions in mm
ELECTRICAL CHARACTERISTICS
Inductance (H) 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 Inductance tolerance 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% Q min. 15 15 15 15 15 15 10 10 10 10 Test frequency L, Q (MHz) 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 Self-resonant frequency (MHz)min. 63 60 58 50 43 36 30 23 20 17 DC resistance ()max. 1.2 1.45 1.8 2.3 2.8 3.4 4.7 6.5 8 10.7 Rated current (mA)max. 245 225 200 175 140 115 98 80 68 60 Part No. NL201614T-1R0J NL201614T-1R5J NL201614T-2R2J NL201614T-3R3J NL201614T-4R7J NL201614T-6R8J NL201614T-100J NL201614T-150J NL201614T-220J NL201614T-330J
* Inductance tolerance is only standard. * Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER (16085A+16093B+TDK TF-1) SRF:HP8753C NETWORK ANALYZER Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
TYPICAL ELECTRICAL CHARACTERISTICS INDUCTANCE vs. FREQUENCY IMPEDANCE vs. FREQUENCY CHARACTERISTICS CHARACTERISTICS
100 33H 30 10H 10 Inductance (H) 10 30 100
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
100 Universal bridge 1000 Test circuit
DC
L=5H C=20000F A Specimen YHP model-4255A or equivalent
33H 33H 30 10H
3 Impedance (k) 1H
3
10H
Inductance (H)
10
3 1H
1
1
1 0.3 1H 0.3
0.3
0.1
0.1
0.3
1 3 Frequency (MHz)
10
30
0.1 0.1 1 0.03 3 100 10 30 DC current (mA) 300
INDUCTANCE CHANGE vs. TEMPERATURE CHARACTERISTICS
L/L(25C)
0.01
0.1
0.3
1 3 Frequency (MHz)
10
30
Q vs. FREQUENCY CHARACTERISTICS
100 80 Test equipment: YHP 4194A IMPEDANCE ANALYZER
5
33H Q 1.5H 60 20 40 80 Temperature (C) 10H
60 40 10H 20 0 0.1 1 Frequency (MHz) 33H 10 1H
-40
-20
0
-5
511_NL2016 990818
Specifications which provide more details for the proper and safe use of the described product are available upon request. All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of NL565050T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X