Part Number Hot Search : 
SK240 PVR1300N TFZ13B A3964 2525A UPA101B SDRAM TTA160
Product Description
Full Text Search
 

To Download MM1662K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
1000mA Regulator MM166
F
1000mA Regulator
Monolithic IC MM166
Outline
F
This IC is a small, stable power supply with output voltage precision of 2% (when IO = 500mA), maximum output current of 1000mA, and I/O voltage difference of 0.2V typ. at 500mA. Output noise reduction and output ON/OFF control pins are provided, making it ideal for portable equipment. (HSOP-8)
Features
1. No-load current consumption 2. I/O voltage difference 3. Ripple rejection rate 4. Output current 5. Output noise voltage 6. Output voltage rank 7. Output ON/OFF control 2.5mA typ. 0.2V typ. (IO=500mA) 65dB typ. (f=120Hz, VRIPPLE=1VP-P, IO=250mA) 1000mA max. 45Vrms typ. (Cn=470pF) 1.5 ~ 5.0V (0.1V steps) High ON, Low OFF
Package
HSOP-8, TO-252
Applications
1. Cordless telephone 2. Portable equipment, etc. 3. DVD
Pin Assignment
GND
8
7
6
5
1
2
3
4
HSOP-8
1 2 3 4 5 6 7 8
VOUT NC GND Cn CONT NC NC VIN
VIN TO-252
VO
MITSUMI
1000mA Regulator MM166
F
Equivalent Circuit Diagram
VIN VOUT
Bias
Cont
Thermal shutdown
Driver
Current limitter
Reference
GND Cn
Pin Description
HSOP-8
Pin No. 1 Pin name VOUT Function Output pin Internal equivalent circuit diagram
VOUT
Error Amp.
2 3 4
NC GND Cn
No connection Ground Noise decrease pin
VOUT Cn
Error Amp.
MITSUMI
1000mA Regulator MM166
F
Pin No. 5
Pin name Cont
Function Control pin Cont H L Output ON OFF
Internal equivalent circuit diagram
Cont
225k
300k
6 7 8
NC NC VIN
No connection No connection Input pin
VIN
Bias
TO-252
Pin No. 1 Pin name VIN Function Input pin Internal equivalent circuit diagram
VIN
Bias
2 3 GND VOUT Ground Output pin
VOUT
Error Amp.
MITSUMI
1000mA Regulator MM166
F
Absolute Maximum Ratings
Item Storage temperature Supply voltage Allowable loss
(Ta=25C) Symbol TSTG VIN Pd Ratings -40~+150 -0.3~+12 2500 (TO-252) 1800 (HSOP-8) Units C V mW
TO-252 With PC Board *1 (Copper :plane the double sided 1.0mm) of glass epoxy 80%, 100 150 HSOP-8 : With the double sided PC Board of glass epoxy (Copper plane 80%, 37 37 1.6mm)
Recommended Operating Conditions
Item Operating temperature Output current Operating voltage Symbol TOPR IOUT VOP Ratings -40~+85 0~1 VO Typ.+0.5~+10 Units C A V
Electrical Characteristics 1
Item No-Load input current Input current (OFF) ICC
(Except where noted therwise, Ta=25C, VCC=9V) Measurement conditions Io=0mA VCONT=0V Io=250mA VIN=VO-0.2V, IO=500mA VIN=VO+1.5~Vo+2.5V, IO=250mA Io=0~1A Tj=-30~+85C f=120Hz VRIPPLE=1V, IO=250mA fBW=20~80kHz Cn=470pF IO=250mA fBW=20~80kHz Cn=OPEN IO=250mA VCONT=5V 10 1.6 -0.3 50 0.98 0.2 10 20 100 65 45 90 20 30 VIN+0.3 0.4 Min. Typ. Max. Units 2.5 0 5 1 1.02 0.5 20 100 mA A V V mV mV ppm/C dB Vrms A V V
Symbol ICCOFF VOUT Vio V1 V2 VOUT/ T RR Vn ICONT VCONTH VCONTL
* Dropout voltage 4 *
Line regulation Load regulation VOUT temperature coefficient 2
Output voltage 3
*
Ripple rejection 2
*
Output noise voltage 2
*
CONT pin input current CONT pin high threshold level CONT pin low threshold level
is guaranteed *2. The parameter another page. by design. *3. Please refer to *4. The parameter is not guaranteed in the model less than VOUT=2V.
MITSUMI
1000mA Regulator MM166
F
Electrical Characteristics 2
Output Voltage
Product Test Output voltage name condisions Min. Typ. Max. MM1661F 1.470 1.5 1.530 MM1661G 1.568 1.6 1.632 MM1661H 1.666 1.7 1.734 MM1661J 1.764 1.8 1.836 MM1661K 1.862 1.9 1.938 MM1662A 1.960 2.0 2.040 MM1662B 2.058 2.1 2.142 MM1662C 2.156 2.2 2.244 MM1662D 2.254 2.3 2.346 MM1662E 2.352 2.4 2.448 MM1662F 2.450 2.5 2.550 MM1662G 2.548 2.6 2.652 MM1662H Io=250mA 2.646 2.7 2.754 MM1662J 2.744 2.8 2.856 MM1662K 2.842 2.9 2.958 MM1663A 2.940 3.0 3.060 MM1663B 3.038 3.1 3.162 MM1663C 3.136 3.2 3.264 MM1663D 3.234 3.3 3.366 MM1663E 3.332 3.4 3.468 MM1663F 3.430 3.5 3.570 MM1663G 3.528 3.6 3.672 MM1663H 3.626 3.7 3.774 MM1663J 3.724 3.8 3.876 MM1663K 3.822 3.9 3.978 Product Test Output voltage name condisions Min. Typ. Max. MM1664A 3.920 4.0 4.080 MM1664B 4.018 4.1 4.182 MM1664C 4.116 4.2 4.284 MM1664D 4.214 4.3 4.386 MM1664E 4.312 4.4 4.488 MM1664F Io=250mA 4.410 4.5 4.590 MM1664G 4.508 4.6 4.692 MM1664H 4.606 4.7 4.794 MM1664J 4.704 4.8 4.896 MM1664K 4.802 4.9 4.998 MM1665A 4.900 5.0 5.100
Measuring Circuit
A
1.0F
A 2 8 7 6 5
GND
VIN NC NC Cont VIN VO NC GND Cn
A
2.2F
VO
3 A
2.2F Ceramic 0.1F
1
2
3
4 A
Cn=470pF Ceramic 1.0F
1
V
0.1F
V
MITSUMI
1000mA Regulator MM166
F
Application Circuit
Input
2 8
1.0F Ceramic
7
6
5
VIN NC NC Cont VIN VO NC GND Cn
GND
VO
3
To load 0.1F Ceramic
1
2
3
4
Cn=470pF Ceramic
1
1.0F 2.2F
2.2F
Ceramic 0.1F
Note 1. The output capacitor is required between output and GND to prevent oscillation. 2. The ESR of capacitor must be defined in ESR stability area. 3. The wire of Vcc and GND is required to print full ground plane for noise and stability. 4. The input capacitor must be connected a distance of less than 1cm from input pin. 5. The capacitor is connected to Cn must have low leakage current characteristics, because Cn pin is high impedance. 6. In case the output voltage is above the input voltage, the overcurrent flow by internal parasitic diode from output to input. In such application, the external bypass diode must be connected between output and input pin.
Characteristics
(3.0V product Except where noted therwise, Ta=25C, VIN=5V, VCONT=5V, CIN=1F, CO=2.2)
About Power dissipation This IC's GND pin and Heat Spreader Bottom effectively radiate heat. By increasing these copper foil pattern area of PCB, Power dissipation improves. Please kindly desigh PCB pattern taking care of above features about power dissipation.
Power Dissipation
3000 2500
Power Dissipation(mW)
2000
To-252 : 150mm 100mm 1.0mm Double sided glass epoxy Copper plane 80%
1500 1000
HSOP-8 : 37mm 37mm 1.6mm Double sided glass epoxy Copper plane 80%
500 0 0 25 50 75 100 125 150
Ambient Temperature(C)
MITSUMI
1000mA Regulator MM166
F
Input Voltage-Output Voltage
4.0
Input Current-Input Voltage
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 2 4 6 8 RL=
Output Voltage VO(V)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0
RL= RL=13.2 RL=6.6
1
2
3
4
5
6
7
8
9 10
Input Current(mA)
3.5
10
Input Voltage VIN(V)
Input Voltage VIN(V)
Load Regulation
30
Line Regulation
20 15
Load Regulation
Line Regulation
0 0.2 0.4 0.6 0.8 1
20 10 0 -10 -20 -30
10 5 0 -5 -10 -15 -20 4 5 6 7 8 9 10
Load Current(A)
Input Voltage(V)
Dropout Voltage
700 VIN=3.1V
Output Voltage-Temperature
3.5
Drop Voltage(mV)
Output Voltage(V)
600 500 400 300 200 100 0 0 200 400 600 800 1000
3.4 3.3 3.2 3.1 -50 -25
0
25
50
75 100 125 150
Output Current(mA)
Temperature(C)
MITSUMI
1000mA Regulator MM166
F
Ripple Rejection
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0.01
Current Limit
4.0 3.5 3.0 2.5 2.0 1.5 1.0 50 0 1000 1 500 1000 1500
Ripple Rejection(dB)
RL=6.6
RL=3.3k
RL=13.2
0.1
1
10
100
Frequency(kHz)
Output Voltage(V)
Output Current(mA)
GND Pin Current
60
GND pin Current(mA)
50 40 30 20 10 0 0 200 400 600 800 1000 1200
Output Current(mA)


▲Up To Search▲   

 
Price & Availability of MM1662K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X