|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA UB-Suffix Series CMOS Gates The UB Series logic gates are constructed with P and N channel enhancement mode devices in a single monolithic structure (Complementary MOS). Their primary use is where low power dissipation and/or high noise immunity is desired. The UB set of CMOS gates are inverting non-buffered functions. * Supply Voltage Range = 3.0 Vdc to 18 Vdc * Linear and Oscillator Applications * Capable of Driving Two Low-power TTL Loads or One Low-power Schottky TTL Load Over the Rated Temperature Range * Double Diode Protection on All Inputs * Pin-for-Pin Replacements for Corresponding CD4000 Series UB Suffix Devices Quad 2-Input NOR Gate Dual 4-Input NOR Gate Quad 2-Input NAND Gate Dual 4-Input NAND Gate Triple 3-Input NAND Gate Triple 3-Input NOR Gate MC14001UB MC14002UB MC14011UB MC14012UB MC14023UB MC14025UB LOGIC DIAGRAMS MC14001UB Quad 2-Input NOR Gate 1 2 5 6 8 9 12 13 MC14012UB Dual 4-Input NAND Gate 1 2 3 4 5 9 10 11 12 NC = 6, 8 1 2 8 3 4 13 5 11 12 13 9 3 4 10 11 2 3 4 5 9 10 11 12 MC14002UB Dual 4-Input NOR Gate 1 1 2 5 6 8 13 NC = 6, 8 MC14023UB Triple 3-Input NAND Gate 1 2 8 3 4 5 11 12 13 9 12 13 MC14025UB Triple 3-Input NOR Gate 9 MC14011UB Quad 2-Input NAND Gate 3 4 10 11 L SUFFIX CERAMIC CASE 632 P SUFFIX PLASTIC CASE 646 D SUFFIX SOIC CASE 751A ORDERING INFORMATION MC14XXXUBCP MC14XXXUBCL MC14XXXUBD Plastic Ceramic SOIC 6 6 TA = - 55 to 125C for all packages. 10 10 VDD = PIN 14 VSS = PIN 7 FOR ALL DEVICES This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. v v REV 3 1/94 (c)MC14001UB Motorola, Inc. 1995 18 MOTOROLA CMOS LOGIC DATA PIN ASSIGNMENTS MC14001UB Quad 2-Input NOR Gate IN 1A IN 2A OUTA OUTB IN 1B IN 2B VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD IN 2D IN 1D OUTD OUTC IN 2C IN 1C MC14002UB Dual 4-Input NOR Gate OUTA IN 1A IN 2A IN 3A IN 4A NC VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD OUTB IN 4B IN 3B IN 2B IN 1B NC MC14011UB Quad 2-Input NAND Gate IN 1A IN 2A OUTA OUTB IN 1B IN 2B VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD IN 2D IN 1D OUTD OUTC IN 2C IN 1C MC14012UB Dual 4-Input NAND Gate OUTA IN 1A IN 2A IN 3A IN 4A NC VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD OUTB IN 4B IN 3B IN 2B IN 1B NC MC14023UB Triple 3-Input NAND Gate IN 1A IN 2A IN 1B IN 2B IN 3B OUTB VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD IN 3C IN 2C IN 1C OUTC OUTA IN 3A MC14025UB Triple 3-Input NOR Gate IN 1A IN 2A IN 1B IN 2B IN 3B OUTB VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD IN 3C IN 2C IN 1C OUTC OUTA IN 3A IIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII MAXIMUM RATINGS* (Voltages Referenced to VSS) Symbol VDD Parameter DC Supply Voltage Value Unit V V - 0.5 to + 18.0 Vin, Vout lin, lout PD Input or Output Voltage (DC or Transient) - 0.5 to VDD + 0.5 10 500 Input or Output Current (DC or Transient), per Pin Power Dissipation, per Package Storage Temperature mA mW Tstg TL - 65 to + 150 260 NC = NO CONNECTION _C _C Lead Temperature (8-Second Soldering) * Maximum Ratings are those values beyond which damage to the device may occur. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C Ceramic "L" Packages: - 12 mW/_C From 100_C To 125_C MOTOROLA CMOS LOGIC DATA MC14001UB 19 IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III IIII I III IIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIII IIIIII IIII I I I II II II III I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII ** The formulas given are for the typical characteristics only at 25_C. #Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in H (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.001 x the number of exercised gates per package. To calculate total supply current at loads other than 50 pF: ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Total Supply Current** (Dynamic plus Quiescent, Per Gate CL = 50 pF) Quiescent Current (Per Package) Input Capacitance (Vin = 0) Input Current Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) Input Voltage (VO = 4.5 Vdc) (VO = 9.0 Vdc) (VO = 13.5 Vdc) Output Voltage Vin = VDD or 0 MC14001UB 20 (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) (VO = 0.5 Vdc) (VO = 1.0 Vdc) (VO = 1.5 Vdc) Vin = 0 or VDD Characteristic "1" Level "1" Level "0" Level "0" Level Source Sink Symbol VOH VOL IOH IDD IOL Cin VIL IIH Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 -- - 1.2 - 0.25 - 0.62 - 1.8 4.95 9.95 14.95 4.0 8.0 12.5 0.64 1.6 4.2 Min -- -- -- -- -- -- -- -- -- -- -- - 55_C 0.1 0.25 0.5 1.0 0.05 0.05 0.05 Max 1.0 2.0 2.5 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.95 9.95 14.95 - 1.0 - 0.2 - 0.5 - 1.5 4.0 8.0 12.5 0.51 1.3 3.4 Min -- -- -- -- -- -- -- -- -- -- -- 0.00001 0.0005 0.0010 0.0015 - 1.7 - 0.36 - 0.9 - 3.5 Typ # 25_C 0.88 2.25 8.8 2.75 5.50 8.25 2.25 4.50 6.75 5.0 5.0 10 15 0 0 0 IT = (0.3 A/kHz) f + IDD/N IT = (0.6 A/kHz) f + IDD/N IT = (0.8 A/kHz) f + IDD/N MOTOROLA CMOS LOGIC DATA 0.1 0.25 0.5 1.0 0.05 0.05 0.05 Max 7.5 1.0 2.0 2.5 -- -- -- -- -- -- -- -- -- -- -- -- -- - 0.7 - 0.14 - 0.35 - 1.1 4.95 9.95 14.95 4.0 8.0 12.5 0.36 0.9 2.4 Min -- -- -- -- -- -- -- -- -- -- -- 125_C 1.0 0.05 0.05 0.05 Max 7.5 15 30 1.0 2.0 2.5 -- -- -- -- -- -- -- -- -- -- -- -- -- -- mAdc mAdc Adc Adc Adc Unit Vdc Vdc Vdc Vdc pF IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII III II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C) Characteristic Symbol tTLH VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 Min -- -- -- -- -- -- -- -- -- Typ # 180 90 65 100 50 40 90 50 40 Max 360 180 130 200 100 80 180 100 80 Unit ns Output Rise Time tTLH = (3.0 ns/pF) CL + 30 ns tTLH = (1.5 ns/pF) CL + 15 ns tTLH = (1.1 ns/pF) CL + 10 ns Output Fall Time tTHL = (1.5 ns/pF) CL + 25 ns tTHL = (0.75 ns/pF) CL + 12.5 ns tTHL = (0.55 ns/pF) CL + 9.5 ns tTHL ns Propagation Delay Time tPLH, tPHL = (1.7 ns/pF) CL + 30 ns tPLH, tPHL = (0.66 ns/pF) CL + 22 ns tPLH, tPHL = (0.50 ns/pF) CL + 15 ns tPLH, tPHL ns * The formulas given are for the typical characteristics only at 25_C. #Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 20 ns VDD 14 PULSE GENERATOR INPUT * 7 VSS tTHL OUTPUT tPHL CL OUTPUT INVERTING 90% 50% 10% tTLH INPUT 90% 50% 10% tPLH VOH VOL 20 ns VDD 0V * All unused inputs of AND, NAND gates must be connected to VDD. All unused inputs of OR, NOR gates must be connected to VSS. Figure 1. Switching Time Test Circuit and Waveforms MC14001UB CIRCUIT SCHEMATIC VDD 14 MC14002UB CIRCUIT SCHEMATIC (1/2 of Device Shown) VDD 2, 9 8 3, 10 4, 11 5, 12 1, 13 14 3 10 1 2 9 6 13 5 12 VSS 7 4 7 VSS 11 MOTOROLA CMOS LOGIC DATA MC14001UB 21 MC14011UB CIRCUIT SCHEMATIC (1/4 of Device Shown) 14 VDD MC14012UB CIRCUIT SCHEMATIC (1/2 of Device Shown) 14 VDD MC14023UB CIRCUIT SCHEMATIC (1/3 of Device Shown) 14 VDD 3, 4, 10, 11 1, 6, 8, 13 2, 5, 9, 12 7 VSS 2, 9 3, 10 4, 11 5, 12 7 VSS 1, 13 6, 9, 10 5, 1, 11 4, 2, 12 3, 8, 13 7 VSS MC14025UB CIRCUIT SCHEMATIC (1/3 of Device Shown) Vout , OUTPUT VOLTAGE (Vdc) 14 VDD 1, 3, 11 2, 4, 12 8, 5, 13 9, 6, 10 16 14 12 10 8.0 6.0 4.0 Vout , OUTPUT VOLTAGE (Vdc) I D, DRAIN CURRENT (mAdc) VDD = 15 Vdc TA = + 25C Unused input connected to VSS. a One input only 10 Vdc b Both inputs 8.0 b 5.0 Vdc b ba a a 6.0 15 Vdc 4.0 10 Vdc 2.0 0 0 2.0 4.0 6.0 8.0 10 12 14 16 Vin, INPUT VOLTAGE (Vdc) 16 14 12 10 8.0 VDD = 15 Vdc Unused input connected to b VSS. a 10 Vdc a TA = + 125C b TA = - 55C a b 6.0 4.0 2.0 0 0 5.0 Vdc ab 2.0 7 VSS 0 2.0 4.0 6.0 8.0 10 12 14 16 Vin, INPUT VOLTAGE (Vdc) Figure 2. Typical Voltage and Current Transfer Characteristics Figure 3. Typical Voltage Transfer Characteristics versus Temperature 0 VGS = - 5.0 Vdc a TA = - 55C b TA = + 25C c TA = + 125C c - 10 Vdc - 8.0 b c b I D, DRAIN CURRENT (mAdc) a 10 a 8.0 b c a b c a TA = - 55C b TA = + 25C c TA = + 125C a b c 5.0 Vdc VGS = 10 Vdc 15 Vdc I D, DRAIN CURRENT (mAdc) - 2.0 - 4.0 6.0 - 6.0 4.0 c b a a - 2.0 - 15 Vdc 2.0 - 10 - 10 0 0 0 2.0 4.0 6.0 VDS, DRAIN VOLTAGE (Vdc) 8.0 10 - 8.0 - 6.0 - 4.0 VDS, DRAIN VOLTAGE (Vdc) Figure 4. Typical Output Source Characteristics Figure 5. Typical Output Sink Characteristics MC14001UB 22 MOTOROLA CMOS LOGIC DATA OUTLINE DIMENSIONS L SUFFIX CERAMIC DIP PACKAGE CASE 632-08 ISSUE Y NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. INCHES MIN MAX 0.750 0.785 0.245 0.280 0.155 0.200 0.015 0.020 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15_ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.94 6.23 7.11 3.94 5.08 0.39 0.50 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15_ 0.51 1.01 -A- 14 9 -B- 1 7 C L -T- SEATING PLANE K F D 14 PL G 0.25 (0.010) M N J TA S 14 PL M 0.25 (0.010) M TB S DIM A B C D F G J K L M N P SUFFIX PLASTIC DIP PACKAGE CASE 646-06 ISSUE L 14 8 B 1 7 NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01 A F C N H G D SEATING PLANE L J K M MOTOROLA CMOS LOGIC DATA MC14001UB 23 OUTLINE DIMENSIONS D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F -A- 14 8 -B- 1 7 P 7 PL 0.25 (0.010) M B M NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. G C R X 45 _ F -T- SEATING PLANE D 14 PL 0.25 (0.010) M K TB S M A S J DIM A B C D F G J K M P R MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019 Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 MC14001UB 24 *MC14001UB/D* MOTOROLA CMOS LOGIC DATA MC14001UB/D |
Price & Availability of MC14011 |