Part Number Hot Search : 
RK9410 SM4500 045280 TB078 1001C KE180 KRM08 SEL381
Product Description
Full Text Search
 

To Download MAX5068 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3176; Rev 1; 7/04
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
General Description
The MAX5068 is a high-frequency, current-mode, pulse-width modulation (PWM) controller that integrates all the building blocks necessary for implementing ACDC or DC-DC fixed-frequency power supplies. Isolated or nonisolated power supplies are easily constructed using either primary- or secondary-side regulation. Current-mode control with leading-edge blanking simplifies control-loop design, and a programmable internal slope-compensation circuit stabilizes the current loop when operating at duty cycles above 50%. The MAX5068A/B limit the maximum duty cycle to 50% for use in single-ended forward converters. The MAX5068C/D/E/F allow duty cycles up to 75%. The MAX5068 features an accurate externally programmable oscillator that simplifies system design. An input undervoltage lockout (UVLO) programs the input-supply startup voltage and ensures proper operation during brownout conditions. A single external resistor programs the output switching frequency from 12.5kHz to 1.25MHz. The MAX5068A/ B/C/E provide a SYNC input for synchronization to an external clock. The maximum FET-driver duty cycle is 50% for the MAX5068A/B and 75% for the MAX5068C/ D/E/F. Programmable hiccup current limit provides additional protection under severe faults. The MAX5068 is specified over the -40C to +125C automotive temperature range and is available in a 16-pin thermally enhanced TSSOP-EP package. Refer to the MAX5069 data sheet for dual FET-driver applications. Warning: The MAX5068 is designed to work with high voltages. Exercise caution.
Features
Current-Mode Control with 47A (typ) Startup Current Resistor-Programmable 4.5% Accurate Switching Frequency: 25kHz to 1.25MHz (MAX5068A/B) 12.5kHz to 625kHz (MAX5068C/D/E/F) Rectified 85VAC to 265VAC or 36VDC to 72VDC Input (MAX5068A/C/D) Input Directly Driven from 10.8V to 24V (MAX5068B/E/F) Frequency Synchronization Input (MAX5068A/B/C/E) Programmable Dead Time and Slope Compensation Programmable Startup Voltage (UVLO) Programmable UVLO Hysteresis (MAX5068A/B/D/F) Integrating Fault Protection (Hiccup) -40C to +125C Automotive Temperature Range 16-Pin Thermally Enhanced TSSOP-EP Package
MAX5068
Ordering Information
PART MAX5068AAUE MAX5068BAUE MAX5068CAUE MAX5068DAUE MAX5068EAUE MAX5068FAUE *EP = Exposed pad. TEMP RANGE -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C PIN-PACKAGE 16 TSSOP-EP* 16 TSSOP-EP* 16 TSSOP-EP* 16 TSSOP-EP* 16 TSSOP-EP* 16 TSSOP-EP*
Applications
Universal-Input AC Power Supplies Isolated Telecom Power Supplies Networking System Power Supplies Server Power Supplies Industrial Power Conversion
TOP VIEW
RT 1 SYNC 2 HYST 3 DT 4 UVLO/EN 5 FB 6 COMP 7 FLTINT 8
Pin Configurations
16 REG5 15 IN 14 VCC
MAX5068A/B
13 NDRV 12 AGND 11 PGND 10 AGND 9 CS
Selector Guide appears at end of data sheet.
TSSOP-EP Pin Configurations continued at end of data sheet. 1
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
ABSOLUTE MAXIMUM RATINGS
IN to PGND ............................................................-0.3V to +30V IN to AGND.............................................................-0.3V to +30V VCC to PGND..........................................................-0.3V to +13V VCC to AGND..........................................................-0.3V to +13V FB, COMP, CS, HYST, SYNC, REG5 to AGND ........-0.3V to +6V UVLO/EN, RT, DT, SCOMP, FLTINT to AGND .........-0.3V to +6V NDRV to PGND...........................................-0.3V to (VCC + 0.3V) AGND to PGND .....................................................-0.3V to +0.3V Continuous Power Dissipation 16-Pin TSSOP-EP (derate 21.3mW/C above +70C) ...1702mW Operating Temperature Range..........................-40C to +125C Maximum Junction Temperature .....................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = +12V for the MAX5068B/E/F; VIN = +23.6V for the MAX5068A/C/D at startup, then reduces to +12V; CIN = CREG5 = 0.1F; CVCC = 1F; RRT = 100k; NDRV = floating; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Bootstrap UVLO Wake-Up Level Bootstrap UVLO Shutdown Level UVLO/EN Wake-Up Threshold UVLO/EN Shutdown Threshold HYST FET On-Resistance HYST FET Leakage Current IN Supply Current In Undervoltage Lockout IN Range VCC Regulator Set Point REG5 Output Voltage REG5 Short-Circuit Current Limit IN Supply Current After Startup Shutdown Supply Current GATE DRIVER (NDRV) Driver Output Impedance Driver Peak Output Current PWM COMPARATOR Comparator Offset Voltage Comparator Propagation Delay Minimum On-Time CURRENT-LIMIT COMPARATOR Current-Limit Trip Threshold VCS 298 314 330 mV VOS_PWM tPD_PWM tON(MIN) VCOMP - VCS VCS = 0.1V Includes tCS_BLANK 1.30 1.60 40 110 2.00 V ns ns ZOUT(LOW) NDRV sinking 100mA Sinking Sourcing 2 3 1000 650 4 6 ZOUT(HIGH) NDRV sourcing 25mA INDRV mA SYMBOL VSUVR VSUVF VULR2 VULF2 RDS(ON)_H ILEAK_H ISTART VIN VCCSP VREG5 IREG5_SC IIN IIN_SD VIN = +24V fSW = 1.25MHz fSW = 100kHz VIN = +10.8V to +24V, VCC sourcing 1A to 25mA IREG5 = 0 to 1mA CONDITIONS VIN rising, MAX5068A/C/D only VIN falling, MAX5068A/C/D only VUVLO/EN rising VUVLO/EN falling MAX5068A/B/D/F only, sinking 50mA, VUVLO/EN = 0V VUVLO/EN = 2V, VHYST = 5V VIN = +19V, VUVLO/EN < VULF2 10.8 7.0 4.85 5.00 18 5 2.5 90 MIN 19.68 9.05 1.205 TYP 21.6 9.74 1.230 1.18 10 3 47 90 24.0 10.5 5.15 MAX 23.60 10.43 1.255 UNITS V V V V nA A V V V mA mA A
UNDERVOLTAGE LOCKOUT/STARTUP
INTERNAL SUPPLIES (VCC and REG5)
2
_______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V for the MAX5068B/E/F; VIN = +23.6V for the MAX5068A/C/D at startup, then reduces to +12V; CIN = CREG5 = 0.1F; CVCC = 1F; RRT = 100k; NDRV = floating; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER CS Input Bias Current CS Blanking Time Propagation Delay from Comparator Input to NDRV IN CLAMP VOLTAGE IN Clamp Voltage ERROR AMPLIFIER (FB, COMP) Voltage Gain Unity-Gain Bandwidth Phase Margin FB Input Offset Voltage COMP Clamp Voltage Error-Amplifier Output Current Reference Voltage Input Bias Current COMP Short-Circuit Current THERMAL SHUTDOWN Thermal-Shutdown Temperature Thermal Hysteresis SYNC High-Level Voltage SYNC Low-Level Voltage SYNC Input Bias Current Maximum SYNC Frequency SYNC High-Level Pulse Width SYNC Low-Level Pulse Width DIGITAL SOFT-START Soft-Start Duration Reference-Voltage Step Reference-Voltage Steps During Soft-Start OSCILLATOR Internal Oscillator Frequency Range fOSC fOSC = (1011 / RRT) 50 2500 kHz tSS VSTEP (Note 5) 2047 9.7 127 cycles mV steps TSD THYST VIH_SYNC VIL_SYNC IB_SYNC fSYNC tSYNC_HI tSYNC_LO fOSC = 2.5MHz (Note 4) 3.125 30 30 10 2.4 0.4 +170 +25 C C V V nA MHz ns ns AV BW PM VOS_FB VCOMP ICOMP VREF IB_EA ICOMP_SC High Low Sinking or sourcing +25C TA +125C (Note 3) -40C TA +125C 2.6 0.4 0.5 1.215 1.205 1.230 1.230 100 12 1.245 1.242 300 RCOMP = 100k to AGND RCOMP = 100k to AGND, CLOAD = 100pF to AGND RCOMP = 100k to AGND, CLOAD = 100pF to AGND 80 5 65 3 3.8 1.1 dB MHz degrees mV V mA V nA mA VIN_CLAMP VIN sinking 2mA (Note 2) 24.0 26.0 29.0 V SYMBOL IB_CS tCS_BLANK 50mV overdrive VCS = 0V CONDITIONS MIN 0 70 40 TYP MAX +2 UNITS A ns ns
MAX5068
OSCILLATOR SYNC INPUT (MAX5068A/B/C/E Only)
_______________________________________________________________________________________
3
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V for the MAX5068B/E/F; VIN = +23.6V for the MAX5068A/C/D at startup, then reduces to +12V; CIN = CREG5 = 0.1F; CVCC = 1F; RRT = 100k; NDRV = floating; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS fSW = 10 /(2 x RRT), MAX5068A/B NDRV Switching Frequency fSW (Note 6) fSW = 1011/(4 x RRT), MAX5068C/D/E/F fOSC 500kHz fOSC > 500kHz fOSC 500kHz fOSC > 500kHz MAX5068A/B MAX5068C/D/E/F
11
MIN 25 12.5
TYP
MAX 1250 625
UNITS kHz kHz V
RT Voltage
VRT
40k < RRT < 500k TA = +25C -2.5 -4 -4.5 -6
2.0 +2.5 +4 +4.5 +6 50 75 60 VREG5 - 0.5V 1.23
Oscillator Accuracy TA = -40C to +125C Maximum Duty Cycle DEAD-TIME CONTROL (DT) Dead Time Dead-Time Disable Voltage Dead-Time Regulation Voltage FLTINT Source Current FLTINT Shutdown Threshold FLTINT Restart Threshold Slope Compensation Slope-Compensation Range Slope-Compensation Voltage Range tDT VDT_DISABLE VDT IFLTINT VFLTINT = 0 RDT = 24.9k DMAX DT connected to REG5
%
%
ns V V A V V mV/s 90 2.7 mV/s V
INTEGRATING FAULT PROTECTION (FLTINT) 60 2.8 1.6 15 0 0 VFLTINT_SD VFLTINT rising
VFLTINT_RS VFLTINT falling SLOPE COMPENSATION (SCOMP) MAX5068C/D/E/F Only VSLOPE VSLOPER VSCOMP CSLOPE = 100pF, RRT = 110k
Note 1: The MAX5068 is 100% tested at TA = +25C. All limits over temperature are guaranteed by design. Note 2: The MAX5068A/B are intended for use in universal-input power supplies. The internal clamp circuit is used to prevent the bootstrap capacitor (C1 in Figure 1) from charging to a voltage beyond the absolute maximum rating of the device when UVLO/EN is low. The maximum current to VIN (hence to clamp) when UVLO is low (device is in shutdown) must be externally limited to 2mA. Clamp currents higher than 2mA may result in clamp voltages higher than 30V, thus exceeding the absolute maximum rating for VIN. For the MAX5068C/D, do not exceed the 24V maximum operating voltage of the device. Note 3: Reference voltage (VREF) is measured with FB connected to COMP (see the Functional Diagram). Note 4: The SYNC frequency must be at least 25% higher than the programmed oscillator frequency. Note 5: The internal oscillator clock cycle. Note 6: The MAX5068A/B driver switching frequency is one-half of the oscillator frequency. The MAX5068C/D/E/F driver switching frequency is one-quarter of the oscillator frequency.
4
_______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
Typical Operating Characteristics
(VIN = +12V for the MAX5068B/E/F; VIN = +23.6V for MAX5068A/C/D at startup, then reduces to +12V; CIN = CREG5 = 0.1F; CVCC = 1F; RRT = 100k; NDRV = floating; VFB = 0; VCOMP = floating; VCS = 0; TA = +25C, unless otherwise noted.)
BOOTSTRAP UVLO WAKE-UP LEVEL vs. TEMPERATURE
MAX5068 toc01
MAX5068
BOOTSTRAP UVLO SHUTDOWN LEVEL vs. TEMPERATURE
MAX5068 toc02
UVLO/EN WAKE-UP THRESHOLD vs. TEMPERATURE
UVLO/EN RISING
MAX5068 toc03
21.6 MAX5068A/C/D 21.5 21.4 VIN (V) 21.3 21.2 21.1 21.0 -40 -15 10 35 60 85 110 TEMPERATURE (C)
10.0 VIN FALLING MAX5068A/C/D 9.9
1.245
1.240 UVLO/EN (V)
VIN (V)
9.8
1.235
9.7
1.230
9.6
1.225
9.5 -40 -15 10 35 60 85 110 TEMPERATURE (C)
1.220 -40 -15 10 35 60 85 110 TEMPERATURE (C)
UVLO/EN SHUTDOWN THRESHOLD vs. TEMPERATURE
MAX5068 toc04
VIN SUPPLY CURRENT IN UNDERVOLTAGE LOCKOUT vs. TEMPERATURE
MAX5068 toc05
VIN SUPPLY CURRENT AFTER STARTUP vs. TEMPERATURE
VIN = 24V fSW = 1.25MHz 5
MAX5068 toc06
1.20 1.19 1.18 1.17 UVLO/EN (V)
UVLO/EN FALLING
60
56
VIN = 19V WHEN IN BOOTSTRAP UVLO (MAX5068A/C/D) UVLO/EN (MAX5068B/E/F) IS LOW
6
IIN (mA)
1.16 1.15 1.14 1.13 1.12 1.11 1.10 -40 -15 10 35 60 85 110 TEMPERATURE (C)
ISTART (A)
52
4
fSW = 500kHz fSW = 250kHz
48
3
44
2 fSW = 100kHz fSW = 50kHz 35 60 85 110
40 -40 -15 10 35 60 85 110 TEMPERATURE (C)
1 -40 -15 10 TEMPERATURE (C)
VCC vs. TEMPERATURE
MAX5068 toc07
REG5 OUTPUT VOLTAGE vs. OUTPUT CURRENT
MAX5068 toc08
REG5 vs. TEMPERATURE
4.99 4.98 4.97 REG5 (V) 4.96 4.95 4.94 1mA LOAD VIN = 10.8V 100A LOAD
MAX5068 toc09
10.0 9.7 9.4 9.1 VIN = 19V, IIN = 25mA VIN = 19V, IIN = 10mA
4.980 RRT = 100k 4.975 4.970 REG5 (V) 4.965 4.960
5.00
VCC (V)
8.8 8.5 8.2 7.9 7.6 7.3 7.0 -40 -15 10 35 60 85 110 TEMPERATURE (C) VIN = 10.8V, IIN = 25mA VIN = 10.8V, IIN = 10mA
4.93 4.92 4.91
4.955 4.950 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 OUTPUT CURRENT (mA)
4.90 -40 -15 10 35 60 85 110 TEMPERATURE (C)
_______________________________________________________________________________________
5
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
Typical Operating Characteristics (continued)
(VIN = +12V for the MAX5068B/E/F; VIN = +23.6V for MAX5068A/C/D at startup, then reduces to +12V; CIN = CREG5 = 0.1F; CVCC = 1F; RRT = 100k; NDRV = floating; VFB = 0; VCOMP = floating; VCS = 0; TA = +25C, unless otherwise noted.)
CS TRIP THRESHOLD vs. TEMPERATURE
MAX5068 toc10 MAX5068 toc11
REG5 OUTPUT VOLTAGE vs. VIN
4.985 4.984 4.983 4.982 REG5 (V) 4.981 4.980 4.979 4.978 4.977 4.976 4.975 10 12 14 16 18 20 22 24 VIN (V) IREG5 = 100A 330 327 CS TRIP THRESHOLD (mV) 324 321 318 315 312 309 306 303 300 -40 -15
SWITCHING FREQUENCY vs. TEMPERATURE
515 SWITCHING FREQUENCY (kHz) 510 505 500 495 490 485 480 475 MEAN -3 fSW = 500kHz +3 TOTAL NUMBER OF DEVICES = 200
MAX5068 toc12 MAX5068 toc15 MAX5068 toc18
520
10
35
60
85
110
470 -40
-15
10
35
60
85
110
TEMPERATURE (C)
TEMPERATURE (C)
PROPAGATION DELAY FROM CS COMPARATOR INPUT TO NDRV vs. TEMPERATURE
MAX5068 toc13
INPUT CURRENT vs. INPUT CLAMP VOLTAGE
MAX5068 toc14
INPUT CLAMP VOLTAGE vs. TEMPERATURE
27.0 26.8 INPUT CLAMP VOLTAGE (V) 26.6 26.4 26.2 26.0 25.8 25.6 25.4 ISINK = 2mA
50 48 PROPAGATION DELAY (ns) 46 44 42 40 38 36 34 32 30 -40 -15 10 35 60 85 110 TEMPERATURE (C)
14 12 INPUT CURRENT (mA) 10 8 6 4 2 0
25.2 25.0 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 INPUT CLAMP VOLTAGE (V) -40 -15 10 35 60 85 110 TEMPERATURE (C)
NDRV OUTPUT IMPEDANCE vs. TEMPERATURE
MAX5068 toc16
NDRV OUTPUT IMPEDANCE vs. TEMPERATURE
3.8 3.6 3.4 GAIN (dB) RON () 3.2 3.0 2.8 2.6 2.4 2.2 2.0 VIN = 24V SOURCING 25mA
MAX5068 toc17
ERROR AMPLIFIER OPEN-LOOP GAIN AND PHASE vs. FREQUENCY
120 100 80 60 40 20 0 -20 -40 PHASE GAIN 30 0 -30 -60 -90 -120 -150 -180 -210 0.1 10 1k 100k 10M FREQUENCY (Hz) PHASE (DEGREES)
3.0 2.8 2.6 2.4 RON () 2.2 2.0 1.8 1.6 1.4 1.2 1.0
VIN = 24V SINKING 100mA
4.0
-40
-15
10
35
60
85
110
-40
-15
10
35
60
85
110
TEMPERATURE (C)
TEMPERATURE (C)
6
_______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
Typical Operating Characteristics (continued)
(VIN = +12V for the MAX5068B/E/F; VIN = +23.6V for MAX5068A/C/D at startup, then reduces to +12V; CIN = CREG5 = 0.1F; CVCC = 1F; RRT = 100k; NDRV = floating; VFB = 0; VCOMP = floating; VCS = 0; TA = +25C, unless otherwise noted.)
NDRV SWITCHING FREQUENCY (fSW) vs. RRT
MAX5068 toc20
MAX5068
FLTINT CURRENT vs. TEMPERATURE
MAX5068 toc19
HYST RON vs. TEMPERATURE
13.0 12.5 12.0 11.5 fSW (MHz) RON () 11.0 10.5 10.0 9.5 9.0 8.5 8.0 0.01 -40 -15 10 35 60 85 110 VIN = 24V SINKING 50mA 2 1
62.9 62.8 FLTINT CURRENT (A) 62.7 62.6 62.5 62.4 62.3 62.2 62.1 62.0 -40 -15 10 35 60 85 110 TEMPERATURE (C)
MAX5068A/B
0.1 MAX5068C/D/E/F
0.03
0.1 RRT (M)
1
2
TEMPERATURE (C)
NDRV SWITCHING FREQUENCY vs. TEMPERATURE
MAX5068 toc22
NDRV SWITCHING FREQUENCY vs. TEMPERATURE
MAX5068 toc23
NDRV SWITCHING FREQUENCY vs. TEMPERATURE
NDRV SWITCHING FREQUENCY (kHz) MAX5068A/B fSW = 1.25MHz
MAX5068 toc24
52.0 NDRV SWITCHING FREQUENCY (kHz) 51.6 51.2 50.8 50.4 50.0 49.6 49.2 48.8 48.4 48.0 -40 -15 10 35 60 85 110 TEMPERATURE (C) fSW = 50kHz
505 NDRV SWITCHING FREQUENCY (kHz) 504 503 502 501 500 499 498 497 496 495 -50 -25 0 75 TEMPERATURE (C) 25 50 100 fSW = 500kHz
1.40 1.35 1.30 1.25 1.20 1.15 1.10
125
-40
-15
10
35
60
85
110
TEMPERATURE (C)
DEAD TIME vs. TEMPERATURE
MAX5068 toc25
DEAD TIME vs. RDT
180 160 140 TIME (ns) 120 100 80 60 40 20
MAX5068 toc26
70 65 60 TIME (ns) 55 50 45 40 -40 -15 10 35 60 85 110 TEMPERATURE (C) VIN = 24V RDT = 24.9k RRT = 100k
200
0 1 10 RDT (k) 100
_______________________________________________________________________________________
MAX5068 toc21
63.0
7
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
Pin Description
PIN MAX5068A MAX5068B 1 2 3 -- 4 5 6 7 MAX5068C MAX5068E 1 2 -- 3 4 5 6 7 MAX5068D MAX5068F 1 -- 2 3 4 5 6 7 NAME FUNCTION Oscillator-Timing Resistor Connection. Connect a resistor from RT to AGND to set the internal oscillator frequency. External-Clock Sync Input. Connect SYNC to AGND when not using an external clock. Programmable Hysteresis Input Slope-Compensation Capacitor Input. Connect a capacitor to AGND to set the slope compensation. Dead-Time Adjustment. Connect a resistor from DT to AGND to adjust NDRV dead time. Connect to REG5 for maximum duty cycle. Externally Programmable Undervoltage Lockout. UVLO/EN programs the input start voltage. Drive UVLO/EN to AGND to disable the output. Error-Amplifier Inverting Input Error-Amplifier Compensation Output Fault-Integration Input. A capacitor connected to FLTINT charges with an internal 60A current source during repeated current-limit events. Switching terminates when VFLTINT reaches 2.9V. An external resistor connected in parallel discharges the capacitor. Switching resumes when VFLTINT drops to 1.6V. Current-Sense Resistor Connection Analog Ground. Connect to PGND through a ground plane. Power Ground. Connect to AGND through a ground plane. Gate-Driver Output. Connect the NDRV output to the gate of the external N-channel FET. 9V Linear-Regulator Output. Decouple VCC with a minimum 1F ceramic capacitor to the AGND plane; also internally connected to the FET driver. Power-Supply Input. IN provides power for all internal circuitry. Decouple IN with a minimum 0.1F ceramic capacitor to AGND (see the Typical Operating Circuit). 5V Linear-Regulator Output. Decouple to AGND with a 0.1F ceramic capacitor. Exposed Pad. Connect to GND.
RT SYNC HYST SCOMP DT UVLO/EN FB COMP
8
8
8
FLTINT
9 10, 12 11 13 14
9 10, 12 11 13 14
9 10, 12 11 13 14
CS AGND PGND NDRV VCC
15
15
15
IN
16 EP
16 EP
16 EP
REG5 PAD
8
_______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
Detailed Description
The MAX5068 is a current-mode PWM controller for use in isolated and nonisolated power-supply applications. A bootstrap UVLO with a programmable hysteresis, very low startup, and low operating current result in high-efficiency universal-input power supplies. In addition to the internal bootstrap UVLO, the device also offers programmable input startup and turn-off voltages, programmed through the UVLO/EN input. When using the MAX5068 in the bootstrapped mode, if the power-supply output is shorted, the tertiary winding voltage drops below the 10V threshold, causing the bootstrap UVLO to turn off the gate drive to the external power MOSFET, reinitiating a startup sequence with soft-start. The MAX5068 includes a cycle-by-cycle current limit that turns off the gate drive to the external MOSFET during an overcurrent condition. The MAX5068 integrating fault protection reduces average power dissipation during persistent fault conditions (see the Integrating Fault Protection section). The MAX5068 features a very accurate, wide-range, programmable oscillator that simplifies and optimizes the design of the magnetics. The MAX5068A/C/D are well suited for universal-input (rectified 85V AC to 265VAC) or telecom (-36VDC to -72VDC) power supplies. The MAX5068B/E/F are well suited for low-input voltage (10.8VDC to 24VDC) power supplies. The MAX5068 high-frequency, universal input, offline/ telecom, current-mode PWM controller integrates all the building blocks necessary for implementing AC-DC and DC-DC fixed-frequency power supplies. Isolated or nonisolated power supplies are easily constructed using either primary- or secondary-side regulation. Currentmode control with leading-edge blanking simplifies control-loop design, and an external slope-compensation control stabilizes the current loop when operating at duty cycles above 50% (MAX5068C/D/E/F). The MAX5068A/B limit the maximum duty cycle to 50% for use in single-ended forward converters. The MAX5068C/D/E/F allow duty cycles up to 75% for use in flyback converters. An input undervoltage lockout (UVLO) programs the input-supply startup voltage and ensures proper operation during brownout conditions. An external voltagedivider programs the supply startup voltage. The MAX5068A/B/D/F feature a programmable UVLO hysteresis. The MAX5068A/C/D feature an additional internal bootstrap UVLO with large hysteresis that requires a minimum startup voltage of 23.6V. The MAX5068B/E/F start up from a minimum voltage of 10.8V. Internal digital softstart reduces output-voltage overshoot at startup. A single external resistor programs the switching frequency from 12.5kHz to 1.25MHz. The MAX5068A/B/C/E provide a SYNC input for synchronization to an external clock. The maximum FET driver duty cycle is 50% for the MAX5068A/B, and 75% for the MAX5068C/D/E/F. Integrating fault protection ignores transient overcurrent conditions for a set length of time. The length of time is programmed by an external capacitor. The internal thermal-shutdown circuit protects the device if the junction temperature should exceed +170C. Power supplies designed with the MAX5068 use a high-value startup resistor, R1, which charges a reservoir capacitor, C1 (Figure 1). During this initial period, while the voltage is less than the internal bootstrap UVLO threshold, the device typically consumes only 47A of quiescent current. This low startup current and the large bootstrap UVLO hysteresis help to minimize the power dissipation across R1, even at the high end of the universal AC input voltage (265VAC). The MAX5068 includes a cycle-by-cycle current limit that turns off the gate to the external MOSFET during an overcurrent condition. When using the MAX5068A/C/D in the bootstrap mode (if the power-supply output is shorted), the tertiary winding voltage drops below the 9.74V bootstrap UVLO to turn off the gate to the external power MOSFET. This reinitiates a startup sequence with soft-start.
MAX5068
Current-Mode Control
The MAX5068 offers a current-mode control operation feature, such as leading-edge blanking with a dual internal path that only blanks the sensed current signal applied to the input of the PWM controller. The currentlimit comparator monitors CS at all times and provides cycle-by-cycle current limit without being blanked. The leading-edge blanking of the CS signal prevents the PWM comparator from prematurely terminating the on cycle. The CS signal contains a leading-edge spike that results from the MOSFET gate charge current, and the capacitive and diode reverse-recovery current of the power circuit. Since this leading-edge spike is normally lower than the current-limit comparator threshold, current limiting is provided under all conditions. Use the MAX5068C/D/E/F in flyback applications where wide line voltage and load-current variations are expected. Use the MAX5068A/B for forward/flyback converters where the maximum duty must be limited to less than 50%.
_______________________________________________________________________________________
9
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
D1 D2 VIN R1 VOUT C6
C1
R8 R2 C2 FLTINT C3 VCC C4 REG5 R3 RT UVLO/EN R4 DT SYNC AGND HYST PGND R7 RHYST COMP R6 FB CS RCS R5 C5 R9 IN NDRV Q1
MAX5068A
Figure 1. Nonisolated Power Supply with Programmable Input Supply Voltage
Use the MAX5068C/D/E/F in forward converter applications with greater than 50% duty cycle. The large duty cycle results in much lower operating primary RMS current through the MOSFET switch and, in most cases, requires a smaller output filter capacitor. The major disadvantage to this is that the MOSFET voltage rating must be higher. The MAX5068C/D/E/F capacitor adjustable-slope-compensation feature allows for easy stabilization of the inner current loop.
MAX5068C/E UVLO Adjustment The MAX5068C/E have an input voltage UVLO/EN with a 1.231V threshold. Before any operation can commence, the UVLO/EN voltage must exceed the 1.231V threshold. The UVLO circuit keeps the PWM comparator, ILIM comparator, oscillator, and output driver shut down to reduce current consumption (see the Functional Diagram). Calculate R6 in Figure 2 by using the following formula: V R6 = ON - 1 x R7 VULR2 where VULR2 is the UVLO/EN's 1.231V rising threshold and VON is the desired startup voltage. Choose an R7 value in the 20k range. After a successful startup, the MAX5068C/E shut down if the voltage at UVLO/EN drops below its 1.18V threshold.
Undervoltage Lockout
The MAX5068 features an input voltage UVLO/EN function to enable the PWM controller before any operation can begin. The MAX5068C/E shut down if the voltage at UVLO/EN falls below its 1.18V threshold. The MAX5068A/B/D/F also incorporate an UVLO hysteresis input to set the desired turn-off voltage.
10
______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
VIN
MAX5068C/E
R6 UVLO/EN VHYST = VON - VOFF
R7 1.23V 1.18V
VOFF
VON
Figure 2. Setting the MAX5068C/E Undervoltage Lockout Threshold
Figure 3. MAX5068 Hysteresis
MAX5068A/B/D/F UVLO with Programmable Hysteresis In addition to programmable undervoltage lockout during startup, the MAX5068A/B/D/F incorporate a UVLO/EN hysteresis that allows the user to set a voltage (VOFF) to disable the controller (see Figure 3). At the beginning of the startup sequence, UVLO/EN is below the 1.23V threshold, Q1 turns on connecting RHYST to GND (Figure 4). Once the UVLO 1.23V threshold is crossed, Q1 turns off, resulting in the series combination of R6, RHYST, and R7, placing the MAX5068 in normal operating condition. Calculate the turn-on voltage (VON) by using the following formula: V R6 = ON - 1 x RHYST VULR2 where VULR2 is the UVLO/EN's 1.23V rising threshold. Choose an RHYST value in the 20k range. The MAX5068 turns off when the MAX5068 UVLO/EN falls below the 1.18V falling threshold. The turn-off voltage (VOFF) is then defined as: V R7 = R6 / OFF - 1 - RHYST VULF2 where VULF2 is the 1.18V UVLO/EN falling threshold.
VIN
MAX5068A/B/D/F
UVLO/EN
R6
RHYST 1.23V 1.18V Q1 HYST
R7
Figure 4. Setting the MAX5068A/B/D/F Turn-On/Turn-Off Voltages
Bootstrap Undervoltage Lockout (MAX5068A/C/D Only)
In addition to the externally programmable UVLO function offered by the MAX5068, the MAX5068A/C/D feature an additional internal bootstrap UVLO for use in high-voltage power supplies (see the Functional Diagram). This allows the device to bootstrap itself during initial power-up. The MAX5068A/C/D start when VIN exceeds the bootstrap UVLO threshold of 23.6V.
______________________________________________________________________________________
11
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
During startup, the UVLO circuit keeps the PWM comparator, ILIM comparator, oscillator, and output driver shut down to reduce current consumption. Once VIN reaches 23.6V, the UVLO circuit turns on both the PWM and ILIM comparators, as well as the oscillator, and allows the output driver to switch. When V IN drops below 9.7V, the UVLO circuit shuts down the PWM comparator, ILIM comparator, oscillator, and output driver returning the MAX5068A/C/D to the startup mode.
VCC 2V/div
MAX5068A/C/D Startup Operation
Normally, VIN is derived from the tertiary winding of the transformer. However, at startup there is no energy delivered through the transformer, hence, a special bootstrap sequence is required. Figure 5 shows the voltages on VIN and VCC during startup. Initially, both VIN and VCC are zero. After the input voltage is applied, C1 charges through the startup resistor, R1, to an intermediate voltage (see Figure 1). At this point, the internal regulator begins charging C3 (see Figure 5). Only 47A of the current supplied by R1 is used by the MAX5068A/C/D. The remaining input current charges C1 and C3. The charging of C3 stops when the VCC voltage reaches approximately 9.5V. The voltage across C1 continues rising until it reaches the wake-up level of 23.6V. Once VIN exceeds the bootstrap UVLO threshold, NDRV begins switching the MOSFET and energy is transferred to the secondary and tertiary outputs. If the voltage on the tertiary output builds to higher than 9.74V (the bootstrap UVLO lower threshold), startup ends and sustained operation commences. If VIN drops below 9.74V before startup is complete, the device goes back to low-current UVLO. If this occurs, increase the value of C1 to store enough energy to allow for the voltage at the tertiary winding to build up. Startup Time Considerations for Power Supplies Using the MAX5068A/C/D The VIN bypass capacitor, C1, supplies current immediately after wakeup (see Figure 1). The size of C1 and the connection configuration of the tertiary winding determine the number of cycles available for startup. Large values of C1 increase the startup time and also supply extra gate charge for more cycles during initial startup. If the value of C1 is too small, VIN drops below 9.74V because NDRV does not have enough time to switch and build up sufficient voltage across the tertiary output that powers the device. The device goes back into UVLO and does not start. Use low-leakage capacitors for C1 and C3. Generally, offline power supplies keep typical startup times to less than 500ms, even in low-line conditions (85VAC input for universal offline applications or 36VDC
12
0V
MAX5068 VIN PIN 5V/div
100ms/div
Figure 5. V IN and V CC During Startup When Using the MAX5068 in Bootstrapped Mode (Also see Figure 1)
for telecom applications). Size the startup resistor, R1, to supply both the maximum startup bias of the device (90A) and the charging current for C1 and C3. The bypass capacitor, C3, must charge to 9.5V, and C1 must charge to 24V, within the desired time period of 500ms. Because of the internal soft-start time of the MAX5068, C1 must store enough charge to deliver current to the device for at least 2047 oscillator clock cycles. To calculate the approximate amount of capacitance required, use the following formula: Ig = Qgtot x fSW (IIN + Ig ) x t SS C1 = VHYST where IIN is the MAX5068's internal supply current after startup (2.5mA typ), Qgtot is the total gate charge for Q1, fSW is the MAX5068's programmed switching frequency, VHYST is the bootstrap UVLO hysteresis (12V), and tss is the internal soft-start time (2047 x 1 / fOSC). Example: Ig = (8nC) (250kHz) 2.0mA fOSC = 2 x 250kHz Soft-start duration = 2047 x (1 / fOSC) = 4.1ms C1 = (2.5mA + 2mA) (4.1ms) = 1.54F 12V
Use a 2.2F ceramic capacitor for C1.
______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
D1 D2 VIN R1 VOUT C7
C1
R2 C2 FLTINT C3 VCC C4 REG5 R3 RT R4 DT
IN NDRV CS Q1 R11 RCS R5 COMP C5 R6 C10 UVLO/EN PS2913 RHYST SYNC AGND HYST PGND R7 R8 R10 R9 MAX8515 R13 R12 VCC
MAX5068A
FB
C6
Figure 6. Secondary-Side, Regulated, Isolated Power Supply
Assuming C1 > C3, calculate the value of R1 as follows: IC1 = R1 VSUVR x C1 500ms VIN(MIN) - 0.5 x VSUVR IC1 + ISTART
where V SUVR is the bootstrap UVLO wakeup level (23.6V max), VIN(MIN) is the minimum input supply voltage for the application (36V for telecom), and ISTART is the VIN supply current at startup (90A, max). For example: 24V x 2.2F = 106A 500ms 36V - 12V R1 = 122.4k 106A + 90A IC1 =
To minimize power loss on this resistor, choose a higher value for R1 than the one calculated above (if a longer startup time can be tolerated). The above startup method is applicable to a circuit similar to the one shown in Figure 1. In this circuit, the tertiary winding has the same phase as the output windings. Thus, the voltage on the tertiary winding at any given time is proportional to the output voltage and goes through the same soft-start period as the output voltage. The minimum discharge time of C1 from 22V to 10V must be greater than the soft-start time (tSS).
Oscillator/Switching Frequency
Use an external resistor at RT to program the MAX5068 internal oscillator frequency from 50kHz to 2.5MHz. The MAX5068A/B output switching frequency is one-half of the programmed oscillator frequency with a 50% duty cycle. The MAX5068C/D/E/F output switching frequency is one-quarter of the programmed oscillator frequency with a 75% duty cycle.
13
______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
Use the following formula to calculate the internal oscillator frequency: 1011 fosc = RRT where fOSC is the oscillator frequency and RRT is a resistor connected from RT to AGND. Choose the appropriate resistor at RT to calculate the desired output switching frequency (fSW): RRT = RRT = 1011 for the MAX5068A / B and 2fSW 1011 for the MAX5068C / D / E / F 4fSW
External Synchronization (MAX5068A/B/C/E)
The MAX5068A/B/C/E can be synchronized using an external clock at the SYNC input. For proper frequency synchronization, the SYNC's input frequency must be at least 25% higher than the MAX5068A/B/C/E programmed internal oscillator frequency. Connect SYNC to AGND when not using an external clock.
Integrating Fault Protection
The integrating fault-protection feature allows transient overcurrent conditions to be ignored for a programmable amount of time, giving the power supply time to behave like a current source to the load. For example, this can occur under load current transients when the control loop requests maximum current to keep the output voltage from going out of regulation. Program the fault-integration time by connecting an external suitably sized capacitor to the FLTINT. Under sustained overcurrent faults, the voltage across this capacitor ramps up towards the FLTINT shutdown threshold (typically 2.8V). Once the threshold is reached, the power supply shuts down. A high-value bleed resistor connected in parallel with the FLTINT capacitor allows it to discharge towards the restart threshold (typically 1.6V). Once this threshold is reached, the supply restarts with a new soft-start cycle. Note that cycle-by-cycle current limiting is provided at all times by CS with a threshold of 314mV (typ). The fault-integration circuit forces a 60A current onto FLTINT each time that the current-limit comparator is tripped (see the Functional Diagram). Use the following formula to calculate the value of the capacitor necessary for the desired shutdown time of the circuit: I x tSH CFLTINT FLTINT 2.8V
The MAX5068A/B and the MAX5068C/D/E/F have programmable output switching frequencies from 25kHz to 1.25MHz and 12.5kHz to 625kHz, respectively. Dead-Time Adjustment The MAX5068 programmable dead-time function (Figure 7) allows additional flexibility in optimizing magnetics design and overcoming parasitic effects. The MAX5068A/B and the MAX5068C/D/E/F have a maximum 50% and 75% duty cycle, respectively. In many applications, the duty cycle of the external MOSFET may need to be slightly decreased to prevent saturation in the transformer's primary. The dead time can be configured from 30ns to 1 / (0.5 x fSW) when programming the MAX5068. Connect a resistor between DT and AGND to set the desired dead time using the following formula: Dead time = 60 x RDT (ns) 29.4
where RDT is in k and the dead time is in ns. Connect DT to REG5 to remove the delay and achieve the MAX5068 maximum duty cycles.
SYNC
MAX5068A/B/C/E
DEAD TIME NDRV < 50% tDT < 50%
RT
AGND
Figure 7. MAX5068 NDRV Dead-Time Timing Diagram 14
Figure 8. External Synchronization of the MAX5068A/B/C/E
______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
where IFLTINT = 60A, tSH is the desired fault-integration time during which current-limit events from the current-limit comparator are ignored. For example, a 0.1F capacitor gives a fault-integration time of 4.7ms. This is an approximate formula. Some testing may be required to fine-tune the actual value of the capacitor. To calculate the recovery time, use the following formula: RFLTINT t RT 0.595 x CFLTINT rent. Therefore, select a MOSFET that yields acceptable conduction and switching losses.
MAX5068
Error Amplifier
The MAX5068 includes an internal error amplifier that can regulate the output voltage in the case of a nonisolated power supply (Figure 1). Calculate the output voltage using the following equation: R8 VOUT = 1 + x VREF R9 where VREF = 1.23V. The amplifier's noninverting input internally connects to a digital soft-start reference voltage. This forces the output voltage to come up in an orderly and well-defined manner under all load conditions.
where tRT is the desired recovery time. Choose tRT = 10 x tSH. Typical values for tSH range from a few hundred microseconds to a few milliseconds.
Soft-Start
The MAX5068 soft-start feature allows the load voltage to ramp up in a controlled manner, eliminating outputvoltage overshoot. Soft-start begins after UVLO is deasserted. The voltage applied to the noninverting node of the amplifier ramps from 0 to 1.23V in 2047 oscillator clock cycles (soft-start timeout period). Unlike other devices, the MAX5068 reference voltage to the internal amplifier is soft-started. This method results in superior control of the output voltage under heavy- and light-load conditions.
Slope Compensation (MAX5068C/D/E/F)
The MAX5068C/D/E/F use an internal-ramp generator for slope compensation. The internal-ramp signal resets at the beginning of each cycle and slews at the rate programmed by the external capacitor connected at SCOMP and the resistor at RT. Adjust the MAX5068 slew rate up to 90mV/s using the following equation: SR = 165 x 10 -6 (mV / s) RRT x CSCOMP
Internal Regulators
Two internal linear regulators power the MAX5068 internal and external control circuits. VCC powers the external N-channel MOSFET and is internally set to approximately 9.5V. The REG5 5V regulator has a 1mA sourcing capability and may be used to provide power to external circuitry. Bypass VCC and REG5 with 1F and 0.1F high quality capacitors, respectively. Use lower value ceramics in parallel to bypass other unwanted noise signals. Bootstrapped operation requires startup through a bleed resistor. Do not excessively load the regulators while the MAX5068 is in the power-up mode. Overloading the outputs can cause the MAX5068 to fail upon startup.
where RRT is the external resistor at RT that sets the oscillator frequency and CSCOMP is the capacitor at SCOMP.
PWM Comparator
The PWM comparator uses the instantaneous current, the error amplifier, and the slope compensation to determine when to switch NDRV off. In normal operation, the N-channel MOSFET turns off when: IPRIMARY x RCS > VEA - VOFFSET - VSCOMP where IPRIMARY is the current through the N-channel MOSFET, V EA is the output voltage of the internal amplifier, VOFFSET is the 1.6V internal DC offset and VSCOMP is the ramp function starting at zero and slewing at the programmed slew rate (SR). When using the MAX5068 in a forward-converter configuration, the following conditions must be met to avoid current-loop subharmonic oscillations: K x RCS x VOUT NS x = SR L NP where K = 0.75 and NS and NP are the number of turns on the secondary and primary side of the transformer, respectively. L is the secondary filter inductor. When
15
N-Channel MOSFET Switch Driver
NDRV drives an external N-channel MOSFET. The NDRV output is supplied by the internal regulator (VCC), which is internally set to approximately 9.5V. For the universal input-voltage range, the MOSFET used must be able to withstand the DC level of the high-line input voltage plus the reflected voltage at the primary of the transformer. For most applications that use the discontinuous flyback topology, a MOSFET rated at 600V is required. NDRV can source/sink in excess of 650mA/1000mA peak cur-
______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
optimally compensated, the current loop responds to input-voltage transients within one cycle.
Applications Information
Layout Recommendations
Keep all PC board traces carrying switching currents as short as possible, and minimize current loops. For universal AC input design, follow all applicable safety regulations. Offline power supplies may require UL, VDE, and other similar agency approvals. Contact these agencies for the latest layout and component rules. Typically, there are two sources of noise emission in a switching power supply: high di/dt loops and high dv/dt surfaces. For example, traces that carry the drain current often form high di/dt loops. Similarly, the heatsink of the MOSFET presents a dv/dt source, thus minimize the surface area of the heatsink as much as possible. To achieve best performance and to avoid ground loops, use a solid ground-plane connection.
Current Limit
The current-sense resistor (RCS), connected between the source of the MOSFET and ground, sets the current limit. The CS input has a voltage trip level (V CS) of 314mV. Use the following equation to calculate the value of RCS: RCS = VCS IPRI
where IPRI is the peak current in the primary that flows through the MOSFET at full load. When the voltage produced by this current (through the current-sense resistor) exceeds the current-limit comparator threshold, the MOSFET driver (NDRV) quickly terminates the current on-cycle. In most cases, a small RC filter is required to filter out the leading-edge spike on the sense waveform. Set the corner frequency to a few MHz above the switching frequency.
16
______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
Typical Operating Circuit
MAX5068
D1 D2 VIN R1 C7
VOUT
C1
R2 C2 FLTINT C3 VCC C4 REG5 R3 RT R4 DT SYNC AGND
IN NDRV CS RCS Q1 R11 C6 VCC R5 COMP C5 R6 C10 UVLO/EN R7 SCOMP R8 PGND R10 R13 R9 MAX8515 PS2913 R12
MAX5068C
FB
Selector Guide
PART NUMBER MAX5068A MAX5068B MAX5068C MAX5068D MAX5068E MAX5068F MAX DUTY CYCLE 50% 50% 75% 75% 75% 75% BOOTSTRAP UVLO Yes No Yes Yes No No STARTUP VOLTAGE (V) 23.6 10.8 23.6 23.6 10.8 10.8 PROGRAMMABLE UVLO HYSTERESIS Yes Yes No Yes No Yes OSCILLATOR SYNC Yes Yes Yes No Yes No SLOPE COMPENSATION No No Yes Yes Yes Yes
______________________________________________________________________________________
17
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
Functional Diagram
HYST*
MAX5068
UVLO/EN
BOOTSTRAP UVLO
21.6V/ 9.74V
UVLO 1.23V/ 1.18V 1.23V REFERENCE IN
VIN CLAMP 26V IN REGULATOR 5V OUT
60A
2.8V/ 1.6V
REG5
Q FLTINT
R S
REG_OK
VCC VCC
CURENT-LIMIT COMPARATOR
S 314mV 5k CS AGND 70ns BLANKING PWM COMPARATOR OSC + +
Q
NDRV
*
1.6V
R PGND
***SCOMP
SLOPE COMPENSATION
DEAD TIME
THERMAL SHUTDOWN
1.23V
DIGITAL SOFT-START ERROR AMP
FB
*MAX5068A/B/D AND MAX5068F ONLY. **MAX5068A/B/C AND MAX5068E ONLY. ***MAX5068C/D/E/F ONLY.
COMP
SYNC**
RT
DT
18
______________________________________________________________________________________
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
Pin Configurations (continued)
TOP VIEW
RT 1 SYNC 2 SCOMP 3 DT 4 UVLO/EN 5 FB 6 COMP 7 FLTINT 8 16 REG5 15 IN 14 VCC RT 1 HYST 2 SCOMP 3 DT 4 UVLO/EN 5 FB 6 COMP 7 FLTINT 8 16 REG5 15 IN 14 VCC
MAX5068
MAX5068C/E
13 NDRV 12 AGND 11 PGND 10 AGND 9 CS
MAX5068D/F
13 NDRV 12 AGND 11 PGND 10 AGND 9 CS
TSSOP-EP
TSSOP-EP
Chip Information
TRANSISTOR COUNT: 4,266 PROCESS: BiCMOS
______________________________________________________________________________________
19
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator MAX5068
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
TSSOP 4.4mm BODY.EPS
PACKAGE OUTLINE, TSSOP, 4.40 MM BODY EXPOSED PAD
21-0108
D
1
1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2004 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX5068

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X