Part Number Hot Search : 
BC259 07364 72918 E101M IRKEL131 60QC03L 6038015 ZMY100
Product Description
Full Text Search
 

To Download MAX498EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1150; Rev 0; 10/96
MAX498 Evaluation Kit
_______________General Description
The MAX498 evaluation kit (EV kit) simplifies evaluation of the MAX498 video switch. The evaluation board has a MAX498 in a 24-pin SO package, 12 SMA connectors, and surface-mount termination resistors.
____________________________Features
o 250MHz Bandwidth o 70MHz 0.1dB Gain Flatness o 1250V/s Slew Rate o +6dB Gain o 3ns Channel-Switching Time o 12ns to 0.1% Settling Time
Evaluates: MAX498
____________________Component List
DESIGNATION C1, C4 C2, C3, C5, C6 IN_A, IN_B, OUT_ R1-R8, R13-R16 U1 SW1 None None QTY 2 DESCRIPTION 10F, 10V, tantalum capacitors AVX TAJB106K010 or Sprague 293D106X0010B 0.1F ceramic capacitors Vishay/Vitramon VJ1206Y102KXX SMA connectors 49.9 surface-mount resistors MAX498CWI Two-position switch Printed circuit board MAX498 data sheet
o Low Differential Phase/Gain Error: 0.06/0.03%
______________Ordering Information
PART MAX498EVKIT-SO TEMP. RANGE 0C to +70C BOARD TYPE Surface Mount
4 12 12 1 1 1 1
_________________________Quick Start
The MAX498 EV kit is fully assembled and tested. Follow these steps to verify board operation. Do not turn on the power until all connections are completed. 1) Connect +5V, -5V, and ground to the pads marked VCC, VEE, and GND on the board. 2) Set switch SW1 to the desired output state, as shown in Table 1. For a detailed description of control-logic operation, see the Digital Interface section in the MAX498/MAX499 data sheet. 3) Connect the input video signals to the input connectors (IN0A-IN3A, IN0B-IN3B). 4) Connect an output to an oscilloscope through a terminated 50 cable. 5) Turn on the power supply, logic source, and video signal; verify the output signal on the oscilloscope.
______________Component Suppliers
SUPPLIER AVX Sprague Vishay/Vitramon PHONE (803) 946-0690 (800) 282-4975 (603) 224-1961 (203) 268-6261 FAX (803) 626-3123 (603) 224-1430 (203) 452-5670
Table 1. Switching States A0 OUTPUT STATE EN
Low* Low* High Low* High X Channel A selected, outputs enabled Channel B selected, outputs enabled Outputs disabled
X = Don't Care * Internal pull-downs in the MAX498 ensure a logic-low state when the switch is left open.
________________________________________________________________ Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX498 Evaluation Kit Evaluates: MAX498
VCC C1 10F IN0A C2 0.1F 7 R1 49.9 IN1A R2 49.9 IN2A R3 49.9 IN3A R4 49.9 IN0B R5 49.9 IN1B R6 49.9 IN2B R7 49.9 IN3B R8 49.9 12 25 8 27 4 10 IN1B EN 26 SW1A EN 3 SW1B A0 IN2B A0 2 VCC 1 4 18 VCC 28 IN0A 22 VCC C3 0.1F 17 N.C. OUT0 23 R16 OUT0 49.9 R15 OUT1 49.9 R14 OUT2 49.9 R13 OUT3 49.9
2
IN1A
OUT1
20
IN2A
U1 MAX498
OUT2
6
IN3A
OUT3
16
IN0B
LE
LE VCC
14
IN3B
CS
24
CS
1 GND 3 GND 5 GND VEE 9 VEE 21
19 GND 13 GND 11 GND N.C. 15 C6 0.1F
C5 0.1F VEE C4 10F 10V GND
Figure 1. MAX498 EV Kit Schematic
2 _______________________________________________________________________________________
MAX498 Evaluation Kit Evaluates: MAX498
1.0"
Figure 2. MAX498 EV Kit Component Placement Guide--Component Side (5/8x scale)
_______________________________________________________________________________________
3
MAX498 Evaluation Kit Evaluates: MAX498
1.0"
1.0"
Figure 3. MAX498 EV Kit PC Board Layout--Component Side (5/8x scale)
Figure 4. MAX498 EV Kit PC Board Layout--Solder Side (5/8x scale)
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
4 ___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1996 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX498EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X