Part Number Hot Search : 
49V00 DTC363TK 10711A MA8051TX OHN3175U CS8N60F GBU1505 29LV04
Product Description
Full Text Search
 

To Download MAX4784 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2365; Rev 3; 12/04
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers
General Description
The MAX4780/MAX4784 are low on-resistance, lowvoltage, quad 2:1 analog multiplexers that operate from a single +1.6V to +4.2V supply. These devices have fast switching speeds (tON = 20ns, tOFF = 8ns), handle rail-to-rail analog signals, and consume less than 1W of quiescent power. When powered from a +2.7V supply, the MAX4780/ MAX4784 feature low 0.7 on-resistance (RON), and 0.1 R ON flatness. The digital logic input is +1.8V CMOS-logic compatible when using a single +3V supply. The MAX4780/MAX4784 are available in 16-pin TSSOP and 3mm x 3mm thin QFN packages. Low RON 0.7 (+2.7V Supply) 2 (+1.8V Supply) 0.1 RON Flatness (+2.7V Supply) 3mm x 3mm Thin QFN Package +1.8V CMOS Logic Compatible Fast Switching: tON = 20ns, tOFF = 8ns
Features
Single-Supply Operation from 1.6V to 4.2V
MAX4780/MAX4784
Applications
Power Routing Battery-Powered Systems Audio and Video Signal Routing Low-Voltage Data-Acquisition Systems Communications Circuits PCMCIA Cards Cellular Phones Modems Hard Drives
PART MAX4780ETE MAX4780EUE MAX4784ETE MAX4784EUE
Ordering Information
TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 Thin QFN 16 TSSOP 16 Thin QFN 16 TSSOP
Pin Configurations/Functional Diagrams/Truth Tables
TOP VIEW
NC1 16 A0 15 V+ 14 A1 13 A0 0 1 12 NC4 A1 0 1 MAX4780 ON SWITCH NC1, NC2 NO1, NO2 ON SWITCH NC3, NC4 NO3, NO4 MAX4784 A0 ON SWITCH X NONE COM1-NC1 COM2-NC2 0 COM3-NC3 COM4-NC4 COM1-NO1 COM2-NO2 1 COM3-NO3 COM4-NO4 NO1 1 NC1 16 A0 15 V+ 14 CONTROL LOGIC 12 NC4 EN 13
NO1
1
COM1
2
11
NO4 EN 1 0
COM1
2
11
NO4
MAX4780
NC2 3 10 COM4
MAX4784
NC2 3 10 COM4
NO2
4
9
NC3
NO2
4
9
NC3
5 COM2
6 GND
7 COM3
8 NO3
0
5 COM2
6 GND
7 COM3
8 NO3
THIN QFN
THIN QFN
Pin Configurations/Functional Diagrams/Truth Tables continued at end of data sheet.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers MAX4780/MAX4784
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to GND V+, A_, EN ..........................................................-0.3V to +4.6V COM_, NO_, NC_ (Note 1) ........................-0.3V to (V+ + 0.3V) Continuous Current COM_ , NO_, NC_ .........................300mA Peak Current COM_, NO_, NC_ (pulsed at 1ms 10% duty cycle)..................................500mA Continuous Power Dissipation (TA = +70C) 16-Pin Thin QFN (derate 14.7mW/C above +70C)......................................................1176.5mW 16-Pin TSSOP (derate 9.4mW/C above +70C) .........755mW Operating Temperature Range ...........................-40C to +85C Maximum Junction Temperature .....................................+150C Storage Temperature Range .............................-65C to +150C
Note 1: Signals on COM_, NO_, or NC_ exceeding V+ or GND are clamped by internal diodes. Limit forward current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Single +3V Supply
(V+ = +2.7V to +4.2V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = +3.0V, TA = +25C.) (Notes 2, 3)
PARAMETER ANALOG SWITCH Analog Signal Range VCOM_, VNO_, VNC_ V+ = 2.7V, ICOM_ = 100mA, VNO_ or VNC_ = 1.5V V+ = 2.7V, ICOM_ = 100mA, VNO_ or VNC_ = 1.5V V+ = 2.7V, ICOM_ = 100mA, VNO_ or VNC_ = 1V, 1.5V, 2V V+ = 3.6V, VCOM_ = 0.3V, 3.3V, VNO_ or VNC_ = 3.3V, 0.3V V+ = 3.6V, VCOM_ = 0.3V, 3.3V, VNO_ or VNC_ = 3.3V, 0.3V, or floating V+ = 3.6V, VCOM_ = 3.3V, 0.3V, VNO_ or VNC_ = 3.3V, 0.3V, or floating +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX -1 -5 -1 -5 -2 -10 0.002 0.002 0.002 0.1 0.1 0 V+ V SYMBOL CONDITIONS TA MIN TYP MAX UNITS
0.7
1 1.2 0.15 0.2 0.2 0.3 +1 nA +5 +1 nA +5 +2 nA +10
On-Resistance (Note 4)
RON
On-Resistance Match Between Channels (Notes 4, 5) On-Resistance Flatness (Note 6)
RON
RFLAT(ON)
NO_ or NC_ Off-Leakage Current (Note 7)
INO_(OFF), INC_(OFF)
COM_ Off-Leakage Current (MAX4784 Only) (Note 7)
ICOM_(OFF)
COM_ On-Leakage Current (Note 7)
ICOM_(ON)
2
_______________________________________________________________________________________
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers
ELECTRICAL CHARACTERISTICS--Single +3V Supply (continued)
(V+ = +2.7V to +4.2V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = +3.0V, TA = +25C.) (Notes 2, 3)
PARAMETER SYMBOL CONDITIONS TA MIN TYP MAX UNITS
MAX4780/MAX4784
SWITCH DYNAMIC CHARACTERISTICS VNO_, VNC_ = 1.5V, RL = 50, CL = 35pF, Figure 1 VNO_, VNC_ = 1.5V, RL = 50, CL = 35pF, Figure 1 VNO_, VNC_ = 1.5V, RL = 50, CL = 35pF, Figure 2 VGEN = 0, RGEN = 0, CL = 1.0nF, Figure 3 f = 1MHz, Figure 4 f = 1MHz, Figure 4 f = 1MHz, Figure 4 Signal = 0, RIN = ROUT = 50, CL = 5pF, Figure 5 f = 1MHz, VCOM_ = 1VP-P, RL = 50, CL = 5pF, Figure 5 f = 1MHz, VCOM_ = 1VP-P, RL = 50, CL = 5pF, Figures 4, 5 f = 20Hz to 20kHz, VCOM_ = 2VP-P, RL = 32 +25C +25C +25C +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C +25C +25C +25C 1 5 33 60 85 123 -67 -95 0.008 pC pF pF pF MHz dB dB % 7 ns 8 20 25 ns 30 10 ns 18
Turn-On Time
tON
Turn-Off Time
tOFF
Break-Before-Make (Note 8)
tBBM
Charge Injection NO_ or NC_ Off-Capacitance COM_ Off-Capacitance COM_ On-Capacitance -3dB On-Channel Bandwidth Off-Isolation (Note 9) Crosstalk (Note 10) Total Harmonic Distortion LOGIC INPUT (A_, EN) Input Logic High Input Logic Low Input Leakage Current POWER SUPPLY Power-Supply Range Positive Supply Current
Q COFF CCOM_(OFF) CCOM_(ON) BW VISO VCT THD
VIH VIL IIN V EN = 0 or +3.6V, VA0 = 0 or +3.6V
1.8 0.5 -1 0.005 +1
V V A
V+ I+ V+ = 3.6V, EN, A0 = 0 or V+, all channels on or off TMIN to TMAX
1.6
3.6 2
V A
_______________________________________________________________________________________
3
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers MAX4780/MAX4784
ELECTRICAL CHARACTERISTICS--Single +1.8V Supply
(V+ = +1.8V, VIH = +1.0V, VIL = +0.4V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER ANALOG SWITCH Analog Signal Range VCOM_, VNO_, VNC_ RON INO_(OFF), INC_(OFF) ICOM_ = 10mA, VNO_ or VNC_ = 1.0V VCOM_ = 0.3V, 1.5V, VNO_ or VNC_ = 1.5V, 0.3V VCOM_ = 0.3V, 1.5V, VNO_ or VNC_ = 1.5V, 0.3V VCOM_ = 0.3V, 1.5V, VNO_ or VNC_ = 0.3V, 1.5V, or floating +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX -1 -5 -1 -5 -2 -10 0 2 V+ 3 5 +1 nA +5 +1 nA +5 +2 nA +10 V SYMBOL CONDITIONS TA MIN TYP MAX UNITS
On-Resistance NO_ or NC_ Off-Leakage Current (Note 7) COM_ Off-Leakage Current (MAX4784 Only) (Note 7) COM_ On-Leakage Current (Note 7)
ICOM_(OFF)
ICOM_(ON)
SWITCH DYNAMIC CHARACTERISTICS Turn-On Time tON VNO_, VNC_ = 1.0V, RL = 50, CL = 35pF, Figure 1 VNO_, VNC_ = 1.0V, RL = 50, CL = 35pF, Figure 1 VNO_, VNC_ = 1.0V, RL = 50, CL = 35pF, Figure 2 VGEN = 0, RGEN = 0, CL = 1nF, Figure 3 +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C 1 5 pC 10 ns 10 25 30 ns 35 15 ns 20
Turn-Off Time
tOFF
Break-Before-Make (Note 8)
tBBM
Charge Injection
Q
4
_______________________________________________________________________________________
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers
ELECTRICAL CHARACTERISTICS--Single +1.8V Supply (continued)
(V+ = +1.8V, VIH = +1.0V, VIL = +0.4V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER LOGIC INPUT (A_, EN) Input Logic High Input Logic Low Input Leakage Current VIH VIL IIN V EN = 0 or +3.6V, VA0 = 0 or +3.6V -1 1.8 0.4 +1 V V A SYMBOL CONDITIONS TA MIN TYP MAX UNITS
MAX4780/MAX4784
The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is used in this data sheet. Note 3: -40C specifications are guaranteed by design. Note 4: RON and RON matching specifications for QFN packaged parts are guaranteed by design. Note 5: RON = RON(MAX) - RON(MIN). Note 6: Flatness is defined as the difference between the maximum and the minimum value of on-resistance as measured over the specified analog signal ranges. Note 7: Leakage parameters are 100% tested at TA = +85C, and guaranteed by correlation over the full rated temperature range. Note 8: Guaranteed by design. Note 9: Off-isolation = 20log10(VCOM_/VNO_), VCOM_ = output, VNO_ = input to off switch. Note 10: Between two switches. Note 11: Parts are guaranteed to 1 million cycles of operation. (Cycle = switch on switch off switch on.) Note 12: The minimum load resistance is 8. (See the Typical Application Circuit.) Note 2:
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM AND TEMPERATURE
MAX4780/MAX4784 toc01
ON-RESISTANCE vs. VCOM
3.0 2.5 2.0 RON () V+ = +1.8V 1.5 1.0 0.5 V+ = +3.0V 0 0 VCOM (V) V+ = +3.6V 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 V+ = +2.5V V+ = +2.7V V+ = +1.6V 2.0 1.8 1.6 1.4 RON () 1.2 1.0 0.8 0.6 0.4 0.2 0 0
ON/OFF-LEAKAGE CURRENT vs. TEMPERATURE
MAX4780/MAX4784 toc02 MAX4780/MAX4784 toc03
10,000 OFF, V+ = +3.0V LEAKAGE CURRENT (pA) 1000 ON, V+ = +3.0V
V+ = +1.8V, TA = -40C V+ = +1.8V, TA = +25C V+ = +1.8V, TA = +85C V+ = +3.0V, TA = +85C
100 ON, V+ = +1.8V 10 OFF, V+ = +1.8V
V+ = +3.0V, TA = -40C
V+ = +3.0V, TA = +25C 1
0.5
1.0
1.5 VCOM (V)
2.0
2.5
3.0
-40
-15
10
35
60
85
TEMPERATURE (C)
_______________________________________________________________________________________
5
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers MAX4780/MAX4784
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
CHARGE INJECTION vs. VCOM
MAX4780/MAX4784 toc04
SUPPLY CURRENT vs. SUPPLY VOLTAGE AND TEMPERATURE
MAX4780/MAX4784 toc05
LOGIC-LEVEL THRESHOLD vs. SUPPLY VOLTAGE
MAX4780/MAX4784 toc06
50
10,000 1000 SUPPLY CURRENT (nA) 100 10 1 0.1 TA = -40C 0.01 0.001 TA = +25C TA = +85C
1.1 1.0 RISING 0.9 THRESHOLD (V) 0.8 0.7 FALLING 0.6 0.5 0.4
40
Q (pC)
30 V+ = +3.0V 20
10 V+ = +1.8V 0 0 0.5 1.0 1.5 VCOM (V) 2.0 2.5 3.0
0
0.4
0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 SUPPLY VOLTAGE (V)
1.6
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE (V)
TURN-ON/OFF TIME vs. SUPPLY VOLTAGE
MAX4780/MAX4784 toc07
TURN-ON/OFF TIMES vs. TEMPERATURE
45 40 35 tON/tOFF (ns) 30 25 20 15 tOFF, V+ = +1.8V tON, V+ = +3.0V tON, V+ = +1.8V
MAX4780/MAX4784 toc08
50 45 40 35 tON/tOFF (ns) 30 25 20 15 10 5 0 1.6 2.0 2.4 2.8 3.2 tOFF tON
50
10 5 0 3.6 -40 -15
tOFF, V+ = +3.0V 10 35 60 85
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
FREQUENCY RESPONSE
MAX4780/MAX4784 toc09
TOTAL HARMONIC DISTORTION vs. FREQUENCY
RL = 32
MAX4780/MAX4784 toc10
15 0 -15 -30 LOSS (dB) -45 -60 CROSSTALK -75 -90 -105 -120 0.01 OFF-ISOLATION ON-RESPONSE
0.05
0.04 V+ = +1.8V, VCOM = +1.2VP-P
THD (%)
0.03
0.02 V+ = +3.0V, VCOM = +2VP-P
0.01
0 0.1 1 10 100 1000 10 100 1k FREQUENCY (Hz) 10k 100k FREQUENCY (MHz)
6
_______________________________________________________________________________________
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers
Pin Description
PIN MAX4780 TSSOP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 -- 16 THIN QFN 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 -- 14 1 2 3 4 5 6 7 8 9 10 11 12 13 14 -- 15 16 MAX4784 TSSOP THIN QFN 15 16 1 2 3 4 5 6 7 8 9 10 11 12 -- 13 14 A0 NC1 NO1 COM1 NC2 NO2 COM2 GND COM3 NO3 NC3 COM4 NO4 NC4 A1 EN V+ Address Input Normally Closed Terminal Normally Open Terminal Analog Switch Common Terminal Normally Closed Terminal Normally Open Terminal Analog Switch Common Terminal Ground Analog Switch Common Terminal Normally Open Terminal Normally Closed Terminal Analog Switch Common Terminal Normally Open Terminal Normally Closed Terminal Address Input Enable. Connect to GND for normal operation. Connect to logic-level high to turn all switches off. Positive Supply Voltage NAME FUNCTION
MAX4780/MAX4784
Detailed Description
The MAX4780/MAX4784 are low 0.7 (at V+ = +2.7V) on-resistance, low-voltage, quad 2:1 analog multiplexers/ demultiplexers that operate from a +1.6V to +4.2V single supply. CMOS switch construction allows switching analog signals that are within the supply voltage range (GND to V+). When powered from a +2.7V supply, the 0.7 RON allows high continuous currents to be switched in a variety of applications.
Typical Application Circuit
RING TONE/ MELODY IC
MAX4780
Applications Information
Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings, because stresses beyond the listed ratings can cause permanent damage to the devices. Always sequence V+ on first, followed by NO_, NC_, or COM_. Although it is not required, power-supply bypassing improves noise margin and prevents switching noise propagation from the V+ supply to other components. A 0.1F capacitor, connected from V+ to GND, is adequate for most applications.
AUDIO CODEC
INTERNAL SPEAKER RL = 8
EXTERNAL SPEAKER RL = 8 OR 32 SYSTEM CONTROLLER
VCC
1.6V TO 4.2V
_______________________________________________________________________________________
7
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers MAX4780/MAX4784
Logic Inputs
The MAX4780/MAX4784 logic inputs can be driven up to +4.2V regardless of the supply voltage. For example, with a +1.8V supply, A_ and EN may be driven low to GND and high to +4.2V. Driving A_ and EN rail-to-rail minimizes power consumption. Drive EN low to enable the COM_ outputs. When EN is high, the COM_ outputs are high impedance. resistance (see the Typical Operating Characteristics). The switches are bidirectional, so the NO_, NC_, and COM_ pins can be used as either inputs or outputs.
Layout
High-speed switches require proper layout and design procedures for optimum performance. Reduce stray inductance and capacitance by keeping traces short and wide. Ensure that bypass capacitors are as close to the device as possible. Use large ground planes where possible.
Analog Signal Levels
Analog signals that range over the entire supply voltage (V+ to GND) can be passed with very little change in on-
Test Circuits/Timing Diagrams
V+ VA0 A0 V+ NO VNO_ VIH + 0.5V VA0 0 VOUT NC COM GND RL C L* VOUT GND tOFF tON 90% 50% tR < 5ns tF < 5ns
MAX4780/ MAX4784
EN**
*CL INCLUDES STRAY CAPACITANCE. **MAX4784 ONLY.
Figure 1. Turn-On and Turn-Off Times
V+ VA0 A0 V+ NC, NO VN_ _ VIH + 0.5V VA0 0 tR < 5ns tF < 5ns
50%
MAX4780/ MAX4784
EN** GND RL COM C L* VOUT VOUT
VCOM 90%
0 *CL INCLUDES STRAY CAPACITANCE. **MAX4784 ONLY. tBBM
Figure 2. Break-Before-Make Interval
8
_______________________________________________________________________________________
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers
Test Circuits/Timing Diagrams (continued)
V+ V+ V+ V+ OR GND A0 NC, NO RGEN VEN 0 VGEN VOUT COM GND CL* VOUT IS THE MEASURED VOLTAGE DUE TO CHARGETRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF. *CL INCLUDES STRAY CAPACITANCE. **MAX4784 ONLY. Q = VOUT CL VOUT VOUT
MAX4780/MAX4784
MAX4780/ MAX4784
VEN EN**
Figure 3. Charge Injection
V+
V+ V+ OR GND A0 NC, NO
MAX4780/ MAX4784
EN* GND COM 1MHz CAPACITANCE ANALYZER
*MAX4784 ONLY.
Figure 4. Capacitance
V+ 10nF NETWORK ANALYZER 50 50
V+ V+ OR GND A0 NC, NO
VIN
OFF-ISOLATION = 20log
VOUT VIN VOUT VIN VOUT VIN
MAX4780/ MAX4784
VOUT EN* GND 50 50 COM MEAS REF
ON-LOSS = 20log
CROSSTALK = 20log
NOTES: MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT SOCKET TERMINALS. OFF-ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH. ON-LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH. CROSSTALK IS MEASURED FROM ONE CHANNEL TO ALL OTHER CHANNELS. SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED. *MAX4784 ONLY.
Figure 5. Off-Isolation, On-Loss, and Crosstalk _______________________________________________________________________________________ 9
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers MAX4780/MAX4784
Pin Configurations/Functional Diagrams/Truth Tables (continued)
TOP VIEW MAX4780
A0 1 NC1 2 NO1 3 COM1 4 NC2 5 NO2 6 COM2 7 GND 8 16 V+ 15 A1 14 NC4 13 NO4 12 COM4 11 NC3 10 NO3 9 COM3 A0 1 NC1 2 NO1 3 COM1 4 NC2 5 NO2 6 COM2 7 GND 8
MAX4784
CONTROL LOGIC 16 V+ 15 EN 14 NC4 13 NO4 12 COM4 11 NC3 10 NO3 9 COM3
TSSOP
TSSOP
Chip Information
TRANSISTOR COUNT: 543 PROCESS: CMOS
10
______________________________________________________________________________________
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
TSSOP4.40mm.EPS
MAX4780/MAX4784
______________________________________________________________________________________
11
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers MAX4780/MAX4784
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) 12x16L QFN THIN.EPS
E
1 2
D2 b
0.10 M C A B
D D/2
D2/2
E/2
E2/2
C L
E
(NE - 1) X e
E2
L
C L
e
k (ND - 1) X e
C L
0.10 C 0.08 C A A2 A1 L
C L
L
e
e
PACKAGE OUTLINE 12, 16L, THIN QFN, 3x3x0.8mm
21-0136
12
______________________________________________________________________________________
0.7, Low-Voltage, Quad 2:1 Analog Multiplexers
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
MAX4780/MAX4784
PKG REF. A b D E e L N ND NE A1 A2 k 0 MIN. 0.70 0.20 2.90 2.90 0.45
12L 3x3 NOM. 0.75 0.25 3.00 3.00 0.50 BSC. 0.55 12 3 3 0.02 0.05 0 0.25 0.20 REF 0.25 0.65 0.30 MAX. 0.80 0.30 3.10 3.10 MIN. 0.70 0.20 2.90 2.90
16L 3x3 NOM. 0.75 0.25 3.00 3.00 0.50 BSC. 0.40 16 4 4 0.02 0.20 REF 0.05 0.50 MAX. 0.80 0.30 3.10 3.10 PKG. CODES T1233-1 T1233-3 T1633-1 T1633-2 T1633F-3 T1633-4
EXPOSED PAD VARIATIONS
D2 MIN. 0.95 0.95 0.95 0.95 0.65 0.95 NOM. 1.10 1.10 1.10 1.10 0.80 1.10 MAX. 1.25 1.25 1.25 1.25 0.95 1.25 MIN. 0.95 0.95 0.95 0.95 0.65 0.95 E2 NOM. MAX. 1.10 1.10 1.10 1.10 0.80 1.10 1.25 1.25 1.25 1.25 0.95 1.25 PIN ID 0.35 x 45 0.35 x 45 0.35 x 45 0.35 x 45 JEDEC WEED-1 WEED-1 WEED-2 WEED-2
DOWN BONDS ALLOWED
NO YES NO YES N/A NO
0.225 x 45 WEED-2 0.35 x 45 WEED-2
NOTES: 1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994. 2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES. 3. N IS THE TOTAL NUMBER OF TERMINALS. 4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE. 5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.20 mm AND 0.25 mm FROM TERMINAL TIP. 6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY. 7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION. 8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS. 9. DRAWING CONFORMS TO JEDEC MO220 REVISION C.
PACKAGE OUTLINE 12, 16L, THIN QFN, 3x3x0.8mm
21-0136
E
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX4784

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X