Part Number Hot Search : 
APW71 150X8 00M1R DTB123E F1007 SMBJ24 28F10 BSP20FB
Product Description
Full Text Search
 

To Download MAX4754 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2942; Rev 0; 8/03
0.5, Quad SPDT Switches in UCSP/QFN
General Description
The MAX4754/MAX4755/MAX4756 low on-resistance, analog switches operate from a single +1.8V to +5.5V supply. The MAX4754 and MAX4755 are dual, doublepole, double-throw (DPDT) switches. The MAX4756 is a quad, single-pole double-throw (SPDT) switch. They are configured to route either audio or data signals. The MAX4754 has four 0.5 SPDT switches for audiosignal routing and two logic control inputs. The MAX4755 has four 0.5 SPDT switches (with two switches that have an additional 11 series resistor at the NC terminals). This allows users to drive an 8 speaker as a 32 load (ear speaker). The MAX4756 has four 0.5 SPDT switches controlled by one logic control input and an enable pin (EN) to disable the switches. The MAX4754/MAX4755/MAX4756 are available in a space-saving 16-pin thin QFN and a tiny 16-bump 2mm x 2mm chip-scale package (UCSPTM). Data and Audio-Signal Routing Low RON (0.5) Audio Switches 0.1 Channel-to-Channel Matching 0.2 On-Resistance Flatness 0.02% THD +1.8V to +5.5V Supply Range Rail-to-Rail Signal Handling 16-Bump UCSP (2mm x 2mm)
Features
MAX4754/MAX4755/MAX4756
Ordering Information
PART MAX4754EBE-T MAX4754ETE MAX4755ETE* MAX4756ETE* TEMP RANGE PIN-PACKAGE -40C to +85C 16 UCSP-16 -40C to +85C 16 Thin QFN (4mm x 4mm) -40C to +85C 16 Thin QFN (4mm x 4mm) -40C to +85C 16 Thin QFN (4mm x 4mm)
Applications
Speaker-Headset Switching Audio-Signal Routing Cellular Phones PDAs/Hand-Held Devices Notebook Computers
UCSP is a trademark of Maxim Integrated Products, Inc.
MAX4755EBE-T* -40C to +85C 16 UCSP-16 MAX4756EBE-T* -40C to +85C 16 UCSP-16
*Future product--contact factory for availability. Pin Configurations appear at end of data sheet.
Functional Diagrams
INA NO1 COM1 COM2 INA NO1 11 NC1 NO2 11 NC2 NO3 COM3 COM4 NC2 NO3 COM3 COM4 NC2 NO3 COM3 COM4 COM1 COM2 INA NO1 COM1 COM2
NC1 NO2
NC1 NO2
NC3 NO4
NC3 NO4
NC3 NO4
NC4 INB
NC4 INB
NC4 EN
MAX4754
MAX4755
MAX4756
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
ABSOLUTE MAXIMUM RATINGS
(All Voltages Referenced to GND) V+, IN_, EN...............................................................-0.3V to +6V COM_, NO_, NC_ (Note 1) ...........................-0.3V to (V+ + 0.3V) Continuous Current NC1, NC2, COM1, COM2 (MAX4755)........................100mA NO_, NC_, COM_ (remaining terminal connections) ....300mA Peak Current NC1, NC2, COM1, COM2 (MAX4755) (Pulsed at 1ms, 10% duty cycle)................................200mA (Pulsed at 1ms, 50% duty cycle)................................150mA Peak Current NO_, NC_, COM__ (remaining terminal connections) (Pulsed at 1ms, 10% duty cycle)............................500mA (Pulsed at 1ms, 50% duty cycle)............................400mA Continuous Power Dissipation (TA = +70C) 16-Bump UCSP (derate 8.2mW/C above +70C) ......660mW 16-Pin Thin QFN (derate 16.9mW/C above +70C) .1349mW ESD per Method 3015.7...................................................2kV Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Bump Temperature (soldering) Infrared (15s) ...............................................................+220C Vapor Phase (60s) .......................................................+215C Lead Temperature (soldering, 10s) .................................+300C
Note 1: Signals on NO_, NC_, COM_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +5.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at +3V and TA = +25C.) (Notes 2, 3)
PARAMETER ANALOG SWITCH Analog Signal Range VCOM_, VNO_, VNC_ V+ = 2.7V, ICOM_= 10mA, VNC_ = 0V, or VNC_ = V+ (Note 4) MAX4755 (NO1, NO2, N_3, N_4), MAX4754/MAX4756 TMIN to TMAX +25C TMIN to TMAX +25C MAX4755 (NC1, NC2) TMIN to TMAX +25C TMIN to TMAX +25C MAX4755 (NC1, NC2) TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX -3 -10 -3 -10 0.01 0.2 0.2 8.0 0.1 11.5 12.5 0.35 0.55 0.4 0.55 0.4 0 0.5 V+ 0.85 1.0 V SYMBOL CONDITIONS TA MIN TYP MAX UNITS
On-Resistance
RON
On-Resistance Match Between Channels
RON
V+ = 2.7V, ICOM_ = 10mA, VNO_ = 1.5V, or VNC_ = 1.5V (Notes 4, 5) V+ = 3V, ICOM_ = 10mA, VNO_ = 0V, or VNC_ = V+ (Note 6)
MAX4755 (NO1, NO2, N_3, N_4) MAX4754/MAX4756
On-Resistance Flatness
RFLAT(ON)
MAX4755 (NO1, NO2, N_3, N_4, NO1, NO2), MAX4754/MAX4756
0.55
NO_, NC_ Off-Leakage Current
INO_(OFF), INC_(OFF)
V+ = 3.6V; VCOM_ = 3.3V, 0.3V; VNO_ or VNC_ = 0.3V, 3.3V
+3 +10 +3 +10 nA nA
COM_ Off-Leakage Current
V+ = 3.6V (MAX4756); ICOM_(OFF) VCOM_ = 3.3V, 0.3V; VNO_ or VNC_ = 0.3V, 3.3V
2
_______________________________________________________________________________________
0.5, Quad SPDT Switches in UCSP/QFN
ELECTRICAL CHARACTERISTICS (Continued)
(V+ = +2.7V to +5.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at +3V and TA = +25C.) (Notes 2, 3)
PARAMETER COM_ On-Leakage Current DYNAMIC +25C Turn-On Time tON V+ = 2.7V, VNO_, or VNC_ = 1.5V; RL = 50; CL = 35pF, Figure 1 V+ = 2.7V, VNO_, or VNC_ = 1.5V; RL = 50; CL = 35pF, Figure 1 V+ = 2.7V, VNO_, or VNC_ = 1.5V; RL = 50, CL = 35pF, Figure 2 (Note 7) VGEN = 0V, RGEN = 0, CL = 1.0nF, Figure 3 Signal = 0dBm, CL = 50pF, RL = 50, CL = 5pF, RL = 50, VCOM_ = 1VP-P f = 100kHz, Figure 4 (Note 8) CL = 5pF, RL = 50, VCOM_ = 1VP-P f = 100kHz, Figure 4 (Note 9) f = 20Hz to 20kHz, 1VP-P, RL = 32 TMIN to TMAX +25C Turn-Off Time tOFF TMIN to TMAX +25C Break-Before-Make Charge Injection On-Channel -3dB Bandwidth Off-Isolation Crosstalk Total Harmonic Distortion NO_, NC_ OffCapacitance COM_ Off-Capacitance COM_ On-Capacitance DIGITAL I/O (IN_, EN) V+ = 2.7V to 3.6V Input Logic High VIH V+ = 3.6V to 5.25V V+ = 2.7V to 3.6V Input Logic Low VIL V+ = 3.6V to 5.25V Input Leakage Current IIN VIN = 0V or V+ TMIN to TMAX TMIN to TMAX TMIN to TMAX TMIN to TMAX TMIN to TMAX 1.4 V 2.0 0.5 V 0.6 1 A tBBM Q BW VISO VCT THD TMIN to TMAX +25C +25C +25C +25C +25C +25C +25C +25C 2 50 325 -120 -120 0.02 65 110 168 15 ns pC MHz dB dB % pF pF pF 25 45 140 150 50 60 ns ns SYMBOL ICOM_(ON) CONDITIONS V+ = 3.6V; VCOM_ = 3.3V, 0.3V; VNO_ or VNC_ = 3.3V, 0.3V or floating TA +25C TMIN to TMAX MIN -3 -10 TYP MAX +3 +10 nA UNITS
MAX4754/MAX4755/MAX4756
CNO_(OFF), VNO, VNC_ = GND, CNC_(OFF) f = 1MHz, VCOM - = 0.5VP-P, Figure 5 CCOM_(OFF) C(ON) VCOM_ = GND, f = 1MHz, MAX4756, Figure 5 VCOM_ = VNO, VNC_ = GND, f = 1MHz, VCOM - = 0.5VP-P, Figure 5
_______________________________________________________________________________________
3
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
ELECTRICAL CHARACTERISTICS (Continued)
(V+ = +2.7V to +5.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at +3V and TA = +25C.) (Notes 2, 3)
PARAMETER POWER SUPPLY Power-Supply Range V+ TMIN to TMAX +25C Positive-Supply Current I+ V+ = 5.5V, VIN_ = 0V or V+ TMIN to TMAX 1.8 0.001 1.0 A 5.5 V SYMBOL CONDITIONS TA MIN TYP MAX UNITS
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. Note 3: UCSP parts are 100% tested at +25C and limits across the full temperature range are guaranteed by correlation and design. Thin QFN parts are 100% tested at +85C and limits across the full temperature range are guaranteed by correlation and design. Note 4: RON and RON matching specifications are guaranteed by design. Note 5: RON = RON(MAX) - RON(MIN). Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges. Note 7: Guaranteed by design, not production tested. Note 8: Off-Isolation = 20log10 [VCOM / (VNO or VNC)], VCOM = output, VNO or VNC = input to off switch. Note 9: Between any two switches.
4
_______________________________________________________________________________________
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
Typical Operating Characteristics
(V+ = 3V, TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM
MAX4754-56 toc01
ON-RESISTANCE vs. VCOM AND TEMPERATURE
MAX4754-56 toc02
ON-RESISTANCE vs. VCOM AND TEMPERATURE
0.9 0.8 0.7 RON () 0.6 0.5 0.4 0.3 TA = +85C TA = +25C V+ = +5V
MAX4754-56 toc03
2.0 1.8 1.6 1.4 RON () 1.2 1.0 0.8 0.6 0.4 0.2 0 0 V+ = +3.0V V+ = +5V V+ = +2.3V V+ = +2.5V V+ = +2V V+ = +1.8V
1.0 0.9 0.8 0.7 RON () 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.5 1.0 1.5 VCOM (V) 2.0 2.5 TA = -40C V+ = +3V TA = +85C TA = +25C
1.0
0.2 0.1 0 3.0 0
TA = -40C
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCOM (V)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCOM (V)
ON-RESISTANCE vs. VCOM
MAX4754-56 toc04
ON-RESISTANCE vs. VCOM AND TEMPERATURE
MAX4754-56 toc05
ON-RESISTANCE vs. VCOM AND TEMPERATURE
V+ = +5V 12.5 12.0 MAX4755 NC1, NC2 CHANNELS
MAX4754-56 toc06
13.0 MAX4755 NC1, NC2 CHANNELS 12.5 12.0 RON () 11.5 11.0 10.5 10.0 0 V+ = +3.0V V+ = +5V V+ = +1.8V V+ = +2V
13.0 V+ = +3V 12.5 12.0 RON () 11.5 11.0 10.5 10.0 TA = +85C MAX4755 NC1, NC2 CHANNELS
13.0
V+ = +2.3V V+ = +2.5V
RON ()
TA = +25C
11.5 11.0 10.5
TA = +85C TA = +25C
TA = -40C 0 0.5 1.0 1.5 VCOM (V) 2.0 2.5 3.0
TA = -40C 10.0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCOM (V)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCOM (V)
NO/NC OFF-LEAKAGE CURRENT vs. TEMPERATURE
MAX4754-56 toc07
COM ON-LEAKAGE CURRENT vs. TEMPERATURE
V+ = 5V COM ON-LEAKAGE CURRENT (nA)
MAX4754-56 toc08
100 V+ = 5V NO/NC OFF-LEAKAGE CURRENT (nA)
100
10
10
1
1
0.1 -40 -15 10 35 60 85 TEMPERATURE (C)
0.1 -40 -15 10 35 60 85 TEMPERATURE (C)
_______________________________________________________________________________________
5
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
Typical Operating Characteristics (continued)
(V+ = 3V, TA = +25C, unless otherwise noted.)
CHARGE INJECTION vs. VCOM
CL = 1nF V+ = 5V
MAX4754-56 toc09
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX4754-56 toc10
SUPPLY CURRENT vs. TEMPERATURE
MAX4754-56 toc11
120 110 100 CHARGE INJECTION (pC) 90 80 70 60 50 40 30 20 10 0 0
2.0 1.8 1.6 SUPPLY CURRENT (nA) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
100
10 SUPPLY CURRENT (nA)
V+ = 5V
1
0.1 V+ = 3.0V 0.01
V+ = 3V
0.001 1 2 3 4 5 6 -40 -15 10 35 60 85 SUPPLY VOLTAGE (V) TEMPERATURE (C)
1
2
3
4
5
VCOM (V)
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
VIH VIL tON/tOFF (ns)
MAX4754-56 toc12
TURN-ON/OFF TIMES vs. SUPPLY VOLTAGE
MAX4754-56 toc13
TURN-ON/OFF TIMES vs. TEMPERATURE
MAX4754-56 toc14
2.4 2.0 LOGIC THRESHOLD (V) 1.6 1.2 0.8 0.4 0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
70 60 50
50
40 tON, V+ = 3V tON/tOFF (ns) 30 tON, V+ = 5V
40 tON 30 tOFF 20
20 tOFF, V+ = 3V
10 10 0 5.5 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V) 0 -40
tOFF, V+ = 5V
-15
10
35
60
85
TEMPERATURE (C)
FREQUENCY RESPONSE
MAX4754-56 toc15
TOTAL HARMONIC DISTORTION vs. FREQUENCY
V+ = 3V, RL = 32
MAX4754-56 toc16
20 0 -20 ON-LOSS (dB) -40 -60 -80 -100 -120
V+ = 3V/5V
1
ON-LOSS OFF-ISOLATION THD (%)
0.1
0.01
CROSSTALK 0.001 0.01 1 100 10 100 1k FREQUENCY (Hz) 10k 100k FREQUENCY (MHz)
-140 0.0001
6
_______________________________________________________________________________________
0.5, Quad SPDT Switches in UCSP/QFN
Pin Description
PIN MAX4754 UCSP C1 C2 B1 A1 A2 B2 A3 A4 B4 B3 -- C4 D4 D3 C3 D2 D1 -- QFN 1 2 3 4 5 6 7 8 9 10 -- 11 12 13 14 15 16 PAD MAX4755 UCSP C1 C2 B1 A1 A2 B2 A3 A4 B4 B3 -- C4 D4 D3 C3 D2 D1 -- QFN 1 2 3 4 5 6 7 8 9 10 -- 11 12 13 14 15 16 PAD MAX4756 UCSP C1 C2 B1 A1 A2 B2 A3 A4 B4 -- B3 C4 D4 D3 C3 D2 D1 -- QFN 1 2 3 4 5 6 7 8 9 -- 10 11 12 13 14 15 16 PAD NO1 INA COM1 NC1 NO4 V+ COM4 NC4 NO2 INB EN COM2 NC2 NO3 GND COM3 NC3 EP Analog Switch 1. Normally open terminal 1. Logic Control Digital Input for Switches 1 and 2. Digital control input for switches 1-4 for MAX4756. Analog Switch 1. Common terminal. Analog Switch 1. Normally closed terminal 1. Analog Switch 4. Normally open terminal 4. Positive Supply Voltage Analog Switch 4. Common terminal. Analog Switch 4. Normally closed terminal 4. Analog Switch 2. Normally open terminal 2. Logic Control Digital Input for Switches 3 and 4 Output Enable. Active low. Analog Switch 2. Common terminal 2. Analog Switch 2. Normally closed terminal 2. Analog Switch 3. Normally open terminal 3. Ground Analog Switch 3. Common terminal 3. Analog Switch 4. Normally closed terminal 3. Exposed Pad. Connect to GND. NAME FUNCTION
MAX4754/MAX4755/MAX4756
Typical Operating Circuit
INA NO1 INTERNAL SPEAKER (8) COM1 11 NC1 NO2 COM2 NC2 NO3 COM3 NC3 NO4 COM4 NC4 INB HEADPHONE (32) NC4 INB NC3 NO4 COM4 CAR-KIT SPEAKER (8) NC4 EN NC2 NO3 COM3 NC3 NO4 COM4 HEADPHONE (32) NC1 NO2 11 COM2 NC2 NO3 COM3 NC1 NO2 COM2 INA NO1 EAR SPEAKER (32) LOUD SPEAKER (8) COM1 INA NO1 INTERNAL SPEAKER (8) COM1
MAX4754
MAX4755
MAX4756
_______________________________________________________________________________________
7
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
Detailed Description
The MAX4754/MAX4755/MAX4756 low on-resistance analog switches operate from a single +1.8V to +5.5V supply. The devices are fully specified for nominal 3V applications. The MAX4754 DPDT switch has two logic control inputs with each input controlling two SPDT switches. Each switch has a 0.5 on-resistance in the NO and NC terminals making it ideal for switching audio signals. The MAX4755 DPDT switch also has four 0.5 SPDT switches with the switch pairs 1 and 2 adding an 11.5 series resistor to the NC terminal. This feature allows the user to drive an 8 speaker as a 32 load, allowing it to be used as an ear speaker. Two logic control inputs are used to control the four switches. The MAX4756 has four 0.5 SPDT switches controlled by one logic control input (INA) and EN input to disable the switches.
Analog Signal Levels
Analog signal inputs over the full voltage range (0V to V+) are passed through the switch with minimal change in on-resistance (see the Typical Operating Characteristics). The switches are bidirectional so NO_, NC_, and COM_ can be either inputs or outputs.
Power-Supply Bypassing
Power-supply bypassing improves noise margin and prevents switching noise from propagating from the V+ supply to other components. A 0.1F capacitor connected from V+ to GND is adequate for most applications.
UCSP Applications Information
For the latest application details on UCSP construction, dimensions, tape carrier information, printed circuit board techniques, bump-pad layout, and recommended reflow temperature profile, as well as the latest information on reliability testing results, go to the Maxim website at www.maxim-ic.com/ucsp for the Application Note: UCSP--A Wafer-Level Chip-Scale Package.
Applications Information
Digital Control Inputs
The MAX4754/MAX4755/MAX4756 logic inputs accept up to +5.5V regardless of the supply voltage. For example, with a +3.3V supply IN_ can be driven low to GND and high to +5.5V, which allows mixed logic levels in a system. Driving the control logic inputs rail-torail also minimizes power consumption. For a +3V supply voltage, the logic thresholds are 0.5V (low) and 1.4V (high). For the MAX4756, drive EN low to enable the COM_. When EN is high, COM _ is high impedance.
8
_______________________________________________________________________________________
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
Timing Circuits/Timing Diagrams
MAX4754 MAX4755 MAX4756
VN_ NO_ OR NC_ V+ V+ COM_ LOGIC INPUT VOUT RL IN_ LOGIC INPUT GND SWITCH OUTPUT 0V t ON CL VOUT 0.9 x V0UT t OFF 0.9 x VOUT V+ 50% 0V 50%
t r < 5ns t f < 5ns
VOUT = VN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE. RL RL + RON
(
)
IN DEPENDS ON SWITCH CONFIGURATION; INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
Figure 1. Switching Time
MAX4754 MAX4755 MAX4756
VN_ NC_ NO_ IN_ LOGIC INPUT GND
V+ V+ COM_ RL VOUT LOGIC INPUT
V+ 50% 0V
CL
VOUT tBBM CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
0.9 x VOUT
Figure 2. Break-Before-Make Interval
V+
MAX4754 MAX4755 MAX4756
VOUT VOUT VOUT CL IN OFF ON OFF
V+ RGEN NC_ OR NO_ GND IN_ COM_
V GEN
VIL TO VIH
IN
OFF
ON Q = (V OUT )(C L )
OFF
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES THAT HAVE THE OPPOSITE LOGIC SENSE.
Figure 3. Charge Injection _______________________________________________________________________________________ 9
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
Timing Circuits/Timing Diagrams (continued)
+5V 10nF NETWORK ANALYZER 0V OR V+ IN_ V+ COM1 VIN 50 50 V OFF-ISOLATION = 20log OUT VIN ON-LOSS = 20log VOUT VIN
NC1 50
MAX4754 MAX4755 MAX4756
GND
NO1*
VOUT
MEAS
REF
V CROSSTALK = 20log OUT VIN
50
50
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS. OFF-ISOLATION IS MEASURED BETWEEN COM_ AND OFF NO_ OR NC_ TERMINAL ON EACH SWITCH. ON-LOSS IS MEASURED BETWEEN COM_ AND ON NO_ OR NC_ TERMINAL ON EACH SWITCH. CROSSTALK IS MEASURED FROM ONE CHANNEL TO THE OTHER CHANNEL. SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
*FOR CROSSTALK, THIS PIN IS NO2. NC2 AND COM2 ARE OPEN.
Figure 4. On-Loss, Off-Isolation, and Crosstalk
10nF
V+
V+ COM_
MAX4754 MAX4755 MAX4756
IN VIL OR VIH
CAPACITANCE METER f = 1MHz
NC_ or NO_ GND
Figure 5. Channel On-/Off-Capacitance
10
______________________________________________________________________________________
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
Pin Configurations/Truth Tables
TOP VIEW
MAX4754/MAX4755/MAX4756
GND 14
NC3 1 NC1 2 NO4 3 COM4 4 NC4 NO3 (BUMP SIDE DOWN)
16
15
COM3
A
NO1
B COM1 V+ INB (EN) NO2
1 2 3 4 5
13
12
NC2 COM2 INB (EN) NO2
INA COM1
C
NO1
INA
GND
COM2
NC1
MAX4754 MAX4755 MAX4756
6 7 8
11 10 9
D
NC3
COM3
NO3
NC2
NO4
V+
( ) FOR MAX4756.
UCSP
THIN QFN
NOTE: EXPOSED PADDLE CONNECTED TO GND. MAX4756 EN LOW LOW HIGH HIGH INA LOW HIGH X X NO_ OFF ON OFF OFF NC_ ON OFF OFF OFF
MAX4754/MAX4755 INA LOW HIGH INB LOW HIGH NO1/NO2 NC1/NC2 NO3/NO4 NC3/NC4 OFF ON -- -- ON OFF -- --
-- --
-- --
OFF ON
ON OFF
Chip Information
TRANSISTOR COUNT: 496 PROCESS: CMOS
______________________________________________________________________________________
COM4
NC4
11
0.5, Quad SPDT Switches in UCSP/QFN
MAX4754/MAX4755/MAX4756
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
PACKAGE OUTLINE 12, 16, 20, 24L THIN QFN, 4x4x0.8mm
21-0139
C
1 2
PACKAGE OUTLINE 12, 16, 20, 24L THIN QFN, 4x4x0.8mm
21-0139
C
2 2
12
______________________________________________________________________________________
24L QFN THIN.EPS
0.5, Quad SPDT Switches in UCSP/QFN
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
MAX4754/MAX4755/MAX4756
PACKAGE OUTLINE, 4x4 UCSP 21-0101 H
1 1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.
16L,UCSP.EPS


▲Up To Search▲   

 
Price & Availability of MAX4754

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X