Part Number Hot Search : 
BT827A U60D60A 3RF40 XC9536 AAMDB 74V1T86S 90121 M358D
Product Description
Full Text Search
 

To Download MAX1497 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3054; Rev 1a; 2/04
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
General Description
The MAX1497/MAX1499 low-power, 3.5- and 4.5-digit, analog-to-digital converters (ADCs) with integrated lightemitting diode (LED) drivers operate from a single 2.7V to 5.25V power supply. They include an internal reference, a high-accuracy on-chip oscillator, and a multiplexed LED display driver. An internal charge pump generates the negative supply needed to power the integrated input buffers for single-supply operation. The ADC is configurable for either a 2V or 200mV input range and it outputs its conversion results to an LED and/or to a microcontroller (C). Microcontroller communication is possible through an SPITM-/QSPITM/MICROWIRETM-compatible serial interface. The MAX1497 is a 3.5-digit (1999 count) device and the MAX1499 is a 4.5-digit (19,999 count) device. The MAX1497/MAX1499 do not require external precision integrating capacitors, autozero capacitors, crystal oscillators, charge pumps, or other circuitry required with dual-slope ADCs (commonly used in panel meter circuits). These devices also feature on-chip buffers for the differential signal and reference inputs, allowing direct interface with high-impedance signal sources. In addition, they use continuous internal offset-calibration and offer >100dB rejection of 50Hz and 60Hz line noise. Other features include data hold and peak detection, overrange and underrange detection, and a user-programmable low-battery monitor. The MAX1499 is available in a 32-pin, 7mm 7mm TQFP package and the MAX1497 is available in 28-pin SSOP and 28-pin PDIP packages. All devices in this family operate over the -40C to +85C extended temperature range.
Features
High Resolution MAX1499: 4.5 Digits (19,999 Count) MAX1497: 3.5 Digits (1999 Count) Sigma-Delta ADC Architecture No Integrating Capacitors Required No Autozeroing Capacitors Required >100dB of Simultaneous 50Hz and 60Hz Rejection Operate from a Single 2.7V or 5.25V Supply Selectable Input Range of 200mV or 2V Selectable Voltage Reference: Internal 2.048V or External Internal High-Accuracy Oscillator Needs No External Components Automatic Offset Calibration Low Power (Exclude LED Driver Current) Maximum 664A Operating Current Maximum 268A Shutdown Current Small 32-Pin, 7mm x 7mm TQFP Package (4.5 Digits), 28-Pin SSOP Package (3.5 Digits) Also Available in a PDIP Package (3.5 Digits) Multiplexed LED Drivers Resistor-Programmable Segment Current SPI-/QSPI-/MICROWIRE-Compatible Serial Interface Extended Temperature Range (-40C to +85C)
MAX1497/MAX1499
Applications
Digital Panel Meters Hand-Held Meters Digital Voltmeters Digital Multimeters
PART MAX1497EAI* MAX1497EPI MAX1499ECJ
Ordering Information
TEMP RANGE PINRESOLUTION PACKAGE (DIGITS) 3.5 3.5 4.5
-40C to +85C 28 SSOP -40C to +85C 28 PDIP -40C to +85C 32 TQFP
*Future product--contact factory for availability.
Pin Configurations appear at end of data sheet.
SPI/QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
ABSOLUTE MAXIMUM RATINGS
AVDD to GND (MAX1499).........................................-0.3V to +6V DVDD to GND (MAX1499) ........................................-0.3V to +6V AIN+, AIN- to GND (MAX1499) ...........VNEG to (AVDD to +0.3V) REF+, REF- to GND (MAX1499) ......... VNEG to (AVDD to +0.3V) LOWBATT to GND (MAX1499) ................-0.3V to (AVDD + 0.3V) CLK, EOC, CS, DIN, SCLK, DOUT to GND (MAX1499) .......................-0.3V to (DVDD + 0.3V) VNEG to GND (MAX1499) .......................-2.6V to (AVDD + 0.3V) LED_EN to GND (MAX1499)....................-0.3V to (DVDD + 0.3V) ISET to GND (MAX1499)..........................-0.3V to (AVDD + 0.3V) VDD to GND (MAX1497) ...........................................-0.3V to +6V AIN+, AIN- to GND (MAX1497)..............VNEG to (VDD to +0.3V) REF+, REF- to GND (MAX1497) ........... VNEG to (VDD to +0.3V) CLK, EOC, CS, DIN, SCLK, DOUT to GND (MAX1497)..........................-0.3V to (VDD + 0.3V) VNEG to GND (MAX1497)..........................-2.6V to (VDD + 0.3V) ISET to GND (MAX1497) ............................-0.3V to (VDD + 0.3V) VLED to GLED ..........................................................-0.3V to +6V GLED to GND ........................................................-0.3V to +0.3V SEG_ to GLED..........................................-0.3V to (VLED + 0.3V) DIG_ to GLED ..........................................-0.3V to (VLED + 0.3V) DIG_ Sink Current .............................................................300mA DIG_ Source Current...........................................................50mA SEG_ Sink Current ..............................................................50mA SEG_ Source Current..........................................................50mA Maximum Current Input into Any Other Pin ........................50mA Continuous Power Dissipation (TA = +70C) 32-Pin TQFP (derate 20.7mW/C above +70C).....1652.9mW 28-Pin SSOP (derate 9.5mW/C above +70C) ...........762mW 28-Pin PDIP (derate 14.3mW/C above +70C)......1142.9mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference) CREF+ = CREF- = 0.1F, CVNEG = 0.1F. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER DC ACCURACY Noise-Free Resolution Integral Nonlinearity (Note 1) Range Change Ratio Rollover Error Output Noise Offset Error (Zero Input Reading) Gain Error Offset Drift (Zero Reading Drift) Gain Drift INPUT CONVERSION RATE External-Clock Frequency External-Clock Duty Cycle Conversion Rate Internal clock External clock, fCLK = 4.9152MHz 40 5 5 4.9152 60 MHz % Hz Offset VIN = 0 (Note 2) (Note 3) VIN = 0 (Note 4) -0 -0.5 0.1 1 INL MAX1499 MAX1497 2.000V range 200mV range (VAIN+ - VAIN- = 0.100V) on 200mV range (VAIN+ - VAIN- = 0.100V) on 2.0V range VAIN+ - VAIN- = full scale VAIN- - VAIN+ = full scale -19,999 -1999 1 1 10:1 1 10 0 +0.5 +19,999 +1999 Count Count Ratio Count VP-P Reading %FSR V/C ppm/C SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference) CREF+ = CREF- = 0.1F, CVNEG = 0.1F. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER SYMBOL RANGE bit = 0 RANGE bit = 1 CONDITIONS MIN -2.0 -0.2 -2.2 Internal clock mode, 50Hz and 60Hz 2% Normal-Mode 50Hz and 60Hz Rejection (Simultaneously) Common-Mode 50Hz and 60Hz Rejection (Simultaneously) Common-Mode Rejection Input Leakage Current Input Capacitance Average Dynamic Input Current LOWBATT TripThreshold LOWBATT Leakage Current Hysteresis INTERNAL REFERENCE (REF- = GND, INTREF bit = 1) (bypass REF+ to GND with a 4.7F capacitor) REF Output Voltage REF Output Short-Circuit Current REF Output Temperature Coefficient Load Regulation Line Regulation Noise Voltage 0.1Hz to 10Hz 10Hz to 10kHz Differential (VREF+ - VREF-) -2.2 Internal clock mode, 50Hz and 60Hz 2% Normal-Mode 50Hz and 60Hz Rejection (Simultaneously) Common-Mode 50Hz and 60Hz Rejection (Simultaneously) Common-Mode Rejection Input Leakage Current CMR CMR External clock mode, 50Hz and 60Hz 2%, fCLK = 4.9152MHz For 50Hz and 60Hz 2%, RSOURCE < 10k At DC 100 120 150 100 10 dB TCVREF AVDD = VDD = 5V ISOURCE = 0 to 300A, ISINK = 0 to 30A VREF AVDD = VDD = 5V 2.007 2.048 1 40 6 50 25 400 2.048 +2.2 V 2.089 V mA ppm/C mV/A V/V VP-P (Note 6) -20 2.048 10 20 LOW-BATTERY VOLTAGE MONITOR (LOWBATT) (MAX1499 only) V pA mV CMR CMR External clock mode, 50Hz and 60Hz 2%, fCLK = 4.9152MHz For 50Hz and 60Hz 2%, RSOURCE < 10k At DC 100 120 150 100 10 10 +20 dB TYP MAX +2.0 +0.2 +2.2 V UNITS ANALOG INPUTS (AIN+, AIN-) (bypass to GND with 0.1F or greater capacitors) AIN Input Voltage Range (Note 5) AIN Absolute Input Voltage Range to GND
MAX1497/MAX1499
dB dB nA pF nA
EXTERNAL REFERENCE (INTREF bit = 0) (bypass REF+ and REF- to GND with 0.1F or greater capacitors) REF Input Voltage Absolute REF+, REF- Input Voltage to GND
dB dB nA
_______________________________________________________________________________________
3
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference) CREF+ = CREF- = 0.1F, CVNEG = 0.1F. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER Input Capacitance Average Dynamic Input Current CHARGE PUMP Output Voltage Input Current VNEG IIN CVNEG = 0.1F VIN = 0 or DVDD = VDD MAX1499 Input Low Voltage VINL MAX1497 MAX1499 Input High Voltage VINH MAX1497 Input Hysteresis DIGITAL OUTPUTS (DOUT, EOC) Output Low Voltage VOL ISINK = 1mA ISOURCE = 200A, MAX1499 Output High Voltage VOH ISOURCE = 200A, MAX1497 Tri-State Leakage Current Tri-State Output Capacitance POWER SUPPLY (Note 10) VDD Voltage AVDD Voltage DVDD Voltage Power-Supply Rejection VDD Power-Supply Rejection AVDD Power-Supply Rejection DVDD VDD Current (Notes 8, 9) VDD AVDD DVDD PSRR PSRRA PSRRD IVDD MAX1497 MAX1499 MAX1499 (Note 7) (Note 7) (Note 7) VDD = 5.25V VDD = 3.3V Standby mode AVDD = 5.25V AVDD Current (Notes 8, 9) IAVDD AVDD = 3.3V Standby mode 2.70 2.70 2.70 80 80 100 664 618 268 744 663 325 640 600 305 A A 5.25 5.25 5.25 V V V dB dB dB IL COUT DOUT only DOUT only 0.8 x DVDD 0.8 x VDD -1 15 +1 A pF 0.4 V VHYS DVDD = VDD = 3.0V 0.7 x DVDD 0.7 x VDD 200 mV -2.60 -10 -2.42 -2.30 +10 0.3 x DVDD 0.3 x VDD V A DIGITAL INPUTS (SCLK, DIN, CS, CLK) (Note 6) -20 SYMBOL CONDITIONS MIN TYP 10 +20 MAX UNITS pF nA
V
V
V
4
_______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference) CREF+ = CREF- = 0.1F, CVNEG = 0.1F. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER DVDD Current (Notes 8, 9) LED Drivers Bias Current LED DRIVERS (Table 6) LED Supply Voltage LED Shutdown Supply Current LED Supply Current Display Scan Rate Segment Current Slew Rate DIG_ Voltage Low Segment Drive Source Current Matching Segment Drive Source Current Interdigit Blanking Time VLED ISHDN ILED fOSC ISEG/t VDIG ISEG ISEG VLED - VSEG = 0.6V, RISET = 25k 16 IDIG_ = 176mA LED driver shutdown mode Seven segments and decimal point on, RISET = 25k MAX1499 MAX1497 176 512 640 25 0.178 3 20 4 0.300 10 25.5 2.70 5.25 10 V A mA Hz mA/s V % mA s SYMBOL DVDD = 5V IDVDD DVDD = 3.3V Standby mode From AVDD or VDD 120 CONDITIONS MIN TYP MAX 320 180 20 A A UNITS
MAX1497/MAX1499
_______________________________________________________________________________________
5
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
TIMING CHARACTERISTICS (Notes 11, 12, Figure 8)
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference) CREF+ = CREF- = 0.1F, CVNEG = 0.1F. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER SCLK Operating Frequency SCLK Pulse-Width High SCLK Pulse-Width Low DIN to SCLK Setup DIN to SCLK Hold CS Fall to SCLK Rise Setup SCLK Rise to CS Rise Hold SCLK Fall to DOUT Valid CS Rise to DOUT Disable CS Fall to DOUT Enable SYMBOL fSCLK tCH tCL tDS tDH tCSS tCSH tDO tTR tDV CLOAD = 50pF, Figures 13, 14 CLOAD = 50pF, Figures 13, 14 CLOAD = 50pF, Figures 13, 14 CONDITIONS MIN 0 100 100 50 0 50 0 120 120 120 TYP MAX 4.2 UNITS MHz ns ns ns ns ns ns ns ns ns
Note 1: Integral nonlinearity is the deviation of the analog value at any code from its theoretical value after nulling the gain error and offset error. Note 2: Offset calibrated. See OFFSET_CAL1 and OFFSET_CAL2 (MAX1499 only) in the On-Chip Registers section. Note 3: Offset nulled. Note 4: Offset drift error is eliminated by recalibration at the new temperature. Note 5: The input voltage range for the analog inputs is given with respect to the voltage on the negative input of the differential pair. Note 6: VAIN+ or VAIN- = -2.2V to +2.2V. VREF+ or VREF- = -2.2V to +2.2V. All input structures are identical. Production tested on AIN+ and REF+ only. Note 7: Measured at DC by changing the power-supply voltage from 2.7V to 5.25V and measuring the effect on the conversion error with external reference. PSRR at 50Hz and 60Hz exceeds 120dB with filter notches at 50Hz and 60Hz (Figure 2). Note 8: CLK and SCLK are disabled. Note 9: LED drivers are disabled. Note 10: Power-supply currents are measured with all digital inputs at either GND, DVDD, or VDD and with the device in internal-clock mode. Note 11: All input signals are specified with tRISE = tFALL = 5ns (10% to 90% of DVDD) and are timed from a voltage level of 50% of DVDD, unless otherwise noted. Note 12: See the serial-interface timing diagrams.
6
_______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Typical Operating Characteristics
(AVDD = DVDD = VDD = +2.7V to +5.25V, VLED = +2.7V to +5.25V, GND = 0, GLED = 0, external reference mode, REF+ = 2.048V, REF- = GND, CREF+ = CREF- = 0.1F, RANGE bit = 1, internal clock mode, CVNEG = 0.1F. TA = +25C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE (MAX1499)
MAX1497/99 toc01
SUPPLY CURRENT vs. SUPPLY VOLTAGE (MAX1497)
MAX1497/99 toc02
SUPPLY CURRENT vs. TEMPERATURE (MAX1499)
MAX1497/99 toc03
700 600 SUPPLY CURRENT (A) 500 400 300 200 100 0 2.75 3.25 3.75 4.25 4.75 DIGITAL SUPPLY ANALOG SUPPLY
700 650 SUPPLY CURRENT (A) 600 550 500 450 400
700 600 SUPPLY CURRENT (A) ANALOG SUPPLY 500 400 300 200 100 0 DIGITAL SUPPLY
5.25
2.70
3.21
3.72
4.23
4.74
5.25
0
10
20
30
40
50
60
70
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
SUPPLY CURRENT vs. TEMPERATURE (MAX1497)
MAX1497/99 toc04
SHUTDOWN CURRENT vs. TEMPERATURE (MAX1499)
MAX1497/99 toc05
SHUTDOWN CURRENT vs. TEMPERATURE (MAX1497)
MAX1497/99 toc06
700 690 680 SUPPLY CURRENT (A) 670 660 650 640 630 620 610 600 -40 -15 10 35 60
300 250 SHUTDOWN CURRENT (A) 200 150 100 50 DIGITAL SUPPLY 0 ANALOG SUPPLY
350 300 SHUTDOWN CURRENT (A) 250 200 150 100 50 0
85
0
10
20
30
40
50
60
70
-40
-15
10
35
60
85
TEMPERATURE (C)
TEMPERATURE (C)
TEMPERATURE (C)
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE (MAX1499)
MAX1497/99 toc07
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE (MAX1497)
MAX1497/99 toc08
MAX1499 OFFSET ERROR vs. SUPPLY VOLTAGE
MAX1497/99 toc09
300 250 SHUTDOWN CURRENT (A) 200 150 100 50 DIGITAL SUPPLY 0 2.75 3.25 3.75 4.25 4.75 ANALOG SUPPLY
350 300 SHUTDOWN CURRENT (A) 250 200 150 100 50 0
0.19 0.14 OFFSET ERROR (LSB) 0.09 0.04 -0.01 -0.06 -0.11 -0.16
5.25
2.70
3.21
3.72
4.23
4.74
5.25
2.75
3.25
3.75
4.25
4.75
5.25
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
_______________________________________________________________________________________
7
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Typical Operating Characteristics (continued)
(AVDD = DVDD = VDD = +2.7V to +5.25V, VLED = +2.7V to +5.25V, GND = 0, GLED = 0, external reference mode, REF+ = 2.048V, REF- = GND, CREF+ = CREF- = 0.1F, RANGE bit = 1, internal clock mode, CVNEG = 0.1F. TA = +25C, unless otherwise noted.)
MAX1499 OFFSET ERROR vs. TEMPERATURE
MAX1497/99 toc10
MAX1499 GAIN ERROR vs. SUPPLY VOLTAGE
MAX1497/99 toc11
MAX1499 GAIN ERROR vs. TEMPERATURE
-0.01 GAIN ERROR (% FULL SCALE) -0.02 -0.03 -0.04 -0.05 -0.06 -0.07 -0.08 -0.09 -0.10
MAX1497/99 toc12
0.6 0.5 OFFSET ERROR (LSB) 0.4 0.3 0.2 0.1 0 -0.1 -0.2 0 10 20 30 40 50 60
0.08 0.06 GAIN ERROR (% FULL SCALE) 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10
0
70
2.75
3.25
3.75
4.25
4.75
5.25
0
10
20
30
40
50
60
70
TEMPERATURE (C)
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
MAX1499 (200mV INPUT RANGE) INL vs. OUTPUT CODE
MAX1497/99 toc13
MAX1499 (2V INPUT RANGE) INL vs. OUTPUT CODE
MAX1497/99 toc14
NOISE DISTRIBUTION
MAX1497/99 toc15
1.0
1.0
25
0.5 INL (COUNTS)
0.5 INL (COUNTS)
PERCENTAGE OF UNITS (%)
20
15
0
0
10
-0.5
-0.5
5
-1.0 -20,000
-10,000
0 OUTPUT CODE
10,000
20,000
-1.0 -20,000
0 -10,000 0 OUTPUT CODE 10,000 20,000 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 NOISE (LSB)
INTERNAL REFERENCE VOLTAGE vs. TEMPERATURE
MAX1497/99 toc16
INTERNAL REFERENCE VOLTAGE vs. ANALOG SUPPLY VOLTAGE
MAX1497/99 toc17
DATA OUTPUT RATE vs. TEMPERATURE
5.08 DATA OUTPUT RATE (Hz) 5.06 5.04 5.02 5.00 4.98 4.96 4.94 4.92
MAX1497/99 toc18
2.054 2.053 REFERENCE VOLTAGE (V) 2.052 2.051 2.050 2.049 2.048 2.047 2.046 2.045 2.044 0 10 20 30 40 50 60
2.050 2.049 REFERENCE VOLTAGE (V) 2.048 2.047 2.046 2.045 2.044
5.10
4.90 2.75 3.25 3.75 4.25 4.75 5.25 -40 -15 10 35 60 85 SUPPLY VOLTAGE (V) TEMPERATURE (C)
70
TEMPERATURE (C)
8
_______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Typical Operating Characteristics (continued)
(AVDD = DVDD = VDD = +2.7V to +5.25V, VLED = +2.7V to +5.25V, GND = 0, GLED = 0, external reference mode, REF+ = 2.048V, REF- = GND, CREF+ = CREF- = 0.1F, RANGE bit = 1, internal clock mode, CVNEG = 0.1F. TA = +25C, unless otherwise noted.)
DATA OUTPUT RATE vs. SUPPLY VOLTAGE
MAX1497/99 toc19
OFFSET ERROR vs. COMMON-MODE VOLTAGE
MAX1497/99 toc20
VNEG STARTUP SCOPE SHOT
MAX1497/99 toc21
5.020 5.015 DATA OUTPUT RATE (Hz) 5.010 5.005 5.000 4.995 4.990 4.985 4.980 2.70 3.21 3.72 4.23 4.74
0.20 0.15 OFFSET ERROR (LSB) 0.10 0.05 0 -0.05 -0.10 -0.15 -0.20
VDD 2V/div
1V/div VNEG
5.25
-2.0 -1.5 -1.0 -0.5
0
0.5
1.0
1.5
2.0
20ms/div
SUPPLY VOLTAGE (V)
COMMON-MODE VOLTAGE (V)
CHARGE-PUMP OUTPUT VOLTAGE vs. ANALOG SUPPLY VOLTAGE
MAX1497/99 toc22
SEGMENT CURRENT vs. SUPPLY VOLTAGE
RISET = 25k
MAX1497/99 toc23
-2.40
30 25 SEGMENT CURRENT (A) 20 15 10 5 0
-2.42 VNEG VOLTAGE (V)
-2.44
-2.46
-2.48
-2.50 2.75 3.25 3.75 4.25 4.75 5.25 SUPPLY VOLTAGE (V)
2.70
3.21
3.72
4.23
4.74
5.25
SUPPLY VOLTAGE (V)
_______________________________________________________________________________________
9
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Pin Description
PIN MAX1497 1 2 MAX1499 31 32 NAME VNEG REFFUNCTION -2.5V Charge-Pump Voltage-Output. Connect a 0.1F capacitor to GND. Negative Reference Voltage Input. For internal reference operation, connect REF- to GND. For external reference operation, bypass REF- to GND with a 0.1F capacitor and set VREF- from -2.2V to +2.2V, provided VREF+ > VREF-. Positive Reference Voltage Input. For internal reference operation, connect a 4.7F capacitor from REF+ to GND. For external reference operation, bypass REF+ to GND with a 0.1F capacitor and set VREF+ from -2.2V to +2.2V, provided VREF+ > VREF-. Positive Analog Input. Positive side of fully differential analog input. Bypass AIN+ to GND with a 0.1F or greater capacitor. Negative Analog Input. Negative side of fully differential analog input. Bypass AIN- to GND with a 0.1F or greater capacitor. Segment Current Controller. Connect to ground through a resistor to set the segment current. See Table 6 for segment current selection. Ground Analog and Digital Circuit Supply Voltage. Connect VDD to a +2.7V to +5.25V power supply. Bypass VDD to GND with a 0.1F and a 4.7F capacitor. External Clock Input. When the EXTCLK register bit is set to one, CLK is the master clock input (frequency = 4.9152MHz) for the modulator and the filter. When the EXTCLK register bit is reset to zero, the internal clock is used. Connect CLK to GND or DVDD (MAX1499) or VDD (MAX1497) when the internal oscillator is used. Active-Low End-of-Conversion Logic Output. A logic low at EOC indicates that a new ADC result is available in the ADC result register. Active-Low Chip Select Input. Forcing CS low activates the serial interface. Serial Data Input. Data present at DIN is shifted into the internal registers in response to a rising edge at SCLK when CS is low. Serial Clock Input. Apply an external clock to SCLK to facilitate communication through the serial bus. SCLK may idle high or low. Serial Data Output. DOUT presets serial data in response to register queries. Data shifts out on the falling edge of SCLK. DOUT goes high impedance when CS is high. Digit 0 Driver Digit 1 Driver Ground for LED-Display Segment Driver Digit 2 Driver Digit 3 Driver Segment A Driver Segment B Driver Segment C Driver Segment D Driver Segment E Driver
3
1
REF+
4 5 6 7 8
2 3 4 5 --
AIN+ AINISET GND VDD
9
8
CLK
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
9 10 11 12 13 14 15 16 17 18 20 21 22 23 24
EOC CS DIN SCLK DOUT DIG0 DIG1 GLED DIG2 DIG3 SEGA SEGB SEGC SEGD SEGE
10
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
Pin Description (continued)
PIN MAX1497 25 26 27 28 -- -- -- -- MAX1499 25 26 27 28 6 7 19 29 NAME VLED SEGF SEGG SEGDP AVDD DVDD DIG4 LED_EN FUNCTION LED-Display Segment-Driver Supply. Connect to a +2.7V to +5.25V supply. Bypass with a 0.1F capacitor to GLED. Segment F Driver Segment G Driver Segment DP Driver Analog Positive Supply Voltage. Connect AVDD to a +2.7V to +5.25V power supply. Bypass AVDD to GND with a 0.1F capacitor. Digital Positive Supply Voltage. Connect DVDD to a +2.7V to +5.25V power supply. Bypass DVDD to GND with a 0.1F capacitor. Digit 4 Driver Active-High LED Enable. The MAX1499 LED display driver turns off when LED_EN is driven to logic low. The MAX1499 LED display driver turns on when LED_EN is driven to logic high. Low-Battery Voltage Monitor. When the LOWBATT input voltage is lower than 2.048V, the LOWBATT bit in the status register is set to one.
MAX1497/MAX1499
--
30
LOWBATT
Detailed Description
The MAX1497/MAX1499 low-power, highly integrated ADCs with LED drivers convert a 2V differential input voltage (one count is equal to 100V for the MAX1499 and 1mV for the MAX1497) with a sigma-delta ADC and output the result to an LED or C. An additional 200mV input range (one count is equal to 10V for the MAX1499 and 100V for the MAX1497) is available to measure small signals with increased resolution. The devices operate from a single 2.7V to 5.25V power supply and offer 3.5-digit (MAX1497) or 4.5-digit (MAX1499) conversion results. An internal 2.048V reference, internal charge pump, and a high-accuracy onchip oscillator eliminate external components. The MAX1497/MAX1499 interface with a C using an SPI-/QSPI-/MICROWIRE-compatible serial interface. Data can either be sent directly to the display or to the C first for processing before being displayed. The devices also feature on-chip buffers for the differential input signal and external reference inputs, allowing direct interface with high-impedance signal sources. In addition, they use continuous internal offsetcalibration and offer >100dB of 50Hz and 60Hz line noise rejection. Other features include data hold and peak detection, overrange and underrange detection. The MAX1499 also provides a low-battery monitor.
Analog Input Protection
Internal protection diodes limit the analog input range from VNEG to (AVDD + 0.3V) for the MAX1499, and from VNEG to (VDD to 0.3V) for the MAX1497. If the analog input exceeds this range, limit the input current to 10mA.
Internal Analog Input/Reference Buffers
The MAX1497/MAX1499 analog input/reference buffers allow the use of high-impedance signal sources. The input buffers' common-mode input range allows the analog inputs and the reference to range from -2.2V to +2.2V.
Modulator
The MAX1497/MAX1499 perform analog-to-digital conversions using a single-bit, 3rd-order, sigma-delta modulator. The sigma-delta modulator converts the input signal into a digital pulse train whose average duty cycle represents the digitized signal information. The modulator quantizes the input signal at a much higher sample rate than the bandwidth of the input. The MAX1497/MAX1499 modulator provides 3rd-order frequency shaping of the quantization noise resulting from the single-bit quantizer. The modulator is fully differential for maximum signal-to-noise ratio and minimum susceptibility to power-supply noise. A single-bit data stream is then presented to the digital filter to remove the frequency-shaped quantization noise.
______________________________________________________________________________________
11
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
AVDD DVDD SCLK DIN DOUT CS ISET VLED
MAX1499 +2.5V
SERIAL I/O AND CONTROL
EOC SEG1
AIN+ ADC AININPUT BUFFERS REF+
BINARY-TOBCD CONVERTERS
LED DRIVER
SEGF SEGDP DIG0 DIG4 LED_EN GLED
REF-
OSCILLATOR CLOCK -2.5V 2.048V BANDGAP REFERENCE +2.5V CHARGE PUMP 2.048V -2.5V
CLK TO CONTROL
A = 1.22
GND
VNEG
LOWBATT
Figure 1. MAX1499 Functional Diagram
Digital Filtering
The MAX1497/MAX1499 contain an on-chip digital lowpass filter that processes the data stream from the modulator using a SINC4 response: sin(x) 4 x The SINC4 filter has a settling time of four output data periods (4 x 200ms). The MAX1497/MAX1499 have 25% overrange capability built into the modulator and digital filter. The digital filter is optimized for the fCLK equal to 4.9152MHz. Other clock frequencies can be used; however, 50Hz/60Hz noise rejection decreases. The frequency response of the SINC4 filter is calculated as follows: 1 (1 - Z -N ) 4 H(z) = N (1 - Z -1)
4 f sin N fm 1 H(f) = N sin f fm 12
where N is the oversampling ratio, and fm = N x output data rate = 5Hz. Filter Characteristics Figure 2 shows the filter frequency response. The SINC4 characteristic -3dB cutoff frequency is 0.228 times the first notch frequency (5Hz). The oversampling ratio (OSR) for the MAX1497 is 128 and the OSR for the MAX1499 is 1024. The output data rate for the digital filter corresponds to the positioning of the first notch of the filter's frequency response. The notches of the SINC4 filter are repeated at multiples of the first notch frequency. The SINC4 filter provides an attenuation of better than 100dB at these notches. For example, 50Hz is equal to 10 times the first notch frequency and 60Hz is equal to 12 times the first notch frequency. For large step changes at the input, allow a settling time of 800ms before valid data is read.
Clock Modes
Configure the MAX1497/MAX1499 to use either the internal oscillator or an externally applied clock to drive the modulator and filter. Set the EXTCLK bit in the control register to zero to put the device in internal-clock mode. Set the EXTCLK bit to one to put the device in
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
0
A A B F D C E DP D DIGIT 3 F G B C F E DP D DIGIT 2 A G B C F E DP D DIGIT 1 A G B C F E DP D DIGIT 0 A G B C DP
-40
GAIN (dB)
-80
G DIGIT 4
-120
Figure 3. Segment Connection for the MAX1499 (4.5 Digits)
-160
-200 0 10 20 30 40 50 60
F A B D G DIGIT 3 C F E DP D DIGIT 2 A G B C F E DP D DIGIT 1 A G B C F E DP D DIGIT 0 A G B C DP
FREQUENCY (Hz)
Figure 2. Frequency Response of the SINC4 Filter (Notch at 60Hz)
external-clock mode. When using the internal oscillator, connect CLK to GND or DVDD for the MAX1499, or connect CLK to V DD for the MAX1497. The MAX1497/ MAX1499 ideally operate with a 4.9152MHz clock to achieve maximum rejection of 50Hz/60Hz commonmode, power-supply, and normal-mode noise. Internal-Clock Mode The MAX1497/MAX1499 contain an internal oscillator. The power-up condition for the MAX1497/MAX1499 is internal clock operation with the EXTCLK bit in the control register equal to zero. Using the internal oscillator saves board space by removing the need for an external clock source. External-Clock Mode For external clock operation, set the EXTCLK bit in the control register to one and drive CLK with a 4.9152MHz clock source for best 50Hz/60Hz rejection ratio. Other external clock frequencies allow for custom conversion rates. A 2.4576MHz clock signal reduces the conversion rate and the LED update rate by a factor of two while keeping good 50Hz/60Hz noise rejection. The MAX1497/MAX1499 operate with an external clock source of up to 5.05MHz.
Figure 4. Segment Connection for the MAX1497 (3.5 Digits)
Table 1. LED Priority Table
SEG_SEL SPI/ADC HOLD 1 0 0 0 0 X 1 0 0 0 X X 1 0 0 PEAK X X X 1 0 DISPLAY VALUES FORM LED segment registers LED display register (user written) LED display register Peak register ADC result register
X = Don't care.
LED Driver
The MAX1499 has a 4.5-digit common-cathode display driver and the MAX1497 has a 3.5-digit common-cathode display driver. Figures 3 and 4 show the connection schemes for a standard seven-segment LED display. The LED update rate is 2.5Hz. The MAX1497/ MAX1499 automatically display the results of the ADC, if desired (Table 1). The MAX1497/MAX1499 also allow independent control of the LED driver through the serial interface, allowing for data processing of the ADC result before showing the result on the LED. Additionally, each LED segment can be individually controlled (see the LED segment-display register sections).
Charge Pump
The MAX1497/MAX1499 contain an internal charge pump to provide the negative supply voltage for the internal analog input/reference buffers. The bipolar input range of the analog input/reference buffers allows this device to accept negative inputs with high source impedances. Connect a 0.1F capacitor from VNEG to GND.
______________________________________________________________________________________
13
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Table 2. Decimal-Point Control Table--MAX1499
DPON 0 0 0 0 1 1 1 1 DPSET1 0 0 1 1 0 0 1 1 DPSET2 0 1 0 1 0 1 0 1 DISPLAY OUTPUT 18888 18888 18888 18888 1888.8 188.88 18.888 1.8888 ZERO INPUT READING 0 0 0 0 0.0 0.00 0.000 0.0000
Table 3. Decimal-Point Control Table--MAX1497
DPON X X X X DPSET1 0 0 1 1 DPSET2 0 1 0 1 DISPLAY OUTPUT 188.8 18.88 1888 1.888 ZERO INPUT READING 0.0 0.00 0 0.000
X = Don't care.
Table 4. LED During Overrange and Underrange Conditions
CONDITION Overrange Underrange MAX1497 1--MAX1499 1----
-1---
-1----
SEGDP SEGG SEGF SEGE SEGD SEGC SEGB SEGA A B C D E F G DP A B C D E F G DP
Figure 5 shows a typical common-cathode configuration for two digits. In common-cathode configuration, the cathodes of all LEDs in a digit are connected together. Each segment driver of the MAX1497/ MAX1499 connects to its corresponding LEDs anodes. For example, segment driver SEGA connects to all LED segments designated as A. Similar configurations are followed for other segment drivers. The MAX1497/MAX1499 use a multiplexing scheme to drive one digit at a time. The scan rate is fast enough to make the digits appear to be lit. Figures 6 and 7 show data timing diagrams for the MAX1497/MAX1499 where T is the display scan period typically around 1/512Hz or 1.9531ms for the MAX1499 and 1/640Hz or 1.5625ms for the MAX1497. TON in Figures 6 and 7 denotes the amount of time each digit is on and is calculated as follows: T 1.95312ms = = 390.60s (MAX1499) 5 5 T 1.5625ms = = 390.60s (MAX1497) 4 4
TON =
DIGIT 1 A F E D G B C DP F E
DIGIT 2 A G B C DP D
TON =
Figure 5. Two-Digit Common-Cathode Configuration 14
The MAX1497/MAX1499 allow for full decimal-point control and feature leading-zero suppression. Use the DPON, DPSET1, and DPSET2 bits in the control register to set the value of the decimal point (Tables 2 and 3). The MAX1497/MAX1499 overrange and underrange display is shown in Table 4.
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
TON DIGIT 4 (MSD) DIGIT 3 DIGIT 2 DIGIT 1 DIGIT 0 (LSD) T DATA 4 MSD 3 2 1 0 LSD 4 3 2 1 0 4
Figure 6. LED Voltage Waveform--MAX1499
TON DIGIT 3 (MSD) DIGIT 2 DIGIT 1 DIGIT 0 (LSD) T DATA 3 MSD 2 1 0 LSD 3 2 1 0 3 2 1
Figure 7. LED Voltage Waveform--MAX1497
Leading-Zero Suppression
The MAX1497/MAX1499 include a leading-zero suppression circuitry to turn off unnecessary zeros. For example, when DPSET1 and DPSET2 = [0,0], 0.0 is displayed instead of 000.0. This feature saves a substantial amount of power from being wasted.
The MAX1497/MAX1499 accept either an external reference or an internal reference. The INTREF bit selects the reference mode (see the Control Register (Read/Write) section). For internal reference operation, set the INTREF bit to one, connect REF- to GND, and bypass REF+ to GND with a 4.7F capacitor. The internal reference provides a nominal 2.048V source between REF+ and GND. The internal reference temperature coefficient is typically 40ppm/C. The default power-on state sets the MAX1497/ MAX1499 to use the external reference with the INTREF bit cleared to zero. The external reference inputs, REF+ and REF-, are fully differential. For a valid external reference input, VREF+ must be greater than VREF-. Bypass REF+ and REF- with a 0.1F or greater capacitor to GND in external reference mode. Figure 16 shows the MAX1497/MAX1499 operating with an external single-ended reference. In this mode, REFis connected to GND and REF+ is driven with an external 2.048V reference. Bypass REF+ to GND with a 0.47F capacitor.
Interdigit Blanking
The MAX1497/MAX1499 also include an interdigit blanking circuitry. Without this feature, it is possible to see a faint digit next to a digit that is completely on. The interdigit blanking circuitry prevents bleeding over into the next digit for a short period of time. The typical interdigit blanking time is 4s.
Reference
The MAX1497/MAX1499 reference sets the full-scale range of the ADC transfer function. With a nominal 2.048V reference, the ADC full-scale range is 2V with the RANGE bit equal to zero. With the RANGE bit set to one, the full-scale range is 200mV. A decreased reference voltage decreases full-scale range (see the Transfer Functions section).
______________________________________________________________________________________
15
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Figure 15 shows the MAX1497/MAX1499 operating with an external differential reference. In this mode, REF- is connected to the top of the strain gauge and REF+ is connected to the midpoint of the resistor-divider of the supply. A logic high on CS tri-states DOUT and causes the MAX1497/MAX1499 to ignore any signals on SCLK and DIN. To clock data in or out of the internal shift register, drive CS low. SCLK synchronizes the data transfer. The rising edge of SCLK clocks DIN into the shift register, and the falling edge of SCLK clocks DOUT out of the shift register. DIN and DOUT are transferred MSB first (data is left justified). Figures 8-12 show the detailed serial interface timing diagrams for the 8- and 16-bit read/write operations. All communication with the MAX1497/MAX1499 begins with a command byte on DIN, where the first logic one on DIN is recognized as the START bit (MSB) for the command byte. The following seven clock cycles load the command into a shift register. These 7 bits specify which of the registers are accessed next, and whether a read or write operation takes place. Transitions on the serial clock after the command byte transfer, cause a write or read from the device until the correct number of
Applications Information
Serial Interface
The SPI/QSPI/MICROWIRE serial interface consists of a chip select (CS), a serial clock (SCLK), a data in (DIN), a data out (DOUT), and an asynchronous EOC output. EOC provides an asynchronous end-of-conversion signal with a period of 200ms (fCLK = 4.9152MHz). The MAX1497 updates the data register when EOC goes high. Data is valid in the ADC result registers when EOC returns low. The serial interface provides access to 12 on-chip registers, allowing control to all the power modes and functional blocks. Table 5 lists the address and read/write accessibility of all the registers.
CS tCSS
tCL
tCSH SCLK
tCSH tCH
tDS tDH DIN tDV DOUT tDO tTR
Figure 8. Detailed Timing Diagram
CS
SCLK
DIN
1
0
RS4 RS3 RS2 RS1 RS0 CONTROL BYTE
x
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DATA BYTE
DOUT
Figure 9. Serial-Interface, 16-Bit, Write Timing Diagram 16 ______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
CS
SCLK
DIN
1
0
RS4 RS3 RS2 RS1 RS0 CONTROL BYTE
x
D7
D6
D5
D4
D3
D2
D1
D0
DATA BYTE
DOUT
Figure 10. Serial-Interface, 8-Bit, Write Timing Diagram
CS
SCLK
DIN
1
1
RS4 RS3 RS2 RS1 RS0 CONTROL BYTE
x DATA BYTE D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
DOUT
Figure 11. Serial-Interface, 16-Bit, Read Timing Diagram
CS
SCLK
DIN
1
1
RS4 RS3 RS2 RS1 RS0 CONTROL BYTE
x DATA BYTE D7 D6 D5 D4 D3 D2 D1 D0
DOUT
Figure 12. Serial-Interface, 8-Bit, Read Timing Diagram
______________________________________________________________________________________
17
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Table 5. Register Address Table
REGISTER N0. 1 2 3 4 5 6 7 8 9 10 11 12 -- ADDRESS RS [4:0] 00000 00001 00010 00011 00100 00101 00110 00111 01000 01001 01010 10100 All other addresses Status register Control register Overrange register Underrange register LED segment-display register 1 LED segment-display register 2 LED segment-display register 3 ADC custom offset register ADC result register 1 (16 MSBs) LED data register Peak register ADC result register 2 (4 LSBs) Reserved NAME WIDTH 8 16 16 16 16 16 8 16 16 16 16 8 -- ACCESS Read only R/W R/W R/W R/W R/W R/W R/W Read only R/W Read only Read only --
DVDD 6k DOUT 6k GND A) VOH TO HIGH-Z CLOAD 50pF DOUT
DOUT
DVDD 6k CLOAD 50pF DOUT CLOAD 50pF GND B) HIGH-Z TO VOL AND VOH TO VOL
CLOAD 50pF GND B) VOL TO HIGH-Z
6k GND
B) HIGH-Z TO VOH AND VOL TO VOH
Figure 13. Load Circuits for Disable Time
Figure 14. Load Circuits for Enable Time
bits have been transferred (8 or 16). Once this has occurred, the MAX1497/MAX1499 wait for the next command byte. CS must not go high between data transfers. If CS is toggled before the end of a write or read operation, the device mode may be unknown. Clock in 32 zeros to clear the device state and reset the interface so it is ready to receive a new command byte.
On-Chip Registers
The MAX1497/MAX1499 contain 12 on-chip registers. These registers configure the various functions of the device and allow independent reading of the ADC results and writing to the LED display. Table 5 lists the address and size of each register. The first of these registers is the status register. The 8bit status register contains the status flags for the ADC.
The second register is the 16-bit control register. This register sets the LED display controls, range modes, power-down modes, offset calibration, and the reset register function (CLR). The third register is the 16-bit overrange register, which sets the overrange limit of the analog input. The fourth register is the 16-bit underrange register, which sets the underrange limit of the analog input. Registers 5 through 7 contain the display data for the individual segments of the LED. The eighth register contains the custom offset value. The ninth register contains the 16 MSBs of the ADC conversion result. The 10th register contains the LED data. The 11th register contains the peak analog input value. The last register contains the lower four LSBs of the 20-bit ADC conversion result.
18
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Control and Status Registers
Command Byte (Write Only)
MSB Bit 7 START(1) Bit 6 R/W Bit 5 RS4 Bit 4 RS3 Bit 3 RS2 Bit 2 RS1 Bit 1 RS0 X LSB Bit 0
START: Start bit. The first 1 clocked into the MAX1497/ MAX1499 is the first bit of the command byte. (R/W): Read/Write. Set this bit to 1 to read from the specified register. Set this bit to zero to write to the selected register. Note that certain registers are read Status Register (Read Only)
MSB SIGN OVER UNDER LOW_BATT
only. Write commands to a read-only register are ignored. (RS4-RS0): Register address bits. RS4 to RS0 specify which register is accessed. X: Don't care.
LSB DRDY 0 0 0
Default values: 00h This register contains the status of the conversion results. SIGN: Latched negative-polarity indicator. Latches high when the result is negative. Clears by reading the status register, unless the condition remains true. OVER: Overrange bit. Latches high if an overrange condition occurs (the ADC result is larger than the value in the overrange register). Clears by reading the status register, unless the condition remains true. UNDER: Underrange bit. Latches high if an underrange condition occurs (the ADC result is less than the Control Register (Read/Write)
MSB Bit 15 SPI/ADC Bit 7 HOLD Bit 14 EXTCLK Bit 6 PEAK Bit 13 INTREF Bit 5 RANGE Bit 12 DPON Bit 4 CLR
value in the underrange register). Clears by reading the status register, unless the condition remains true. LOW_BATT: Low-battery bit. Latches high if the voltage at the LOWBATT is lower than 2.048V (typ). Clears by reading the status register, unless the condition remains true. For the MAX1497, LOWBATT is not used and the LOWBATT bit always returns to zero. DRDY: Data ready bit. Latches high to indicate a completed conversion result with valid data. Read the ADC result register to clear this bit.
Bit 11 DPSET2 Bit 3 SEG_SEL
Bit 10 DPSET1 Bit 2 OFFSET_CAL1
Bit 9 PD_DIG Bit 1 OFFSET_ CAL2
Bit 8 PD_ANA LSB Bit 0 ENABLE
Default values: 0001h This register is the primary control register for the MAX1497/MAX1499. It is a 16-bit read/write register. It is used to indicate the desired clock and reference source. It sets the LED display controls, range modes, power-down modes, offset calibration, and the reset register function (CLR).
ENABLE: (default = 1) LED driver enable bit. When set to 1, the MAX1497/MAX1499 enables the LED display drivers. A 0 in this location disables the LED display drivers. OFFSET_CAL2: (default = 0) Enhanced offset-calibration start bit (MAX1499, RANGE = 1). To achieve the lowest possible offset in the 200mV input range, perform an enhanced offset calibration by setting this bit to
19
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
1. The calibration takes about nine cycles (1800ms). After the calibration completes, set this bit to zero to resume ADC conversions. OFFSET_CAL1: (default = 0) Automatic offset calibration enable bit. When set to 1, the MAX1497/ MAX1499 disable automatic offset calibration. When this bit is set to zero, automatic offset calibration is enabled. SEG_SEL: (default = 0) SEG_SEL segment selection bit. When set to 1, the LED segment drivers use the LED segment registers to display individual segments that can form letters or numbers or other information on the display. The LED data register is not displayed. Send the data first to the LED segment-display registers and then set this bit high. CLR: (default = 0) Clear all registers bit. When set to 1, all registers reset to their power-on reset states after CS makes a low-to-high transition. RANGE: (default = 0) Input range select bit. When set to zero, the input voltage range is 2V. When set to 1, the input voltage range is 200mV. PEAK: (default = 0) Peak bit. When set to 1 (and the HOLD bit is set to zero), the LED shows the result stored in the peak register (see Table 6). HOLD: (default = 0) Hold bit. When set to 1, the LED register does not update from the ADC conversion results and holds the last result on the LED. The MAX1497/MAX1499 continue to perform conversions during HOLD (Table 1). PD_ANA: (default = 0) Power-down analog select bit. When set to 1, the analog circuits (analog modulator and ADC input buffers) go into the power-down mode. When set to zero, the device is in full power-up mode. Overrange Register (Read/Write)
MSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 LSB D0
PD_DIG: (default = 0) Power-down digital select bit. When set to 1, the digital circuits (digital filter and LED drivers) go into power-down mode. This also resets the values of the internal SRAM in the digital filter to zeros. When set to zero, the device returns to full power-up mode. When powering down PD_DIG, power down the LED segment drivers by clearing the ENABLE bit to zero. DPSET[2:1]: (default = 00) Decimal-point selection bits (Table 2 and 3). DPON: (default = 0) Decimal-point enable bit (Tables 2 and 3). INTREF: (default = 0) Reference select bit. For internal reference operation, set INTREF to 1. For external reference operation, set INTREF to zero. EXTCLK: (default = 0) External clock select bit. The EXTCLK bit controls selection of the internal clock or an external clock source. A 1 in this location selects the signal at the CLK input as the clock source. A zero in this location selects and powers up the internal clock oscillator. SPI/ADC: (default = 0) Display select bit. The SPI/ADC bit controls selection of the data fed into LED data register. A 1 in this location selects SPI/QSPI/ MICROWIRE data (user writes this data to the LED data register). A zero in this location selects the ADC result register data, unless hold or peak functions are active (Table 1). Note: When changing any one of the following control bits: OFFSET_CAL1, RANGE, PD_ANA, PD_DIG, INTREF, and EXTCLK, wait 800ms before reading the ADC results.
7CF0h (for 3.5-digit, +1999) 4E1Fh (for 4.5-digit, +19,999) The overrange register is a 16-bit read/write register (D15 is the MSB). When the conversion result exceeds the value in the overrange register, the OVER bit in the status register latches to 1. The LED shows a 1 followed
Default values:
by four dashes for the MAX1499 or a 1 followed by three dashes for the MAX1497 (Table 4). The data is represented in two's complement format.
20
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
Underrange Register (Read/Write)
MSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 LSB D0
MAX1497/MAX1499
Default values:
8300h (for 3.5-digit, -2000) B1E0h (for 4.5-digit, -20,000) The underrange data register is 16-bit read/write register (D15 is the MSB). When the conversion result falls below the value in the underrange register, the UNDR bit in the status register sets to 1. The LED shows a -1
followed by four dashes for the MAX1499 or a -1 followed by three dashes for the MAX1497 (Table 4). The data is represented in two's complement format. Default values: 0000h
LED Segment-Display Register 1 (Read/Write)
MSB Bit 15 A1 Bit 7 C0 Bit 14 G1 Bit 6 A0 Bit 13 D1 Bit 5 G0 Bit 1 F1 Bit 4 D0 Bit 11 E1 Bit 3 F0 Bit 10 DP2 Bit 2 E0 Bit 9 X Bit 1 DP1 Bit 8 B0 LSB Bit 0 0
LED segment-display register 1 is a 16-bit read/write register. When the LED bit (in the control register) is set to 1, the MAX1497/MAX1499 provide direct access to individual LED segments. The bits in the LED segmentdisplay register determine if a segment is on or off. Write a zero to turn on a segment and a 1 to turn off a segment. DP1: Segment DP driver bit of digit 1. The default value turns on the LED segment. E0: Segment E driver bit of digit 0. The default value turns on the LED segment. F0: Segment F driver bit of digit 0. The default value turns on the LED segment. D0: Segment D driver bit of digit 0. The default value turns on the LED segment. G0: Segment G driver bit of digit 0. The default value turns on the LED segment. A0: Segment A driver bit of digit 0. The default value turns on the LED segment.
C0: Segment C driver bit of digit 0. The default value turns on the LED segment. B0: Segment B driver bit of digit 0. The default value turns on the LED segment. X: Don't care. DP2: Segment DP driver bit of digit 2. The default value turns on the LED segment. E1: Segment E driver bit of digit 1. The default value turns on the LED segment. F1: Segment F driver bit of digit 1. The default value turns on the LED segment. D1: Segment D driver bit of digit 1. The default value turns on the LED segment. G1: Segment G driver bit of digit 1. The default value turns on the LED segment. A1: Segment A driver bit of digit 1. The default value turns on the LED segment.
______________________________________________________________________________________
21
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
LED Segment-Display Register 2 (Read/Write)
MSB Bit 15 F3 Bit 7 D2 Bit 14 E3 Bit 6 F2 Bit 13 DP4 Bit 5 E2 Bit 1 MINUS Bit 4 DP3 Bit 11 B2 Bit 3 X Bit 10 C2 Bit 2 B1 Bit 9 A2 Bit 1 C1 Bit 8 G2 LSB Bit 0 0
Default values: 0000h LED segment-display register 2 is a 16-bit read/write register. When the SEG_SEL bit (in the control register) is set to 1, the MAX1497/MAX1499 provide direct access to individual LED segments. The bits in the LED segment-display register determine if a segment is on or off. Write a zero to turn on a segment and a 1 to turn off a segment. C1: Segment C driver bit of digit 1. The default value turns on the LED segment. B1: Segment B driver bit of digit 1. The default value turns on the LED segment. MINUS: Segment minus driver bit. The default value turns on the LED minus segment. Setting this bit to 1 enables the plus sign on the LED display. DP3: Segment DP driver bit of digit 3. The default value turns on the LED segment. E2: Segment E driver bit of digit 2. The default value turns on the LED segment.
F2: Segment F driver bit of digit 2. The default value turns on the LED segment. D2: Segment D driver bit of digit 2. The default value turns on the LED segment. G2: Segment G driver bit of digit 2. The default value turns on the LED segment. A2: Segment A driver bit of digit 2. The default value turns on the LED segment. C2: Segment C driver bit of digit 2. The default value turns on the LED segment. B2: Segment B driver bit of digit 2. The default value turns on the LED segment. DP4: Segment DP driver bit of digit 4. The default value turns on the LED segment (MAX1499 only). E3: Segment E driver bit of digit 3. The default value turns on the LED segment (MAX1499 only). F3: Segment F driver bit of digit 3. The default value turns on the LED segment (MAX1499 only).
LED Segment-Display Register 3 (Read/Write)
MSB X X BC_ B3 C3 A3 G3 D3 LSB
Default values: 00h LED segment-display register 3 is an 8-bit read/write register. When the SEG_SEL bit (in the control register) is set to 1, the MAX1497/MAX1499 provide direct access to individual LED segments. The bits in the LED segment-display register determine if a segment is on or off. Write a zero to turn on a segment and a 1 to turn off a segment. D3: Segment D driver bit of digit 3. The default value turns on the LED segment (MAX1499 only). G3: Segment G driver bit of digit 3. The default value turns on the LED segment (MAX1499 only). A3: Segment A driver bit of digit 3. The default value turns on the LED segment (MAX1499 only). C3: Segment C driver bit of digit 3. The default value turns on the LED segment (MAX1499 only). B3: Segment B driver bit of digit 3. The default value turns on the LED segment (MAX1499 only). BC_: Segment B and C driver bit of digit 3 (3.5 digits) or Digit 4 (4.5 digits). The default value turns on the LED segment. X: Don't care.
22
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
ADC Custom Offset-Calibration Register (Read/Write)
MSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 LSB D0
MAX1497/MAX1499
Default values: 0000h In addition to automatic offset calibration, the MAX1497/MAX1499 offer a user-defined custom offset 16-bit read/write register. The final result of the ADC conversion is the input after autocalibration minus
the value in the custom offset. The custom offset value is stored in this register. D15 is the MSB. The data is represented in two's complement format.
ADC Result Register 1 (Read Only)
MSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 LSB (MAX1497) D4 D3 D2 LSB (MAX1499) D1 D0
Default values: 0000h ADC result register 1 is a 16-bit read-only register. This register stores the 16 MSBs of the ADC result. The data is represented in two's complement format.
For the MAX1499, the data is 16-bit and D15 is the MSB. For the MAX1497, the data is 12-bit, D15 is the MSB, and D4 is the LSB.
ADC Result Register 2 (Read Only)
MSB D3 D2 D1 LSB D0 0 0 0 0
Default values: 00h ADC result register 2 is an 8-bit read-only register. This register stores the 4 LSBs of the ADC result.
Use this result with the result in ADC result-register 1 to form a 20-bit two's complement conversion result.
LED Data Register (Read/Write)
MSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 LSB (MAX1497) D4 D3 D2 LSB (MAX1499) D1 D0
Default values: 0000h The LED data register is a 16-bit read/write register. This register updates from ADC result register 1 or from the serial interface by selecting the SPI/ADC bit in the control register. The data is represented in two's complement format. For the MAX1499, the data is 16-bit and D15 is the MSB. For the MAX1497, the data is 12-bit, D15 is the MSB, and D4 is the LSB, followed by 4 trailing sub-bits.
______________________________________________________________________________________
23
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
PEAK Register (Read Only)
MSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 LSB (MAX1497) D4 D3 D2 LSB (MAX1499) D1 D0
Default values: B1E0h The peak data register is a 16-bit read only register. Set the PEAK bit to 1 to enable the PEAK function. This register stores the peak value of the ADC conversion result. First, the current ADC result is saved to the PEAK register, then the new ADC conversion result is compared to this value. If the new value is larger than the value in the peak register, the MAX1497/MAX1499 save the new value to the peak register. If the new
value is less than the value in the peak register, the value in the peak register remains unchanged. Set the PEAK bit to zero to clear the value in the PEAK register. The data is represented in two's complement format. For the MAX1499, the data is 16-bit and D15 is the MSB. For the MAX1497, the data is 12-bit, D15 is the MSB, and D4 is the LSB followed by 4 trailing sub-bits.
24
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
ANALOG SUPPLY FERRITE BEAD 0.1F 4.7F AVDD REF+ 0.1F RREF REF0.1F ACTIVE GAUGE R AIN+ 0.1F DUMMY GAUGE R GND 0.47F 0.1F AINSCLK DIN DOUT CS EOC GND +5V 0.1F DVDD THERMOCOUPLE JUNCTION AIN+ TEMP SENSOR 0.1F 4.7F
MAX1497 MAX1499
SPI
C
MAX1497 MAX1499
AIN-
+2.048V
MAX6062
REF+ REF-
Figure 15. Strain-Gauge Application with the MAX1497/MAX1499
Figure 16. Thermocouple Application with the MAX1497/MAX1499
Power-On Reset
At power-on, the serial interface, logic LED drivers, digital filter, and modulator circuits reset. The registers return to their default values. Allow time for the reference to settle before starting calibration.
powers down the analog modulator and ADC input buffers. Writing a zero to the ENABLE bit in the control word, powers down the LED drivers.
Peak
The MAX1497/MAX1499 feature peak detection circuitry. When activated (PEAK bit = 1), the devices display only the highest voltage measured to the LED.
Offset Calibration
The MAX1497/MAX1499 offer on-chip offset calibration. The device offset calibrates during every conversion when the OFFSET_CAL1 bit is zero in the control register. Enhanced offset calibration is only needed in the MAX1499 when the RANGE bit = 1. It is performed on demand by setting the OFFSET_CAL2 bit to 1.
Hold
The MAX1497/MAX1499 feature data-hold circuitry. When activated (HOLD bit = 1), the device displays the current reading on the LED.
Enhanced Offset Calibration
Enhanced offset calibration is a more accurate calibration method that is needed in the case of the 200mV range and 4.5-digit resolution. The MAX1499 performs the enhanced calibration on demand by setting the OFFSET_CAL2 bit to 1.
Low Battery
The MAX1499 features a low-battery detection input. When the voltage at LOWBATT drops below 2.048V (typ), the LOWBATT bit of the status register goes high.
Strain-Gauge Measurement
Connect the differential inputs of the MAX1497/MAX1499 to the bridge network of the strain gauge. In Figure 15, the analog supply voltage powers the bridge network and the MAX1497/MAX1499 along with the reference voltage. The MAX1497/MAX1499 handle an analog input voltage range of 200mV and 2V full scale. The analog/reference inputs of the parts allow the analog input range to have an absolute value of anywhere between -2.2V and +2.2V.
Power-Down Modes
The MAX1497/MAX1499 feature independent powerdown control of the analog and digital LED drivers circuitry. Writing a 1 to the PD_DIG and PD_ANA bits in the control word, powers down the analog and digital circuitry, reducing the supply current to 268A (typ). PD_DIG powers down the digital filter, while PD_ANA
______________________________________________________________________________________
25
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
LED 1---19,999 ADC RESULT LED 1---19,999 ADC RESULT
>4E1Fh 4E1Fh
4E1Fh 4E1Fh
2 1 0 -0 -1 -2
0002h 0001h 0000h FFFFh FFFEh FFFDh B1E0h 2 1 0 -0 -1 -2
0002h 00001h 0000h FFFFh FFFEh FFFDh B1E0h -19,999 -1----
-19,999 -1----
Figure 17. MAX1499 Transfer Function, 2V Range
Figure 18. MAX1499 Transfer Function, 200mV Range
LED 1--1999
ADC RESULT
LED 1--1999
ADC RESULT
7CFh 7CFh
>7CFh 7CFh
2 1 0 -0 -1 -2
002h 001h 000h FFFh FFEh FFDh 830h <830h -200mV -100V 0 100V ANALOG INPUT VOLTAGE +200mV
2 1 0 -0 -1 -2
002h 001h 000h FFFh FFEh FFDh 830h <830h -2V -1mV 0 1mV ANALOG INPUT VOLTAGE +2V
-1999 -1---
-1999 -1---
Figure 19. MAX1497 Transfer Function, 200mV Range
Figure 20. MAX1497 Transfer Function, 2V Range
Thermocouple Measurement
Figure 16 shows a connection from a thermocouple to the MAX1497/MAX1499. In this application, the MAX1497/MAX1499 take advantage of the on-chip input buffers that allow large source impedances on the front end. The decoupling capacitors reduce noise pickup from the thermocouple leads. To place the differential voltage from the thermocouple at a suitable common-mode voltage, the AIN- input of the MAX1497/ MAX1499 is biased to GND. Use an external temperature sensor, such as the DS75, and a C to perform cold-junction temperature compensation.
26
Transfer Functions
Figures 17-20 show the transfer functions of the MAX1497/MAX1499. The output data is stored in the ADC data register in two's complement. The transfer function for the MAX1499 with AIN+ - AIN 0, RANGE = 0 is:
V -V COUNTS = 1.024 AIN+ AIN- x 20,000 VREF + - VREF -
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
The transfer function for the MAX1499 with AIN+ - AIN< 0, RANGE = 0 is:
V -V COUNTS = 1.024 AIN+ AIN- x 20,000 + 1 VREF + - VREF -
Supplies, Layout, and Bypassing
Power up AVDD and DVDD (MAX1499) and VDD (MAX1497) before applying an analog input and external reference voltage to the device. If this is not possible, limit the current into these inputs to 50mA. When the analog and digital supplies come from the same source, isolate the digital supply from the analog supply with a low-value resistor (10) or ferrite bead. For best performance, ground the MAX1497/MAX1499 to the analog ground plane of the circuit board. Avoid running digital lines under the device, because they may couple noise onto the die. Run the analog ground plane under the MAX1497/MAX1499 to minimize coupling of digital noise. Make the power-supply lines to the MAX1497/MAX1499 as wide as possible to provide low-impedance paths and reduce the effects of glitches on the power-supply line. Shield fast-switching signals, such as clocks, with digital ground to avoid radiating noise to other sections of the board. Avoid running clock signals near the analog inputs. Avoid crossover of digital and analog signals. Running traces that are on opposite sides of the board at right angles to each other reduces feedthrough effects. A microstrip technique is best, but is not always possible with double-sided boards. With this technique, the component side of the board is dedicated to ground planes while signals are placed on the solder side. Good decoupling is important when using high-resolution ADCs. Decouple the supplies with 0.1F ceramic capacitors to GND. Place these components as close to the device as possible to achieve the best decoupling.
MAX1497/MAX1499
The transfer function for the MAX1497 with AIN+ - AIN 0, RANGE = 0 is:
V -V COUNTS = 1.024 AIN+ AIN- x 2000 VREF+ - VREF-
The transfer function for the MAX1497 with AIN+ - AIN< 0, RANGE = 0 is:
V -V COUNTS = 1.024 AIN+ AIN- x 2000 + 1 VREF + - VREF -
The transfer function for the MAX1499 with AIN+ - AIN 0, RANGE = 1 is:
V -V COUNTS = 1.024 AIN+ AIN- x 20,000 x 10 VREF + - VREF -
The transfer function for the MAX1499 with AIN+ - AIN< 0, RANGE = 1 is:
V -V COUNTS = 1.024 AIN+ AIN- x 20,000 x 10 + 1 VREF + - VREF -
The transfer function for the MAX1497 with AIN+ - AIN 0, RANGE = 1 is:
V -V COUNTS = 1.024 AIN+ AIN- x 2000 x 10 VREF+ - VREF-
The transfer function for the MAX1497 with AIN+ - AIN< 0, RANGE = 1 is:
V -V COUNTS = 1.024 AIN+ AIN- x 2000 x 10 + 1 VREF + - VREF -
Segment-Current Selection
A resistor from ISET to ground sets the current for each LED segment. See Table 6 for more detail. Use the following formula to set the segment current: 1.25V ISEG = x 400 RISET RISET values below 25k increase the ISEG. However, the internal current-limit circuit limits the ISEG to less than 30mA. At higher ISEG values, the proper operation of the device is not guaranteed. In addition, the power dissipated may exceed the package power dissipation limit.
Table 6. Segment Current Selection
RISET (k) 25 50 100 500 >2500 ISEG (mA) 20 10 5 1 LED driver disabled
______________________________________________________________________________________
27
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Choosing Supply Voltage to Minimize Power Dissipation
The MAX1497/MAX1499 drive a peak current of 25.5mA into LEDs with a 2.2V forward-voltage drop when operated from a supply voltage of at least 3.0V. Therefore, the minimum voltage drop across the internal LED drivers is (3.0V - 2.2V) = 0.8V. The MAX1497/ MAX1499 sink (8 x 25.5mA = 204mA) when the outputs are operating and LED segment drivers are at full current. For a 3.3V supply, the MAX1497/MAX1499 dissipate (3.3V - 2.2V) x 204 = 224.4mW. If a higher supply voltage is used, the driver absorbs a higher voltage, and the driver's power dissipation increases accordingly. However, if the LEDs used have a higher forward voltage drop than 2.2V, the supply voltage must be raised accordingly to ensure that the driver always has at least 0.8V headroom. For a VLED supply voltage of 2.7V, the maximum LED forward voltage is 1.9V to ensure 0.8V driver headroom. The voltage drop across the drivers with a nominal +5V supply (5.0V - 2.2V = 2.8V) is almost three times the drop across the drivers with a nominal 3.3V supply (3.3V - 2.2V = 1.1V). Therefore, the driver's power dissipation increases three times. The power dissipation in the part causes the junction temperature to rise accordingly. In the high ambient temperature case, the total junction temperature may be very high (>+125C). At higher junction temperatures, the ADC performance degrades. To ensure the dissipation limit for the MAX1497/MAX1499 is not exceeded and the ADC performance is not degraded, a diode can be inserted between the power supply and VLED. Dissipation Example For ISEG = 25.5mA, N = 8, DUTY = 127 / 128, VDIODE = 1.5V at 25.5mA, VLED = VSUPPLY = 5.25V: PD = (5.25 x 2mA) + (5.25V - 1.5) [(127 / 128) x 25.5mA x 8)] + 5.25 x 1.080mA PD = 0.7751W 28-Pin SSOP Package Example For the 28-pin SSOP package (TJA = 1 / 0.009496 = +105.3C/W), the maximum allowed ambient temperature TA is given by: TJ (max) = TA + (PD x TJA) = +125C = TA + (0.7751W x +105.3C/W) TA = +43C Thus, the device cannot operate safely at a maximum package temperature of +85C. The power dissipates in the part need to be lowered. (PD x TJA) max = (+125C) - (+85C) = +40C PD (max) = +40C /+105.3C/W = 380mW (VLED - VDIODE) = [380mW - (5.25V x 2mA) - 5.25V x 1.080mA] / [(127 / 128) x 25.5mA x 8] VLED - VDIODE = 1.854V VLED - VDIODE should have the following condition to ensure it operates safely: 0.8V < VLED - VDIODE < 2.08V 28-Pin PDIP Package Example PD x TJA (max) = (+125C) - (+85C) = +40C PD (max) = +40C /+70C/W = 571mW VLED - VDIODE = [571mW - (5.25V x 2mA) - 5.25V x 1.080mA] / [(127 / 128) x 25.5mA x 8] VLED - VDIODE = 2.80V For a 28-pin PDIP package, VLED - V DIODE should have the following condition to ensure it operates safely: 0.8V < VLED - VDIODE < 3.18V 32-Pin TQFP Package The MAX1499 TQFP package can operate safely for all supply voltages provided VDIODE > 1.5V.
Computing Power Dissipation
The following can be used to compute power dissipation: PD = (VLED x IVLED ) + (VLED - VDIODE) (DUTY x ISEG x N) + VSUPPLY x ISUPPLY VLED = LED driver supply voltage IVLED = VLED bias current VDIODE = LED forward voltage DUTY = segment ON time during each digit ON time ISEG = segment current set by RISET N = number of segments driven (worst case is eight) VSUPPLY = supply voltage of the part ISUPPLY = supply current from VDD for the MAX1497 or AVDD + DVDD for the MAX1499
28
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
Definitions
INL
Integral nonlinearity (INL) is the deviation of the values on an actual transfer function from a straight line. This straight line is either a best-straight-line fit or a line drawn between the end points of the transfer function, once offset and gain errors have been nullified. INL for the MAX1497/ MAX1499 is measured using the endpoint method.
Gain Error
Gain error is the amount of deviation between the measured full-scale transition point and the ideal full-scale transition point.
MAX1497/MAX1499
Common-Mode Rejection
Common-mode rejection (CMR) is the ability of a device to reject a signal that is common to both input terminals. The common-mode signal can be either an AC or a DC signal or a combination of the two. CMR is often expressed in decibels.
DNL
Differential nonlinearity (DNL) is the difference between an actual step width and the ideal value of 1 LSB. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function.
Normal-Mode 50Hz and 60Hz Rejection (Simultaneously)
Normal-mode rejection is a measure of how much output changes when a 50Hz and a 60Hz signal is injected into only one of the differential inputs. The MAX1497/ MAX1499 sigma-delta converter uses its internal digital filter to provide normal-mode rejection to both 50Hz and 60Hz power-line frequencies simultaneously.
Rollover Error
Rollover error is defined as the absolute-value difference between a near positive full-scale reading and near negative full-scale reading. Rollover error is tested by applying a full-scale positive voltage, swapping AIN+ and AIN-, and adding the results.
Power-Supply Rejection Ratio
Power-supply rejection ratio (PSRR) is the ratio of the input supply change (in volts) to the change in the converter output (in volts). It is typically measured in decibels.
Zero Input Reading
Ideally, with AIN+ connected to AIN-, the MAX1497/ MAX1499 digital ADC result is 0000h. Zero input reading is the measured deviation from the ideal 0x0000 and the actual measured point.
Pin Configurations
LED_EN SEGDP
TOP VIEW
VNEG 1 REF- 2 REF+ 3 AIN+ 4 AIN- 5 ISET 6 GND 7 VDD 8 CLK 9 EOC 10 CS 11 DIN 12 SCLK 13 DOUT 14 28 SEGDP 27 SEGG
LOWBATT
TOP VIEW
VNEG REF-
SEGG
32 REF+ 1 2 3 4 5 6 7 8 9 EOC
31
30
29
28
27
26
VLED 25 24 SEGE 23 SEGD 22 SEGC 21 SEGB 20 SEGA 19 DIG4 18 DIG3 17 DIG2 16 GLED
26 SEGF
AIN+
25 VLED 24 SEGE
AINISET GND AVDD DVDD CLK
MAX1497
23 SEGD 22 SEGC 21 SEGB 20 SEGA 19 DIG3
MAX1499
CS
DIN
SCLK
DOUT
DIG0
17 GLED 16 DIG1 15 DIG0
TQFP
SSOP/PDIP
Chip Information
TRANSISTOR COUNT: 80,000 PROCESS: BiCMOS
______________________________________________________________________________________
DIG1
18 DIG2
10
11
12
13
14
15
SEGF
29
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Typical Operating Circuits
VIN
AIN+ AIN-
SEGA-SEGDP SEGMENT CONNECTIONS
DIG0-DIG3 DIGIT CONNECTIONS CLK SCLK
VDD 10F 0.1F VLED 2.7V TO 5.25V 25k ISET VNEG 0.1F
MAX1497
CS DIN DOUT EOC
C
GND
REF-
REF+ 4.7F
GLED
VIN
AIN+ AINLOWBATT VLED DVDD
SEGA-SEGDP SEGMENT CONNECTIONS
DIG0-DIG4 DIGIT CONNECTIONS CLK SCLK
MAX1499
CS DIN DOUT EOC
C
10F
0.1F AVDD 0.1F LISO 25k ISET VNEG 0.1F GND REFREF+ 4.7F GLED
2.7V TO 5.25V
10F
30
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
32L/48L,TQFP.EPS
MAX1497/MAX1499
______________________________________________________________________________________
31
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface MAX1497/MAX1499
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
SSOP.EPS
2
1
INCHES DIM A A1 B C E H D E e H L MIN 0.068 0.002 0.010 MAX 0.078 0.008 0.015
MILLIMETERS MIN 1.73 0.05 0.25 MAX 1.99 0.21 0.38 D D D D D INCHES MIN 0.239 0.239 0.278 0.317 0.397 MAX 0.249 0.249 0.289 0.328 0.407 MILLIMETERS MIN 6.07 6.07 7.07 8.07 10.07 MAX 6.33 6.33 7.33 8.33 10.33 N 14L 16L 20L 24L 28L
0.20 0.09 0.004 0.008 SEE VARIATIONS 0.205 0.301 0.025 0 0.212 0.311 0.037 8 5.20 7.65 0.63 0 5.38 7.90 0.95 8 0.0256 BSC 0.65 BSC
N
A C e D B A1 L
NOTES: 1. D&E DO NOT INCLUDE MOLD FLASH. 2. MOLD FLASH OR PROTRUSIONS NOT TO EXCEED .15 MM (.006"). 3. CONTROLLING DIMENSION: MILLIMETERS. 4. MEETS JEDEC MO150. 5. LEADS TO BE COPLANAR WITHIN 0.10 MM.
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, SSOP, 5.3 MM
APPROVAL DOCUMENT CONTROL NO. REV.
21-0056
C
1 1
32
______________________________________________________________________________________
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and C Interface
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
PDIPW.EPS
MAX1497/MAX1499
N
D1
INCHES DIM A A1 A2 A3 B B1 C D1 E E1 e eA eB L MAX MIN 0.200 0.015 0.125 0.175 0.080 0.055 0.020 0.016 0.065 0.045 0.012 0.008 0.009 0.005 0.625 0.600 0.525 0.575 0.100 BSC 0.600 BSC 0.700 0.120 0.150
MILLIMETERS MAX MIN 5.08 0.39 3.18 4.45 2.03 1.40 0.51 0.41 1.65 1.14 0.21 0.30 0.13 0.22 15.24 15.87 13.34 14.61 2.54 BSC 15.24 BSC 3.05 17.78 3.81
1
TOP VIEW
E D A
A1 A3
E1 A2 0-15
VARIATIONS: INCHES
C eA eB
L e B1 B
MILLIMETERS MIN 31.24 36.32 51.44 MAX 32.26 37.34 52.71 N MS011 24 AA 28 40 AB AC
DIM D D D
MIN 1.230 1.430 2.025
MAX 1.270 1.470 2.075
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, .600" PDIP
APPROVAL DOCUMENT CONTROL NO. REV.
21-0044
B
1 1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 33 (c) 2004 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X