|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LTC1569-7 Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter FEATURES s s s s s s s s s s s One External R Sets Cutoff Frequency Root Raised Cosine Response Up to 300kHz Cutoff on a Single 5V Supply Up to 150kHz Cutoff on a Single 3V Supply 10th Order, Linear Phase Filter in an SO-8 DC Accurate, VOS(MAX) = 5mV Low Power Modes Differential or Single-Ended Inputs 80dB CMRR (DC) 80dB Signal-to-Noise Ratio, VS = 5V Operates from 3V to 5V Supplies Furthermore, its root raised cosine response offers the optimum pulse shaping for PAM data communications. The filter attenuation is 50dB at 1.5 * fCUTOFF, 60dB at 2 * fCUTOFF, and in excess of 80dB at 6 * fCUTOFF. DC-accuracysensitive applications benefit from the 5mV maximum DC offset. The LTC1569-7 is the first sampled data filter which does not require an external clock yet its cutoff frequency can be set with a single external resistor with a typical accuracy of 3.5% or better. The external resistor programs an internal oscillator whose frequency is divided by either 1, 4 or 16 prior to being applied to the filter network. Pin 5 determines the divider setting. Thus, up to three cutoff frequencies can be obtained for each external resistor value. Using various resistor values and divider settings, the cutoff frequency can be programmed over a range of seven octaves. Alternatively, the cutoff frequency can be set with an external clock and the clock-to-cutoff frequency ratio is 32:1. The ratio of the internal sampling rate to the filter cutoff frequency is 64:1. The LTC1569-7 is fully tested for a cutoff frequency of 256kHz/128kHz with single 5V/3V supply although up to 300kHz cutoff frequencies can be obtained. The LTC1569-7 features power savings modes and it is available in an SO-8 surface mount package. , LTC and LT are registered trademarks of Linear Technology Corporation. APPLICATIO S s s s Data Communication Filters for 3V Operation Linear Phase and Phase Matched Filters for I/Q Signal Processing Pin Programmable Cutoff Frequency Lowpass Filters DESCRIPTIO The LTC(R)1569-7 is a 10th order lowpass filter featuring linear phase and a root raised cosine amplitude response. The high selectivity of the LTC1569-7 combined with its linear phase in the passband makes it suitable for filtering both in data communications and data acquisition sytems. TYPICAL APPLICATION Frequency Response, fCUTOFF = 128kHz/32kHz/8kHz Single 3V Supply, 128kHz/32kHz/8kHz Lowpass Filter VIN 3V 3.48k 3 2k 1F 4 V- DIV/CLK 5 1/1 1 IN + IN - OUT V+ 8 VOUT REXT = 10k 1F 6 1/16 1/4 -80 0 2 7 LTC1569-7 GND RX GAIN (dB) EASY TO SET fCUTOFF: fCUTOFF = 1, 4 OR 16 128kHz (10k/REXT) 1569-7 TA01 U U U -20 3V -40 -60 3V 100pF -100 1 10 100 FREQUENCY (kHz) 1000 1569-7 TA01a 1 LTC1569-7 ABSOLUTE (Note 1) AXI U RATI GS PACKAGE/ORDER I FOR ATIO TOP VIEW IN + 1 IN - Total Supply Voltage ................................................ 11V Power Dissipation .............................................. 500mW Operating Temperature LTC1569C ............................................... 0C to 70C LTC1569I ............................................ - 40C to 85C Storage Temperature ............................ - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C ORDER PART NUMBER 8 7 6 5 OUT V+ RX DIV/CLK 2 GND 3 V- 4 LTC1569CS8-7 LTC1569IS8-7 S8 PART MARKING 15697 1569I7 S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 125C, JA = 80C/W (Note 6) Consult factory for Military grade parts. ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 3V (V + = 3V, V - = 0V), fCUTOFF = 128kHz, RLOAD = 10k unless otherwise specified. PARAMETER Filter Gain CONDITIONS VS = 5V, fCLK = 8.192MHz, fCUTOFF = 256kHz, VIN = 2.5VP-P, REXT = 5k, Pin 5 Shorted to Pin 4 fIN = 5120Hz = 0.02 * fCUTOFF fIN = 51.2kHz = 0.2 * fCUTOFF fIN = 128kHz = 0.5 * fCUTOFF fIN = 204.8kHz = 0.8 * fCUTOFF fIN = 256kHz = fCUTOFF, LTC1569C fIN = 256kHz = fCUTOFF, LTC1569I fIN = 384kHz = 1.5 * fCUTOFF fIN = 512kHz = 2 * fCUTOFF fIN = 768kHz = 3 * fCUTOFF q q q q q q q q q q q q q q q q q q q q q MIN - 0.10 - 0.25 - 0.50 - 1.1 - 5.7 - 6.2 TYP 0.00 - 0.15 - 0.41 - 0.65 - 3.8 - 3.8 - 58 - 62 - 67 0.00 - 0.15 - 0.40 - 0.65 - 3.15 - 57 - 60 - 66 -11 -112 80 - 83 158 - 95 125kHz 1% 2.1 MAX 0.10 - 0.05 - 0.25 - 0.40 - 2.3 - 2.0 - 48 - 54 - 64 0.12 - 0.05 - 0.30 - 0.50 - 3.0 - 52 - 54 - 58 -110 82 - 81 161 UNITS dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB Deg Deg Deg Deg Deg Deg VS = 2.7V, fCLK = 1MHz, fIN = 625Hz = 0.02 * fCUTOFF fIN = 6.25kHz = 0.2 * fCUTOFF fCUTOFF = 31.25kHz, VIN = 1VP-P, Pin 6 Shorted to Pin 4, External Clock fIN = 15.625kHz = 0.5 * fCUTOFF fIN = 25kHz = 0.8 * fCUTOFF fIN = 31.25kHz = fCUTOFF fIN = 46.875kHz = 1.5 * fCUTOFF fIN = 62.5kHz = 2 * fCUTOFF fIN = 93.75kHz = 3 * fCUTOFF Filter Phase VS = 2.7V, fCLK = 4MHz, fCUTOFF = 125kHz, Pin 6 Shorted to Pin 4, External Clock fIN = 2500Hz = 0.02 * fCUTOFF fIN = 25kHz = 0.2 * fCUTOFF fIN = 62.5kHz = 0.5 * fCUTOFF fIN = 100kHz = 0.8 * fCUTOFF fIN = 125kHz = fCUTOFF fIN = 187.5kHz = 1.5 * fCUTOFF - 0.08 - 0.25 - 0.50 - 0.75 - 3.3 - 114 78 - 85 155 Filter Cutoff Accuracy when Self-Clocked Filter Output DC Swing REXT = 10.24k from Pin 6 to Pin 7, VS = 3V, Pin 5 Shorted to Pin 4 VS = 3V, Pin 3 = 1.11V q 1.9 3.9 3.7 8.6 8.4 8.0 VS = 5V, Pin 3 = 2V q VS = 5V LTC1569C LTC1569I q q 2 U VP-P VP-P VP-P VP-P VP-P VP-P VP-P W U U WW W LTC1569-7 ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 3V (V + = 3V, V - = 0V), fCLK = 4.096MHz, fCUTOFF = 128kHz, RLOAD = 10k unless otherwise specified. PARAMETER Output DC Offset (Note 2) Output DC Offset Drift CONDITIONS REXT = 10k, Pin 5 Shorted to Pin 4 MIN VS = 3V VS = 5V VS = 5V VS = 3V VS = 5V VS = 5V Min Logical "1" Max Logical "0" Min Logical "1" Max Logical "0" Min Logical "1" Max Logical "0" VS = 3V q TYP 2 6 15 - 25 - 25 25 2.6 0.5 4.0 0.5 4.0 0.5 6 7 MAX 5 12 UNITS mV mV mV V/C V/C V/C V V V V V V REXT = 10k, Pin 5 Shorted to Pin 4 Clock Pin Logic Thresholds when Clocked Externally VS = 3V VS = 5V VS = 5V Power Supply Current (Note 3) fCLK = 1.028MHz (10k from Pin 6 to Pin 7, Pin 5 Open, / 4), fCUTOFF = 32kHz 8 9 9 10 13 14 14 mA mA mA mA mA mA mA mA mA mA mA mA V mVRMS VRMS dB VS = 5V q VS = 10V q 9 9.5 q fCLK = 4.096MHz (10k from Pin 6 to Pin 7, Pin 5 Shorted to Pin 4, / 1), fCUTOFF = 128kHz fCLK = 8.192MHz (5k from Pin 6 to Pin 7, Pin 5 Shorted to Pin 4, / 1), fCUTOFF = 256kHz VS = 3V VS = 5V q 20 30 27 q VS = 10V Power Supply Voltage where Low Power Mode is Enabled Clock Feedthrough Wideband Noise THD Clock-to-Cutoff Frequency Ratio Max Clock Frequency (Note 4) Min Clock Frequency (Note 5) Input Frequency Range VS = 3V VS = 5V VS = 5V 3V to 5V, TA < 85C Aliased Components <-65dB Pin 5 Shorted to Pin 4, Note 3 REXT = 10k, Pin 5 Open Noise BW = DC to 2 * fCUTOFF fIN = 10kHz, 1.5VP-P q 37 3.7 4.2 0.4 125 74 32 5 9.6 13 3 0.9 * fCLK 4.6 MHz MHz MHz kHz Hz Note 1: Absolute maximum ratings are those values beyond which the life of a device may be impaired. Note 2: DC offset is measured with respect to Pin 3. Note 3: There are several operating modes which reduce the supply current. For VS < 4V, the current is reduced by 50%. If the internal oscillator is used as the clock source and the divide-by-4 or divide-by-16 mode is enabled, the supply current is reduced by 60% independent of the value of VS. Note 4: The maximum clock frequency is arbitrarily defined as the frequency at which the filter AC response exhibits >1dB of gain peaking. Note 5: The minimum clock frequency is arbitrarily defined as the frequecy at which the filter DC offset changes by more than 5mV. Note 6: Thermal resistance varies depending upon the amount of PC board metal attached to the device. JA is specified for a 2500mm2 test board covered with 2oz copper on both sides. 3 LTC1569-7 TYPICAL PERFOR A CE CHARACTERISTICS Gain vs Frequency 10 VS = 3V fC = 128kHz REXT = 10k PIN 5 AT V - LOG MAG (10dB/DIV) GAIN (dB) -90 5 10 100 FREQUENCY (kHz) THD vs Input Frequency -68 -50 -70 VS = 5V PIN 3 = 2V THD (dB) THD (dB) -72 -70 fIN = 10kHz fCUTOFF = 128kHz IN + TO OUT REXT = 10k PIN 5 AT V - 0 1 2 3 4 INPUT VOLTAGE (VP-P) 5 1569-7 G02 ISUPPLY (mA) -74 VIN = 1.5VP-P fCUTOFF = 128kHz IN + TO OUT REXT = 10k PIN 5 AT V - 0 10 20 30 40 50 60 70 80 90 100 INPUT FREQUENCY (kHz) 1569-7 G01 -76 -78 5V Supply Current 23 21 19 ISUPPLY (mA) ISUPPLY (mA) 17 15 13 11 9 7 5 1 10 100 fCUTOFF (kHz) DIV-BY-16 4 UW Passband Gain and Group Delay vs Frequency 1 20 VS = 3V fC = 128kHz 19 REXT = 10k PIN 5 AT V - 18 17 0 DELAY (s) -1 16 15 -2 14 13 -3 12 11 1000 1569-7 G03 -4 1 10 FREQUENCY (kHz) 100 1569-7 G04 10 THD vs Input Voltage 12 VS = 3V PIN 3 = 1.11V -60 11 VS = 5V PIN 3 = 2V 10 9 8 7 3V Supply Current DIV-BY-1 EXT CLK DIV-BY-16 -80 6 DIV-BY-4 5 4 1 10 100 fCUTOFF (kHz) 1000 1569-7 G05 -90 5V Supply Current 35 32 DIV-BY-1 DIV-BY-1 EXT CLK 29 26 23 20 17 14 11 DIV-BY-16 EXT CLK DIV-BY-4 1000 1569-7 G06 8 5 1 DIV-BY-4 10 100 fCUTOFF (kHz) 1000 1569-7 G07 LTC1569-7 PIN FUNCTIONS IN +/IN - (Pins 1, 2): Signals can be applied to either or both input pins. The DC gain from IN + (Pin 1) to OUT (Pin 8) is 1.0, and the DC gain from Pin 2 to Pin 8 is -1. The input range, input resistance and output range are described in the Applications Information section. Input voltages which exceed the power supply voltages should be avoided. Transients will not cause latchup if the current into/out of the input pins is limited to 20mA. GND (Pin 3): The GND pin is the reference voltage for the filter and should be externally biased to 2V (1.11V) to maximize the dynamic range of the filter in applications using a single 5V (3V) supply. For single supply operation, the GND pin should be bypassed with a quality 1F ceramic capacitor to V - (Pin 4). The impedance of the circuit biasing the GND pin should be less than 2k as the GND pin generates a small amount of AC and DC current. For dual supply operation, connect Pin 3 to a high quality DC ground. A ground plane should be used. A poor ground will increase DC offset, clock feedthrough, noise and distortion. V -/V + (Pins 4, 7): For 3V, 5V and 5V applications a quality 1F ceramic bypass capacitor is required from V + (Pin 7) to V - (Pin 4) to provide the transient energy for the internal clock drivers. The bypass should be as close as possible to the IC. In dual supply applications (Pin 3 is grounded), an additional 0.1F bypass from V + (Pin 7) to GND (Pin 3) and V - (Pin 4) to GND (Pin 3) is recommended. The maximum voltage difference between GND (Pin 3) and V + (Pin 7) should not exceed 5.5V. DIV/CLK (Pin 5): DIV/CLK serves two functions. When the internal oscillator is enabled, DIV/CLK can be used to engage an internal divider. The internal divider is set to 1:1 when DIV/CLK is shorted to V - (Pin 4). The internal divider is set to 4:1 when DIV/CLK is allowed to float (a 100pF bypass to V - is recommended). The internal divider is set to 16:1 when DIV/CLK is shorted to V + (Pin 7). In the divide-by-4 and divide-by-16 modes the power supply current is reduced by typically 60%. When the internal oscillator is disabled (RX shorted to V -) DIV/CLK becomes an input pin for applying an external clock signal. For proper filter operation, the clock waveform should be a squarewave with a duty cycle as close as possible to 50% and CMOS voltages levels (see Electrical Characteristics section for voltage levels). DIV/ CLK pin voltages which exceed the power supply voltages should be avoided. Transients will not cause latchup if the fault current into/out of the DIV/CLK pin is limited to 40mA. RX (Pin 6): Connecting an external resistor between the RX pin and V + (Pin 7) enables the internal oscillator. The value of the resistor determines the frequency of oscillation. The maximum recommended resistor value is 40k and the minimum is 3.8k/8k (single 5V/3V supply). The internal oscillator is disabled by shorting the RX pin to V - (Pin 4). (Please refer to the Applications Information section.) OUT (Pin 8): Filter Output. This pin can drive 10k and/or 40pF loads. For larger capacitive loads, an external 100 series resistor is recommended. The output pin can exceed the power supply voltages by up to 2V without latchup. BLOCK DIAGRA W U U U IN + 1 10TH ORDER LINEAR PHASE FILTER NETWORK IN - 2 8 OUT 7 V+ REXT GND 3 POWER CONTROL 6 RX V- 4 DIVIDER/ BUFFER 5 DIV/CLK PRECISION OSCILLATOR 1569-7 BD 5 LTC1569-7 APPLICATIONS INFORMATION Self-Clocking Operation The LTC1569-7 features a unique internal oscillator which sets the filter cutoff frequency using a single external resistor. The design is optimized for VS = 3V, fCUTOFF = 128kHz, where the filter cutoff frequency error is typically <1% when a 0.1% external 10k resistor is used. With different resistor values and internal divider settings, the cutoff frequency can be accurately varied from 2kHz to 150kHz/300kHz (single 3V/5V supply). As shown in Figure 1, the divider is controlled by the DIV/CLK (Pin 5). Table 1 summarizes the cutoff frequency vs external resistor values for the divide-by-1 mode. In the divide-by-4 and divide-by-16 modes, the cutoff frequencies in Table 1 will be lowered by 4 and 16 respectively. When the LTC1569-7 is in the divide-by-4 and divide-by-16 modes the power is automatically IN + IN - OUT V+ NORMALIZED FILTER CUTOFF 1 8 2 7 REXT 6 DIVIDE-BY-16 5 DIVIDE-BY-4 100pF DIVIDE-BY-1 V- 1569-7 F01 LTC1569-7 3 GND V- RX DIV/CLK V+ 4 fCUTOFF = 128kHz (10k/REXT) 1, 4 OR 16 Figure 1 1.010 1.008 NORMALIZED FILTER CUTOFF 1.006 1.004 1.002 1.000 0.998 0.996 0.994 0.992 0.990 -50 -25 0 25 50 TEMPERATURE (C) 75 100 1569-7 F03 VS = 3V VS = 5V VS = 10V DIVIDE RATIO 4.04 Figure 3. Filter Cutoff vs Temperature, Divide-by-1 Mode, REXT = 10k 6 U W U U reduced. This results in a 60% power savings with a single 5V supply. Table1. fCUTOFF vs REXT, VS = 3V, TA = 25C, Divide-by-1 Mode REXT 3844 5010 10k 20.18k 40.2k Typical fCUTOFF 320kHz 256kHz 128kHz 64kHz 32kHz Typical Variation of fCUTOFF 3.0% 2.5% 1% 2.0% 3.5% The power reduction in the divide-by-4 and divide-by-16 modes, however, effects the fundamental oscillator frequency. Hence, the effective divide ratio will be slightly different from 4:1 or 16:1 depending on VS, TA and REXT. Typically this error is less than 1% (Figures 4 and 6). 1.04 1.03 1.02 1.01 1.00 0.99 0.98 0.97 0.96 2 4 6 VSUPPLY (V) 8 10 1569-7 F02 REXT = 5k REXT = 10k REXT = 20k REXT = 40k Figure 2. Filter Cutoff vs VSUPPLY, Divide-by-1 Mode, TA = 25C 4.08 REXT = 5k REXT = 10k REXT = 20k REXT = 40k 4.00 3.96 2 4 6 VSUPPLY (V) 8 10 1569-7 F04 Figure 4. Typical Divide Ratio in the Divide-by-4 Mode, TA = 25C LTC1569-7 APPLICATIONS INFORMATION 1.010 1.008 NORMALIZED FILTER CUTOFF 1.006 1.004 1.002 1.000 0.998 0.996 0.994 0.992 0.990 -50 -25 0 25 50 TEMPERATURE (C) 75 100 1569-7 F05 VS = 3V VS = 5V VS = 10V DIVIDE RATIO 16.16 Figure 5. Filter Cutoff vs Temperature, Divide-by-4 Mode, REXT = 10k 1.010 1.008 NORMALIZED FILTER CUTOFF 1.006 1.004 1.002 1.000 0.998 0.996 0.994 0.992 0.990 -50 -25 0 25 50 TEMPERATURE (C) 75 VS = 3V VS = 5V VS = 10V Figure 7. Filter Cutoff vs Temperature, Divide-by-16 Mode, REXT = 10k The cutoff frequency is easily estimated from the equation in Figure 1. Examples 1 and 2 illustrate how to use the graphs in Figures 2 through 7 to get a more precise estimate of the cutoff frequency. Example 1: LTC1569-7, REXT = 20k, VS = 3V, divide-by-16 mode, DIV/CLK (Pin 5) connected to V + (Pin 7), TA = 25C. Using the equation in Figure 1, the approximate filter cutoff frequency is fCUTOFF = 128kHz * (10k/20k) * (1/16) = 4kHz. For a more precise fCUTOFF estimate, use Table 1 to get a value of fCUTOFF when REXT = 20k and use the graph in Figure 6 to find the correct divide ratio when VS = 3V and REXT = 20k. Based on Table 1 and Figure 6, fCUTOFF = 64kHz * (20.18k/20k) * (1/16.02) = 4.03kHz. U W U U 16.32 REXT = 5k REXT = 10k REXT = 20k REXT = 40k 16.00 15.84 2 4 6 VSUPPLY (V) 8 10 1569-7 F06 Figure 6. Typical Divide Ratio in the Divide-by-16 Mode, TA = 25C 100 1569-7 F07 From Table 1, the part-to-part variation of fCUTOFF will be 2%. From the graph in Figure 7, the 0C to 70C drift of fCUTOFF will be - 0.2% to 0.2%. Example 2: LTC1569-7, REXT = 5k, VS = 5V, divide-by-1 mode, DIV/CLK (Pin 5) connected to V - (Pin 4), TA = 25C. Using the equation in Figure 1, the approximate filter cutoff frequency is fCUTOFF = 128kHz * (10k/5k) * (1/1) = 256kHz. For a more precise fCUTOFF estimate, use Table 1 to get fCUTOFF frequency for REXT = 5k and use Figure 2 to correct for the supply voltage when VS = 5V. From Table 1 and Figure 2, fCUTOFF = 256k * (5.01k/5k) * 0.970 = 249kHz. 7 LTC1569-7 APPLICATIONS INFORMATION The oscillator is sensitive to transients on the positive supply. The IC should be soldered to the PC board and the PCB layout should include a 1F ceramic capacitor between V + (Pin 7) and V - (Pin 4) , as close as possible to the IC to minimize inductance. Avoid parasitic capacitance on RX and avoid routing noisy signals near RX (Pin 6). Use a ground plane connected to V - (Pin 4) for single supply applications. Connect a ground plane to GND (Pin 3) for dual supply applications and connect V - (Pin 4) to a copper trace with low thermal resistance. Input and Output Range The input signal range includes the full power supply range. The output voltage range is typically (V - + 50mV) to (V + - 0.8V). To maximize the undistorted peak-to-peak signal swing of the filter, the GND (Pin 3) voltage should be set to 2V (1.11V) in single 5V (3V) supply applications. The LTC1569-7 can be driven with a single-ended or differential signal. When driven differentially, the voltage between IN + and IN - (Pin 1 and Pin 2) is filtered with a DC gain of 1. The single-ended output voltage OUT (Pin 8) is referenced to the voltage of the GND (Pin 3). The common mode voltage of IN + and IN - can be any voltage that keeps the input signals within the power supply range. For noninverting single-ended applications, connect IN - to GND or to a quiet DC reference voltage and apply the input signal to IN +. If the input is DC coupled then the DC gain from IN + to OUT will be 1. This is true given IN + and OUT are referenced to the same voltage, i.e., GND, V - or some other DC reference. To achieve the distortion levels shown in the Typical Performance Characteristics the IN - 2 + - i= IN + - GND 125k 125k 125k IN + 1 - + GND 3 Figure 8 8 U W U U input signal at IN + should be centered around the DC voltage at IN -. The input can also be AC coupled, as shown in the Typical Applications section. For inverting single-ended filtering, connect IN+ to GND or to quiet DC reference voltage. Apply the signal to IN -. The DC gain from IN - to OUT is -1, assuming IN - is referenced to IN + and OUT is reference to GND. Refer to the Typical Performance Characteristics section to estimate the THD for a given input level. Dynamic Input Impedance The unique input sampling structure of the LTC1569-7 has a dynamic input impedance which depends on the configuration, i.e., differential or single-ended, and the clock frequency. The equivalent circuit in Figure 8 illustrates the input impedance when the cutoff frequency is 128kHz. For other cutoff frequencies replace the 125k value with 125k * (128kHz/fCUTOFF). When driven with a single-ended signal into IN - with IN + tied to GND, the input impedance is very high (~10M). When driven with a single-ended signal into IN + with IN - tied to GND, the input impedance is a 125k resistor to GND. When driven with a complementary signal whose common mode voltage is GND, the IN+ input appears to have 125k to GND and the IN - input appears to have -125k to GND. To make the effective IN - impedance 125k when driven differentially, place a 62.5k resistor from IN - to GND. For other cutoff frequencies use 62.5k * (128kHz/ fCUTOFF), as shown in the Typical Applications section. The typical variation in dynamic input impedance for a given clock frequency is 10%. Wideband Noise The wideband noise of the filter is the RMS value of the device's output noise spectral density. The wideband noise data is used to determine the operating signal-tonoise at a given distortion level. The wideband noise is nearly independent of the value of the clock frequency and excludes the clock feedthrough. Most of the wideband noise is concentrated in the filter passband and cannot be removed with post filtering (Table 2). Table 3 lists the typical wideband noise for each supply. 8 OUT 1569-7 F08 LTC1569-7 APPLICATIONS INFORMATION Table 2. Wideband Noise vs Supply Voltage, Single 3V Supply Bandwidth DC to fCUTOFF DC to 2 * fCUTOFF DC to fCLK Total Integrated Noise 105VRMS 125VRMS 155VRMS DC ERROR (V) 244 Table 3. Wideband Noise vs Supply Voltage, fCUTOFF = 128kHz Power Supply 3V 5V 5V Total Integrated Noise DC to 2 * fCUTOFF 125VRMS 135VRMS 145VRMS Clock Feedthrough Clock feedthrough is defined as the RMS value of the clock frequency and its harmonics that are present at the filter's OUT pin (Pin 8). The clock feedthrough is measured with IN + and IN - (Pins 1 and 2) grounded and depends on the PC board layout and the power supply decoupling. Table 4 shows the clock feedthrough (the RMS sum of the first 11 harmonics) when the LTC1569-7 is self-clocked with REXT = 10k, DIV/CLK (Pin 5) open (divide-by-4 mode). The clock feedthrough can be reduced with a simple RC post filter. Table 4. Clock Feedthrough Power Supply 3V 5V 5V Feedthrough 0.4mVRMS 0.6mVRMS 0.9mVRMS DC Accuracy DC accuracy is defined as the error in the output voltage after DC offset and DC gain errors are removed. This is similar to the definition of the integral nonlinearity in A/D converters. For example, after measuring values of VOUT(DC) vs VIN(DC) for a typical LTC1569-7, a linear regression shows that VOUT(DC) = VIN(DC) * 0.99854 + 0.00134V is the straight line that best fits the data. The DC accuracy describes how much the actual data deviates from this straight line (i.e., DCERROR = VOUT(DC) - (VIN(DC) * 0.99854 + 0.00134V). In a 12-bit system with a full-scale value of 2V, the LSB is 488V. Therefore, if the DCERROR of the filter is less than 488V over a 2V range, the filter has U W U U 12-bit DC accuracy. Figure 9 illustrates the typical DC accuracy of the LTC1569-7 on a single 5V supply. 488 000 -244 VS = 5V REXT = 10k TA = 25C -488 -1.5 -1.0 -0.5 0 0.5 VIN DC (V) 1.0 1.5 1569-7 F09 Figure 9 DC Offset The output DC offset of the LTC1569-7 is trimmed to less than 5mV. The trimming is performed with VS = 1.9V, -1.1V with the filter cutoff frequency set to 8kHz (REXT = 10k, DIV/CLK shorted to V +). To obtain optimum DC offset performance, appropriate PC layout techniques should be used. The filter IC should be soldered to the PC board. The power supplies should be well decoupled including a 1F ceramic capacitor from V + (Pin 7) to V - (Pin 4). A ground plane should be used. Noisy signals should be isolated from the filter input pins. When the power supply is 3V, the output DC offset should not change more than 2mV when the clock frequency varies from 64kHz to 8192kHz. When the clock frequency is fixed, the output DC offset will typically change by 3mV (15mV) when the power supply varies from 3V to 5V (5V) in the divide-by-1 mode. In the divide-by-4 or divide-by-16 modes, the output DC offset will typically change - 9mV (- 27mV) when the power supply varies from 3V to 5V (5V). The offset is measured with respect to GND (Pin 3). Aliasing Aliasing is an inherent phenomenon of sampled data filters. In lowpass filters significant aliasing only occurs when the frequency of the input signal approaches the sampling frequency or multiples of the sampling frequency. The LTC1569-7 samples the input signal twice 9 LTC1569-7 APPLICATIONS INFORMATION every clock period. Therefore, the sampling frequency is twice the clock frequency and 64 times the filter cutoff frequency. Input signals with frequencies near 2 * fCLK fCUTOFF will be aliased to the passband of the filter and appear at the output unattenuated. Power Supply Current The power supply current depends on the operating mode. When the LTC1569-7 is in the divide-by-1 mode, or when clocked externally, the supply current is reduced by 50% for supply voltages below 4V. For the divide-by-4 and divide-by-16 modes, the supply current is reduced by 60% relative to the current when clocked externally, independent of the power supply voltage. Power supply current versus cutoff frequency for various operating modes is shown in the "Typical Performance Characteristics" section. TYPICAL APPLICATIO S Single 3V Operation, AC Coupled Input, 128kHz Cutoff Frequency 0.1F VIN 3V 3.48k 3 2k 1F 4 V - 1 2 IN + IN - OUT V+ 8 7 VOUT REXT = 10k 3V 1F GAIN (dB) 0 -10 -20 -30 -40 -50 1569-7 TA02 LTC1569-7 GND RX DIV/CLK 6 5 fCUTOFF = ( )( ) 128kHz n=1 10k REXT n = 1, 4, 16 FOR PIN 5 AT GROUND, OPEN, V + Single 3V Supply Operation, DC Coupled, 32kHz Cutoff Frequency VIN 1 IN + 3V 3.48k 3 2k 1F 4 V- DIV/CLK 5 100pF 1569-7 TA04 OUT V+ 8 7 VOUT REXT = 10k 3V 1F IN LT(R)1460-2.5 OUT (SOT-23) GND 5V 2 IN - LTC1569-7 GND RX 6 fCUTOFF = ( )( ) 128kHz n=4 10k REXT n = 1, 4, 16 FOR PIN 5 AT GROUND, OPEN, V + 10 U W U U U Single 3V, AC Coupled Input, 128kHz Cutoff Frequency GROUP DELAY 16s 14s 0 20k 40k 60k 12s 80k 100k 120k 140k -60 -70 -80 -90 0 80k 100k 120k 140k 160k 180k 200k 220k 240k 260k 280k 300k FREQUENCY (Hz) 1569-7 TA02a Single 5V Operation, 300kHz Cutoff Frequency, DC Coupled Differential Inputs with Balanced Input Impedance VIN + VIN - 27k 3 1F 4 V- DIV/CLK 5 1569-7 TA03 1 2 IN + IN - OUT V+ 8 7 VOUT REXT = 4.1k 5V 1F LTC1569-7 GND RX 6 fCUTOFF ~ ( )( ) 128kHz n=1 10k 4.1k n = 1, 4, 16 FOR PIN 5 AT GROUND, OPEN, V + LTC1569-7 TYPICAL APPLICATION Dual 5V Supply Operation, DC Coupled Filter with External Clock Source VIN 1 2 IN + IN - OUT V+ 8 7 VOUT fCUTOFF = fCLK/32 5V 0.1F 6 LTC1569-7 3 0.1F -5V 4 V- DIV/CLK 5 GND RX 1F PACKAGE DESCRIPTION 0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP 0.016 - 0.050 0.406 - 1.270 *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights. U U Single 5V Supply Operation, DC Coupled Input, 128kHz Cutoff Frequency VIN 5V 2.49k 3 1.65k 1F 4 V- DIV/CLK 5 1569-7 TA06 1 2 IN + IN - OUT V+ 8 7 VOUT REXT = 10k 5V 1F LTC1569-7 GND RX 6 5V 0V fCLK 10MHz 1569-7 TA05 fCUTOFF = ( )( ) 128kHz n=1 10k REXT n = 1, 4, 16 FOR PIN 5 AT GROUND, OPEN, V + Dimensions in inches (millimeters) unless otherwise noted. S8 Package 8-Lead Plastic Small Outline (Narrow 0.150) (LTC DWG # 05-08-1610) 0.189 - 0.197* (4.801 - 5.004) 8 7 6 5 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988) 1 0.053 - 0.069 (1.346 - 1.752) 2 3 4 0.004 - 0.010 (0.101 - 0.254) 0.014 - 0.019 (0.355 - 0.483) 0.050 (1.270) TYP SO8 0996 11 LTC1569-7 TYPICAL APPLICATIO S Pulse Shaping Circuit for Single 3V Operation, 300kbps 2 level data, 150kHz Cutoff Filter +3V 20k 1 20k +3V 300kbps DATA 3.48k 3 2k 1F 4 2 IN + IN - OUT V+ 8 7 VOUT REXT = 8.56k +3V 1F 6 20k V- DIV/CLK 5 2k D1 10k D0 3.48k 3 1F 4 +3V 200ksps DATA 4.99k 4.99k LTC1569-7 GND RX 2-Level, 300kbps Eye Diagram 0.25V/DIV 0.3V/DIV 1s/DIV 1569-7 TA07 RELATED PARTS PART NUMBER LTC1064-3 LTC1064-7 LTC1068-x LTC1069-7 LTC1164-7 LTC1264-7 LTC1562/LTC1562-2 DESCRIPTION Linear Phase, Bessel 8th Order Filter Linear Phase, 8th Order Lowpass Filter Universal, 8th Order Filter Linear Phase, 8th Order Lowpass Filter Low Power, Linear Phase Lowpass Filter Linear Phase, 8th Order Lowpass Filter Universal, 8th Order Active RC Filter COMMENTS fCLK/fCUTOFF = 75/1 or 150/1, Very Low Noise fCLK/fCUTOFF = 50/1 or 100/1, fCUTOFF(MAX) = 100kHz fCLK/fCUTOFF = 25/1, 50/1, 100/1 or 200/1, fCUTOFF(MAX) = 200kHz fCLK/fCUTOFF = 25/1, fCUTOFF(MAX) = 200kHz, SO-8 fCLK/fCUTOFF = 50/1 or 100/1, IS = 2.5mA, VS = 5V fCLK/fCUTOFF = 25/1 or 50/1, fCUTOFF(MAX) = 200kHz fCUTOFF(MAX) = 150kHz (LTC1562) fCUTOFF(MAX) = 300kHz (LTC1562-2) 12 Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com U Pulse Shaping Circuit for Single 3V Operation, 400kbps (200ksps) 4 Level Data, 128kHz Cutoff Filter +3V 20k 1 2 IN + IN - OUT V+ 8 7 VOUT REXT = 8.56k +3V 1F 6 LTC1569-7 GND V- RX DIV/CLK 5 1569-7 TA09 1569-7 TA10 4-Level, 400kbps (200ksps) Eye Diagram 1s/DIV 1569-7 TA08 15697f LT/TP 0300 4K * PRINTED IN THE USA (c) LINEAR TECHNOLOGY CORPORATION 1998 |
Price & Availability of LTC1569CS8 |