Part Number Hot Search : 
1084196 221MPD ACE2302 PHP36N0 LVA43A CY7C4245 G0404 CT2520DB
Product Description
Full Text Search
 

To Download LP1500SOT223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filtronic
Solid State
FEATURES
LP1500SOT223
Low Noise, High Linearity Packaged PHEMT
* * * * *
+27 dBm Typical Power at 1800 MHz 15 dB Typical Power Gain at 1800 MHz 1.0 dB Typical Noise Figure +42 dBm Typical Intercept Point Color-coded by IDSS range
GATE
SOURCE
SOURCE
DRAIN
(TOP VIEW)
DESCRIPTION AND APPLICATIONS
The LP1500SOT223 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-write 0.25 m by 1500 m Schottky barrier gate. The recessed "mushroom" gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for reliable high-power applications. The LP1500 also features Si3N4 passivation and is available in a die form or in a flanged ceramic package (P100) for high-power applications, or in the SOT-89 plastic package. Typical applications include PCS/Cellular low-voltage high-efficiency output amplifiers, and general purpose power amplifiers. The LP 1500 may be procured in a variety of grades, depending upon specific user requirements. Standard lot screening is patterned after MIL-STD-19500, JANC grade.
PERFORMANCE SPECIFICATIONS (TA = 25C)
SYMBOLS IDSS P1dB G1dB NF IP3 IMAX GM VP IGSO BVGS BVGD LP1500-SOT223-1 BLUE LP1500-SOT223-2 GREEN LP1500-SOT223-3 RED Output Power at 1dB Gain Compression f = 1800 Mhz VDS = 3.3V, IDS = 33% IDSS Power Gain at 1dB Gain Compression f = 1800 MHz VDS = 3.3V, IDS = 33% IDSS Noise Figure VDS = 3.3V, IDS = 33% IDSS, f = 1.8 GHz Output Intercept Point VDS = 3.3V, IDS = 33% IDSS, f = 1.8 GHz Maximum Drain-Source Current VDS = 2V VGS = +1V Transconductance VDS = 2V VGS = 0V Pinch-Off Voltage VDS = 2V IDS = 5mA Gate-Source Leakage Current VGS = -3V Gate-Source Breakdown Voltage IGS = 8mA Gate-Drain Breakdown Voltage IGD = 8mA PARAMETERS Saturated Drain-Source Current VDS = 2V VGS = 0V MIN 375 451 527 25.0 13.5 TYP 420 490 560 27.0 15.0 1.0 42 925 400 -1.2 10 -10 -11 MAX 450 526 600 UNITS mA
dBm dB dB dBm mA mS V A V V
300 -0.25 -8 -8
-2.0 75
DSS-026 WF
Phone: (408) 988-1845
Internet: http://www.filtronicsolidstate.com
Fax: (408) 970-9950
Filtronic
Solid State
ABSOLUTE MAXIMUM RATINGS (25C) 1 SYMBOL PARAMETER RATING VDS VGS IDS IG PIN TCH TSTG PT Drain-Source Voltage Gate-Source Voltage Drain-Source Current Gate Current RF Input Power Channel Temperature Storage Temperature Power Dissipation 4V -3V IDSS 50 mA 350 mW 175C -65/175C 1.7W
3,4
LP1500SOT223
Low Noise, High Linearity Packaged PHEMT
RECOMMENDED CONTINUOUS OPERATING LIMITS 2 SYMBOL PARAMETER RATING VDS VGS IDS IG PIN TCH TSTG PT GXdB Drain-Source Voltage Gate-Source Voltage Drain-Source Current Gate Current RF Input Power Channel Temperature Storage Temperature Power Dissipation Gain Compression 3.5V -1V 0.5 x IDSS 15 mA 250 mW 150C -20/50C 1.4 W 8 dB
3,4
NOTES: 1. Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device. 2. Recommended Continuous Operating Limits should be observed for reliable device operation. 3. Power Dissipation defined as: PT (PDC + PIN) - POUT, where: PDC = DC bias power, POUT = RF output power, and PIN = RF input power. Provide for adequate heatsinking at the large source lead. 4. Power Dissipation to be de-rated as follows above 25C: Absolute Maximum: PT = 1.7W - (10mW/C) x THS Recommended Continuous Operating: PT = 1.4W - (10mW/C) x THS where THS = heatsink or ambient temperature. 5. Specifications subject to change without notice. HANDLING PRECAUTIONS: Care should be exercised during handling to avoid damage to the devices. Proper Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. These devices should be treated as Class 1A (0-500V), and further information on ESD control measures can be found in MIL-STD-1686 and MILHDBK-263. APPLICATIONS NOTES AND DESIGN DATA: Applications Notes are available from your local FSS Sales Representative, or directly from the factory. Complete design data, including S-parameters, Noise data, and Large-Signal models, is available on 3.5" diskette, or may be down-loaded from our Web Page. PACKAGE OUTLINE:
0 .2 6 4 0 .1 2 0
0 .1 4 6
0 .2 8 6 0 .0 5 1 0 .0 3 0 0 .0 9 0 0 .0 1 2 (D IM E N S IO N S IN IN C H E S ) 0 .0 7 1
DSS-026 WF
Phone: (408) 988-1845
Internet: http://www.filtronicsolidstate.com
Fax: (408) 970-9950


▲Up To Search▲   

 
Price & Availability of LP1500SOT223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X