Part Number Hot Search : 
E1209 2SD17 LTC24 DUG10C3 UN1117 ASRD814 ASRD814 SB130
Product Description
Full Text Search
 

To Download KBU4K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU4,6,8/RS6 SERIES
SINGLE-PHASE SILICON BRIDGE Reverse Voltage - 50 to 1000 Volts Forward Current - 4.0/6.0/8.0 Amperes
Features
Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating: 200 amperes peak Mounting Position: Any Mounting Torgue: 5 ln. Ib. max.
D IM E N S IO N S D IM A B C D E F G H H1 J K M N P Q in c h e s M in . 1 .0 0 .8 9 5 0 .2 6 0 0 .1 6 5 0 .1 4 0 0 .0 6 5 0 .6 6 0 0 .4 0 5 0 .1 8 0 0 .1 8 0 0 .1 8 5 0 .0 4 8 M ax. 0 .7 6 0 0 .9 3 5 0 .2 8 0 0 .1 8 5 0 .1 6 0 0 .0 8 5 0 .7 0 0 0 .4 5 5 0 .2 6 0 0 .2 2 0 0 .2 0 5 0 .0 5 2 M in . 2 5 .4 2 2 .7 6 .6 4 .2 3 .6 1 .7 1 6 .8 1 0 .3 4 .5 4 .6 4 .7 1 .2 mm M ax. 1 9 .3 2 3 .7 7 .1 4 .7 4 .1 2 .2 1 7 .8 11 .3 6 .6 5 .6 5 .2 1 .3 N o te
0 .0 7 5 ( 1 .9 ) R . T y p . ( 2 P la c e s ) 45O
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For capacitive load, derate current by 20%.
Symbols
KBU4A KBU6A KBU8A RS601
KBU4B KBU6B KBU8B RS602
KBU4D KBU6D KBU8D RS603
KBU4G KBU6G KBU8G RS604
KBU4J KBU6J KBU8J RS605
KBU4K KBU6K KBU8K RS606
KBU4M KBU6M KBU8M RS607
Units
Maximum repetitive peak reverse voltage Maximum RMS bridge input voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC=100 TA=65 /40 /45
VRRM VRMS VDC I(AV) IFSM VF IR T J, TSTG
50 35 50
100 70 100 4.0 4.0 200.0
200 140 200
400 280 400 6.0 6.0 250.0
600 420 600
800 560 800 8.0 6.0 300.0
1000 700 1000
Volts Volts Volts Amps Amps
Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750 method 4066) Maximum instantanous forward Voltage drop per element at 3.0A/3.0A/8.0A Maximum DC reverse leakage at rated DC blocking voltage per element Operating and storage temperature range TA=25 TC=100
KBU4 1.0 10.0 100.0
KBU6 RS6
KBU8 1.0 10.0 200.0 -65 to +150 1.0 10.0 300.0
/ Volt uA mA
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of KBU4K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X