Part Number Hot Search : 
2N1292 YV26A 200000 KBPC1006 29LV065 YDH200 SDA234C DTA143EE
Product Description
Full Text Search
 

To Download KA317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM317T (KA317)
LM317T (KA317) Adjustable Voltage Regulator (Positive)
3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
This monolithic integrated circuit is an adjustable 3-terminal positive voltage regulator designed to supply 2.2A typical of load current with an output voltage adjustable over a 1.2 to 37V. It employs internal current limiting, thermal shutdown and safe area compensation.
TO-220
FEATURES
* * * * * * Output Current 2.2A Typical Output Adjustable Between 1. 2V and 37V Internal Thermal-Overload Protection Internal Short-Circuit Current-Limiting Output Transistor Sate-Area Compensation TO-220 Package
ORDERING INFORMATION
Device LM317T (KA317) Package TO-220 Operating Temperature 0C ~ +125C
BLOCK DIAGRAM
Vin 3
+ -
Voltage Reference
Production Circuitry Rlimit 2 Vo
1 Vadj
(c)2000 Fairchild Semiconductor International
Rev. B, May 2000
LM317T (KA317)
ABSOLUTE MAXIMUM RATINGS (TA= +25C, unless otherwise specified)
Characteristic Input-Output Voltage Differential Lead Temperature Power Dissipation Operating Temperature Range Storage Temperature Range Temperature Coefficient of Output Voltage Symbol VI - VO TLEAD PD TOPR TSTG VO/T Value 40 230 Internally limited 0 ~ +125 -65 ~ +125 0.02 Unit V C W C C %/C
ELECTRICAL CHARACTERISTICS
(VI - VO = 5V, IO = 0.5A, 0C TJ +125C, IMAX = 1.5A, PMAX = 20W, unless otherwise specified) Characteristic Line Regulation Load Regulation Symbol Rline Rload TA = +25C Test Conditions 3V VI - VO 40V 3V VI - VO 40V TA = +25C, 10mA IO IMAX VO < 5V VO 5V 10mA IO IMAX VO < 5V VO 5V Min Typ 0.01 0.02 18 0.4 40 0.8 46 2.0 Max 0.04 0.07 25 0.5 70 1.5 100 5 Unit %/V %/V mV %/VO mV %/VO A A
Adjustable Pin Current Adjustable Pin Current Change
IADJ IADJ
Reference Voltage
VREF
3V VI - VO 40V 10mA IO IMAX P PMAX 3V VIN - VOUT 40V 10mA IO IMAX PD PMAX VI - VO = 40V VI - VO 15V, PD PMAX VI - VO 40V, PD PMAX, TA = 25C TA= +25C, 10Hz f 10KHz VO = 10V, f = 120Hz without CADJ CADJ = 10F TA = +25C for end point measurements, 1000HR
1.20
1.25
1.30
V
Temperature Stability Minimum Load Current to Maintain Regulation Maximum Output Current RMS Noise, % of VOUT Ripple Rejection
STt L(MIN) IO(MAX) eN RR
0.7 3.5 1.0 2.2 0.3 0.003 60 75 0.3 5
12
%/VO mA A
0.01
%/VO dB
66
Long-Term Stability, TJ = THIGH Thermal Resistance Junction to Case
*
ST RJC
1
% C/W
Load and line regulation are specified at constant junction temperature. Change in VD due to heating effects must be taken into account separately. Pulse testing with low duty is used. (PMAX = 20W)
(c)2000 Fairchild Semiconductor International
Rev. B, May 2000
LM317T (KA317)
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1 Load Regulation
OUTPUT VOLTAGE DEVIATION (%) 0.2 0 -0.2
IL = 1.5A
Fig. 2 Adjustment Current
55 Adjustment Current (A) 125
IL = 0.5A
50
-0.4 -0.6 -0.8 -1.0 0 25 50 75 100 TEMPERATURE (C)
45
40
35 -50 -25
0
25
50
75
100 125
TEMPERATURE (C)
Fig. 3 Dropout Voltage
INPU-OUTPUT VOLTAGE DIFFERENTIAL (V) 3
Vo = 100mV IL = 1.5A
Fig. 4 Reference Voltage
1.26 REFERENCE VOLTAGE (V) 125 1.255 1.25 1.245 1.24 1.235 -50 -25
2.5
IL = 1A
2
IL = 500mA IL = 200mA
1.5
IL = 20mA
1 0 25 50 75 100 TEMPERATURE (C)
0
25
50
75
100 125
TEMPERATURE (C)
(c)2000 Fairchild Semiconductor International
Rev. B, May 2000
LM317T (KA317)
Typical Application
VI
VI
KA317 Vadj
Vo R1
Ci 0.1F
Iadj R2 adj
Co 0.1F
Vo = 1.25V (1 + R2/R1) + Iadj R2
Fig. 5 Programmable Regulator Ci is required when regulator is located at an appreciable distance from the power supply filter. Co improves transient response by reducing AC noise which is present at the output. Since I ADJ is controlled to less than 100A, the error associated with this term is negligible in most applications.
(c)2000 Fairchild Semiconductor International
Rev. B, May 2000
LM317T (KA317)
TO-220 Package Dimensions
TO-220 (FS PKG CODE AE)
9.90 0.20 1.30 0.10 2.80 0.10 (8.70) o3.60 0.10 (1.70) 4.50 0.20
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
) (45
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
August 1999, Rev B
(c)2000 Fairchild Semiconductor International
Rev. B, May 2000
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM
DISCLAIMER
HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench(R) QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2000 Fairchild Semiconductor International
Rev. E


▲Up To Search▲   

 
Price & Availability of KA317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X