Part Number Hot Search : 
10206 89C5130A CBT3126D LM193W 274AI LXT386 5GWTE13 NCP5381
Product Description
Full Text Search
 

To Download JANSR2N7261 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 90653D
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
Product Summary
RDS(on) Part Number Radiation Level R DS(on) IRHF7130 100K Rads (Si) 0.18 IRHF3130 300K Rads (Si) 0.18 IRHF4130 600K Rads (Si) 0.18 IRHF8130 1000K Rads (Si) 0.18 ID ID 8.0A 8.0A 8.0A 8.0A
IRHF7130 JANSR2N7261 100V, N-CHANNEL REF: MIL-PRF-19500/601
RAD Hard HEXFET TECHNOLOGY
QPL Part Number
(R)
JANSR2N7261 JANSF2N7261 JANSG2N7261 JANSH2N7261
TO-39
International Rectifiers RADHard ogy provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low Rdson and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
HEXFET(R) technol-
Features:
! ! ! ! ! ! ! ! !
Single Event Effect (SEE) Hardened Low RDS(on) Low Total Gate Charge Proton Tolerant Simple Drive Requirements Ease of Paralleling Hermetically Sealed Ceramic Package Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = 12V, TC = 25C ID @ VGS = 12V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Lead Temperature Weight For footnotes refer to the last page 8.0 5.0 32 25 0.20 20 130 5.5 -55 to 150
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
300 ( 0.063 in.(1.6mm) from case for 10s) 0.98 (Typical )
g
www.irf.com
1
8/10/01
IRHF7130
Pre-Irradiation
@ Tj = 25C (Unless Otherwise Specified) Min
100 2.0 2.5
Electrical Characteristics
Parameter
Typ Max Units
0.10 7.0 0.18 0.185 4.0 25 250 100 -100 50 12 20 25 55 55 45 V V/C V S( ) A
Test Conditions
VGS = 0V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 12V, ID =5.0A VGS = 12V, ID = 8.0A VDS = VGS, ID = 1.0mA VDS > 15V, IDS = 5.0A VDS= 80V ,VGS=0V VDS = 80V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VGS =12V, ID =8.0A VDS = 50V VDD = 50V, ID =8.0A VGS =12V, RG = 7.5
BVDSS Drain-to-Source Breakdown Voltage BV DSS /T J Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage g fs Forward Transconductance IDSS Zero Gate Voltage Drain Current
IGSS IGSS Qg Q gs Qgd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (Miller) Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns
nH Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in. from package) with Source wires internally bonded from Source Pin to Drain Pad
Ciss Coss Crss
Input Capacitance Output Capacitance Reverse Transfer Capacitance

1100 310 55

pF
VGS = 0V, VDS = 25V f = 1.0MHz
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
8.0 3.2 1.5 350 3.0
Test Conditions
A
V nS C Tj = 25C, IS = 8.0A, VGS = 0V Tj = 25C, IF = 8.0A, di/dt 100A/s VDD 50V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
R thJC RthJ-PCB Junction-to-Case Junction-to-Ambient
Min Typ Max Units
5.0 175
C/W
Test Conditions
Typical socket mount
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
Pre-Irradiation Radiation Characteristics
IRHF7130
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation
Parameter
Min 100 2.0
100K Rads(Si)
Max
300 - 1000K Rads (Si)
Min
Max
Units Units V nA A V
Test Conditions
BVDSS V/5JD IGSS IGSS IDSS RDS(on) RDS(on) VSD
Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source" On-State Resistance (TO-3) Static Drain-to-Source" On-State Resistance (TO-39) Diode Forward Voltage"
4.0 100 -100 25 0.18 0.18 1.5
100 1.25
4.5 100 -100 25 0.24 0.24 1.5
VGS = 0V, ID = 1.0mA VGS = VDS, ID = 1.0mA VGS = 20V VGS = -20 V VDS=80V, VGS =0V VGS = 12V, ID =5.0A VGS = 12V, ID =5.0A VGS = 0V, IS = 8.0A
1. Part numbers IRHF7130, (JANSR2N7261) 2. Part number IRHF3130 (JANSF2N7261), IRHF4130 (JANSG2N7261), IRHF8130(, , JANSH2N7261)
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
Ion Cu Br LET MeV/(mg/cm )) 28 36.8 Energy (MeV) 285 305 Range (m) 43 39
VDS(V)
@VGS=0V @VGS=-5V@ GS=-10V@ GS=-15V@ GS=-20V =-5V@V =-10V@V =-15V@V @VGS=0V @VGS=-5V@VGS=-10V@VGS=-15V@VGS=-20V 100 100 100 80 60 100 90 70 50
120 100 80 VDS 60 40 20 0 0 -5 -10 VGS -15 -20 -25 Cu Br
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHF7130
Post-Irradiation Pre-Irradiation
Fig 1. Typical Response of Gate Threshhold Fig 2. Typical Response of On-State Resistance Vs. Total Dose Exposure Voltage Vs. Total Dose Exposure
Fig 3. Typical Response of Transconductance Vs. Total Dose Exposure
Fig 4. Typical Response of Drain to Source Breakdown Vs. Total Dose Exposure
4
www.irf.com
Post-Irradiation Pre-Irradiation
IRHF7130
Fig 5. Typical Zero Gate Voltage Drain Current Vs. Total Dose Exposure
Fig 6. Typical On-State Resistance Vs. Neutron Fluence Level
Fig 8a. Gate Stress of VGSS Equals 12 Volts During Radiation
Fig 7. Typical Transient Response of Rad Hard HEXFET During 1x1012 Rad (Si)/Sec Exposure
Fig 8b. VDSS Stress Equals 80% of BVDSS During Radiation
www.irf.com
5
IRHF7130
Note: Bias Conditions during radiation: V/5 = 12 Vdc, V,5 = 0 Vdc
Characteristics RadiationPost-Irradiation Pre-Irradiation
Fig 9. Typical Output Characteristics Pre-Irradiation
Fig 10. Typical Output Characteristics Post-Irradiation 100K Rads (Si)
Fig 11. Typical Output Characteristics Post-Irradiation 300K Rads (Si)
Fig 12. Typical Output Characteristics Post-Irradiation 1 Mega Rads (Si)
6
www.irf.com
Radiation Characteristics Pre-Irradiation
Note: Bias Conditions during radiation: V/5 = 0 Vdc, V,5 = 80 Vdc
IRHF7130
Fig 13. Typical Output Characteristics Pre-Irradiation
Fig 14. Typical Output Characteristics Post-Irradiation 100K Rads (Si)
Fig 15. Typical Output Characteristics Post-Irradiation 300K Rads (Si)
Fig 16. Typical Output Characteristics Post-Irradiation 1 Mega Rads (Si)
www.irf.com
7
IRHF7130
Pre-Irradiation
Fig 17. Typical Output Characteristics
Fig 18. Typical Output Characteristics
Fig 19. Typical Transfer Characteristics
Fig 20. Normalized On-Resistance Vs. Temperature
8
www.irf.com
Pre-Irradiation
IRHF7130
29
Fig 21. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 22. Typical Gate Charge Vs. Gate-to-Source Voltage
Fig 23. Typical Source-Drain Diode Forward Voltage
Fig 24. Maximum Safe Operating Area
www.irf.com
9
IRHF7130
Pre-Irradiation
VDS VGS RG
RD
D.U.T.
+
-VDD
VGS
Pulse Width 1 s Duty Factor 0.1 %
Fig 26a. Switching Time Test Circuit
VDS 90%
10% VGS
Fig 25. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 26b. Switching Time Waveforms
Fig 27. Maximum Effective Transient Thermal Impedance, Junction-to-Case
10
www.irf.com
Pre-Irradiation
IRHF7130
15V
VDS
L
DRIVER
RG
D.U.T
IAS tp
+ - VDD
A
V/5 20V
0.01
Fig 28a. Unclamped Inductive Test Circuit
V(BR)DSS tp
Fig 28c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 28b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
12 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 29a. Basic Gate Charge Waveform
Fig 29b. Gate Charge Test Circuit
www.irf.com
11
IRHF7130
Pre-Irradiation
Foot Notes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = 25V, starting TJ = 25C, L=4.1mH Peak IL = 3.5A, VGS =12V ISD 3.5A, di/dt 140A/s, VDD 100V, TJ 150C
Pulse width 300 s; Duty Cycle 2% Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during irradiation per MIL-STD-750, method 1019, condition A. Total Dose Irradiation with VDS Bias. 80 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A.
Case Outline and Dimensions TO-205AF(Modified TO-39)
LEGEND 1- SOURCE 2- GATE 3- DRAIN
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. . Data and specifications subject to change without notice. 08/01
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of JANSR2N7261

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X