Part Number Hot Search : 
SPN2304 DT7130 PJ5815CP CSND591 4000A 1N537 SC120 MB91F
Product Description
Full Text Search
 

To Download IRFR9210N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1507A
PRELIMINARY
l l l l l l l
IRFR/U9120N
HEXFET(R) Power MOSFET
D
Ultra Low On-Resistance P-Channel Surface Mount (IRFR9120N) Straight Lead (IRFU9120N) Advanced Process Technology Fast Switching Fully Avalanche Rated
VDSS = -100V RDS(on) = 0.48
G S
ID = -6.6A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D-Pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D -P ak T O -2 52 A A I-P ak T O -25 1 A A
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
-6.6 -4.2 -26 40 0.32 20 100 -6.6 4.0 -5.0 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)** Junction-to-Ambient
Typ.
--- --- ---
Max.
3.1 50 110
Units
C/W
3/16/98
IRFR/U9120N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -100 --- --- -2.0 1.4 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- -0.11 --- --- --- --- --- --- --- --- --- --- 14 47 28 31 4.5 7.5 350 110 70 Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 0.48 VGS = -10V, ID = -3.9A -4.0 V VDS = VGS, ID = -250A --- S VDS = -50V, ID = -4.0A -25 VDS = -100V, VGS = 0V A -250 VDS = -80V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 27 ID = -4.0A 5.0 nC VDS = -80V 15 VGS = -10V, See Fig. 6 and 13 --- VDD = -50V --- ID = -4.0A ns --- RG = 12 --- RD =12 , See Fig. 10 D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = -25V --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
V SD t rr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- -6.6 showing the A G integral reverse --- --- -26 p-n junction diode. S --- --- -1.6 V TJ = 25C, IS = -3.9A, VGS = 0V --- 100 150 ns TJ = 25C, IF = -4.0A --- 420 630 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) Starting TJ = 25C, L = 13mH RG = 25, IAS = -3.9A. (See Figure 12) ISD -4.0A, di/dt 300A/s, VDD V(BR)DSS, TJ 150C
Pulse width 300s; duty cycle 2%. This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact
Uses IRF9520N data and test conditions.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
IRFR/U9120N
100
100
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
10
10
1
1
-4.5V
20s PULSE WIDTH TJ = 150 C
1 10 100
-4.5V
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = -6.7A
-I D , Drain-to-Source Current (A)
2.0
10
TJ = 25 C TJ = 150 C
1.5
1.0
1
0.5
0.1 4 5 6 7
V DS = -50V 20s PULSE WIDTH 8 9 10
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRFR/U9120N
800 20
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
ID = -4.0 A
16
VDS =-80V VDS =-50V VDS =-20V
C, Capacitance (pF)
600
Ciss
12
400
Coss Crss
8
200
4
0 1 10 100
0 0 5 10
FOR TEST CIRCUIT SEE FIGURE 13
15 20 25
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10us
10
TJ = 150 C TJ = 25 C
-ID , Drain Current (A) I
10 100us
1ms 1 10ms
1
0.1 0.2
V GS = 0 V
0.8 1.4 2.0 2.6
0.1 1
TC = 25 C TJ = 150 C Single Pulse
10 100 1000
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRFR/U9120N
8.0
VDS VGS
RD
D.U.T.
+
-ID , Drain Current (A)
-10V
4.0
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
2.0
td(on) tr t d(off) tf
VGS 10%
0.0 25 50 75 100 125 150
TC , Case Temperature ( C)
90% VDS
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1 10
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
-
6.0
RG
VDD
IRFR/U9120N
VDS
L
EAS , Single Pulse Avalanche Energy (mJ)
250
RG
D .U .T
IA S
- VV DD + DD
A D R IV E R
200
ID -1.7A -2.5A BOTTOM -3.9A TOP
-20V
tp
0.0 1
150
15V
100
Fig 12a. Unclamped Inductive Test Circuit
IAS
50
0 25 50 75 100 125 150
Starting T , Junction Temperature( C) J
tp V (BR)DSS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
-10V
QGS VG QGD
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
+
D.U.T.
-
VDS
IRFR/U9120N
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For P-Channel HEXFETS
IRFR/U9120N
Package Outline
TO-252AA Outline Dimensions are shown in millimeters (inches)
6.73 (.265) 6.35 (.250) -A5.46 (.215) 5.21 (.205) 4 6.45 (.245) 5.68 (.224) 6.22 (.245) 5.97 (.235) 1.02 (.040) 1.64 (.025) 1 2 3 0.51 (.020) M IN . 10.42 (.410) 9.40 (.370) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086)
1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018)
LE A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
-B1.52 (.060) 1.15 (.045) 3X 2X 1.14 (.045) 0.76 (.030) 2.28 (.090) 4.57 (.180) 0.89 (.035) 0.64 (.025) 0.25 (.010) M AMB
0.58 (.023) 0.46 (.018)
N O TE S : 1 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 14.5M , 1982. 2 C O N TR O LLIN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O JE D E C O U TLIN E TO -252A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O LD E R D IP , S O LD E R D IP M A X. +0.16 (.006).
Part Marking Information
TO-252AA (D-Pak)
E XA M P L E : T H IS IS A N IR F R 1 2 0 W IT H A S S E M B L Y LOT CODE 9U1P
IN T E R N A T IO N A L R E C T IF IE R LO G O
A
IR F R 120 9U 1P
F IR S T P O R T IO N OF PART NUMBER
ASSEMBLY LOT CODE
S E C O N D P O R T IO N OF PART NUMBER
IRFR/U9120N
Package Outline
TO-251AA Outline Dimensions are shown in millimeters (inches)
6.73 (.265) 6.35 (.250) -A5.46 (.215) 5.21 (.205) 4 6.45 (.245) 5.68 (.224) 1.52 (.060) 1.15 (.045) 1 -B2.28 (.090) 1.91 (.075) 9.65 (.380) 8.89 (.350) 2 3 6.22 (.245) 5.97 (.235) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 0.58 (.023) 0.46 (.018) LE A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
N O TE S : 1 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 14.5M , 1982. 2 C O N T R O LLIN G D IM E N S IO N : IN C H . 3 C O N F O R M S TO J E D E C O U T LIN E T O -252A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O LD E R D IP , S O LD E R D IP M A X. +0.16 (.006).
3X
1.14 (.045) 0.76 (.030)
3X
0.89 (.035) 0.64 (.025) M AMB
1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018)
2.28 (.090) 2X
0.25 (.010)
Part Marking Information
TO-251AA (I-Pak) E X A M P L E : T H IS IS A N IR F U 1 2 0 W IT H A S S E M B L Y LO T CODE 9U1P
IN T E R N A T IO N A L R E C T IF IE R LO GO
IR F U 120 9U 1P
F IR S T P O R T IO N OF PART NUMBER
ASSEMBLY LOT CODE
S E C O N D P O R T IO N OF PART NUMBER
IRFR/U9120N
Tape & Reel Information
TO-252AA
TR
TRR
TRL
1 6.3 ( .6 41 ) 1 5.7 ( .6 19 )
16 .3 ( .64 1 ) 15 .7 ( .61 9 )
12 .1 ( .4 7 6 ) 11 .9 ( .4 6 9 )
F E E D D IR E C T IO N
8 .1 ( .3 18 ) 7 .9 ( .3 12 )
F E E D D IR E C T IO N
NOTES : 1 . C O N T R O LL IN G D IM E N S IO N : M ILL IM E T E R . 2 . A LL D IM E N S IO N S A R E S H O W N IN M ILL IM E T E R S ( IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
1 3 IN C H
16 m m NO TES : 1. O U T L IN E C O N F O R M S T O E IA -4 81 .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 3/98


▲Up To Search▲   

 
Price & Availability of IRFR9210N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X