Part Number Hot Search : 
ZX55C5V6 PDTC1 AL100 DD301 LT581X CM140 ELP6230A G03VG
Product Description
Full Text Search
 

To Download IRF620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF620
Data Sheet June 1999 File Number
1577.3
5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA9600.
Features
* 5.0A, 200V * rDS(ON) = 0.800 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Ordering Information
PART NUMBER IRF620 NOTE: PACKAGE TO-220AB BRAND IRF620
Symbol
D
When ordering, use the entire part number.
G
S
Packaging
JEDEC TO-220AB
SOURCE DRAIN GATE DRAIN (FLANGE)
4-196
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
IRF620
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRF620 200 200 5.0 3.0 20 20 40 0.32 85 -55 to 150 300 260 UNITS V V A A A V W W/oC mJ oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID TC = 100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See TB334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs td(ON) tr td(OFF) tf Qg(TOT) Qgs Qgd CISS COSS CRSS LD Measured from the Contact Modified MOSFET Screw on Tab to Center of Symbol Showing the Die Internal Devices Inductances Measured from the Drain Lead, 6mm (0.25in) from Package to Center of Die
D LD
TEST CONDITIONS VGS = 0V, ID = 250A, (Figure 10) VDS = VGS , ID = 250A VDS = Rated BVDSS , VGS = 0V VDS = 0.8 x Rated BVDSS , VGS = 0V, TJ = 125oC VDS > ID(ON) x rDS(ON)MAX , VGS = 10V VGS = 20V VGS = 10V, ID = 2.5A, (Figures 8, 9) VDS > ID(ON) x rDS(ON)MAX , ID = 2.5A (Figure 12) VDD = 100V, ID 5.0A, RG = 9.1, RL = 20, MOSFET Switching Times are Essentially Independent of Operating Temperature VGS = 10V, ID = 5.0A, VDS = 0.8 x Rated BVDSS, IG(REF) = 1.5mA, (Figure 14) Gate Charge is Essentially Independent of Operating Temperature VDS = 25V, VGS = 0V, f = 1MHz, (Figure 11)
MIN 200 2.0 5.0 1.3 -
TYP 0.8 2.5 20 30 50 30 11 5.0 6.0 450 150 40 3.5
MAX 4.0 25 250 100 1.2 40 60 100 60 15 -
UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current
On-State Drain Current (Note 2) Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Drain Inductance
-
4.5
-
nH
Internal Source Inductance
LS
Measured from the Source Lead, 6mm (0.25in) from Header to Source Bonding Pad
G LS S
7.5
-
nH
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
RJC RJA Free Air Operation
-
-
3.12 62.5
oC/W oC/W
4-197
IRF620
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Rectifier
G D
MIN -
TYP -
MAX 5.0 20
UNITS A A
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovery Charge NOTES:
VSD trr QRR
TJ = 25oC, ISD = 5.0A, VGS = 0V, (Figure 13) TJ = 150oC, ISD = 5.0A, dISD/dt = 100A/s TJ = 150oC, ISD = 5.0A, dISD/dt = 100A/s
-
350 2.3
1.8 -
V ns C
2. Pulse test: pulse width 300s, duty cycle 2%. 3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 10V, starting TJ = 25oC, L = 6.18mH, RG = 50, peak IAS = 5A.
Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0
Unless Otherwise Specified
5
ID , DRAIN CURRENT (A) 0 50 100 150
4
3
2
1
0 25
50
75
100
125
150
TC , CASE TEMPERATURE (oC)
TC , CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
ZJC, NORMALIZED TRANSIENT
1.0 THERMAL IMPEDENCE 0.5 0.2 0.1 0.1 0.05 0.02 0.01 SINGLE PULSE 0.01 10-5 10-4 10-3 10-2 10-1 t1 t2 PDM
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 1 10 t1 , RECTANGULAR PULSE DURATION (s)
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
4-198
IRF620 Typical Performance Curves
100 OPERATION IN THIS AREA IS LIMITED BY rDS(ON) ID , DRAIN CURRENT (A) 8
Unless Otherwise Specified (Continued)
10 10V 7V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 6V 6
ID , DRAIN CURRENT (A)
10
10s 100s 1ms
4 5V 2 4V 0
1 TJ = MAX RATED TC = 25oC SINGLE PULSE 1 10ms 100ms DC 1000
0.1
100 10 VDS , DRAIN TO SOURCE VOLTAGE (V)
0
20
40
60
80
100
VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
5 VGS = 10V ID , DRAIN CURRENT (A) 4 VGS = 8V ID , DRAIN CURRENT (A) VGS = 6V VGS = 5V 3 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
10
8
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDS > ID(ON) x rDS(ON) MAX
6
2
4 TJ = 125oC TJ = 25oC TJ = -55oC
1
VGS = 4V
2
0 0 2 4 6 8 10 VDS , DRAIN TO SOURCE VOLTAGE (V)
0 0 2 4 6 8 10 VG , GATE TO SOURCE VOLTAGE (V)
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
1.5 NORMALIZED DRAIN TO SOURCE ON RESISTANCE rDS(ON) , DRAIN TO SOURCE ON RESISTANCE ()
2.2
VGS = 10V 1.0
1.8
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 10V, ID = 2A
1.4
0.5
VGS = 20V
1
0.6
0 0 5 10 ID , DRAIN CURRENT (A) 15 20
0.2 -40 0 40 80 120 TJ , JUNCTION TEMPERATURE (oC)
NOTE: Heating effect of 2.0s pulse is minimal. FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
4-199
IRF620 Typical Performance Curves
1.25 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE ID = 250A 1.15 C, CAPACITANCE (pF) 800
Unless Otherwise Specified (Continued)
1000 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD
1.05
600 CISS 400 COSS 200 CRSS
0.95
0.85
0.75 -40
0
40
80
120
160
0
0
10
20
30
40
50
TJ , JUNCTION TEMPERATURE (oC)
VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
5 gfs, TRANSCONDUCTANCE (S)
ISD , SOURCE TO DRAIN CURRENT (A)
4
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDS > ID(ON) x rDS(ON) MAX
TJ = -55oC TJ = 25oC
PULSE DURATION = 80s 100 DUTY CYCLE = 0.5% MAX TJ = 25oC TJ = 150oC
3
TJ = 125oC
2
10
1
TJ = 150oC
TJ = 25oC
0 0 2 4 6 8 10 ID , DRAIN CURRENT (A)
1
0
1
2
3
4
VSD , SOURCE TO DRAIN VOLTAGE (V)
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
20 ID = 6A VDS = 40V 20 VDS = 100V 10 VDS = 160V 5
VGS , GATE TO SOURCE (V)
15
0 0 4 8 12 16 20 Qg , GATE CHARGE (nC)
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
4-200
IRF620 Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 17. SWITCHING TIME TEST CIRCUIT
VDS (ISOLATED SUPPLY)
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
VDD SAME TYPE AS DUT Qg(TOT) Qgd Qgs D VDS VGS
12V BATTERY
0.2F
50k 0.3F
G
DUT 0
IG(REF) 0 IG CURRENT SAMPLING RESISTOR
S VDS ID CURRENT SAMPLING RESISTOR IG(REF) 0
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
4-201
IRF620
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-202


▲Up To Search▲   

 
Price & Availability of IRF620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X