Part Number Hot Search : 
MSB92W 1GH45 3296P103 RJL6020 EMK11 HM63021 FDD10AN0 PC549
Product Description
Full Text Search
 

To Download IL2010B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL2010B PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
Description
The IL2010B is designed as a phase-control circuit in bipolar technology. It enables loadcurrent detection and has a soft-start function as well as reference voltage output. Motor control with load-current feedback and overload protection are preferred applications.
Features
* Full wave current sensing * Mains supply variation compensated * Programmable load-current limitation with over- and high-load output * Variable soft-start * Voltage and current synchronization * Automatic retriggering switchable * Triggering pulse typical 125 mA
* Internal supply voltage monitoring * Current requirement 3 mA * Temperature compensated reference voltage
Applications
* Advanced motor control * Grinder * Drilling machine
Pin Description
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol Isense Isense C Control Comp. ILoad Csoft VRef Mode GND VS High load Overload VR VSync. Output Function Load current sensing Load current sensing Ramp voltage Control input Compensation output Load current limitation Soft start Reference voltage Mode selection Ground Supply voltage High load indication Overload indication Ramp current adjust Voltage synchronization Trigger output
Korzhenevskogo 12, Minsk, 220108, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61, 212 69 16 E-mail: office@bms.by URL: www.bms.by
IL2010B
Block Diagram
Absolute Maximum Ratings
Reference point Pin 10, unless otherwise specified Parameters Pin Sink current 11 t 10us Sync. currents 15 t 10us Phase control Control voltage 4 and 8 Input current 4 Charging current 14 Soft-start Input voltage 7 and 8 Pulse output Input voltage 16 Reference voltage source Output current t 10us Load current sensing Input currents Input voltages Overload output High-load output t 10us Storage temperature range Junction temperature range Ambient temperature range 1 and 2 5 and 6 13 12 8 Symbol -IS -is IsyncV isyncV -VI II - I max -VI +VI -VI I0 i0 Ii - Vi IL IL iL Tstg Tj Tamb Value 30 100 5 20 0 - V8 500 0.5 0 - V8 2 V11 10 30 1 0 - V8 1 30 100 -40 to +125 125 -10 to +100 Unit mA mA
V uA mA V V mA mA mA V mA mA mA o C o C o C
Korzhenevskogo 12, Minsk, 220108, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61, 212 69 16 E-mail: office@bms.by URL: www.bms.by
IL2010B
Electrical Characteristics
VS =-13 V, Tamb = 25oC, reference point Pin 10, unless otherwise specified Parameters Test Conditions Pins Symbol Supply Supply voltage limitation -IS = 5.5 mA 11 -VS -IS = 30 mA Current requirement -VS = 13.0 V -IS (Pins 1, 2, 8 and 15 open) Pin 11 Reference voltage source Reference voltage IL = 10 uA -VRef 8 IL = 2.5 mA Temperature coefficient IS = 2.5 mA TCVRef IS = 10 uA Voltage monitoring Turn-on threshold 11 -VSon Phase control - synchronization Voltage limitation IL = 2 mA VsyncV Input current Current sync. 16 IsyncI Reference ramp, fig. 1 Charging current 14 -I Start voltage 3 -Vmax Temperature coefficient of 3 TCR start voltage Final voltage 3 -Vmin 14 and R reference voltage I=10uA VR 11 14 Temperature coefficient TCVR I=10 uA I=1 uA Pulse output current V16 = - 1.2 V, fig. 2, 16 I0 Output pulse width C3 = 3.3 nF, fig. 3 16 tp Automatic retriggering Repetition rate I15 =150 uA tpp Threshold voltage 16 VI Soft start, figure 7 and 8 Starting current V7 = V8 7 -I0 Final current V7-10 = -1V -I0 Discharge current +I0 Output current 4 +I0 Supply voltage compensation, Transfer gain fig. 6 I15/ I5 Pin 15/5 Gi (Pins 1 and 2 open) Output offset current V(R6) = V15 = V5 = 0 I0 , Load current detection R1= R2 = 3 k, V15 = 0, V5 = V6 = V8, fig. 7 Transfer gain I5/150 mV, I6/150 mV GI Output offset currents 5, 6 - 8 -I0 Reference voltage I1, I2 = 100 uA 1 and 2 -VRef Shunt voltage amplitude V(R6) Min. 14.5 14.6 Typ. Max. 16.5 16.8 5.2 9.0 8.8 -0.004 +0.006 11.3 8.0 3 1 2.00 8.5 9.3 9.2 Unit V mA V %/K 12.3 9.0 30 100 2.20 V V uA uA V %/K
8.7 8.5
2.15 -0.003
0.96
(V8200 mV) 1.02 1.10 0.03 0.06 125 50 5
V %/K
100 3 20 5 20 0.5 0.2 12
150 7.5 100 20 50 2 18 2
mA us tp mV uA uA mA mA
10 25
uA uA/mV uA mV mV
0.28 0 300
0.32 3
0.37 6 450 250
Korzhenevskogo 12, Minsk, 220108, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61, 212 69 16 E-mail: office@bms.by URL: www.bms.by
IL2010B
Parameters Test Conditions Load current limitation figs. 8 to 13 High load switching Threshold VT70 Overload switching Threshold VT100 Restart switching Threshold VT25 Input current Enquiry mode Output impedance Switching mode Programming input Input voltage - auto-start Pin 9 open Input current V9 = 0 (max) V9 = V8 (Imax) High load output, VT70, fig. 9, I12 = -3 mA, Saturation voltages V6-8 VT70 V6-8 VT70 Overload output, VT100, V9 = open or V9 = V10, fig. 10 Leakage current V6-8 VT25 V13 = (V11+1)V Saturation voltages V6-8 VT100, I13 = 10 uA Output current, max. load V9 = V8, fig. 10 Leakage current V6 VT100 Output impedance Open collector V6 VT100 Pins 6-8 Symbol VT70 VT100 VT25 Ii R0 -V9 -I9 I9 Vsat Vlim Min. 4 5.8 1.25 2 3.8 5 5 0.5 7.3 Typ. 4.35 6.2 1.55 4 4.3 10 10 0.75 Max. 4.7 6.6 1.85 1 8 4.7 20 20 1.0 8.1 Unit V V V uA k V uA
9
11-12
V
uA 13 11-13 13 13 13 Ilkg Vsat I13 Ilkg R0 0.5 V 0.15 1 4 8 mA uA k
2
4
Fig.1
Fig.2
Korzhenevskogo 12, Minsk, 220108, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61, 212 69 16 E-mail: office@bms.by URL: www.bms.by
IL2010B
Fig.3
Fig.4
Fig.5
Fig.6
Fig.7
Fig.8
Korzhenevskogo 12, Minsk, 220108, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61, 212 69 16 E-mail: office@bms.by URL: www.bms.by
IL2010B
Fig.9
Fig.10
Fig.11
Fig.12
Fig.13
Fig.14
Korzhenevskogo 12, Minsk, 220108, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61, 212 69 16 E-mail: office@bms.by URL: www.bms.by
IL2010B
Korzhenevskogo 12, Minsk, 220108, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61, 212 69 16 E-mail: office@bms.by URL: www.bms.by


▲Up To Search▲   

 
Price & Availability of IL2010B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X