Part Number Hot Search : 
00121 8M000 CSNR6 LU3103 MTRPB ISL8204M K15A60 00144
Product Description
Full Text Search
 

To Download HAF1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAF1002(L), HAF1002(S)
Silicon P Channel MOS FET Series Power Switching
ADE-208-586 (Z) 1st. Edition October 1997 Features
This FET has the over temperature shut-down capability sensing to the junction temperature. This FET has the built-in over temperature shut-down circuit in the gate area. And this circuit operation to shut-down the gate voltage in case of high junction temperature like applying over power consumption, over current etc. * Logic level operation (-4 to -6 V Gate drive) * High endurance capability against to the short circuit * Built-in the over temperature shut-down circuit * Latch type shut-down operation (Need 0 voltage recovery)
Outline
HAF1002(L), HAF1002(S)
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Note: 1. PW 10s, duty cycle 1 % 2. Value at Tc = 25C Symbol VDSS VGSS VGSS ID I D(pulse) I DR Pch Tch Tstg
Note2 Note1
Ratings -60 -16 3 -15 -30 -15 50 150 -55 to +150
Unit V V V A A A W C C
Typical Operation Characteristics
Item Input voltage Symbol VIH VIL Input current (Gate non shut down) I IH1 I IH2 I IL Input current (Gate shut down) Shut down temperature Gate operation voltage I IH(sd)1 I IH(sd)2 Tsd VOP Min -3.5 -- -- -- -- -- -- -- -3.5 Typ -- -- -- -- -- -0.8 -0.35 175 -- Max -- -1.2 -100 -50 -1 -- -- -- -13 Unit V V A A A mA mA C V Vi = -8V, VDS = 0 Vi = -3.5V, VDS = 0 Vi = -1.2V, VDS = 0 Vi = -8V, VDS = 0 Vi = -3.5V, VDS = 0 Channel temperature Test Conditions
2
HAF1002(L), HAF1002(S)
Electrical Characteristics (Ta = 25C)
Item Drain current Drain current Drain to source breakdown voltage Symbol I D1 I D2 V(BR)DSS Min -7 -- -60 -16 3 -- -- -- -- -- -- -- -1.1 -- -- Typ -- -- -- -- -- -- -- -- -- -0.8 -0.35 -- -- 100 70 Max -- -10 -- -- -- -100 -50 -1 100 -- -- -250 -2.25 130 90 Unit A mA V V V A A A A mA mA A V m m Test Conditions VGS = -3.5V, VDS = -2V VGS = -1.2V, VDS = -2V I D = -10mA, VGS = 0 I G = -100A, VDS = 0 I G = 100A, VDS = 0 VGS = -8V, VDS = 0 VGS = -3.5V, VDS = 0 VGS = -1.2V, VDS = 0 VGS = 2.4V, VDS = 0 VGS = -8V, VDS = 0 VGS = -3.5V, VDS = 0 VDS = -50 V, VGS = 0 I D = -1mA, VDS = -10V I D = -7.5A, VGS = -4V
Note3
Gate to source breakdown voltage V(BR)GSS Gate to source breakdown voltage V(BR)GSS Gate to source leak current I GSS1 I GSS2 I GSS3 I GSS4 Input current (shut down) I GS(op)1 I GS(op)2 Zero gate voltege drain current Gate to source cutoff voltage Static drain to source on state resistance Static drain to source on state resistance Forward transfer admittance Output capacitance I DSS VGS(off) RDS(on) RDS(on) |yfs| Coss
I D = -7.5A VGS = -10V Note3 I D = -7.5A, VDS = -10V
Note3
5 --
10 610
-- --
S pF
VDS = -10V , VGS = 0 f = 1 MHz I D = -7.5A, VGS = -5V RL = 4
Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Over load shut down operation time Note:
Note4
t d(on) tr t d(off) tf VDF t rr t os1 t os2
-- -- -- -- --
7.5 36 32 29 -1.0
-- -- -- -- --
s s s s V
I F = -15A, VGS = 0 I F = -15A, VGS = 0 diF/ dt =50A/s VGS = -5V, VDD = -12V VGS = -5V, VDD = -24V
--
200
--
ns
-- --
3.7 1
-- --
ms ms
3. Pulse test 4. Include the time shift based on increasing of channel temperature when operate under over load condition.
See characteristics curve of HAF1001.
3
HAF1002(L), HAF1002(S)
Package Dimensions
Unit: mm
4
HAF1002(L), HAF1002(S)
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
5


▲Up To Search▲   

 
Price & Availability of HAF1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X