Part Number Hot Search : 
H8205A DTC143 W79E824 KM150M APK35 FKBL402 221MR 01LFT
Product Description
Full Text Search
 

To Download GBPC2504W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC25005/W-GBPC2510/W
Vishay Lite-On Power Semiconductor
25A Glass Passivated Bridge Rectifier
Features
D D D D D D
Glass passivated die construction Diffused junction Low reverse leakage current Low power loss, high efficiency Surge overload rating to 300A peak Electrically isolated metal base for maximum heat dissipation
GBPC - W
14 452
GBPC
D Case to terminal isolation voltage 2500V D UL listed under recognized component index ,
file number E95060
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage DC Blocking lt =DC Bl ki voltage Test Conditions Type GBPC25005/W GBPC2501/W GBPC2502/W GBPC2504/W GBPC2506/W GBPC2508/W GBPC2510/W Symbol VRRM =VRWM V =VR Value 50 100 200 400 600 800 1000 300 25 -65...+150 Unit V V V V V V V A A C
Peak forward surge current Average forward current TC=60C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current I2t Rating for fusing Diode capacitance Thermal resistance junction to case Test Conditions IF=12.5A TC=25C TC=125C VR=4V, f=1MHz mounted on heatsink Type Symbol VF IR IR I2t CD RthJC Min Typ Max 1.1 5 500 374 Unit V
mA mA
A2s pF K/W
300 3.6
Rev. A2, 24-Jun-98
1 (4)
GBPC25005/W-GBPC2510/W
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 40 C D - Diode Capacitance ( pF )
Mounted on a 220 x 220 x 50 mm AL plate heatsink
1000
Tj = 25C f = 1 MHz
30
20
100
10
Resistive or inductive load
0
15675
10 0 25 50 75 100 125 150
15678
0.1
Tamb - Ambient Temperature ( C )
1.0 10 100 VR - Reverse Voltage ( V )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
100
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
100 IR - Reverse Current ( m A )
Tj = 125C Tj = 130C 50V - 400V 600V - 1000V
IF - Forward Current ( A )
10
10
1.0
1.0
Tj = 25C
0.1
Tj = 25C IF Pulse Width = 300 s
0.1
0.01
15676
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VF - Forward Voltage ( V )
15679
0.01 20 40 60 80 100 120 140 0 Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typ. Forward Current vs. Forward Voltage
IFSM - Peak Forward Surge Current ( A )
Figure 5. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
400
Single Half Sine-Wave (JEDEC Method)
300
200
100
Tj = 150C
0
1
15677
10 Number of Cycles at 60 Hz
100
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
2 (4)
Rev. A2, 24-Jun-98
GBPC25005/W-GBPC2510/W
Vishay Lite-On Power Semiconductor Dimensions in mm
14477
Case: molded plastic with heatsink internally mounted in the bridge encapsulation Polarity: as marked on case Approx. weight: GBPC 18 grams, GBPC-W 14.5 grams Mounting: through hole for #10 screw Mounting torque: 8.0 Inch-pounds maximum Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
GBPC25005/W-GBPC2510/W
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of GBPC2504W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X