Part Number Hot Search : 
BAS16 BV55C 2N2222A 50RIA10 HT162 PLR050 735D70 XFATM9P4
Product Description
Full Text Search
 

To Download FDG361N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDG361N
August 2001
FDG361N
N-Channel 100V Specified PowerTrenchMOSFET
General Description
These N-Channel 100V specified MOSFETs are produced using Fairchild Semiconductor's advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain low gate charge for superior switching performance. These devices have been designed to offer exceptional power dissipation in a very small footprint for applications where the bigger more expensive SO-8 and TSSOP-8 packages are impractical.
Features * 0.6 A, 100 V.
RDS(ON)= 500 m @ VGS = 10 V RDS(ON)= 550 m @ VGS = 6.0 V
* Low gate charge (3.7nC typical) * Fast switching speed * High performance trench technology for extremely
low RDS(ON)
Applications
* Load switch * Battery protection * Power management
S D D G
Pin 1
1 2
D D
6 5 4
3
SC70-6
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
100 20
(Note 1a)
Units
V V A W C
0.6 2.0 0.42 0.38 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b)
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA RJA Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient
(Note 1a) (Note 1b)
300 333
C/W C/W
Package Marking and Ordering Information
Device Marking .61 Device FDG361N Reel Size 7'' Tape width 8mm Quantity 3000 units
2001 Fairchild Semiconductor Corporation
FDG361N Rev C(W)
FDG361N
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = 250 A ID = 250 A,Referenced to 25C VDS = 80 V, VGS = 20 V, VGS = -20 V, VGS = 0 V VDS = 0 V VDS = 0 V
Min
100
Typ
Max Units
V
Off Characteristics
105 10 100 -100 mV/C A nA nA
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
VDS = VGS, ID = 250 A ID = 250 A,Referenced to 25C VGS = 10 V, ID = 0.6 A ID = 0.6 A VGS = 6 V, VGS = 10 V, ID = 0.6 A, TJ = 125C VGS = 10 V, VDS = 10 V VDS = 5V, ID = 0.6 A
2
2.6 -5 370 396 685
4
V mV/C
500 550 976
m
ID(on) gFS
2 3.6
A S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = 50 V, f = 1.0 MHz
V GS = 0 V,
153 5 1
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = 50 V, VGS = 10 V,
ID = 1 A, RGEN = 6
8 4 11 6
16 8 20 12 5
ns ns ns ns nC nC nC
VDS = 50 V, VGS = 10 V
ID = 0.6 A,
3.7 0.8 1
Drain-Source Diode Characteristics and Maximum Ratings
IS VSD Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = 0.4 A
(Note 2)
0.4 0.8 1.2
A V
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a)
300C/W when 2 mounted on a 1in pad of 2 oz copper.
b)
333C/W when mounted on a minimum pad of 2 oz copper.
2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDG361N Rev C(W)
FDG361N
Typical Characteristics
4 6.0V ID, DRAIN CURRENT (A) 3 4.0V 2 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = 10V 5.0V 4.5V 1.6 1.4 VGS = 4.0V
4.5V 1.2 5.0V 6.0V 10V
1
1
0 0 2 4 6 8 VDS, DRAIN-SOURCE VOLTAGE (V)
0.8 0 1 2 ID, DRAIN CURRENT (A) 3 4
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
1.25 RDS(ON), ON-RESISTANCE (OHM)
2.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 2.2 1.8 1.4 1 0.6 0.2 -50 -25 0 25 50 75 100
o
ID = 0.6A VGS =10V
ID = 0.3A 1
0.75
TA = 125oC
0.5
TA = 25oC
125
150
0.25 2 4 6 8 10 VGS, GATE TO SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE ( C)
Figure 3. On-Resistance Variation with Temperature.
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
10
6 VDS = 5V ID, DRAIN CURRENT (A) 4.5 IS, REVERSE DRAIN CURRENT (A) 1
VGS = 0V TA = 125oC 25oC -55oC 0.01
0.1
3 TA = 125 C 25oC 1.5 -55oC 0 1.5 2.5 3.5 4.5 5.5 VGS, GATE TO SOURCE VOLTAGE (V)
o
0.001
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDG361N Rev C(W)
FDG361N
Typical Characteristics
10 VGS, GATE-SOURCE VOLTAGE (V) ID = 0.6A 8 CAPACITANCE (pF) 70V 6 150 VDS = 30V 50V 200 CISS f = 1MHz VGS = 0 V
100
4
50 COSS CRSS 0
2
0 0 1 2 Qg, GATE CHARGE (nC) 3 4
0
10
20
30
40
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
10 RDS(ON) LIMIT ID, DRAIN CURRENT (A) 1 100s 1ms 10ms 100m 1s DC 0.01 VGS = 10V SINGLE PULSE RJA = 333oC/W TA = 25 C 0.001 0.1 1 10 100 1000 VDS, DRAIN-SOURCE VOLTAGE (V)
o
Figure 8. Capacitance Characteristics.
10 SINGLE PULSE RJA = 333C/W TA = 25C
P(pk), PEAK TRANSIENT POWER (W)
8
6
0.1
4
2
0 0.0000 0.0001 1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
RJA(t) = r(t) + RJA RJA = 333C/W
0.1
0.1 0.05 0.02 0.01 SINGLE PULSE
P(pk)
t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.01 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDG361N Rev C(W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM
OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM
STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H3


▲Up To Search▲   

 
Price & Availability of FDG361N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X