Part Number Hot Search : 
ST8050 12C24S ORD228VL 211YA 12C24S MPC823 1021B TZ551
Product Description
Full Text Search
 

To Download CMPT4403PNP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPT4401 NPN CMPT4403 PNP COMPLEMENTARY SILICON TRANSISTORS
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPT4401, CMPT4403 types are complementary silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for small signal general purpose amplifier and switching applications. MARKING CODES: CMPT4401: C2X CMPT4403: C2T
SOT-23 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA
CMPT4401 60 40 6.0 600 350 -65 to +150 357
CMPT4403 40 40 5.0
UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) CMPT4401 SYMBOL TEST CONDITIONS MIN MAX ICEV IBEV BVCBO BVCEO BVEBO VCE=35V, VEB=0.4V VCE=35V, VEB=0.4V IC=100A IC=1.0mA 60 40 6.0 0.40 0.75 0.75 20 40 80 0.95 1.2 0.1 0.1
CMPT4403 MIN MAX 0.1 0.1 40 40 5.0 0.40 0.75 0.75 30 60 100 0.95 1.3
UNITS A A V V V V V V V
IE=100A VCE(SAT) IC=150mA, IB=15mA VCE(SAT) IC=500mA, IB=50mA VBE(SAT) VBE(SAT) hFE hFE hFE IC=150mA, IB=15mA IC=500mA, IB=50mA VCE=1.0V, IC=0.1mA VCE=1.0V, IC=1.0mA VCE=1.0V, IC=10mA
R4 (26-September 2002)
Central
TM
Semiconductor Corp.
CMPT4401 NPN CMPT4403 PNP COMPLEMENTARY SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) CMPT4401 SYMBOL TEST CONDITIONS MIN MAX hFE VCE=1.0V, IC=150mA 100 300 hFE hFE fT Cob Cib hie hre hfe hoe td tr ts tf VCE=2.0V, IC=150mA VCE=2.0V, IC=500mA VCE=10V, IC=20mA, f=100MHz VCB=5.0V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, VCE=10V, IC=1.0mA, f=1.0kHz IC=1.0mA, f=1.0kHz 40 250 6.5 30 1.0 0.1 40 1.0 15 8.0 500 30 15 20 225 30 -
CMPT4403 MIN MAX 100 20 200 8.5 30 1.5 0.1 60 1.0 15 8.0 500 100 15 20 225 30 300
UNITS
MHz pF pF k x10-4 mhos ns ns ns ns
VCE=10V, IC=1.0mA, f=1.0kHz VCC=30V, VBE=2.0, IC=150mA, IB1=15mA VCC=30V, VBE=2.0, IC=150mA, IB1=15mA VCC=30V, VCC=30V, IC=150mA, IC=150mA, IB1=IB2=15mA IB1=IB2=15mA
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODES: CMPT4401: C2X CMPT4403: C2T
R4 (26-September 2002)


▲Up To Search▲   

 
Price & Availability of CMPT4403PNP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X