Part Number Hot Search : 
7C133 3510F SMCJ43A SI5908DC TCH20A20 06400 DTA114Y 2SD18
Product Description
Full Text Search
 

To Download CFB810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
IS/ISO 9002 Lic# QSC/L- 000019.2
IS / IECQC 700000 IS / IECQC 750100
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFB810 (9AW) TO-220FP
MARKING:- CFB 810
Designed for Relay Drive and Motor Drive
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C) DESCRIPTION SYMBOL VALUE VCBO 110 Collector -Base Voltage VCEO 110 Collector -Emitter Voltage VEBO 5.0 Emitter Base Voltage IC 8.0 Collector Current ICP 12 t=50ms IB 1.0 Base Current 2.0 Collector Power Dissipation @ Ta=25 deg C PC 60 Collector Power Dissipation @ Tc=25 deg C Tj 150 Junction Temperature Tstg -55 to +150 Storage Temperature Range ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified) DESCRIPTION SYMBOL TEST CONDITION MIN TYP VCEO IC=5mA, IB=0 110 Collector Emitter Voltage ICBO VCB=110V, IE=0 Collector Cut off Current IEBO VEB=5V,IC=0 Emitter Cut off Current VCE(Sat) IC=5A,IB=5mA Collector Emitter Saturation Voltage hFE IC=2A, VCE=3V 1.0 DC Current Gain IC=8A, VCE=3V 1.0 Dynamic Characteristics ft VCE=12V,IC=0.5A, 100 Transition Frequency Cob VCB=10V, IE=0 110 Collector Output Capacitance f=1MHz UNIT V V V A A A W W deg C deg C MAX 100 3.0 2.5 20 UNIT V uA mA V K K MHz pF
Continental Device India Limited
Data Sheet
Page 1 of 2
TO-220FP (Fully Isolated) Plastic Package
A D C B
All diminsions in mm.
M
D IM A B C D E F G H J K L M
M IN 9.96 2.60 4.50 3.10 7.90 16.87 0.45 2.56 2.34 -- -- --
M AX 10.36 3.00 4.90 3.30 8.20 17.27 0.50 2.96 2.74 3.08 30.05 0.80
F
E
1
2
L
3
PIN CON FIG URATION 1. BASE 2. COLLECTO R 3. EMITTER
K
J
J
G
1
2
3
H
Packing Detail
PACKAGE Details TO-220 / FP STANDARD PACK Net Weight/Qty Size INNER CARTON BOX Qty 1.0K 1.0K Size OUTER CARTON BOX Qty Gr Wt 16.0K 10.0K 36 kgs 29 kgs 200 pcs/polybag 396 gm/200 pcs 50 pcs/tube 120 gm/50 pcs 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 17" x 15" x 13.5" 19" x 19" x 19"
Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
Continental Device India Limited
Data Sheet Page 2 of 2


▲Up To Search▲   

 
Price & Availability of CFB810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X