Part Number Hot Search : 
BSH101 S3C9004 30252 LTC290 MCM6264 FH104 SDA312F LSI2041
Product Description
Full Text Search
 

To Download BYV36SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
handbook, 2 columns
M3D116
BYV36 series Fast soft-recovery controlled avalanche rectifiers
Product specification Supersedes data of 1996 May 30 1996 Jul 01
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
FEATURES * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Guaranteed avalanche energy absorption capability * Available in ammo-pack. DESCRIPTION Rugged glass SOD57 package, using a high temperature alloyed
BYV36 series
construction. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched.
2/3 page k (Datasheet)
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM PARAMETER repetitive peak reverse voltage BYV36A BYV36B BYV36C BYV36D BYV36E BYV36F BYV36G VR continuous reverse voltage BYV36A BYV36B BYV36C BYV36D BYV36E BYV36F BYV36G IF(AV) average forward current BYV36A to C BYV36D and E BYV36F and G IF(AV) average forward current BYV36A to C BYV36D and E BYV36F and G
a
MAM047
Fig.1 Simplified outline (SOD57) and symbol.
CONDITIONS
MIN. - - - - - - - - - - - - - -
MAX. 200 400 600 800 1000 1200 1400 200 400 600 800 1000 1200 1400 1.6 1.5 1.5 0.87 0.81 0.81 V V V V V V V V V V V V V V A A A A A A
UNIT
Ttp = 60 C; lead length = 10 mm; see Figs 2; 3 and 4 averaged over any 20 ms period; see also Figs 14; 15 and 16 Tamb = 60 C; PCB mounting (see Fig.25); see Figs 5; 6 and 7 averaged over any 20 ms period; see also Figs 14; 15 and 16
- - - - - -
1996 Jul 01
2
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
SYMBOL IFRM PARAMETER repetitive peak forward current BYV36A to C BYV36D and E BYV36F and G IFRM repetitive peak forward current BYV36A to C BYV36D and E BYV36F and G IFSM ERSM Tstg Tj non-repetitive peak forward current t = 10 ms half sine wave; Tj = Tj max prior to surge; VR = VRRMmax non-repetitive peak reverse avalanche energy storage temperature junction temperature see Figs 17 and 18 L = 120 mH; Tj = Tj max prior to surge; inductive load switched off Tamb = 60 C; see Figs 11; 12 and 13 - - - - - -65 -65 CONDITIONS Ttp = 60 C; see Figs 8; 9 and 10 - - -
BYV36 series
MIN.
MAX. 18 17 15 9 8 8 30 10 +175 +175 A A A A A A A
UNIT
mJ C C
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage BYV36A to C BYV36D and E BYV36F and G VF forward voltage BYV36A to C BYV36D and E BYV36F and G V(BR)R reverse avalanche breakdown voltage BYV36A BYV36B BYV36C BYV36D BYV36E BYV36F BYV36G IR reverse current VR = VRRMmax; see Fig.22 VR = VRRMmax; Tj = 165 C; see Fig.22 IR = 0.1 mA 300 500 700 900 1100 1300 1500 - - - - - - - - - - - - - - - - - - 5 150 V V V V V V V A A IF = 1 A; see Figs 19; 20 and 21 CONDITIONS IF = 1 A; Tj = Tj max; see Figs 19; 20 and 21 MIN. - - - - - - TYP. - - - - - - MAX. 1.00 1.05 1.05 1.35 1.45 1.45 V V V V V V UNIT
1996 Jul 01
3
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
SYMBOL trr PARAMETER reverse recovery time BYV36A to C BYV36D and E BYV36F and G Cd diode capacitance BYV36A to C BYV36D and E BYV36F and G dI R -------dt maximum slope of reverse recovery when switched from IF = 1 A to VR 30 V and current dIF/dt = -1 A/s; BYV36A to C see Fig.27 BYV36D and E BYV36F and G THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 CONDITIONS lead length = 10 mm f = 1 MHz; VR = 0 V; see Figs 23 and 24 CONDITIONS when switched from IF = 0.5 A to IR = 1 A; measured at IR = 0.25 A; see Fig. 26 MIN. - - - - - -
BYV36 series
TYP. - - - 45 40 35
MAX. 100 150 250 - - -
UNIT ns ns ns pF pF pF
- - -
- - -
7 6 5
A/s A/s A/s
VALUE 46 100
UNIT K/W K/W
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer 40 m, see Fig.25. For more information please refer to the "General Part of associated Handbook".
1996 Jul 01
4
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
GRAPHICAL DATA
1.6 I F(AV) (A) 1.2 20 15 10 lead length (mm)
MSA867
BYV36 series
1.6 I F(AV) (A) 1.2 20 15 10
MSA866
lead length (mm)
0.8
0.8
0.4
0.4
0 0 BYV36A to C a = 1.42; VR = VRRMmax; = 0.5. Switched mode application. 100 T tp ( oC) 200
0 0 BYV36D and E a = 1.42; VR = VRRMmax; = 0.5. Switched mode application. 100 T tp ( oC) 200
Fig.2
Maximum average forward current as a function of tie-point temperature (including losses due to reverse leakage).
Fig.3
Maximum average forward current as a function of tie-point temperature (including losses due to reverse leakage).
handbook, halfpage
2.0 I F(AV) (A) 1.6
MBD419
handbook, halfpage
1.2
MSA865
I F(AV) (A) lead length 10 mm 0.8
1.2
0.8 0.4 0.4
0 0 100 Ttp ( C)
o
0 200 0 100 Tamb ( oC) 200
BYV36F and G a = 1.42; VR = VRRMmax; = 0.5. Switched mode application.
BYV36A to C a = 1.42; VR = VRRMmax; = 0.5. Device mounted as shown in Fig.25. Switched mode application.
Fig.4
Maximum average forward current as a function of tie-point temperature (including losses due to reverse leakage).
Fig.5
Maximum average forward current as a function of ambient temperature (including losses due to reverse leakage).
1996 Jul 01
5
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
handbook, halfpage
1.2
MSA864
handbook, halfpage
1.2
MBD420
I F(AV) (A) 0.8
I F(AV) (A) 0.8
0.4
0.4
0 0 100 Tamb ( oC) 200
0 0 100 T amb ( oC) 200
BYV36D and E a = 1.42; VR = VRRMmax; = 0.5. Device mounted as shown in Fig.25. Switched mode application.
BYV36F and G a = 1.42; VR = VRRMmax; = 0.5. Device mounted as shown in Fig.25. Switched mode application.
Fig.6
Maximum average forward current as a function of ambient temperature (including losses due to reverse leakage).
Fig.7
Maximum average forward current as a function of ambient temperature (including losses due to reverse leakage).
20 I FRM (A) 16 = 0.05
MBD446
12 0.1
8 0.2
4
0.5
1 0 10 2 10 1 1 10 10 2 10 3 t p (ms) 10 4
BYV36A to C Ttp = 60C; Rth j-tp = 46 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 600 V.
Fig.8 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
1996 Jul 01
6
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
20 I FRM (A) 16 = 0.05
MBD447
12 0.1 8 0.2 4
0.5 1
0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV36D and E Ttp = 60C; Rth j-tp = 46 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1000 V.
Fig.9 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
16 I FRM (A) 12 = 0.05
MLB529
0.1 8 0.2
4
0.5
1 0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV36F and G Ttp = 60C; Rth j-tp = 46 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1400 V.
Fig.10 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
1996 Jul 01
7
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
10 I FRM (A) 8
MBD441
= 0.05
6 0.1
4 0.2
2
0.5 1
0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV36A to C Tamb = 60 C; Rth j-a = 100 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 600 V.
Fig.11 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
10 I FRM (A) 8 = 0.05
MBD444
6 0.1 4 0.2
2
0.5 1
0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV36D and E Tamb = 60 C; Rth j-a = 100 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1000 V.
Fig.12 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
1996 Jul 01
8
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
8 I FRM (A) 6 = 0.05
MLB530
0.1 4 0.2
2
0.5 1
0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV36F and G Tamb = 60 C; Rth j-a = 100 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1400 V.
Fig.13 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
3 P (W) 2 2.5 2 1.57 a=3
MSA861
3 P (W) 2 2.5 2 1.57 a=3 1.42
MSA862
1.42
1
1
0 0 BYV36A to C a = IF(RMS)/IF(AV); VR = VRRMmax; = 0.5. 1 I F(AV) (A) 2
0 0 1 I F(AV) (A) 2
BYV36D and E a = IF(RMS)/IF(AV); VR = VRRMmax; = 0.5.
Fig.14 Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current.
Fig.15 Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current.
1996 Jul 01
9
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
3 P (W) 2 a=3
MBD429
handbook, halfpage
200
MSA857
2.5 2 1.57 1.42 Tj ( oC)
100
1 A B C D E
0 0 1 I F(AV)(A) 2
0 0 400 800 V R (V) 1200
BYV36F and G a = IF(RMS)/IF(AV); VR = VRRMmax; = 0.5. BYV36A to E Solid line = VR. Dotted line = VRRM; = 0.5.
Fig.16 Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current.
Fig.17 Maximum permissible junction temperature as a function of reverse voltage.
handbook, halfpage
200
MLB599
MSA863
handbook, halfpage
10
IF (A)
Tj ( oC)
8
6 100 4 F G 2
0
0 0 1000 VR (V) 2000 0 1 2 VF (V) 3
BYV36F and G Solid line = VR. Dotted line = VRRM; = 0.5.
BYV36A to C Dotted line: Tj = 175 C. Solid line: Tj = 25 C.
Fig.18 Maximum permissible junction temperature as a function of reverse voltage.
Fig.19 Forward current as a function of forward voltage; maximum values.
1996 Jul 01
10
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
MLB531
MBD424
handbook, halfpage
10
IF (A)
handbook, halfpage
10
IF (A)
8
8
6
6
4
4
2
2
0 0 1 2 3 VF (V) 4
0 0 1 2 VF (V) 3
BYV36D and E Dotted line: Tj = 175 C. Solid line: Tj = 25 C.
BYV36F and G Dotted line: Tj = 175 C. Solid line: Tj = 25 C.
Fig.20 Forward current as a function of forward voltage; maximum values.
Fig.21 Forward current as a function of forward voltage; maximum values.
103 handbook, halfpage IR (A) 102
MGC550
10 2 handbook, halfpage
MSA868
Cd (pF) BYV36A,B,C 10 BYV36D,E
10
1 0 100 Tj (C) 200
1 1 10
102
V R (V)
103
VR = VRRMmax.
BYV36A to E. f = 1 MHz; Tj = 25 C.
Fig.22 Reverse current as a function of junction temperature; maximum values.
Fig.23 Diode capacitance as a function of reverse voltage, typical values.
1996 Jul 01
11
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
10 2 handbook, halfpage
MBD436
handbook, halfpage
50 25
Cd (pF)
7 50
10
2 3
1 1 10 10 2 10 3 V R (V) 10 4
MGA200
BYV36F and G. f = 1 MHz; Tj = 25 C. Dimensions in mm.
Fig.24 Diode capacitance as a function of reverse voltage, typical values.
Fig.25 Device mounted on a printed-circuit board.
handbook, full pagewidth
DUT +
IF (A) 0.5 1 t rr
10
25 V 50 0 0.25 0.5 IR (A) 1
t
MAM057
Input impedance oscilloscope: 1 M, 22 pF; tr 7 ns. Source impedance: 50 ; tr 15 ns.
Fig.26 Test circuit and reverse recovery time waveform and definition.
1996 Jul 01
12
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV36 series
IF andbook, halfpage dI F dt t rr 10% t dI R dt 100% IR
MGC499
Fig.27 Reverse recovery definitions.
1996 Jul 01
13
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
PACKAGE OUTLINE
handbook, full pagewidth
k
3.81 max
28 min
Dimensions in mm. The marking band indicates the cathode.
,
4.57 max
BYV36 series
a
0.81 max
28 min
MBC880
Fig.28 SOD57.
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Jul 01
14


▲Up To Search▲   

 
Price & Availability of BYV36SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X