Part Number Hot Search : 
BLM21 LF300 PX0408 MM88C30 78L18 XC6206 092316 TKDD26A
Product Description
Full Text Search
 

To Download BCR08AM-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR TRIAC
BCR08AM-14
LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM-14
OUTLINE DRAWING
5.0 MAX.
Dimensions in mm
4.4

VOLTAGE CLASS TYPE NAME
T1 TERMINAL T2 TERMINAL GATE TERMINAL
CIRCUMSCRIBE CIRCLE 0.7
1.25 1.25
1.3
12.5 MIN.
5.0 MAX. 3.9 MAX.
............................................................... 0.8A ................................................................. 700V q IFGT !, IRGT ! , IRGT # ....................................... 5mA
q IT (RMS) q VDRM
JEDEC : TO-92
APPLICATION Contactless AC switches, heating, refrigerator, washing machine, electric fan, vending machines, trigger circuit for low and medium triac, solid state relay, other general purpose control applications
MAXIMUM RATINGS
Symbol VDRM VDSM Parameter Repetitive peak off-state Non-repetitive peak off-state voltageV1 voltageV1 Voltage class 14 700 840 Unit V V
Symbol IT (RMS) ITSM I 2t PGM PG (AV) VGM IGM Tj Tstg --
Parameter RMS on-state current Surge on-state current I 2t for fusing Peak gate power dissipation Average gate power dissipation Peak gate voltage Peak gate current Junction temperature Storage temperature Weight Typical value
Conditions Commercial frequency, sine full wave 360 conduction, Tc=67C 60Hz sinewave 1 full cycle, peak value, non-repetitive Value corresponding to 1 cycle of half wave 60Hz, surge on-state current
Ratings 0.8 8 0.26 1 0.1 6 1 -40 ~ +125 -40 ~ +125 0.23
Unit A A A2s W W V A C C g
Feb.1999
V1. Gate open.
MITSUBISHI SEMICONDUCTOR TRIAC
BCR08AM-14
LOW POWER USE PLANAR PASSIVATION TYPE
ELECTRICAL CHARACTERISTICS
Symbol IDRM VTM VFGT ! VRGT ! VRGT # IFGT ! IRGT ! IRGT # VGD Rth (j-c) (dv/dt)c Parameter Repetitive peak off-state current On-state voltage
!
Test conditions Tj=125C, VDRM applied Tc=25C, ITM=1.2A, Instantaneous measurement
@ # !
Limits Min. -- -- -- -- -- -- -- -- 0.1 --
V2
Typ. -- -- -- -- -- -- -- -- -- -- --
Max. 1.0 2.0 2.0 2.0 2.0 5 5 5 -- 50 --
Unit mA V V V V mA mA mA V C/ W V/s
Gate trigger voltage
Tj=25C, VD=6V, RL=6, RG=330
Gate trigger current Gate non-trigger voltage Thermal resistance Critical-rate of rise of off-state commutating voltage
@ #
Tj=25C, VD=6V, RL=6, RG=330 Tj=125C, VD=1/2VDRM Junction to case V3
V2. The critical-rate of rise of the off-state commutating voltage is shown in the table below. V3. Case temperature is measured at the T2 terminal 1.5mm away from the molded case.
Voltage class
VDRM (V)
(dv/dt)c Min. Unit
Test conditions 1. Junction temperature Tj=125C
Commutating voltage and current waveforms (inductive load)
SUPPLY VOLTAGE (di/dt)c TIME TIME VD TIME
14
700
0.5
V/s
2. Rate of decay of on-state commutating current (di/dt)c=-0.4A/ms 3. Peak off-state voltage VD=400V
MAIN CURRENT MAIN VOLTAGE (dv/dt)c
PERFORMANCE CURVES
MAXIMUM ON-STATE CHARACTERISTICS
SURGE ON-STATE CURRENT (A)
RATED SURGE ON-STATE CURRENT 10
101 7 5
ON-STATE CURRENT (A)
3 2 100 7 5 3 2 10-1 7 5 3 1.5 2.0 2.5 3.0
Tj = 25C
8
6
4
2 0 100
3.5
4.0
5.0
2 3 4 5 7 101
2 3 4 5 7 102
ON-STATE VOLTAGE (V)
CONDUCTION TIME (CYCLES AT 60Hz)
Feb.1999


▲Up To Search▲   

 
Price & Availability of BCR08AM-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X