Part Number Hot Search : 
L31104 AD8544AR SA25F010 VCO190 VCO190 A2000 1505D M5278LE
Product Description
Full Text Search
 

To Download APT2X101D60J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2
3
2
3 1
2 4
3
1
4
1
4
Parallel
SO
2 T-
27
Anti-Parallel
APT2X100D60J
APT2X101D60J
APT2X100D60J APT2X101D60J
600V 100A 600V 100A
DUAL DIE ISOTOP(R) PACKAGE
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular SOT-227 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT2X100/2X101D60J UNIT
600
Volts
Maximum Average Forward Current (TC = 60C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
100 170 1000 -55 to 150 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 100A VF Maximum Forward Voltage IF = 200A IF = 100A, TJ = 150C IRM CT LS USA
405 S.W. Columbia Street
MIN
TYP
MAX
UNIT
2.0 1.7 1.7 250 500 165 20
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
Volts
Maximum Reverse Leakage Current
VR = VR Rated VR = VR Rated, TJ = 125C
A pF nH
053-6007 Rev E
Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702 -1035 F-33700 Merignac - France
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 100A, diF /dt = -800A/s, VR = 350V (See Figure 10) Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 100A, diF /dt = -800A/s, VR = 350V Forward Recovery Time IF = 100A, diF /dt = 800A/s, VR = 350V Reverse Recovery Current IF = 100A, diF /dt = -800A/s, VR = 350V Recovery Charge IF = 100A, diF /dt = -800A/s, VR = 350V Forward Recovery Voltage IF = 100A, diF /dt = 800A/s, VR = 350V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN
APT2X100/2X101D60J
TYP MAX UNIT
60 60 92 185 185 27 42 810
75
ns
38
Amps
54
nC
1930 10.2
Volts
10.2 600
A/s
400
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA VIsolation WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance RMS Voltage (50-60 Hz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.) Package Weight MIN TYP MAX UNIT C/W Volts
0.42 20 2500 1.03 29.2 13.6
oz gm lb*in N*m
Torque
Maximum Torque (Mounting = 8-32 or 4mm Machine and Terminals = 4mm Machine)
1.5
0.5
D=0.5
, THERMAL IMPEDANCE (C/W)
0.1
0.2 0.1 0.05
0.05
0.02 0.01 0.01 0.005 SINGLE PULSE Note:
PDM t1 t2
Z
JC
053-6007 Rev E
Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
0.001 10-5
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
10
APT2X100/2X101D60J
300 Qrr, REVERSE RECOVERY CHARGE (nano-COULOMBS) 4000
TJ = 100C VR = 350V
IF, FORWARD CURRENT (AMPERES)
240 TJ = 150C TJ = 100C 120 TJ = 25C TJ = -55C 60
3000 200A 100A 2000
180
1000 50A
0 0.5 1.0 1.5 2.0 2.5 VF, ANODE-TO-CATHODE VOLTAGE (VOLTS) Figure 2, Forward Voltage Drop vs Forward Current 60 IRRM, REVERSE RECOVERY CURRENT (AMPERES)
TJ = 100C VR = 350V
0
0 10 50 100 500 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 3, Reverse Recovery Charge vs Current Slew Rate 1.6
Kf, DYNAMIC PARAMETERS (NORMALIZED)
50 100A 40
200A 1.2 Qrr trr trr 0.8 IRRM Qrr 0.4
50A 30 20 10
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 4, Reverse Recovery Current vs Current Slew Rate 400
TJ = 100C VR = 350V
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 5, Dynamic Parameters vs Junction Temperature 3000 tfr, FORWARD RECOVERY TIME (nano-SECONDS)
TJ = 100C VR = 350V IF = 100A
0.0
-50
15 Vfr, FORWARD RECOVERY VOLTAGE (VOLTS)
trr, REVERSE RECOVERY TIME (nano-SECONDS)
2500 2000 1500 1000 500
12.5 Vfr 10
300
200A 100A
200
50A
7.5 5 2.5
100
tfr
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 6, Reverse Recovery Time vs Current Slew Rate 3000
0 0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate
CJ, JUNCTION CAPACITANCE (pico-FARADS)
1000
500
100 0.01
0.05
0.1
0.5 1 5 VR, REVERSE VOLTAGE (VOLTS)
10
50
100
200
Figure 8, Junction Capacitance vs Reverse Voltage
053-6007 Rev E
Vr
APT2X100/2X101D60J
D.U.T. 30H
trr/Qrr Waveform
+15v diF /dt Adjust 0v -15v
PEARSON 411 CURRENT TRANSFORMER
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
1 2 3 4
IF - Forward Conduction Current diF /dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. Zero IRRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF 3 Current Falling Through Zero to a Tangent Line { 6 diM/dt} Extrapolated Through Zero Defined by 0.75 and 0.50 IRRM. 5 0.5 IRRM 0.75 IRRM 2 Qrr = 1/2 (trr . IRRM) 1 4 6
5 6
Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Figure 10, Diode Reverse Recovery Waveform and Definitions
APT Reserves the right to change, without notice, the specifications and information contained herein.
SOT-227 Package Outline
11.8 (.463) 12.2 (.480) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 8.9 (.350) 9.6 (.378) Hex Nut M4 H100 (4 places)
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
Anti-parallel Parallel APT2X100D60J APT2X101D60J Anode 2 Cathode 1 Cathode 2 Anode 2
053-6007 Rev E
Dimensions in Millimeters and (Inches)
Cathode 2
Anode 1
Cathode 1
Anode 1
ISOTOP(R) is a Registered Trademark of SGS Thomson.


▲Up To Search▲   

 
Price & Availability of APT2X101D60J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X