Part Number Hot Search : 
HS0038 TS3V339 TS3V339 RL73N1E MSO2M BF423A3S 1N5229A 220M4
Product Description
Full Text Search
 

To Download APT10030L2VR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10030L2VR
1000V 33A 0.300W
POWER MOS V (R)
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
TO-264 Max
* TO-264 MAX Package * Faster Switching * Lower Leakage
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage
* 100% Avalanche Tested
G
D
S
All Ratings: TC = 25C unless otherwise specified.
APT10030L2VR UNIT Volts Amps
Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
Gate-Source Voltage Continuous Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25C Linear Derating Factor
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
AL IC HN EC ION TT CE MA AN OR DV NF A I
1000 33 132 30 40 830 6.64 300 33 50 -55 to 150
(Repetitive and Non-Repetitive)
1 4
Volts Watts W/C C Amps mJ
3200
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
1000 33 0.300 25 250 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5990 rev- 3-2001
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10030L2VR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = 0.5 ID[Cont.] @ 25C VGS = 15V MIN TYP MAX UNIT
11170 1010 520 510 41 19 17 80 12
nC pF
Gate-Source Charge
Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time
Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current Pulsed Source Current
1
Diode Forward Voltage
Reverse Recovery Time (IS = -ID[Cont.], dl S /dt = 100A/s)
AL IC HN EC ION TT CE MA AN OR DV NF A I
210
VDD = 0.5 VDSS RG = 0.6W ID = ID[Cont.] @ 25C MIN TYP (Body Diode) (Body Diode)
2
ns
MAX
UNIT Amps Volts ns C
33 132 1.3
(VGS = 0V, IS = -ID[Cont.])
1150 31
Reverse Recovery Charge (IS = -ID[Cont.], dl S /dt = 100A/s)
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.15 40
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 5.88mH, R = 25W, Peak I = 33A j G L
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-264 MAXTM(L2) Package Outline
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 19.51 (.768) 20.50 (.807)
5.79 (.228) 6.20 (.244)
Drain
25.48 (1.003) 26.49 (1.043)
2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
050-5990 rev- 3-2001
Gate Drain Source
0.48 (.019) 0.84 (.033) 2.59 (.102) 3.00 (.118)
0.76 (.030) 1.30 (.051) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT10030L2VR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X