Part Number Hot Search : 
MAX8790A BC807 AD9814JR 21712 UC2844D C1001 2CSBW24 HCTS74T
Product Description
Full Text Search
 

To Download AN7298FBP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for FM/AM Tuner
AN7298FBP
FM-IF, NC, and MPX IC for car radio
s Overview
The AN7298FBP is an IC for car radio. The FM-IF, NC (Noise Canceler) and MPX functions are integrated into a single chip. The IC has the higher functions than our conventional IC (AN7292NSC) and the characteristics of multi-pass detection, mute and SD functions are improved.
36 25
0.30.1 12.00.3 1.30.1 1.30.1 2.80.2 0.15 -0.05
+0.10
Unit: mm
37
24
48
13
s Features
0.10.1
* IF sensitivity is high. (limiting sensitivity 26 dB) * Adjustment-free VCO (912 kHz) * Good linearity of S-meter output (adjusting funciton)
1
12
(0.55)
s Applications
* Car radios
12.00.3 14.20.4
QFH048-P-1212
14.20.4
0.8
1
AN7298FBP
s Block Diagram
GND VCC
ICs for FM/AM Tuner
36
35
34
33
32
31
30
29
28
27
26
37 2nd limiter
25
24
38
Quad det. AFC amp.
23 Band det. SD IF count.
39 Reg. 40 Mute amp.
22
21
41 1st limiter Pulse det. AGC
20 PNL
42
19
43
18
44 Vcont det. Vcont DC amp.
Pilot det.
17 Pilot canceler
45
16
46 Multipath detector ASC .ATC stereo demod. Divider VCO
15
47
14
48
13
10
11
2
12
1
2
3
4
5
6
7
8
9
ICs for FM/AM Tuner
s Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Description ASC adjustment ATC adjustment Separation adjustment ATC LPF R-ch. output L-ch. output Control voltage output Band mute control Soft mute filter Phase detection filter1 Forced monaural Phase detection filter 2-1 SD startup time constant setting Phase detection filter 2-2 VCO Phase detection filter 3 Pilot canceler negation filter PNL LPF PNL LPF PNL gate pulse filter PNL AGC PNL input PNL HPF IF-counter output stop Pin No. 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
AN7298FBP
Description IF detection output PNL output hold SD/IF counter output SD sensitivity adjustment AFC output VCC IF detection coil Limiter output Soft mute adjustment Stereo lamp drive 2nd limiter output GND Mute adjustment 1st limiter Reference voltage 1st limiter output GND 1st limiter bias IF input Mute slope adjustment Control voltage adjustment Control voltage output Control voltage input ASC Control voltage detection
s Absolute Maximum Ratings
Parameter Supply voltage Supply current Power dissipation
*2 *1
Symbol VCC ICC PD Topr Tstg
Rating 9.7 48 301 -30 to +80 -55 to +125
Unit V mA mW C C
Operating ambient temperature Storage temperature
*1
Note) *1 : All parameter values except for the power dissipation, the operating ambient temperature and the storage temperature are Ta = 25C. *2 : Power dissipation of IC alone at Ta = 80C.
3
AN7298FBP
s Recommended Operating Range
Parameter Supply voltage Symbol VCC Range 7.2 to 9.6
ICs for FM/AM Tuner
Unit V
s Electrical Characteristics at VCC = 8 V, fIN = 10.70 MHz, fmod = 1 kHz 30%FM, Ta = 25C
Parameter Control voltage 1 Control voltage 2 Control voltage 3 Control voltage 4 Control voltage 5 Control voltage 6 AFC offset voltage Output level L Output level R Channel balance Limiting sensitivity Residual pilot voltage Stereo lamp on-level Stereo lamp off-level Symbol VC1 VC2 VC3 VC4 VC5 VC6 VAFC VOL VOR CB Vlim VPC LampON LampOFF Conditions Without input, pin 45 DC voltage VIN = 40 dB, pin 45 DC voltage VIN = 70 dB, pin 45 DC voltage VC5 = VC3-VC2 VC6 = VC4-VC3 Min 0.05 1.20 2.75 Typ 0.50 1.65 3.45 5.35 1.80 1.90 0.0 110 110 0.0 26 4 3.5 6.0 Max 0.90 2.10 4.15 6.25 2.00 2.10 0.1 Unit V V V V V V V
VIN =100 dB, pin 45 DC voltage 4.45 1.60 1.70
Without input, DC voltage between - 0.1 pin 29 and pin 39 VIN = 70dB, pin 6 AC voltage VIN = 70dB, pin 5 AC voltage CB = 20Log (VOL /VOR) VOL to 0 dB. Input when pin 6 AC voltage drops by 3 dB Pin 26 output when VIN = 70 dB, pilot signal 10% modulation Modulation with pilot signal only, DC voltage of pin 34 is below 2 V Modulation with pilot signal only. Ratio of stereo lamp on and off level VIN = 70 dB, L+R = 90% Pilot 10% VIN = 70 dB, L+R = 90% Pilot 10% VIN = 70 dB, pilot signal 6.5% modulation VIN = 70 dB, pin 28 = 0V, pin 27 10.7 MHz, output voltage VIN = 70 dB, pin 28 = VCC, pin 27 AC output voltage Without input, pin 11 = 0 V Monaural input 400 mV, 1kHz, L-ch. distortion Monaural input 400 mV, 1kHz, R-ch. distortion 90 90 -1.0 20.0 1.0 2.0
130 mV[rms] 130 mV[rms] 1.0 30.0 dB dB
14.0 mV[rms] 6.0 10.0 % dB
Separation L-ch. Separation R-ch. Capture range Counter output level 1 Counter output level 2 Power supply current Monaural THD (L-ch.) Monaural THD (R-ch.)
SepL SepR CR VIF1 VIF2 Itot THDL THDR
25 25 +0.6 -0.2 0 85 28.0
33 33 +0.8 0.4 2.0 100 35.0 0.15 0.15
5.0
dB dB % mV[rms]
115 mV[rms] 42.0 0.3 0.3 mA % %
4
ICs for FM/AM Tuner
AN7298FBP
s Electrical Characteristics at VCC = 8 V, fIN = 10.70 MHz, fmod = 1 kHz 30%FM, Ta = 25C (continued)
Parameter Stereo THD (L-ch.) Stereo THD (R-ch.) AGC voltage 1 AGC voltage 2 Noise detection voltage Gate pulse width Residual noise voltage SD bandwidth SD sensitivity Symbol THDSL THDSR VAGC1 VAGC2 VDET PW VNR SDW SDS Conditions Stereo, L+R = 360 mV,VP = 40 mV, L-ch. distortion Stereo, L+R = 360 mV,VP = 40 mV, R-ch. distortion Input = 0, RS = 600 , pin 21 DC voltage Input VIN2 = 2 mV[rms], 150 kHz, pin 21 DS voltage VIN2 = 100 mV[rms],150 kHz, pin 20 DC voltage VIN2 = 0.3 V[p-p], tW=1 s, f=1 kHz, pin 26 output pulse width VIN2 =1 V[p-p], tW =10 s, f=1 kHz, input through LPF, L-ch. output Bandwidth when SD output (pin 27) is over 4.5 V, V28 = 2.7 V Input when SD output (pin 27) is over 4.5 V, V28 = 2.7 V Min 1.3 19 110 45 Typ 0.15 0.15 0.0 1.48 0.0 24 0.0 140 55 Max 0.3 0.3 0.4 1.65 0.3 29 1.2 170 65 Unit % % V V V s mV[rms] kHz dB
5
AN7298FBP
s Application Circuit Example
ICs for FM/AM Tuner
36
GND
35
34
33
32
31
30
29
AFC output
28
27
26
37 38 Vref 39 40 41 IF input 50 42 43 44 45 Vcont 46 47 48
25
24 23 22 21 20 19 18 17 16 15 14 13
VAF (IF detection output)
SD output Counter output
VCC (8 V)
IF counter stop
10
11
12
Monaural Stereo
1
2
3
4
5
6
7
8
9
R out
6
L out
2 1
Forced monaural
Band mute On
Off
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of AN7298FBP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X