|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74VHC541 Octal Buffer/Line Driver with 3-STATE Outputs August 1993 Revised May 2005 74VHC541 Octal Buffer/Line Driver with 3-STATE Outputs General Description The VHC541 is an advanced high-speed CMOS device fabricated with silicon gate CMOS technology. It achieves the high-speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The VHC541 is an octal buffer/line driver designed to be employed as memory and address drivers, clock drivers and bus oriented transmitter/receivers. This device is similar in function to the VHC244 while providing flow-through architecture (inputs on opposite side from outputs). This pinout arrangement makes this device especially useful as an output port for microprocessors, allowing ease of layout and greater PC board density. An input protection circuit insures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery backup. This circuit prevents device destruction due to mismatched supply and input voltages. Features s High Speed: tPD 3.5 ns (typ) at VCC VNIL 5V 25qC s Low power dissipation: ICC s High noise immunity: VNIH s Low noise: VOLP 4 PA (max) at TA 28% VCC (min) s Power down protection is provided on all inputs 0.9V (typ) s Pin and function compatible with 74HC541 Ordering Code: Order Number 74VHC541M 74VHC541SJ 74VHC541MTC 74VHC541N Package Number M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Connection Diagram Logic Symbol IEEE/IEC Pin Descriptions Pin Names OE1, OE2 I0 - I7 O0 - O7 Descriptions 3-STATE Output Enable Inputs Inputs 3-STATE Outputs Truth Table Inputs OE1 L H X L H HIGH Voltage Level L LOW Voltage Level Outputs I H X X L H Z Z L OE2 L X H L X Immaterial Z High Impedance (c) 2005 Fairchild Semiconductor Corporation DS011639 www.fairchildsemi.com 74VHC541 Absolute Maximum Ratings(Note 1) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Input Diode Current (IIK) Output Diode Current (IOK) DC Output Current (IOUT ) DC VCC/GND Current (ICC) Storage Temperature (TSTG) Lead Temperature (TL) (Soldering, 10 seconds) 260qC 0.5V to 7.0V 0.5V to 7.0V 0.5V to VCC 0.5V 20 mA r20 mA r25 mA r75 mA 65qC to 150qC Recommended Operating Conditions (Note 2) Supply Voltage (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TOPR) Input Rise and Fall Time (tr, tf) VCC VCC 3.3V r0.3V 5.0V r0.5V 0 a 100 ns/V 0 a 20 ns/V 2.0V to 5.5V 0V to 5.5V 0V to VCC 40qC to 85qC Note 1: Absolute Maximum Ratings are values beyond which the device may be damaged or have its useful life impaired. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside databook specifications. Note 2: Unused inputs must be held HIGH or LOW. They may not float DC Electrical Characteristics Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage VCC (V) 2.0 3.0 5.5 2.0 3.0 5.5 2.0 3.0 4.5 3.0 4.5 VOL LOW Level Output Voltage 2.0 3.0 4.5 3.0 4.5 IOZ IIN ICC 3-STATE Output Off-State Current Input Leakage Current Quiescent Supply Current 0 5.5 5.5 5.5 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 2.0 3.0 4.5 TA Min 1.50 0.7 VCC 0.50 0.3 VCC 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44 V IOL IOL VIN VOUT VIN VIN VIH or VIL VCC or GND 5.5V or GND VCC or GND 4 mA 8 mA V V VIN VIH or VIL IOH IOH IOL V 25qC Typ Max TA 40qC to 85qC Max Min 1.50 0.7 VCC Units V Conditions 0.50 0.3 VCC V VIN VIH or VIL IOH 50 PA 4 mA 8 mA 50 PA r0.25 r0.1 4.0 r2.5 r1.0 40.0 PA PA PA Noise Characteristics Symbol VOLP (Note 3) VOLV (Note 3) VIHD (Note 3) VILD (Note 3) Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum HIGH Level Dynamic Input Voltage 5.0 1.5 V CL 50 pF 5.0 3.5 V CL 50 pF 5.0 VCC (V) 5.0 TA Typ 0.9 25qC Limits 1.2 Units V V CL CL Conditions 50 pF 50 pF 0.8 1.0 Note 3: Parameter guaranteed by design. www.fairchildsemi.com 2 74VHC541 AC Electrical Characteristics Symbol tPLH tPHL Parameter Propagation Delay Time 5.0 r 0.5 tPZL tPZH 3-STATE Output Enable Time 5.0 r 0.5 tPLZ tPHZ tOSLH tOSHL CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance |tPLHmax t PLHmin|; tOSHL VCC (V) 3.3 r 0.3 TA Min 25qC Typ 5.0 7.5 3.5 5.0 6.8 9.3 4.7 6.2 11.2 6.0 Max 7.0 10.5 5.0 7.0 10.5 14.0 7.2 9.2 15.4 8.8 1.5 1.0 4 6 18 |tPHLmax tPHLmin|. TA 40qC to 85qC Max 8.5 12.0 6.0 8.0 12.5 16.0 8.5 10.5 17.5 10.0 1.5 1.0 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Min Units ns ns ns ns RL ns RL Conditions CL CL CL CL 1 k: CL CL CL CL 1 k: CL CL (Note 4) VCC VCC CL CL Open 5.0V 15 pF 50 pF 15 pF 50 pF 15 pF 50 pF 15 pF 50 pF 50 pF 50 pF 50 pF 50 pF 3.3 r 0.3 3-STATE Output Disable Time Output to Output Skew 3.3 r 0.3 5.0 r 0.5 3.3 r 0.3 5.0 r 0.5 ns pF pF pF 10 (Note 5) Note 4: Parameter guaranteed by design. tOSLH Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (OPR.) CPD * VCC * fIN ICC/8 (per bit). 3 www.fairchildsemi.com 74VHC541 Physical Dimensions inches (millimeters) unless otherwise noted 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B www.fairchildsemi.com 4 74VHC541 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D 5 www.fairchildsemi.com 74VHC541 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20 www.fairchildsemi.com 6 74VHC541 Octal Buffer/Line Driver with 3-STATE Outputs Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com www.fairchildsemi.com |
Price & Availability of 74VHC541 |