Part Number Hot Search : 
ST72324 CDRH8 P108718 080CT P108718 OQ2545 05EVAL 2SD24
Product Description
Full Text Search
 

To Download 6N138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6N138
6N138
s Features
1. High current transfer ratio ( CTR : MIN. 300% at I F = 1.6mA ) 2. High speed response ( t PHL : TYP. 2 s at R L = 2.2k ) 3. Instantaneous common mode rejection voltage ( CM H : TYP. 500V/ s ) 4. TTL compatible output 5. Overseas standard model 6. Recognized by UL, file No. E64380.
High Sensitivity, High Speed OPIC Photocoupler
s Outline Dimensions
0.85 0.3 8 7 6N138 1.2 0.3 6 5 6.5 0.5
( Unit : mm )
Internal connection diagram 8 7 6 5
0.5TYP
s Applications 1. Interfaces for computer peripherals 2. Electronic calculators, measuring instruments, control equipment 3. Telephone sets 4. Signal transmission between circuits of different potentials and impedances
3.7 0.5
3.5 0.5
1 2 3 4 0.8 0.2 1.2 0.3 Primary side mark (Sunken place ) 9.22 0.5
1
2
3
4
7.62 0.3
0.5 0.1 1 NC
2.54 0.25
= 0 to 13 0.26 0.1
5 GND 6 VO 7 VB 8 V CC
2 Anode 3 Cathode 4 NC
* " OPIC " ( Optical IC ) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and signalprocessing circuit integrated onto a single chip.
s Absolute Maximum Ratings
Parameter Forward current *1 Peak forward current *2 Peak transient forward current Reverse voltage Power dissipation Supply voltage Output voltage Emitter-base reverse withstand voltage ( pin 5 to 7 ) *3 Average output current Power dissipation *4 Isolation voltage Operating temperature Storage temperature *5 Soldering temperature Symbol IF IF I FM VR P V CC VO V EBO IO PO V iso T opr T stg T sol Rating 20 40 1 5 35 - 0.5 to + 7 - 0.5 to + 7 0.5 60 100 2 500 0 to + 70 - 55 to + 125 260
( Ta = 25C )
Unit mA mA A V mW V V V mA mW V rms C C C
Input
Output
*1 50% duty cycle, Pulse width: 1ms *2 pulse width <=1 s, 300pps *3 Decreases at the rate of 0.7mA /C if the external temperature is 25C or more. *4 40 to 60% RH, AC for 1 minute *5 For 10 seconds
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
6N138 s Electro-optical Characteristics
*1
( Ta = 0 to 70C unless otherwise specified )
Symbol CTR V OL IOH ICCL ICCH VF *2 BVR CIN II-O R I-O CI-O Conditions IF = 1.6mA, V O = 0.4V, V CC = 4.5V IO= 4.8mA, V CC= 4.5V, I F= 1.6mA IF = 0, V CC = VO = 7V IF = 1.6mA, V CC= 5V, V O = open IF = 0, V CC = 5V, V O = open IF = 1.6mA, Ta = 25C IF = 1.6mA IR = 10 A, Ta = 25C VF = 0, f = 1MHz Ta = 25C, 45% RH, t = 5s VI-O = 3kV DC VI-O = 500V DC f = 1MHz MIN. 300 5.0 TYP. 1 600 0.1 0.1 0.5 10 1.5 - 1.9 60 10 0.6
12
Parameter Current transfer ratio Logic ( 0 ) output voltage
Logic (1) output current Logic ( 0 ) supply current Logic (1) supply current Input forward voltage Input forward voltage temperature coefficient Input reverse voltage Input capacitance *3 Leak current ( input-output ) *3 ( input-output ) Isolation resistance *3 Capacitance ( input-output )
MAX. 0.4 250 1.7 1.0 -
Unit % V A mA nA V mV/C V pF A pF
*1 Current transfer ratio is a ratio of input current and output current expressed in % . *2 V F / Ta *3 Measured as 2-pin element ( Short 1, 2, 3, 4 and 5, 6, 7, 8. )
Note ) Typical value : at Ta = 25C, VCC = 5V
s Switching Characteristics
Parameter *4 Propagation delay time Output (1) ( 0 ) *4 Propagation delay time Output ( 0 ) (1) *5 *6Instantaneous common mode rejection voltage " Output (1)" *5 *6Instantaneous common mode rejection voltage " Output ( 0 ) " Symbol t PHL t PLH CMH CML Conditions IF = 1.6mA RL = 2.2k IF = 1.6mA RL = 2.2k IF = 0, VCM = 10VP-P RL = 2.2k IF = 1.6mA, VCM = 10V RL = 2.2k MIN. P-P
( Ta = 25C, VCC = 5V)
TYP. 2 7 500 - 500 MAX. 10 35 Unit s s V/ s V/ s
-
*5 Instantaneous common mode rejection voltage " output (1)" represents a common mode voltage variation that can hold the output above (1) level ( VO > 2.0V) . Instantaneous common mode rejection voltage " output ( 0 ) " represents a common mode voltage variation that can hold the output above ( 0 ) level ( VO < 0.8V) .
*4 Test circuit for Propagation Delay Time
Pulse oscillator Pulse input duty ratio = 1/10 IF 1 2 3 IF monitor 100 4 5 6 7 8 RL VO CL = 15pF t PHL t PLH VCC VO 1.5V 5V 1.5V VOL
IF 0
6N138
*6 Test Circuit for Instantaneous Common Mode Rejection Voltage
IF t r = tf = 16ns 10% 90%
1 2
8 7 6 5 VCM RL
VCC = 5V
10V VCM 0V CMH VO CML VO
90% 10% tr
B VFF
A
3 4
tf
Vo 5V
IF = 0 0.8V IF = 16mA
2V
VOL
Fig. 1 Forward Current vs. Ambient Temperature
30
Fig. 2 Power Dissipation vs. Ambient Temperature
120 PO
100 Power dissipation P, P o ( mW ) Forward current I F ( mA )
20
80
60
10
40 35 20 0 0
P
0 0 25 50 70 75
a
100
25
50
70 75
a
100
Ambient temperature T
( C )
Ambient temperature T
( C )
Fig. 3 Forward Current vs. Forward Voltage
100
Fig. 4 Output Current vs. Output Voltage
60 V CC = 5V T a = 25C
(M PO A
50 Forward current I F ( mA ) Output current I O ( mA ) 10
I F = 5mA
X .)
4.5mA 4.0mA
40
3.5mA 3.0mA 2.5mA 2.0mA
1
T a = 0C 25C 50C 70C
30
20
1.5mA 1.0mA 0.5mA
0.1 10 0.01 1.0 0 1.2 1.4 1.6 1.8 2.0 Forward voltage V F ( V ) 2.2 0 1 Output voltage V O ( V ) 2
6N138
Fig. 5 Current Transfer Ratio vs. Forward Current
1 000 Current transfer ratio CTR ( % ) T a = 70C 25C 0C 800 V CC = 4.5V V O = 0.4V 10 Output current I O ( mA )
Fig. 6 Output Current vs. Forward Current
50
T a = 70C 1
600
0.1
25C 0C
400 0.01 0.004 0.01
200 0.1
1 Forward current I
10
F
100
0.1
1
F
V CC = 5.0V V O = 0.4V 10 100 ( mA )
( mA )
Forward current I
Fig. 7-a Propagation Delay Time vs. Ambient Temperature
2 (s ) I F = 12mA RL = 270 1/f = 100 s
Fig. 7-b Propagation Delay Time vs. Ambient Temperature
10 ( s ) I F = 0.5mA RL = 4.7k 1/f = 1ms
PLH
,t
,t
PLH
Propagation delay time t
PHL
1
t PLH
Propagation delay time t
PHL
t PLH 5 t PHL
t PHL 0 0 10 20 30 40 50 60 70 Ambient temperature T a ( C )
0 0 10 20 30 40 50 60 70 Ambient temperature T a ( C )
Fig. 8 Rise Time, Fall Time vs. Load Resistance
1 000 Adjust I F to V OL = 2V T a = 25C Rise time, fall time t r , t f ( s )
Fig. 9 Logic ( 1 ) Supply Current vs. Ambient Temperature
10 Logic ( 1 ) supply current I CCH ( A )
-6
I F = 0mA V CC = 15V V O = OPEN
-7
10
100
10
-8
tf 10 tr
10
-9
1 0.1 1 Load resistance RL ( k ) 10
10
- 10
0
10
20 30 40 50 60 Ambient temperature T a ( C )
70
6N138
*7 Test Circuit for Rise Time, Fall Time vs. Load Resistance
Input IF O Pulse input Duty ratio = 1 / 10 Pulse oscillator IF 1 2 3 IF monitor 100 4 8 7 6 5 RL VO CL = 15 PF 10% 90% tr 90% 10% tf 5V 2V VCC tPHL VO Output (saturated) 1.5V tPLH 1.5V VOL 5V
Output (non-saturated)
s Precautions for Use
( 1 ) It is recommended that a by-pass capacitor of more than 0.01 F be added between V CC and GND near the device in order to stabilize power supply line. ( 2 ) Transistor of detector side in bipolar configuration is apt to be affected by static electricity for its minute design. When handling them, general counterplan against static electricity should be taken to avoid breakdown of devices or degradation of characteristics. ( 3 ) As for other general cautions, refer to the chapter " Precautions for Use " .


▲Up To Search▲   

 
Price & Availability of 6N138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X