Part Number Hot Search : 
B225K35 MMSZ5248 BAR6707 LP116 99001 STA529B TB0253A IRFP250
Product Description
Full Text Search
 

To Download 6N137 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
DESCRIPTION
The 6N137, HCPL-2601/2611 single-channel and HCPL-2630/2631 dual-channel optocouplers consist of a 850 nm AlGaAS LED, optically coupled to a very high speed integrated photodetector logic gate with a strobable output. This output features an open collector, thereby permitting wired OR outputs. The coupled parameters are guaranteed over the temperature range of -40C to +85C. A maximum input signal of 5 mA will provide a minimum output sink current of 13 mA (fan out of 8). An internal noise shield provides superior common mode rejection of typically 10 kV/s. The HCPL- 2601 and HCPL- 2631 has a minimum CMR of 5 kV/s. The HCPL-2611 has a minimum CMR of 10 kV/s. 8 8 1
DUAL-CHANNEL HCPL-2630 HCPL-2631
8 1 1
FEATURES
* * * * * * * * Very high speed-10 MBit/s Superior CMR-10 kV/s Double working voltage-480V Fan-out of 8 over -40C to +85C Logic gate output Strobable output Wired OR-open collector U.L. recognized (File # E90700)
N/C 1
8 VCC
+1 VF1
8 VCC
+2 VF _ 3
7 VE
_2
7 V01
6 VO
_ V
3
6 V02
F2
N/C 4
5 GND
+4
5 GND
APPLICATIONS
* * * * * * * Ground loop elimination LSTTL to TTL, LSTTL or 5-volt CMOS Line receiver, data transmission Data multiplexing Switching power supplies Pulse transformer replacement Computer-peripheral interface Single-channel circuit drawing Dual-channel circuit drawing
TRUTH TABLE (Positive Logic) Input H L H L H L Enable H H L L NC NC A 0.1 F bypass capacitor must be connected between pins 8 and 5. (See note 1) Output L H H H L H
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
ABSOLUTE MAXIMUM RATINGS
Parameter Storage Temperature Operating Temperature Lead Solder Temperature EMITTER DC/Average Forward Input Current Enable Input Voltage Not to exceed VCC by more than 500 mV Reverse Input Voltage Power Dissipation DETECTOR Supply Voltage Output Current Output Voltage Collector Output Power Dissipation Single channel Dual channel (Each channel) Each channel Single channel Dual channel (Each channel) Each channel Single channel Dual channel (Each channel) Single channel Dual channel (Each channel) Single channel VE VR PI VCC (1 minute max) IO VO PO IF (No derating required up to 85C) Symbol TSTG TOPR TSOL Value -55 to +125 -40 to +85 260 for 10 sec 50 30 5.5 5.0 100 45 7.0 50 50 7.0 85 60 V V mW Units C C C mA
DUAL-CHANNEL HCPL-2630 HCPL-2631
V
mA V mW
RECOMMENDED OPERATING CONDITIONS
Parameter Input Current, Low Level Input Current, High Level Supply Voltage, Output Enable Voltage, Low Level Enable Voltage, High Level Low Level Supply Current Fan Out (TTL load) Symbol IFL IFH VCC VEL VEH TA N Min 0 *6.3 4.5 0 2.0 -40 Max 250 15 5.5 0.8 VCC +85 8 Units A mA V V V C
* 6.3 mA is a guard banded value which allows for at least 20 % CTR degradation. Initial input current threshold value is 5.0 mA or less
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
ELECTRICAL CHARACTERISTICS
(TA = -40C to +85C Unless otherwise specified.)
DUAL-CHANNEL HCPL-2630 HCPL-2631
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter Test Conditions EMITTER (IF = 10 mA) Input Forward Voltage TA =25C Input Reverse Breakdown Voltage (IR = 10 A) Input Capacitance (VF = 0, f = 1 MHz) Input Diode Temperature Coefficient (IF = 10 mA) DETECTOR High Level Supply Current Single Channel (VCC = 5.5 V, IF = 0 mA) Dual Channel (VE = 0.5 V) Low Level Supply Current Single Channel (VCC = 5.5 V, IF = 10 mA) Dual Channel (VE = 0.5 V) Low Level Enable Current (VCC = 5.5 V, VE = 0.5 V) High Level Enable Current (VCC = 5.5 V, VE = 2.0 V) High Level Enable Voltage (VCC = 5.5 V, IF = 10 mA) Low Level Enable Voltage (VCC = 5.5 V, IF = 10 mA) (Note 3) Symbol VF BVR CIN #VF/#TA ICCH ICCL IEL IEH VEH VEL 5.0 60 -1.4 7 15 9 19 -0.8 -0.6 2.0 0.8 10 20 13 26 -1.6 -1.6 Min Typ** 1.4 Max 1.8 1.75 Unit V V pF mV/C mA
mA mA mA V V
SWITCHING CHARACTERISTICS
AC Characteristics Propagation Delay Time to Output High Level Propagation Delay Time to Output Low Level Pulse Width Distortion
(TA = -40C to +85C, VCC = 5 V, IF = 7.5 mA Unless otherwise specified.) Symbol TPLH TPHL "TPHL-TPLH" tr tf tELH tEHL Min 20 25 Typ** 45 45 3 50 12 20 20 Max 75 100 75 100 35 Unit ns ns ns ns ns ns ns
Test Conditions (Note 4) (TA =25C) (RL = 350 !, CL = 15 pF) (Fig. 12) (Note 5) (TA =25C) (RL = 350 !, CL = 15 pF) (Fig. 12) (RL = 350 !, CL = 15 pF) (Fig. 12) (RL = 350 !, CL = 15 pF) Output Rise Time (10-90%) (Note 6) (Fig. 12) (RL = 350 !, CL = 15 pF) Output Fall Time (90-10%) (Note 7) (Fig. 12) Enable Propagation Delay Time (IF = 7.5 mA, VEH = 3.5 V) to Output High Level (RL = 350 !, CL = 15 pF) (Note 8) (Fig. 13) Enable Propagation Delay Time (IF = 7.5 mA, VEH = 3.5 V) to Output Low Level (RL = 350 !, CL = 15 pF) (Note 9) (Fig. 13) Common Mode Transient Immunity (TA =25C) "VCM" = 50 V, (Peak) (at Output High Level) (IF = 0 mA, VOH (Min.) = 2.0 V) 6N137, HCPL-2630 (RL = 350 !) (Note 10) HCPL-2601, HCPL-2631 (Fig. 14) HCPL-2611 "VCM" = 400 V (RL = 350 !) (IF = 7.5 mA, VOL (Max.) = 0.8 V) Common Mode 6N137, HCPL-2630 "VCM" = 50 V (Peak) Transient Immunity HCPL-2601, HCPL-2631 (TA =25C) (at Output Low Level) (Note 11) (Fig. 14) HCPL-2611 (TA =25C) "VCM" = 400 V
"CMH" 5000 10,000 "CML" 5000 10,000
10,000 10,000 15,000 10,000
V/s
V/s 10,000 15,000
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
TRANSFER CHARACTERISTICS
DC Characteristics High Level Output Current Low Level Output Current (TA = -40C to +85C Unless otherwise specified.) Test Conditions (VCC = 5.5 V, VO = 5.5 V) (IF = 250 A, VE = 2.0 V) (Note 2) (VCC = 5.5 V, IF = 5 mA) (VE = 2.0 V, ICL = 13 mA) (Note 2) Input Threshold Current (VCC = 5.5 V, VO = 0.6 V, VE = 2.0 V, IOL = 13 mA) Symbol IOH VOL IFT .35 3 Min Typ** Max 100 .06 5 Unit A V mA
DUAL-CHANNEL HCPL-2630 HCPL-2631
ISOLATION CHARACTERISTICS
Characteristics Input-Output Insulation Leakage Current
(TA = -40C to +85C Unless otherwise specified.) Test Conditions Symbol Min Typ** Max Unit
(Relative humidity = 45%) (TA = 25C, t = 5 s) (VI-O = 3000 VDC) (Note 12) II-O 1.0* A
Withstand Insulation Test Voltage Resistance (Input to Output) Capacitance (Input to Output)
(RH < 50%, TA = 25C) (Note 12) ( t = 1 min.) (VI-O = 500 V) (Note 12) (f = 1 MHz) (Note 12)
VISO RI-O CI-O
2500 1012 0.6
VRMS ! pF
** All typical values are at VCC = 5 V, TA = 25C
NOTES
The VCC supply to each optoisolator must be bypassed by a 0.1F capacitor or larger. This can be either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and GND pins of each device. 2. Each channel. 3. Enable Input - No pull up resistor required as the device has an internal pull up resistor. 4. tPLH - Propagation delay is measured from the 3.75 mA level on the HIGH to LOW transition of the input current pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse. 5. tPHL - Propagation delay is measured from the 3.75 mA level on the LOW to HIGH transition of the input current pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse. 6. tr - Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse. 7. tf - Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse. 8. tELH - Enable input propagation delay is measured from the 1.5 V level on the HIGH to LOW transition of the input voltage pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse. 9. tEHL - Enable input propagation delay is measured from the 1.5 V level on the LOW to HIGH transition of the input voltage pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse. 10. CMH - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high state (i.e., VOUT > 2.0 V). Measured in volts per microsecond (V/s). 11. CML - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the low output state (i.e., VOUT < 0.8 V). Measured in volts per microsecond (V/s). 12. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together. 1.
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
Fig.1 Low Level Output Voltage vs. Ambient Temperature
0.8 0.7 Conditions: IF = 5 mA VE = 2 V VCC = 5.5V IOL = 12.8 mA 0.5 0.4 0.3 0.2 IOL = 9.6 mA 0.1 IOL = 6.4 mA 0.0 -40 -20 0 20 40 60 80 0.001 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 30 16 10
DUAL-CHANNEL HCPL-2630 HCPL-2631
Fig. 2 Input Diode Forward Voltage vs. Forward Current
IOL = 16 mA
VOL-Low Level Output Voltage (V)
0.6
IF = Forward Current (mA)
1
0.1
0.01
TA - Ambient Temperature (C)
VF - Forward Voltage (V)
Fig.3 Switching Time vs. Forward Current
120 50
Fig. 4 Low Level Output Current vs. Ambient Temperature
IF = 15 mA
VCC = 5 V
100
IOL - Low Level Output Current (mA)
45 IF = 10 mA 40 IF = 5 mA 35
TP - Propagation Delay (ns)
80 RL = 4 k! (TPLH) 60
40
30
20 RL = 350 ! (TPLH) 0 5 7 9
RL = 1 k! RL = 4 k! (TPHL) RL = 350 k! 11
RL = 1 k !$$ (TPLH)
25
Conditions: VCC = 5 V VE = 2 V VOL = 0.6 V
13
15
20 -40
-20
0
20
40
60
80
IF - Forward Current (mA)
TA - Ambient Temperature (C)
Fig. 5 Input Threshold Current vs. Ambient Temperature
4 Conditions: VCC = 5.0 V VO = 0.6 V
Fig. 6 Output Voltage vs. Input Forward Current
6
RL = 350 !
5 RL = 350 !
IFT - Input Threshold Current (mA)
VO - Output Voltage (V)
3
4 RL =4k ! 3 RL = 1k !
2
2
1 RL = 1k ! RL = 4k ! 1 -40 -20 0 20 40 60 80 0 0 1 2 3 4 5 6
TA - Ambient Temperature (C)
IF - Forward Current (mA)
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
Fig. 7 Pulse Width Distortion vs. Temperature
80 600
DUAL-CHANNEL HCPL-2630 HCPL-2631
Fig. 8 Rise and Fall Time vs. Temperature
500
PWD - Pulse Width Distortion (ns)
Conditions: IF = 7.5 mA VCC = 5 V
Tr/Tf - Rise and Fall Time (ns)
60
RL = 4 k !
400
Conditions: IF = 7.5 mA VCC = 5 V
RL = 4 k!$(tr) RL = 1 k!$(tr)
40 RL = 1 k ! RL = 350 ! 20
300
200
RL = 350 !$(tr)
100
0
0
RL = 1 k ! RL = 4 k !$$$$ (tf) RL = 350 !$ -40 -20 0 20 40 60 80 100
]
-60
-40
-20
0
20
40
60
80
100
-60
TA - Temperature (C)
TA - Temperature (C)
Fig. 9 Enable Propagation Delay vs. Temperature
120 RL = 4 k !$(TELH) 100 120
Fig. 10 Switching Time vs. Temperature
100
TE-Enable Propagation Delay (ns)
80
TP-Propagation Delay (ns)
80 RL = 1 k !$TPLH 60 RL = 4 k !$TPLH RL = 350 !$TPLH
60
RL = 1 k !$(TELH) RL = 350 !$(TELH)
40
20
40 RL = 350 ! RL = 1 k ! RL = 4 k ! -40 -20 0 20 40 60
0 -60
]
(TEHL) 80 100 20 -60 -40 -20 0 20 40
RL = 1 k ! RL = 4 k ! RL = 350 ! 60
]
TPHL 80 100
TA-Temperature (C)
TA-Temperature (C)
Fig. 11 High Level Output Current vs. Temperature
20 Conditions: VCC = 5.5 V VO = 5.5 V VE = 2.0 V IF = 250 A
IOH-High Level Output Current (A)
15
10
5
0 -60
-40
-20
0
20
40
60
80
100
TA-Temperature (C)
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
Pulse Generator tr = 5ns Z O = 50V !
DUAL-CHANNEL HCPL-2630 HCPL-2631
+5V
I F = 7.5 mA
1 2
Input Monitor (I F) 47!
VCC
8 7 6
CL .1 %f bypass RL Output (VO )
Input (I F) t PHL Output (VO ) t PLH
I F = 3.75 mA
1.5 V 90% 10% tf tr
3 4
GND
Output (VO )
5
Fig. 12 Test Circuit and Waveforms for tPLH, tPHL, tr and tf.
Pulse Generator tr = 5ns Z O = 50V !
Input Monitor (V E) +5V
3.0 V VCC
1
7.5 mA
8 7 6
CL RL Output (VO )
Input (VE ) t EHL t ELH
1.5 V
2 3 4
.1 %f bypass
Output (VO ) 1.5 V
GND
5
Fig. 13 Test Circuit tEHL and tELH.
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611 DUAL-CHANNEL HCPL-2630 HCPL-2631
VCC
1
IF A B VFF
8 7 6 5
.1 %f bypass
+5V
2 3 4
350 ! Output (VO)
GND
VCM Pulse Gen
Peak VCM 0V
5V Switching Pos. (A), I F= 0 VO VO (Min)
CM H
VO (Max) Switching Pos. (B), I F 7.5 mA = CM L
VO 0.5 V
Fig. 14 Test Circuit Common Mode Transient Immunity
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
Package Dimensions (Through Hole)
PIN 1 ID.
DUAL-CHANNEL HCPL-2630 HCPL-2631
Package Dimensions (Surface Mount)
0.390 (9.91) 0.370 (9.40)
4
4 3 2 1 0.270 (6.86) 0.250 (6.35) 5 6 7 8
3
2
1
PIN 1 ID.
0.270 (6.86) 0.250 (6.35)
0.390 (9.91) 0.370 (9.40)
5
0.070 (1.78) 0.045 (1.14)
6
7
8
SEATING PLANE
0.070 (1.78) 0.045 (1.14)
0.300 (7.62) TYP
0.200 (5.08) 0.115 (2.92) 0.020 (0.51) MIN 0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41)
0.020 (0.51) MIN
0.016 (0.41) 0.008 (0.20)
0.045 [1.14]
15 MAX 0.016 (0.40) 0.008 (0.20) 0.100 (2.54) TYP 0.300 (7.62) TYP
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0.315 (8.00) MIN 0.405 (10.30) MIN
Lead Coplanarity : 0.004 (0.10) MAX
Package Dimensions (0.4"Lead Spacing)
4 3 2 1 PIN 1 ID.
0.270 (6.86) 0.250 (6.35)
5
6
7
8
0.390 (9.91) 0.370 (9.40)
SEATING PLANE
0.070 (1.78) 0.045 (1.14)
0.200 (5.08) 0.115 (2.92) 0.004 (0.10) MIN 0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41)
NOTE All dimensions are in inches (millimeters)
0 to15 0.016 (0.40) 0.008 (0.20) 0.100 (2.54) TYP 0.400 (10.16) TYP
8/10/99
200002A
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL 6N137 HCPL-2601 HCPL-2611
Order Entry Identifier
.R2 .S .SD .W
DUAL-CHANNEL HCPL-2630 HCPL-2631
ORDERING INFORMATION
Option
R2 S SD W
Description
Opto Plus Reliability Conditioning Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing
QT Carrier Tape Specifications ("D" Taping Orientation)
12.0 0.1 4.90 0.20 4.0 0.1 0.30 0.05 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 16.0 0.3 10.30 0.20
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
Corporate Headquarters QT Optoelectronics 610 North Mary Avenue Sunnyvale, CA 94086 (408) 720-1440 Phone (408) 720-0848 Fax European Sales QT Optoelectronics "Le Levant" 2, rue du Nouveau Bercy F-94277-CHARENTON-LE PONT Cedex FRANCE 33 [0] 1.45.18.78.78 Phone 33 [0] 1.43.75.77.57 Fax
North American Sales QT Optoelectronics 16775 Addison Rd.,Suite 200 Addison, TX 75001 (972) 447-1300 Phone (972) 447-0784 Fax Asia/Pacific Sales QT Optoelectronics B613, 6th Floor East Wing, Wisma Tractors Jalan SS16/1, Subang Jaya 47500 Petaling Jaya Selangor Darul Eshan, Malaysia 603/735-2417 Phone 603/736-3382 Fax
European Sales Quality Technologies Deutschland GmbH Max-Huber-Strasse 8 D-85737 Ismaning, Germany 49 [0] 89/96.30.51 Phone 49 [0] 89/96.54.74 Fax European Sales Quality Technologies (U.K) Ltd. 10, Prebendal Court, Oxford Road Aylesbury, Buckinghamshire HP19-3EY United Kingdom 44 [0] 1296/30.44.99 Phone 44 [0] 1296/39.24.32 Fax
www.qtopto.com
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 * France 33 [0] 1.45.18.78.78 * Germany 49 [0] 89/96.30.51 * United Kingdom 44 [0] 1296 394499 * Asia/Pacific 603-7352417
8/10/99
200002A


▲Up To Search▲   

 
Price & Availability of 6N137

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X