|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3N170 3N171 Linear Integrated Systems FEATURES Direct Replacement for INTERSIL 3N170 & 3N171 LOW DRAIN TO SOURCE RESISTANCE FAST SWITCHING ABSOLUTE MAXIMUM RATINGS @ 25 C (unless otherwise stated) Maximum Temperatures Storage Temperature Operating Junction Temperature Maximum Power Dissipation Continuous Power Dissipation Maximum Current Drain to Source Maximum Voltages Drain to Gate Drain to Source Gate to Source 35V 25V 35V 30mA * Body tied to Case. 300mW -65 to +150 C -55 to +135 C 1 N-CHANNEL MOSFET ENHANCEMENT MODE rds(on) 200 td(on) 3.0ns TO-72 BOTTOM VIEW G 2 3 D S 1 4 C ELECTRICAL CHARACTERISTICS @ 25 C (unless otherwise stated) (VSB = 0V unless otherwise stated) SYMBOL BVDSS VDS(on) VGS(th) IGSS IDSS ID(on) gfs rds(on) Crss Ciss Cdb CHARACTERISTIC Drain to Source Breakdown Voltage Drain to Source "On" Voltage Gate to Source Threshold Voltage Gate Leakage Current Drain Leakage Current "Off" Drain Current "On" Forward Transconductance Drain to Source "On" Resistance Reverse Transfer Capacitance Input Capacitance Drain to Body Capacitance 10 1000 200 1.3 5.0 5.0 pF 3N170 3N171 1.0 1.5 MIN 25 2.0 2.0 2.0 10 10 pA nA mA S V TYP MAX UNITS CONDITIONS ID = 10A, VGS = 0V ID = 10mA, VGS = 10V VDS = 10V, ID = 10A VGS = -35V, VDS = 0V VDS = 10V, VGS = 0V VGS = 10V, VDS = 10V VDS = 10V, ID = 2.0mA, f = 1.0kHz VGS = 10V, ID = 0A, f = 1.0kHz VDS = 0V, VGS = 0V, f = 1.0MHz VDS = 10V, VGS = 0V, f = 1.0MHz VDB = 10V, f = 1.0MHz Linear Integrated Systems * 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261 SWITCHING CHARACTERISTICS SYMBOL td(on) tr td(off) tf CHARACTERISTIC Turn On Delay Time Turn On Rise Time Turn Off Delay Time Turn Off Fall Time MIN TYP MAX UNITS 3.0 10 3.0 15 ns VDD = 10V, ID(on) = 10mA, VGS(on) = 10V, VGS(off) = 0V RG = 50 CONDITIONS TO-72 Four Lead 0.195 DIA. 0.175 0.030 MAX. 0.230 DIA. 0.209 0.150 0.115 4 LEADS 0.019 DIA. 0.016 0.100 0.500 MIN. 0.050 2 1 3 4 45 0.046 0.036 0.048 0.028 1. Absolute maximum ratings are limiting values above which serviceability may be impaired. Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems. Linear Integrated Systems * 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261 |
Price & Availability of 3N170 |