Part Number Hot Search : 
1N5246 00104 P1701 2SD592A MAXIM HD74LS MTCVO25 2403S
Product Description
Full Text Search
 

To Download 3EZ12D5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3EZ Series
VZ : 3.9 - 400 Volts PD : 3 Watts
FEATURES :
* Complete Voltage Range 3.9 to 400 Volts * High peak reverse power dissipation * High reliability * Low leakage current
SILICON ZENER DIODES
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
MECHANICAL DATA
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71)
0.205 (5.2) 0.166 (4.2)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherw ise specified
Rating
DC Power Dissipation at TL = 75 C (Note1) Maximum Forward Voltage at IF = 200 mA Maximum Thermal Resistance Junction to Ambient Air (Note2) Junction Temperature Range Storage Temperature Range
Symbol
PD VF RJA TJ Ts
Value
3.0 1.5 60 - 55 to + 175 - 55 to + 175
Unit
Watts Volts K/W C C
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body (2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
Fig. 1 Power Temperature Derating Curve
PD, MAXIMUM DISSIPATION (WATTS)
5
L = LEAD LENGTH
4 3 2 L = 1" 1 0 0 40
L = 1/8" L = 3/8"
TO HEAT SINK
80
120
160
200
TL, LEAD TEMPERATURE (C)
UPDATE : SEPTEMBER 9, 2000
ELECTRICAL CHARACTERISTICS
Rating at = 25 C ambient temperature unless otherwise specified Nominal Zener Voltage VZ @ IZT IZT (V) (mA) 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 27 28 30 33 36 39 43 47 51 56 62 68 75 82 91 100 192 174 160 147 134 121 110 100 91 82 75 68 63 58 53 50 47 44 42 40 37 34 31 28 27 25 23 21 19 17 16 15 13 12 11 10 9.1 8.2 7.5 Maximum Zener Impedance ZZT @ IZT ZZK @ IZK () () 4.5 4.5 4.0 3.5 2.5 1.5 2.0 2.0 2.3 2.5 3.5 4.0 4.5 4.5 5.0 5.5 5.5 6.0 6.0 7.0 7.0 8.0 9.0 10 12 16 20 22 28 33 38 45 50 55 70 85 95 115 160 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 Maximum Reverse Leakage Current IR @ VR (V) (A) 80 30 20 5.0 5.0 5.0 50 50 50 50 50 50 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.1 10.6 11.4 12.2 13.0 13.7 14.4 15.2 16.7 18.2 20.6 21.0 22.5 25.1 27.4 29.7 32.7 35.6 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 Maximum DC Zener Current IZM (mA) 630 590 550 520 480 435 393 360 330 297 270 225 246 208 193 180 169 159 150 142 135 123 112 100 96 90 82 75 69 63 57 53 48 44 40 36 33 30 27
TYPE
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.3 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
3EZ3.9D5 3EZ4.3D5 3EZ4.7D5 3EZ5.1D5 3EZ5.6D5 3EZ6.2D5 3EZ6.8D5 3EZ7.5D5 3EZ8.2D5 3EZ9.1D5 3EZ10D5 3EZ11D5 3EZ12D5 3EZ13D5 3EZ14D5 3EZ15D5 3EZ16D5 3EZ17D5 3EZ18D5 3EZ19D5 3EZ20D5 3EZ22D5 3EZ24D5 3EZ27D5 3EZ28D5 3EZ30D5 3EZ33D5 3EZ36D5 3EZ39D5 3EZ43D5 3EZ47D5 3EZ51D5 3EZ56D5 3EZ62D5 3EZ68D5 3EZ75D5 3EZ82D5 3EZ91D5 3EZ100D5
ELECTRICAL CHARACTERISTICS
Rating at = 25 C ambient temperature unless otherwise specified Nominal Zener Voltage VZ @ IZT IZT (V) (mA) 110 120 130 140 150 160 170 180 190 200 220 240 270 300 330 360 400 6.8 6.3 5.8 5.3 5.0 4.7 4.4 4.2 4.0 3.7 3.4 3.1 2.8 2.5 2.3 2.1 1.9 Maximum Zener Impedance ZZT @ IZT ZZK @ IZK () () 225 300 375 475 550 625 650 700 800 875 1600 1700 1800 1900 2200 2700 3500 4000 4500 5000 5000 6000 6500 7000 7000 8000 8000 9000 9000 9000 9000 9000 9000 9000 Maximum Reverse Leakage Current IR @ VR (V) (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1 1 1 1 1 1 1 83.6 91.2 98.8 106.4 114.0 121.6 130.4 136.8 144.8 152.0 167.0 182.0 205.0 228.0 251.0 274.0 304.0 Maximum DC Zener Current IZM (mA) 25 22 21 19 18 17 16 15 14 13 12 11 10 9 8 8 7
TYPE
IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
3EZ110D5 3EZ120D5 3EZ130D5 3EZ140D5 3EZ150D5 3EZ160D5 3EZ170D5 3EZ180D5 3EZ190D5 3EZ200D5 3EZ220D5 3EZ240D5 3EZ270D5 3EZ300D5 3EZ330D5 3EZ360D5 3EZ400D5
Note : ( 1 ) Suffix " 5 " indicates 5.0% tolerance, suffix " 10 " indicates 10.0% tolerance. ( 2 ) " EZ " will be omitted in marking on the diode


▲Up To Search▲   

 
Price & Availability of 3EZ12D5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X