|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Previous Datasheet Index Next Data Sheet Bulletin I2021/A 300HF(R) SERIES STANDARD RECOVERY DIODES Stud Version Features High current carrying capability High surge current capability Types up to 1200V V RRM Stud cathode and stud anode version Standard JEDEC types Diffused junction 300A Typical Applications Battery chargers Converters Power supplies Machine tool controls Major Ratings and Characteristics Parameters IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ 300HF(R) 300 125 470 5000 5200 125 113 400 to 1200 -40 to 180 Units A C A A A KA2s KA2s V C case style DO-205AB (DO-9) To Order Previous Datasheet 300HF(R) Series ELECTRICAL SPECIFICATIONS Voltage Ratings Type number Voltage Code 40 300HF(R) 80 120 Index Next Data Sheet VRRM , maximum repetitive peak voltage V 400 800 1200 VRSM , maximum nonrepetitive peak voltage V 500 900 1300 IRRM max. @ 180C mA 20 Forward Conduction Parameter I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current 300HF(R) 300 125 470 5000 5200 Units Conditions A C A DC @ 118C case temperature t = 10ms t = 8.3ms A t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max 180 conduction, half sine wave 3800 4000 It 2 Maximum I t for fusing 2 125 113 72 66 I 2 t Maximum I 2t for fusing 1250 0.86 t = 0.1 to 10ms, no voltage reapplied (16.7% x x I F(AV) < I < x I F(AV)), TJ = TJ max. V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop V 0.89 (I > x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.46 1.38 V (I > x IF(AV)), TJ = TJ max. IFM= x IF(AV), TJ = 25 C, tp = 10ms sinusoidal wave 0.48 To Order Previous Datasheet Index Next Data Sheet 300HF(R) Series Thermal and Mechanical Specification Parameter TJ Tstg Max. operating temperature range Max. storage temperature range 300HF(R) -40 to 180 -55 to 180 0.12 0.05 28 22 Units C Conditions RthJC Max. thermal resistance, junction to case RthCS Max. thermal resistance, case to heatsink T Max. allowed mounting torque +0 -20% K/W DC operation Mounting surface, smooth, flat and greased Nm g Not lubricated threads Lubricated threads wt Approximate weight Case style 250 DO-205AB(DO-9) See Outline Table RthJC Conduction (The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC) Conduction angle 180 120 90 60 30 Sinusoidal conduction Rectangular conduction Units 0.030 0.035 0.045 0.064 0.104 0.022 0.037 0.048 0.066 0.105 K/W Conditions TJ = TJ max. Ordering Information Table Device Code 300 1 HF 2 R 3 120 4 P 5 B 6 1 2 3 - Essential Part Number Diode None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) 4 5 - Voltage code: Code x 10 = VRRM (See Voltage Ratings table) P = Stud base DO-205AB(DO-9) 3/4" 16UNF-2A M = Stud base DO-205AB(DO-9) M16 x 1.5 6 - B = Flag top terminals (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead To Order Previous Datasheet 300HF(R) Series Outline Table GLASS-METAL SEAL 19 (0.75) MAX. 9.5 (0.37) MIN. Index Next Data Sheet 4 (0.16) MAX. 200 (7.87) 10 (0.39) DIA. 8.5 (0.33) NOM. C.S. 25mm (0.039 s.i.) 75 (2.95) MIN. DIA. 28.5 (1.08) MAX. 39 (1.53) MAX. 2 Conform to JEDEC DO-205AB (DO-9) 28.5 (1.12) MAX. 10 (0.39) MAX. SW 32 All dimensions in millimeters (inches) 21 (0.82) MAX. 3/4-16UNF-2A* * FOR METRIC DEVICE: M16 X 1.5 GLASS-METAL SEAL 21 (0.83) 14 (0.55) DIA. 6.5 (0.26) 13 (0.51) 70 (2.75) MAX. 28.5 (1.12) MAX. DO-205AB (DO-9) Flag All dimensions in millimeters (inches) 3/4"-16UNF-2A* *FOR METRIC DEVICE: M16 X 1.5 21 (0.83) MAX. 10 (0.39) MAX. To Order 32 (1.26) 3 (0.12) 62 (2.44) DIA. 28.5 (1.12) MAX. Previous Datasheet Index Next Data Sheet 300HF(R) Series Maximum Allowa ble Case T emperature (C) 300HF(R) S eries R (DC) = 0.12 K/W thJC Maximum Allowable Cas T e emperature (C) 180 170 160 180 170 160 150 140 130 300HF(R S ) eries RthJC (DC) = 0.12 K/W Conduction Angle Conduc tion Period 150 140 130 120 0 50 100 150 200 250 300 350 Average Forwa rd Current (A) Fig. 1 - Current Ratings Characteristics Maximum Average Forward Power Loss (W) 400 350 300 250 200 150 100 50 0 0 50 100 150 200 250 300 300HF(R S ) eries T = 180C J Conduction Angle 30 60 90 120 180 90 120 30 110 0 100 200 300 400 500 Average Forward Current (A) Fig. 2 - Current Ratings Characteristics 60 120 180 DC 180 120 90 60 30 R Limit MS K/ W 0.1 0.2 A R th S 3 0. W K/ K/ W 0. 4 W K/ . 05 =0 / KW K/ W 0.6 K/ W 0.8 K/ W 0. 5 lt a - De R 1.2 K /W 0 350 20 40 60 80 100 120 140 160 180 Maximum Allowable Ambient T emperature (C) Average Forward Current (A) Fig. 3 - Forward Power Loss Characteristics Maximum Average Forward Power Loss (W) 600 /W 1K 0. 500 400 300 200 100 0 0 DC 180 120 90 60 30 Rth A S 0. 2K /W = 05 0. W K/ 0.3 a e lt -D K /W R 0.4 K/ W R Limit MS Cond uction Period 0.6 KW / 0.8 KW / 1.2 K/ W 300HF(R S ) eries T = 180C J 100 200 300 400 500 20 40 0 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) Fig. 4 - Forward Power Loss Characteristics To Order Previous Datasheet 300HF(R) Series Peak Half S Wave F ine orward Current (A) Index Next Data Sheet Peak Half Sine Wave F orwa rd Current (A) 4500 4000 3500 3000 2500 2000 1500 1000 1 At Any R ted Load Condition And With a Rated V Applied Following S urge. RR M Initial T = 180 C J @60 Hz 0.0083 s @50 Hz 0.0100 s 5500 5000 4500 4000 3500 3000 2500 2000 1500 Maximum Non R epetitive S urge Current Versus Puls T in Duration. e ra Initial T = 180C J No Voltage R eapplied Rated VRR R M eapplied 300HF(R S ) eries 10 100 300HF(R) S eries 0.1 Pulse T rain Duration (s) 1 1000 0.01 Number Of Equa l Amplitude Half Cyc le Current Pulses (N) Fig. 5 - Maximum Non-Repetitive Surge Current 10000 Instantaneous Forward Current (A) Fig. 6 - Maximum Non-Repetitive Surge Current 1000 T = 25C J 100 T = 180C J 300HF(R S ) eries 10 0.5 1 1.5 2 2.5 3 3.5 Ins tantaneous Forward Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics 1 T nsie nt T ra herma l Imp ed anc e Z thJC (K/ W) 0.1 S ead y Sta te Value: t R thJC = 0.12 K/ W (DC Op e ra tion) 0.01 300HF(R) Series 0.001 0.001 0.01 0.1 S ua re Wa ve Pulse Duratio n (s) q 1 10 Fig. 8 - Thermal Impedance Z thJC Characteristic To Order |
Price & Availability of 300HFR120M |