Part Number Hot Search : 
L6562 L6278 SF15L ST723244 BT878 L1431 L6278 AM79C901
Product Description
Full Text Search
 

To Download 2SC5225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5225
Silicon NPN Epitaxial Transistor
ADE-208-393 1st. Edition
Application
* * * * Wide band video output amplifier for color CRT monitor. High frequency high voltage amplifier. High speed power switching. Complementary pair with 2SA1960.
Features
* High voltage large current operation. VCEO = 80 V, I C = 300 mA * High fT . fT = 1.4 GHz * Small output capacitance. Cob = 3 pF
2SC5225
Outline
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Ratings 100 80 3 300 625 150 -55 to +150 Unit V V V mA mW C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Collector to emitter breakdown voltage Collector to base cutoff current Emitter to base cutoff current DC current transfer ratio Gain bandwidth product Emitter input capacitance Collector output capacitance Symbol V(BR)CBO V(BR)CEO I CBO I EBO hFE fT Cib Cob Min 100 80 -- -- 20 1.2 -- -- Typ -- -- -- -- 70 1.4 13 3 Max -- -- 1 10 -- -- 19 4 GHz pF pF Unit V V A A Test conditions I C = 100 A, IE = 0 I C = 1 mA, RBE = VCB = 80 V, IE = 0 VEB = 3 V, IC = 0 VCE = 5 V, IC = 50 mA Pulse test VCE = 10 V, IC = 50 mA VEB = 0, IC = 0, f = 1 MHz VCB = 10 V, IE = 0, f = 1 MHz
2
2SC5225
3
2SC5225
4
2SC5225
5
2SC5225
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
6


▲Up To Search▲   

 
Price & Availability of 2SC5225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X