Part Number Hot Search : 
7808C FSU01 MC5610 7705AC KSC3502 ARJ20A4H CED4531 ML2502
Product Description
Full Text Search
 

To Download 2SC4467 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4467
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1694) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4467 160 120 6 8 3 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Audio and General Purpose
(Ta=25C) 2SC4467 10max 10max 120min 50min 1.5max 20typ 200typ V pF
20.0min 4.0max
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB hFE Rank Conditions VCB=160V VEB=6V IC=50mA VCE=4V, IC=3A IC=3A, IB=0.3A VCE=12V, IE=-0.5A VCB=10V, f=1MHz
External Dimensions MT-100(TO3P)
5.00.2 15.60.4 9.6 2.0 1.8 4.80.2 2.00.1
Unit
A A
19.90.3
4.0
V
a b
o3.20.1
MHz
2 3 1.05 +0.2 -0.1 0.65 +0.2 -0.1 1.4
O(50 to100), P(70 to140), Y(90 to180)
5.450.1 B C E
sTypical Switching Characteristics (Common Emitter)
VCC (V) 40 RL () 10 IC (A) 4 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.4 IB2 (A) -0.4 ton (s) 0.13typ tstg (s) 3.50typ tf (s) 0.32typ
5.450.1
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
350m
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) 3
IC - V BE Temperature Characteristics (Typical)
8 (V C E= 4V)
A
8
20
1
m 50
0m
A
A
m 100
A
75 m A
Collector Current I C (A)
2
50m A
Collector Current I C (A)
6
6
4
4
mp)
mp)
Cas
C (
2
2
(Cas
IB=10mA
I C= 8A 0 4A 2A 0.5 0.6 0.7 0.8 0.9 1.0 0
0
0
1
2
3
4
0
0.1 0.2 0.3 0.4
0
0.5
-30C
25C
125
(Case
1
e Te
20mA
e Te
Temp
1.0
)
1.5
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
Base-Emittor Voltage V B E( V)
hFE - IC Characteristics (Typical)
(VCE=4V) 200 DC Curr ent Gain h FE
h FE - I C Temperature Characteristics (Typical)
(V C E= 4V) 200 125C DC Curr ent Gain h FE
j- a( C/W)
j-a - t Characteristics
3
Typ
100
100
25C -30C
Transient Thermal Resistance
1
50
50
0.5
20 0.02
0.1
0.5
1
5
8
20 0.02
0.3
0.1
0.5
1
5
8
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(VCE=12V) 40 20
Safe Operating Area (Single Pulse)
80
10 m s
P c - T a Derating
Cut-o ff Fr equ ency f T( M H Z)
30 Collector Cur rent I C( A)
M aximum Power Dissipa ti on P C( W)
10 5
100ms
60
W ith
Typ
DC
In fin ite he
20
40
at si
1
nk
0.5 Without Heatsink Natural Cooling
10
20
Without Heatsink 0 -0.02 -0.1 -1 Emitter Current I E( A) -8 0.1 5 10 50 100 200 3.5 0 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
107


▲Up To Search▲   

 
Price & Availability of 2SC4467

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X