Part Number Hot Search : 
M37451M8 AQG22124 2S335A 7461117 2V7HCB 70MIT SUR510EF FR6G05
Product Description
Full Text Search
 

To Download 2N5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5401
Preferred Device
Amplifier Transistors
PNP Silicon
Features
* Pb-Free Packages are Available*
http://onsemi.com
COLLECTOR 3
MAXIMUM RATINGS
Rating Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current - Continuous Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCBO VEBO IC PD 625 5.0 PD 1.5 12 TJ, Tstg -55 to +150 Watts mW/C C 12 3 mW mW/C TO-92 CASE 29 STYLE 1 2N5400 2N5401 120 130 5.0 600 150 160 Unit Vdc Vdc Vdc mAdc 1 EMITTER 2 BASE
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Symbol RqJA RqJC Max 200 83.3 Unit C/W C/W
2N54xx YWW
Y WW
= Year = Work Week
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2004
1
May, 2004 - Rev. 1
Publication Order Number: 2N5401/D
2N5401
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage(1) (IC = 1.0 mAdc, IB = 0) Collector-Base Breakdown Voltage (IC = 100 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 120 Vdc, IE = 0) (VCB = 120 Vdc, IE = 0, TA = 100C) Emitter Cutoff Current (VEB = 3.0 Vdc, IC = 0) ON CHARACTERISTICS (Note 1) DC Current Gain (IC = 1.0 mAdc, VCE = 5.0 Vdc) (IC = 10 mAdc, VCE = 5.0 Vdc) (IC = 50 mAdc, VCE = 5.0 Vdc) Collector-Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) Base-Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) SMALL-SIGNAL CHARACTERISTICS Current-Gain -- Bandwidth Product (IC = 10 mAdc, VCE = 10 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz) Small-Signal Current Gain (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) Noise Figure (IC = 250 mAdc, VCE = 5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz) 1. Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%. fT 100 Cobo hfe 40 NF - 200 8.0 dB - 300 6.0 pF - MHz hFE 50 60 50 VCE(sat) - - VBE(sat) - - 1.0 1.0 0.2 0.5 Vdc - 240 - Vdc - 2N5401 2N5401 IEBO V(BR)CEO 2N5400 2N5401 V(BR)CBO 2N5400 2N5401 V(BR)EBO ICBO - - - 50 50 50 nAdc 160 5.0 - - Vdc 150 - Vdc Vdc Symbol Min Max Unit
ORDERING INFORMATION
Device 2N5401 2N5401RL1 2N5401RLRA 2N5401RLRAG 2N5401RLRM 2N5401ZL1 Package TO-92 TO-92 TO-92 TO-92 (Pb-Free) TO-92 TO-92 Shipping 5000 Unit / Bulk 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Ammo Box 2000 Tape & Ammo Box
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
2N5401
200 150 TJ = 125C h FE, CURRENT GAIN 100 70 50 -55 C 30 20 VCE = - 1.0 V VCE = - 5.0 V 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 IC, COLLECTOR CURRENT (mA) 10 20 30 50 100 25C
Figure 1. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 IB, BASE CURRENT (mA) 2.0 5.0 10 20 50 IC = 1.0 mA 10 mA 30 mA 100 mA
Figure 2. Collector Saturation Region
103 IC, COLLECTOR CURRENT ( A) 102 101 TJ = 125C 100 10-1 10-2 10-3 0.3 75C REVERSE 25C FORWARD VCE = 30 V IC = ICES
0.2
0.1 0 0.1 0.2 0.3 0.4 0.5 VBE, BASE-EMITTER VOLTAGE (VOLTS)
0.6
0.7
Figure 3. Collector Cut-Off Region
http://onsemi.com
3
2N5401
0.9 0.8 V, VOLTAGE (VOLTS) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 100 VCE(sat) @ IC/IB = 10 VBE(sat) @ IC/IB = 10 V, TEMPERATURE COEFFICIENT (mV/ C) 1.0 TJ = 25C 2.5 2.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 0.1 qVB for VBE(sat) 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 100 qVC for VCE(sat) TJ = - 55C to 135C
Figure 4. "On" Voltages
Figure 5. Temperature Coefficients
10.2 V Vin 10 ms INPUT PULSE tr, tf 10 ns DUTY CYCLE = 1.0% 0.25 mF 100 RB 5.1 k Vin 100 1N914 3.0 k RC Vout
C, CAPACITANCE (pF)
VBB +8.8 V
VCC -30 V
100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 0.2 0.3 2.0 3.0 5.0 7.0 0.5 0.7 1.0 VR, REVERSE VOLTAGE (VOLTS) Cibo
TJ = 25C
Cobo
Values Shown are for IC @ 10 mA
10
20
Figure 6. Switching Time Test Circuit
Figure 7. Capacitances
1000 700 500 300 t, TIME (ns) 200 100 70 50 30 20
2000 IC/IB = 10 TJ = 25C tr @ VCC = 120 V tr @ VCC = 30 V t, TIME (ns) 1000 700 500 300 200 100 70 50 30 50 100 200 20 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 200 IC/IB = 10 TJ = 25C tf @ VCC = 30 V ts @ VCC = 120 V tf @ VCC = 120 V
td @ VBE(off) = 1.0 V VCC = 120 V 1.0 2.0 3.0 5.0 10 20 30
10 0.2 0.3 0.5
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 8. Turn-On Time
Figure 9. Turn-Off Time
http://onsemi.com
4
2N5401
PACKAGE DIMENSIONS
TO-92 CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
STYLE 1: PIN 1. EMITTER 2. BASE 3. COLLECTOR
http://onsemi.com
5
2N5401
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
2N5401/D


▲Up To Search▲   

 
Price & Availability of 2N5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X