Part Number Hot Search : 
P6KE2 EV30L SMCJ3 TPV5051 MC9S12DG STV9326 2SC184 245AD
Product Description
Full Text Search
 

To Download 2N4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/512 Devices 2N4029 2N4033 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation @ TA = +250C Operating & Storage Junction Temperature Range
Symbol
VCEO VCBO VEBO IC
VALUE
80 80 5.0 1.0 2N4029 2N4033 0.5 0.8 -55 to +200 Max. 25.0
1 2
Unit
Vdc Vdc Vdc Adc W C
TO-18* (TO-206AA) 2N4029
PT TJ, Tstg Symbol RJC
0
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 2.86 mW/0C for TA > +250C 2) Derate linearly 4.56 mW/0C for TA > +250C
0
Unit C/W
TO-39* (TO-205AD) 2N4033
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current VCB = 80 Vdc VCB = 60 Vdc Emitter-Base Cutoff Current VBE = 5.0 Vdc VBE = 3.0 Vdc Collector-Emitter Cutoff Voltage VBE = 40 Vdc; VCE = 60 Vdc ICBO 10 10 25 10 25 Adc Adc Adc Adc Adc
IEBO ICEX
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N4029, 2N4033 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 100 Adc, VCE = 5.0 Vdc IC = 100 mAdc, VCE = 5.0 Vdc IC = 500 mAdc, VCE = 5.0 Vdc IC = 1.0 Adc, VCE = 5.0 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc IC = 1.0 Adc, IB = 100 mAdc Base-Emitter Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc 50 100 70 25 300
hFE
VCE(sat)
0.15 0.50 1.0 0.9 1.2
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward-Current Transfer Ratio IC = 50 mAdc, VCE = 10 Vdc, f = 100 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz f 1.0 MHz hfe 1.5 Cobo Cibo 6.0 20 80 pF pF
SWITCHING CHARACTERISTICS
On-Time VCC = 31.9 Vdc; IC = 500 mAdc; IB1= 50 mAdc Rise Time VCC = 31.9 Vdc; IC = 500 mAdc; IB1 = 50 mAdc (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
d r
15 25
s s
t
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X