Part Number Hot Search : 
AN2213 FQA26N30 AN7703F AM79C970 02040 ETCD24 100AXC 7447A
Product Description
Full Text Search
 

To Download 2001087 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VORTEXTM Chip Set Development Kit PM2350 / PM2351
OVERVIEW
The VORTEXTM Chip Set Development Kit is a self-contained hardware and software reference design tool that operates on a Compact PCI platform running VxWorks. The kit provides a platform to develop and integrate software with a state-of-the-art VORTEXTM Chip Set design. The development platform will help PMC-Sierra customers dramatically reduce application software development cycles. Core Card: The VORTEXTM Chip Set Development Board consists of the (R) PM7351 S/UNI -VORTEX, PM7350 (R) (R) S/UNI -DUPLEX, PM7326 S/UNI (R) APEX, and PM7324 S/UNI -ATLAS devices. The Core Card board fits into a 6U Compact PCI-based shelf and is configured and monitored through the cPCI platform's motherboard. Line Interface: * Capable of terminating sixteen line cards (not supplied) through sixteen high speed LVDS ports. * The line interface is provided through a 3U backplane or LVDS front panel connectors. * 1:1 protection for all line card links. WAN Interface: * The WAN interface is provided through a 3U backplane or LVDS front panel connectors. * Support for two WAN cards, allowing 1:1 protection. WAN Card: The optional WAN card (R) consists of the PM7350 S/UNI (R) DUPLEX, PM5383 S/UNI -QJET and provides 4xDS3 WAN upload. The WAN Card board fits into a 6U Compact PCI-based shelf and is configured and monitored through a RS232 connection to another PC. PM2350 Kit: This kit consists of the Core Card only. Among other features, the Core Card facilitates board and chip level driver development; cPCI interface verification and signal integrity and timing verification PM2351 Kit: This kit includes the Core Card and the WAN Card. Among other features, this kit provides LVDS interface verification; external ATM over DS-3 traffic testing; 8 kHz reference clock distribution testing and BDM interface development.
SOFTWARE FEATURES
The VORTEXTM Chip Set Development Kit includes a board level driver that integrates all drivers for the VORTEXTM Chip Set devices. The following key functions are provided: * Connection management to create, destroy and modify connection parameters. * Send and receive data cells and frames. * Status information gathering. (R) * Read and write to any of the S/UNI (R) (R) VORTEX, S/UNI -DUPLEX, S/UNI (R) APEX and S/UNI -ATLAS registers. The development kit software is designed for VxWorks OS on an i86based PC platform. A VxWorks kernel is provided. The VxWorks IDE (Tornado 2) is not provided. Users must have Tornado 2 IDE installed in order to modify and compile the software supplied with the kit.
HARDWARE FEATURES
* Supports a Compact PCI Interface that provides microprocessor access (R) (R) to the S/UNI -DUPLEX, S/UNI (R) VORTEX, S/UNI -APEX, and (R) PM7324 S/UNI -ATLAS devices via the host processor card. * Provides traffic switching for up to 512 loop ports and 2 WAN ports. * Provides traffic policing, OAM, and header translation. * Provides traffic shaping and switching (R) with the S/UNI -APEX.
VORTEXTM CHIP SET DEVELOPMENT KIT CORE CARD
PMC-2001087 (R1)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS INTERNAL USE
2000 Copyright PMC-Sierra, Inc.
VORTEXTM Chip Set Development Kit
PM2350 / PM2351
VORTEXTM CHIP SET REFERENCE BOARD FUNCTIONAL DIAGRAM
Core Card
Utopia Level 2, Received Data PM7351 S/UNIVORTEX #1 Line Cards PM7351 S/UNIVORTEX #2 Any PHY Transmitted Data
Loop Any-PHY TX Master
+3.3 V +5.0 V Ingress In Ingress Out Slave Master Policing Upstream +12 V -12 V
Power Supply
WAN Any-PHY RX Master
UL1
Downstream OAM Only
PM7326 S/UNI-APEX
PM7324 S/UNI-ATLAS
UL2 Ingress In Egress Slave Out Master Utopia Level 2
AC Power
Loop Any-PHY RX Slave
WAN Any-PHY TX Master
PM7350 S/UNIDUPLEX
SSRAMcontext
SDRAMcell buffer
SSRAMVC table PCI Bridge
VGA PCI Bridge
Keyboard
+3.3 V, +5.0 V and hardware hot swamp
cPCI Host Processor Target PC
(PentiumTM environment) Ethernet
RS-232
LVDS FireWire
WAN Card
PM7350 S/UNI-DUPLEX Utopia L2 Bus
+5.0 V and hardware hot swap
Optional Server
PM7346 S/UNI-QJET RS-232
DS-3
Quad DS-3 LIU Clock and Data
cPCI Backplane
CD-ROM
Development PC
PM2350-KIT
* Installation CD-ROM * target software binaries * source code * documentation * VORTEXTM Chip Set Development Kit Core Card
PM2351-KIT
* Installation CD-ROM * target software binaries * source code * documentation * VORTEXTM Chip Set Development Kit Core Card * VORTEXTM Chip Set Development Kit WAN Card
NOTE:
The following items are not supplied by PMC-Sierra, and are the responsibility of the user: * Personal computer * VORTEXTM Chip Set Development Kit Line Card * Tornado 2 IDE for i86 platform (VxWorks development environment) * cPCI system
Head Office: PMC-Sierra, Inc. #105 - 855 Baxter Place Burnaby, BC. V4Z 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation: send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-2001087 (R1) (c) Copyright 2000 PMC-Sierra, Inc. All rights reserved. September 2000 Any-PHY, PMC-Sierra and VORTEX are trademarks and S/UNI is a registered trademark of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS INTERNAL USE


▲Up To Search▲   

 
Price & Availability of 2001087

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X