Part Number Hot Search : 
H6062 AK4707EQ CM7133 CXP87300 1N3214 U1510 DR300 51216
Product Description
Full Text Search
 

To Download U5ZA27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U5ZA27(Z),U5ZA27C
TOSHIBA ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
U5ZA27(Z),U5ZA27C
BEST SUITED FOR OVERVOLTAGE PROTECTION OF ELECTRONICSYSTEM : ELECTRONIC SYSTEM FOR USE IN AUTOMOBILES ELECTRONIC SYSTEM FOR COMMERCIAL USE ELECTRONIC SYSTEM FOR INDUSTRIAL USE FOR COMMUNICATIONS, CONTROLS, MEASURING INSTRUMENTS, ETC.
l High surge power withstanding capabilities that absorb load dump surge. l Excellent surge responsibility for steep surge absorption. l Surface mount type is available for easy applications. Axial lead type is also available. l Corresponds to taping packages. Unit: mm
MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Allowable power dissipation (Note 1) Non-repetitive peak reverse surge current (See Fig.1 for the exponents.) Junction temperature Storage temperature SYMBOL P IRSM Tj Tstg RATINGS 5 62 -40~150 -40~150 UNIT W A C C
JEDEC JEITA TOSHIBA Weight: 2.5 g
3-11J2A
Note 1: Lead tip temperature TL = 25C
Fig.1 ELECTRICAL CHARACTERISTICS (Ta = 25C)
Type No. Min U5ZA27(Z) / C 24.0 Zener voltage VZ [V] (IZ = 10 mA) Typ. 27 Max 30.0 Operating resistance rd [] (IZ = 10 mA) Max 30 Temperature coefficient T [mV / C] (IZ = 10 mA) Typ. Max 23 36 Forward voltage VF [V] (IF = 6 A) Max 1.2 Reverse current IR [A] (VR = 22 V) Max 10
1
2001-07-11
U5ZA27(Z),U5ZA27C
MARKING
STANDARD SOLDERING PAD
Unit: mm
2
2001-07-11
U5ZA27(Z),U5ZA27C
3
2001-07-11
U5ZA27(Z),U5ZA27C
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
4
2001-07-11


▲Up To Search▲   

 
Price & Availability of U5ZA27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X