|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TSP058B - TSP320B Breakover Voltage Max. VBO @ IBO V 77 88 98 130 160 180 220 260 300 350 400 (3,5,6) On-State Voltage Max. VT @ 1A V 5 5 5 5 5 5 5 5 5 5 5 (3) Part Number Max. VDRM V Max. I DRM A 5 5 5 5 5 5 5 5 5 5 5 (3) Max. I BO mA 800 800 800 800 800 800 800 800 800 800 800 (3) Min. IH mA 150 150 150 150 150 150 150 150 150 150 150 (2,3) Typ. pF 70 67 67 57 50 49 46 45 44 44 43 (3) Max. Typ. pF Max. CO @ 0 Vdc 100 90 78 61 58 54 53 53 52 51 50 (3) CO @ 50 Vdc 24 22 23 19 17 16 15 14 13 13 13 (3) 29 28 27 21 20 19 18 18 18 18 17 (3) TSP058B TSP065B TSP075B TSP090B TSP120B TSP140B TSP160B TSP190B TSP220B TSP275B TSP320B notes 58 65 75 90 120 140 160 190 220 275 320 (1,3) NOTES: 1. Specific VDRM values are available by request. 2. Specific IH values are available by request. 3. All ratings and characteristics are at 25 C unless otherwise specified. 4. VDRM applies for the life of the device. IDRM will be in spec during and following operation of the device. 5. VBO1 is at 100V/msec, ISC =10Apk, VOC=1KVpk, 10/1000 Waveform 6. VBO2 is at f = 60 Hz, ISC = 1 A(RMS), Vac = 1KV(RMS), RL = 1 K, 1/2 AC cycle Ver: June 2001 PAGE 1 TSP058B - TSP320B PRELIMINARY AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE FEATURES * Protects by limiting voltages and shunting surge currents away from sensitive circuits * Designed for telecommunications applications such as line cards, modems, PBX, FAX, LAN,VHDSL * Helps meet standards such as GR1089, ITU K.20, IEC950, UL1459&50, FCC part 68 * Low capacitance, High surge (A, B, C rating available), precise voltage limiting, Long life THYRISTOR DO-15 SUMMARY ELECTRICAL CHARACTERISTICS Rated Repetitive PeakOff-State Voltage Repetitive Breakover Holding Off-State Capacitance PeakOff-State Current Currnet (f = 1 MHz , Vac = 15 mVRMS) Current TSP058B - TSP320B 8. Independently evaluate and test the suitability and performance of the device in the application MAXIMUM SURGE RATINGS (TJ = 25 C UNLESS OTHERWISE NOTED) Rating Symbol Short-Circuit Current Wave Open-Circuit Voltage Wave Value Notes 2/10 s 2/10 s 300 A 8/20 s 1.2/50 s 225 A 10/160 s 10/160 s 150 A Non-Repetitive Peak Pulse Current I PPS 5/310 s 10/700 s 115 A 10/560 s 10/560 s 100 A 10/1000 s 10/1000 s 80 A (1,2,3,4) Non-Repetitive Peak On-State Surge Current I TSM 30A (1,2,4,5,6) Notes: 1. Thermal accumulation between successive surge tests is not allowed. 2. The device under test initially must be in thermal equilibrium with TJ = 25 C. 3. Test at 1 cycle, 60 Hz. 4. Surge ratings are non-repetitive because instantaneous junction temperatures may exceed the maximum rated TJ. Nevertheless, devices will survive many surge applications without degradation. Surge capability will not degrade over a device's typical operating life. 5. Adjust the surge generator for optimum current-wave accuracy when both voltage and current wave specifications cannot be exactly met. The current wave is more important than the voltage wave for accurate surge evaluation. 6. The waveform is defined as A/B ms where: A: (Virtual front time) = 1.25 X Rise time = 1.25 X (Tb - Ta) B (Duration time to 50% level of Ipps) = T1 - T0 60% % Ipps 100% 80% 40% 20% 0% To Ta Tb Time T1 Ver: June 2001 PAGE 2 TSP058B - TSP320B PRELIMINARY SELECTION GUIDE Follow these steps to select the proper Thyristor surge protector for your application: 1. Define the operating parameters for the circuit: * Ambient operating temperature range * Maximum telephone line operating current (highest battery and shortest copper loop) * Maximum operating voltage: (Maximum DC bias + peak ringing voltage) * Maximum surge current * System voltage damage threshold * Select device with an off-state voltage rating (VDRM) above the maximum operating voltage at the minimum operating temperature. 3. Select surge current ratings (IPPS and ITSM) those which the application must withstand. 4. Verify that the minimum holding current of the device at the maximum ambient temperature is above the maximum dc current of the system. 5. Verify that the maximum breakover voltage of the device is below the system damage threshold. 6. Verify that the circuit's ambient operating temperatures are within the device's operating temperature range. 7. Verify that the device's dimensions fit the application's space considerations. THYRISTOR TSP058B - TSP320B Characteristic Thermal Resistance Junction to Leads TL on tab adjacent to plastic. Both leads soldered to identical pad sizes. Symbol RJL Value Max. 20 O Unit C/W Notes: The junction to lead thermal resistance represents a minimum limiting value with both leads soldered to a large near-infinite heatsink. The junction to ambient thermal resistance depends strongly on board mounting conditions and typically is 3 to 6 times higher than the junction to lead resistance. The data shown is to be used as guideline values for preliminary engineering. ELECTRICAL CHARACTERISTICS (TC = 25C UNLESS OTHERWISE NOTED) Parameters Repetitive Peak Off-State Current Breakover Current Holding Current1 On-State Voltage VD = rated VDRM f = 60 Hz, ISC = 1 Arms, Vac = 1 KVrms, RL = 1 K , 1/2 AC cycle 10/1000s waveform, ISC = 10A, VOC = 62 V, RL = 400 I T = 1 A, Tw = 300 s, 1 pulse Test Conditions Symbol I DRM I BO IH VT 150 5 Min. Max. 5 800 Unit A mA mA V Notes: Specific IH values are available by request. Ver: June 2001 PAGE 3 TSP058B - TSP320B PRELIMINARY MAXIMUM THERMAL RATINGS Rating Storage Junction Temperature Range Operating Junction Temperature Range Operating Ambient Temperature Range Notes: PCB board mounted on minimum foot print. THYRISTOR Symbol TSTG TJ Ta Value -50 to 150 -40 to 150 -40 to 65 Unit O C C C O O THERMAL CHARACTERISTICS TSP058B - TSP320B VBR _I Characteristic VBO I BO IH IT V T Symbol Breakover Voltage Breakover Current Holding Current On-state current On-state voltage Value Maximum voltage across the device in or at breakdown measured under a specified voltage and current rate of rise Instantaneous current flowing at the breakover voltage (VBO) Minimum current required to maintain the device in the on-state Current through the device in the on-state condition Voltage across the device in the on-state condition at a specified current (IT) The highest instantaneous value of the off-state voltage, including all repetitive transient voltages but excluding all nonrepetitive transient voltages The maximum (peak) value of current that results from the application of VDRM Rated maximum value of peak impulse current of specified amplitude and waveshape that may be applied without damage to the device under test Rated value of the rate of rise of current that the device can withstand without damage. The maximum rate of rise of voltage (belowVDRM) that will not cause switching from the off-state to the on-state. VDRM Rated Repetitive Peak Off-State Voltage I DRM Repetitive Peak Off-State Current I PPS Non-Repetitive Peak pulse current di/dt dv/dt Critical rate of rise of on-state current Critical Rate of Rise of Off-State Voltage Ver: June 2001 PAGE 4 TSP058B - TSP320B PRELIMINARY +I IPPS ITSM IT IBO IH THYRISTOR IBR _V IDRM VT VDRM VBO +V TSP058B - TSP320B TSP220B TSP275B TSP320B 44 44 43 52 51 50 37 37 37 39 39 38 32 32 32 35 34 34 27 27 27 30 29 29 13 13 13 18 18 17 MECHANICAL DATA * Case: JEDEC DO-15 molded plastic * Te r m i n a l s : P l a t e d A x i a l l e a d s , s o l d e r a b l e p e r MIL-STD-750, Method 2026 * Polarity: Bi-directional 1.0(25.4) MIN. DO-15 Unit: inch ( mm ) * Weight: 0.015 ounce, 0.4 gram .034(.86) .028(.71) .300(7.6) .230(5.8) .140(3.6) .104(2.6) 1.0(25.4) MIN. Ver: June 2001 PAGE 5 TSP058B - TSP320B PRELIMINARY CAPACITANCE CHARACTERISTICS F = 1 MHz, Vac = 15 mVrms Off-State Capacitance CO Part Number 0 V dc Typ. TSP058B TSP065B TSP075B TSP090B TSP120B TSP140B TSP160B TSP190B 70 67 67 57 50 49 46 45 Max. 100 90 78 61 58 54 53 53 Typ. 59 58 56 48 42 40 38 38 1 V dc Max. 74 69 64 50 45 43 40 39 Typ. 53 52 49 42 38 36 34 33 pF 2 V dc Max. 68 63 58 46 50 43 36 35 Typ. 45 43 42 35 31 30 28 28 5 V dc Max. 59 56 49 38 33 32 30 30 Typ. 24 22 23 19 17 16 15 14 50 V dc Max. 29 28 THYRISTOR 27 21 20 19 18 18 TSP058B - TSP320B TSP320B TSP320B ORDER & PACKING INFORMATION Device Packing 13" Tape & Reel TSPxxxB Bulk Ammunition Min. Order Q'ty 4,000 pcs 1,000 pcs 3,000 pcs Order As TSPxxxB TSPxxxB-B TSPxxxB-T/B Remark Standard Packing Ver: June 2001 PAGE 6 TSP058B - TSP320B PRELIMINARY DEVICE MARKING CODE Part Number TSP058B TSP065B TSP075B TSP090B TSP120B TSP140B TSP160B TSP190B TSP220B TSP275B Marking Code TSP058B TSP065B TSP075B TSP090B TSP120B TSP140B TSP160B TSP190B TSP220B TSP275B TSP058B P W PEC YWWP 1st line: Marking code THYRISTOR 2nd line: PEC Y WW P PanJit logo Last digit of calendar year Weekly Production line TSP058B - TSP320B f=1 MHZ V D=0 Volts DC v d=15mV RMS AC T J= 25 C O f=1 MHZ v d=15mV RMS AC T J= 25 C O TYPICAL CAPACITANCE V.S. RATED REPETITIVE OFF-STATE VOLTAGE TYPICAL CAPACITANCE V.S. OFF-STATE VOLTAGE 100 10 1 0.1 0.01 0.001 0.0001 0 TSP220SC I D, Off-State Current (mA) TSP220SB TSP220SB 20 40 60 80 100 120 140 150 TJ ( C ) TYPICAL OFF-STATE CURRENT V.S JUNCTION TEMPERATURE O IMPORTANT NOTICE This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the application. It will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information herein are subject to change without notice. New products and improvements in products and their characterization are constantly in process. This provides a superior performing and the highest value product. The factory should be consulted for the most recent information and for any special characteristics not described or specified. (c) Copyright PanjIt International Inc. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. PanJit Internatioal Inc. http://www.panjit.com.tw email: sales@panjit.com.tw Ver: June 2001 PAGE 7 TSP058B - TSP320B PRELIMINARY RATING AND CHARACTERISTIC CURVES 90 80 70 TSP075SC C series device 60 TSP120SC TSP140SC TSP190SC Capacitance (pF) 70 60 50 40 30 20 50 100 150 200 A series device B series device Capacitance (pF) 50 40 30 20 250 300 350 10 0.1 1 10 100 VDRM (V) VD Off-state Voltage (V) THYRISTOR |
Price & Availability of TSP220B |