Part Number Hot Search : 
60001 XHXXX MT8931C M54610P R65C51P1 LL4748 HV5812 MZP4733
Product Description
Full Text Search
 

To Download TS10P05G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS10P01G THRU TS10P07G
Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 10.0 Amperes TS-6P
C .118(3.0) X45 0 .189(4.8) .173(4.4) 1.193(30.3) 1.169(29.7)
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 170 amperes peak High case dielectric strength of 2000VRMS Isolated voltage from case to lead over 2500 volts
.150(3.8) .134(3.4)
.799(20.3) .776(19.7) .106(2.7) .091(2.3) .094(2.4) .079(2.0) .043(1.1) .035(0.9) .303 (7.7) .287 (7.3) .402(10.2) .386(9.8) .303 (7.7) .287 (7.3)
.189(4.8) .441(11.2) .425(10.8)
.134(3.4) .122(3.1) .114(2.9) .098(2.5)
.165(4.2) .150(3.8)
.709(18.0) .669(17.0)
Mechanical Data
Case: Molded plastic Terminals: Leads solderable per MILSTD-750 Method 2026 Weight: 0.3 ounce,8 grams Mounting torque: 8.17 in. lbs. max.
.031(0.7) .024(0.6)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol TS10P TS10P TS10P TS10P Type Number
01G 02G 03G 04G
TS10P TS10P TS10P 05G 06G 07G
Units V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 2 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 10.0 200 1.1
600 420 600
800 560 800
1000 700 1000
5.0 uA 500 uA /W Typical Thermal Resistance (Note) RJC 1.4 Operating Temperature Range TJ -55 to +150 Storage Temperature Range TSTG -55 to + 150 Note: Thermal Resistance from Junction to Case with Device Mounted on 4" x 6" x 0.25" Al-Plate Heatsink.
- 758 -
RATINGS AND CHARACTERISTIC CURVES (TS10P01G THRU TS10P07G)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
250
10
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
200
8
150
6
100
4
50
2
0
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
0
50 CASE TEMPERATURE. ( C)
o
100
150
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT. (A)
10
INSTANTANEOUS REVERSE CURRENT. ( A)
10
Tj=125 0C
1 Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.1
1
Tj=25 0C 0.01 0.6 0.1 0.8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE. (V) 1.8 2.0 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 759 -


▲Up To Search▲   

 
Price & Availability of TS10P05G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X