Part Number Hot Search : 
78T12AB CEO40 00X13 MG655 KBPC602 00A12 20121 PE33122
Product Description
Full Text Search
 

To Download TC74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74
Tiny Serial Digital Thermal Sensor
Features
* * * * Digital Temperature Sensing in SOT-23-5 Package Outputs Temperature as an 8-Bit Digital Word Simple Serial Port Interface Solid-State Temperature Sensing: - 2C Accuracy from +25C to +85C - 3C Accuracy from 0C to +125C * 3.0 and 5.5V Operating Range * Low Power: - 200A Operating - 5A Standby Mode
General Description
The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small formfactor applications. Temperature data is converted from the onboard thermal sensing element and made available as an 8-bit digital word. Communication with the TC74 is accomplished via a 2wire SMBus/I2CTM compatible serial port. This bus also can be used to implement multi-drop/multi-zone monitoring. The SHDN bit in the CONFIG register can be used to activate the low power Standby mode. Temperature resolution is 1C. Conversion rate is a nominal 8 samples/sec. Power consumption is only 200A typ, (5A Standby, typ). Small size, low installed cost, and ease of use make the TC74 an ideal choice for implementing thermal management in a variety of systems.
Applications
* Thermal Protection for Hard Disk Drives and other PC Peripherals * PC Card Devices for Notebook Computers * Low Cost Thermostat Controls * Power Supplies * Thermistor Replacement
Functional Block Diagram
Package Type
Internal Sensor (Diode)
Serial Port Interface
SDA
TO-220
Modulator
SCL
TC74
Control Logic
12345
SDA 5
NC SDA GND SCLK VDD
Temperature Register
SOT-23
SCLK 4
TC74
1 NC 2 GND 3 VDD
2002 Microchip Technology Inc.
DS21462B-page 1
(c)
TC74
Device Selection Table
Part Number TC74A0-3.3VCT TC74A1-3.3VCT TC74A2-3.3VCT TC74A3-3.3VCT TC74A4-3.3VCT TC74A5-3.3VCT* TC74A6-3.3VCT TC74A7-3.3VCT TC74A0-5.0VCT TC74A1-5.0VCT TC74A2-5.0VCT TC74A3-5.0VCT TC74A4-5.0VCT TC74A5-5.0VCT* TC74A6-5.0VCT TC74A7-5.0VCT TC74A0-3.3VAT TC74A1-3.3VAT TC74A2-3.3VAT TC74A3-3.3VAT TC74A4-3.3VAT TC74A5-3.3VAT TC74A6-3.3VAT TC74A7-3.3VAT TC74A0-5.0VAT TC74A1-5.0VAT TC74A2-5.0VAT TC74A3-5.0VAT TC74A4-5.0VAT TC74A5-5.0VAT TC74A6-5.0VAT TC74A7-5.0VAT
NOTE: *Default Address.
Package SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 SOT-23A-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5 TO-220-5
Address 1001 000 1001 001 1001 010 1001 011 1001 100 1001 101* 1001 110 1001 111 1001 000 1001 001 1001 010 1001 011 1001 100 1001 101 1001 110 1001 111 1001 000 1001 001 1001 010 1001 011 1001 100 1001 101 1001 110 1001 111 1001 000 1001 001 1001 010 1001 011 1001 100 1001 101 1001 110 1001 111
Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125c -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C
(c)
DS21462B-page 2
2002 Microchip Technology Inc.
TC74
1.0 ELECTRICAL CHARACTERISTICS
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings*
Supply Voltage (V DD) ............................................ +6V Voltage On Any Pin ....... (GND - 0.3V) to (VDD + 0.3V) Current On Any Pin .......................................... 50 mA Operating Temperature (TA)........................ See Below Storage Temperature (TSTG) .............. -65C to +150C
TC74 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = 3.3V or 5.0V (Note 5), -40C TA 125C, unless otherwise noted. Symbol Power Supply VPOR IDD IDD-STANDBY Power-on Reset Threshold Operating Current Standby Supply Current 1.2 -- -- -- 200 5 2.2 350 10 V A A VDD Falling Edge or Rising Edge VDD = 5.5V Serial Port Inactive (Note 1) VDD = 3.3V Serial Port Inactive (Note 1) +25C Temperature to Bits Converter TERR Temperature Accuracy TC74A -2 -3 -- 4 0.8 x VDD -- -- -- -- -1 -- +2 -- +2 -- -- 0.2 x VDD 0.4 0.6 -- 1 C
CR VIH VIL VOL CIN ILEAK
Note 1: 2: 3: 4: 5:
Conversion Rate Logic Input High Logic Input Low SDA Output Low Input Capacitance SDA, SCL I/O Leakage
8 -- -- -- -- 5 0.1
Sps V V V V pF A
Serial Port Interface
IOL = 3 mA IOL = 6 mA (Note 3)
Operating current is an average value integrated over multiple conversion cycles. Transient current may exceed this specification. Maximum ensured conversion time after Power-on Reset (POR to DATA_RDY) is 250 msec. Output current should be minimized for best temperature accuracy. Power dissipation within the TC74 will cause self-heating and temperature drift error. SDA and SCLK must be connected to VDD or GND. VDD = 3.3V for TC74X -3.3VCT. VDD = 5.0V for TC74X -5.0VCT. All part types of the TC74 will operate properly over the wider power supply range of 2.7V to 5.5V. Each part type is tested and specified for rated accuracy at its nominal supply voltage. As VDD varies from the nominal value, accuracy will degrade 1C/V of VDD change.
2002 Microchip Technology Inc.
DS21462B-page 3
(c)
TC74
TC74 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD = 3.3V or 5.0V (Note 5), -40C TA 125C, CL = 80pF unless otherwise noted. Serial Port AC Timing Symbol fSMB tLOW tHIGH tR tF tSU(START) tH(START) tSU-DATA tH-DATA tSU(STOP) tIDLE tPOR
Note 1: 2: 3: 4: 5:
Parameter SMBus Clock Frequency Low Clock Period High Clock Period SMBus Rise Time SMBus Fall Time START Condition Setup Time (for repeated START Condition) START Condition Hold Time Data In Setup Time Data In Hold Time STOP Condition Setup Time Bus Free Time Prior to New Transition Power-on Reset Delay
Min 10 4.7 4 -- -- 4 4 1000 1250 4 4.7 --
Typ. -- -- -- -- -- -- -- -- -- -- -- 500
Max 100 -- -- 1000 300 -- -- -- -- -- -- --
Unit kHz sec sec nsec nsec sec sec nsec nsec sec sec sec
Test Conditions
10% to 10% 90% to 90% 10% to 90% 90% to10% 90% SCLK to 10% SDA
VDD VPOR (Rising Edge)
Operating current is an average value integrated over multiple conversion cycles. Transient current may exceed this specification. Maximum ensured conversion time after Power-on Reset (POR to DATA_RDY) is 250 msec. Output current should be minimized for best temperature accuracy. Power dissipation within the TC74 will cause self-heating and temperature drift error. SDA and SCLK must be connected to VDD or GND. VDD = 3.3V for TC74X -3.3VCT. VDD = 5.0V for TC74X -5.0VCT. All part types of the TC74 will operate properly over the wider power supply range of 2.7V to 5.5V. Each part type is tested and specified for rated accuracy at its nominal supply voltage. As VDD varies from the nominal value, accuracy will degrade 1C/V of VDD change.
(c)
DS21462B-page 4
2002 Microchip Technology Inc.
TC74
2.0 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Symbol NC GND VDD SCLK SDA Type None Power Power Input Bi-directional Description No Internal Connection. System Ground Power Supply Input SMBus Serial Clock SMBus Serial Data
Pin Number Pin Number (5-Pin SOT-23) (5-Pin TO-220) 1 2 3 4 5 1 3 5 4 2
2002 Microchip Technology Inc.
DS21462B-page 5
(c)
TC74
Timing Diagrams
SMBUS READ Timing Diagram A B
ILOW IHIGH
C
D
E
F
G
H
I
J
K
SCL SDA
tSU(START) tH(START) A = START Condition B = MSB of Address Clocked into Slave C = LSB of Address Clocked into Slave D = R/W Bit Clocked into Slave
tSU-Data E = Slave Pulls SDA Line Low F = Acknowledge Bit Clocked into Master G = MSB of Data Clocked into Master H = LSB of Data Clocked into Master I = Acknowledge Clock Pulse J = STOP Condition K = New START Condition
tSU(STOP)
tIDLE
SMBUS Write Timing Diagram A ILOW B IHIGH C D E F G H I J K L M
SCL SDA
tSU(START) tH(START) A = START Condition B = MSB of Address Clocked into Slave C = LSB of Address Clocked into Slave D = R/W Bit Clocked into Slave E = Slave Pulls SDA Line Low
tSU-DATA F = Acknowledge Bit Clocked into Master G = MSB of Data Clocked into Slave H = LSB of Data Clocked into Slave I = Slave Pulls SDA Line Low
tH-DATA J = Acknowledge Clocked into Master K = Acknowledge Clock Pulse L = STOP Condition, Data Executed by Slave M = New START Condition
tSU(STOP) tIDLE
(c)
DS21462B-page 6
2002 Microchip Technology Inc.
TC74
3.0
3.1
DETAILED DESCRIPTION
Functional Description
TABLE 3-2:
Term Transmitter Receiver Master
SERIAL BUS CONVENTIONS
Explanation The device sending data to the bus. The device receiving data from the bus. The device which controls the bus: initiating transfers (START), generating the clock, and terminating transfers. (STOP) The device addressed by the master. A unique condition signaling the beginning of a transfer indicated by SDA falling (High-Low) while SCL is high. A unique condition signaling the end of a transfer indicated by SDA rising (Low-High) while SCL is High. A Receiver acknowledges the receipt of each byte with this unique condition. The Receiver drives SDA low during SCL high of the ACK clock-pulse. The Master provides the clock pulse for the ACK cycle. Communication is not possible because the bus is in use. When the bus is idle, both SDA and SCL will remain high. The state of SDA must remain stable during the High period of SCL in order for a data bit to be considered valid. SDA only changes state while SCL is low during normal data transfers. (See START and STOP conditions.)
The TC74 acquires and converts temperature information from its onboard solid-state sensor with a resolution of 1C. It stores the data in an internal register which is read through the serial port. The system interface is a slave SMBus. The temperature data can be read at any time through the SMBus port. Eight SMBus addresses are programmable for the TC74, which allows for a multi-sensor configuration. Also, there is low power Standby mode when temperature acquisition is suspended.
Slave START
STOP
3.1.1
STANDBY MODE
ACK
The TC74 allows the host to put it into a low power (IDD = 5A, typical) Standby mode. In this mode, the A/D converter is halted and the temperature data registers are frozen. The SMBus port operates normally. Standby mode is enabled by setting the SHDN bit in the CONFIG register. Table 3-1 summarizes this operation.
Busy NOT Busy Data Valid
TABLE 3-1:
SHDN Bit 0 1
STANDBY MODE OPERATION
Operating Mode Normal Standby
3.1.2
SMBUS SLAVE ADDRESS
The TC74 is internally programmed to have a default SMBus address value of 1001 101b. Seven other addresses are available by custom order (contact factory).
3.2
Serial Port Operation
The Serial Clock input (SCL) and bi-directional data port (SDA) form a 2-wire bi-directional serial port for programming and interrogating the TC74. The following conventions are used in this bus architecture:
All transfers take place under control of a host, usually a CPU or microcontroller, acting as the Master, which provides the clock signal for all transfers. The TC74 always operates as a Slave. The serial protocol is illustrated in Figure 3-1 All data transfers have two phases; all bytes are transferred MSB first. Accesses are initiated by a START condition, followed by a device address byte and one or more data bytes. The device address byte includes a Read/Write selection bit. Each access must be terminated by a STOP Condition. A convention called Acknowledge (ACK) confirms receipt of each byte. Note that SDA can change only during periods when SCL is LOW (SDA changes while SCL is HIGH are reserved for START and STOP Conditions).
2002 Microchip Technology Inc.
DS21462B-page 7
(c)
TC74
FIGURE 3-1: SMBUS PROTOCOLS
Write Byte Format S Address 7 Bits
Slave Address
WR
ACK
Command 8 Bits
ACK
Data 8 Bits
ACK
P
Command Byte: selects which register you are writing to.
Data Byte: data goes into the register set by the command byte.
Read Byte Format S Address 7 Bits
Slave Address
WR ACK Command 8 Bits
ACK S
Address 7 Bits
RD ACK
Data 8 Bits
NACK P
Command Byte: selects which register you are reading from.
Slave Address: repeated due to change in dataflow direction.
Data Byte: reads from the register set by the command byte.
Receive Byte Format S Address 7 Bits
S = START Condition P = STOP Condition Shaded = Slave Transmission
RD ACK
Data 8 Bits
Nack
P
Data Byte: reads data from the register commanded by the last Read Byte or Write Byte transmission.
3.3
START Condition (S)
3.6
Data Byte
The TC74 continuously monitors the SDA and SCL lines for a START condition (a HIGH to LOW transition of SDA while SCL is HIGH) and will not respond until this condition is met.
After a successful ACK of the address byte, the host must transmit the data byte to be written or clock in the data to be read. (See the appropriate timing diagrams). ACK will be generated after a successful write of a data byte into the TC74.
3.4
Address Byte 3.7 STOP Condition (P)
Communications must be terminated by a STOP condition (a LOW to HIGH transition of SDA while SCL is HIGH). The STOP Condition must be communicated by the transmitter to the TC74. NOTE: Refer to Timing Diagrams for serial bus timing.
Immediately following the START Condition, the host must transmit the address byte to the TC74. The states of A1 and A0 determine the 7-bit SMBus address for the TC74. The 7-bit address transmitted in the serial bit stream must match for the TC74 to respond with an Acknowledge (indicating the TC74 is on the bus and ready to accept data). The 8-bit in the Address Byte is a Read/Write Bit. This bit is a `1' for a read operation or `0' for a write operation. During the first phase of any transfer this bit will be set = 0 to indicate that the command byte is being written.
3.5
Acknowledge (ACK)
Acknowledge (ACK) provides a positive handshake between the host and the TC74. The host releases SDA after transmitting 8 bits. The host then generates a ninth clock cycle to allow the TC74 to pull the SDA line LOW. This action acknowledges that the TC74 successfully received the previous eight bits of data or address.
(c)
DS21462B-page 8
2002 Microchip Technology Inc.
TC74
4.0 REGISTER SET AND PROGRAMMER'S MODEL
COMMAND BYTE DESCRIPTION (SMBUS READ_BYTE AND WRITE_BYTE)
FUNCTION Read Temperature (TEMP) Read/Write Configuration (CONFIG)
TABLE 4-3:
D[7] MSB D[6] X
TEMPERATURE REGISTER (TEMP)
D[5] X D[4] X D[3] X D[2] X D[1] X D[0] LSB
TABLE 4-1:
COMMAND CODE RTR RWCR 00h 01h
In the temperature data registers, each unit value represents one degree (Celsius). The value is in 2's complement binary format such that a reading of 0000 0000b corresponds to 0C. Examples of this temperature to binary value relationship are shown in Table 4-4. TABLE 4-4: TEMPERATURE TO DIGITAL VALUE CONVERSION (TEMP)
REGISTERED TEMP.
+127C +127C +127C +25C +1C 0C 0C 0C 0C -1C -1C -25C -25C -55C -55C -65C
TABLE 4-2:
CONFIGURATION REGISTER (CONFIG); 8 BITS, READ/ WRITE)
FUNCTION
STANDBY Switch Data Ready* Reserved Always returns zero when read
ACTUAL TEMP.
+130.00C +127.00C +126.50C +25.25C +0.50C +0.25C 0.00C -0.25C -0.50C -0.75C -1.00C -25.00C -25.25C -54.75C -55.00C -65.00C
BINARY HEX
0111 1111 0111 1111 0111 1111 0001 1001 0000 0001 0000 0000 0000 0000 0000 0000 0000 0000 1111 1111 1111 1111 1110 0111 1110 0110 1100 1001 1100 1001 1011 1111
BIT
D[7] D[6] D[5]-D[0]
POR
0 0 0
TYPE OPERATION
Read/ Write Read Only N/A 1 = standby, 0 = normal 1 = ready 0 = not ready N/A
*Note: DATA_RDY bit RESET at power-up and SHDN enable.
FIGURE 4-1:
DATA_RDY, SHDN OPERATION LOGIC DIAGRAM
VDD
4.2
DATA_RDY
Register Set Summary
The TC74 register set is summarized in Table 4-5. All registers are 8 bits wide.
TABLE 4-5:
SHDN tconv tconv
TC74 REGISTER SET SUMMARY
POR State 0000 0000b* READ WRITE
NAME
DESCRIPTION Internal Sensor Temp. (2's Complement) CONFIG Register
4.1
Temperature Register (TEMP), 8 Bits, READ ONLY
TEMP
The binary value (2's complement format) in this register represents temperature of the onboard sensor following a conversion cycle. The registers are automatically updated in an alternating manner.
CONFIG
0000 0000b
*Note: The TEMP resigister will be immediately updated by the A/D converter after the DATA_RDY Bit goes High.
2002 Microchip Technology Inc.
DS21462B-page 9
(c)
TC74
5.0
5.1
PACKAGING INFORMATION
Package Marking Information
SOT-23
TABLE 5-1:
TC74 (V)
PACKAGE MARKING CODES
Code V0 V1 V2 V3 V4 V5 V6 V7 U0 U1 U2 U3 U4 U5 U6 U7
TC74A0-3.3VCT TC74A1-3.3VCT TC74A2-3.3VCT TC74A3-3.3VCT
1
2
3
4
TC74A4-3.3VCT TC74A5-3.3VCT TC74A6-3.3VCT TC74A7-3.3VCT
1 & 2 = part number code + temperature range and voltage 3 = year and quarter code 4 = lot ID number
TC74A0-5.0VCT TC74A1-5.0VCT TC74A2-5.0VCT TC74A3-5.0VCT TC74A4-5.0VCT TC74A5-5.0VCT TC74A6-5.0VCT TC74A7-5.0VCT
(c)
DS21462B-page 10
2002 Microchip Technology Inc.
TC74
5.2 Taping Forms
Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices
User Direction of Feed
Device Marking
W
PIN 1
P Standard Reel Component Orientation TR Suffix Device (Mark Right Side Up)
Carrier Tape, Number of Components Per Reel and Reel Size
Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size
5-Pin SOT-23A
8 mm
4 mm
3000
7 in
5.3
Package Dimensions
SOT-23A-5
.075 (1.90) REF.
.122 (3.10) .098 (2.50) .020 (0.50) .012 (0.30) PIN 1 .122 (3.10) .106 (2.70) .057 (1.45) .035 (0.90) .006 (0.15) .000 (0.00)
.071 (1.80) .059 (1.50)
.037 (0.95) REF.
10 MAX. .024 (0.60) .004 (0.10)
.010 (0.25) .004 (0.09)
Dimensions: inches (mm)
2002 Microchip Technology Inc.
DS21462B-page 11
(c)
TC74
NOTES:
(c)
DS21462B-page 12
2002 Microchip Technology Inc.
TC74
SALES AND SUPPORT
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2002 Microchip Technology Inc.
DS21462B-page 13
(c)
TC74
NOTES:
(c)
DS21462B-page 14
2002 Microchip Technology Inc.
TC74
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, FilterLab, KEELOQ, microID, MPLAB, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. dsPIC, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, MXDEV, PICC, PICDEM, PICDEM.net, rfPIC, Select Mode and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2002, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Printed on recycled paper.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro (R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2002 Microchip Technology Inc.
DS21462B-page 15
(c)
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Japan
Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456
China - Beijing
Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Chengdu
Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-6766200 Fax: 86-28-6766599
Taiwan
Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
China - Fuzhou
Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
EUROPE
Denmark
Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
China - Shanghai
Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Kokomo
2767 S. Albright Road Kokomo, Indiana 46902 Tel: 765-864-8360 Fax: 765-864-8387
France
Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
China - Shenzhen
Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1315, 13/F, Shenzhen Kerry Centre, Renminnan Lu Shenzhen 518001, China Tel: 86-755-2350361 Fax: 86-755-2366086
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
Germany
Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Hong Kong
Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Italy
Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
03/01/02
(c)
DS21462B-page 16
2002 Microchip Technology Inc.
*B26412SD*


▲Up To Search▲   

 
Price & Availability of TC74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X