Part Number Hot Search : 
P9430 DC718B 0000F 01CA3AKR 54104 APPLE KTY82210 00101
Product Description
Full Text Search
 

To Download TC1030COD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY INFORMATION
EVALUATION KIT AVAILABLE
1
TC1030
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
FEATURES
s s s s s Optimized for Single Supply Operation Small, 14-pin SOIC (Narrow) package Ultra Low Input Bias Current ...... Less than 100pA Low Quiescent Current ........................... 12A max Operates Down to VDD = 1.8V
2 3 4
OUTD
GENERAL DESCRIPTION
The TC1030 is a quad, low power operational amplifier designed for low power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drain is independent of the magnitude of the power supply voltage. Supply current is 12A maximum and the TC1030 operates down to VDD = 1.8 V. Packaged in a 14-pin narrow (0.150"W) SOIC or DIP, the TC1030 is ideal for battery operated applications. FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS
s s s s s Power Supply Circuits Embedded Systems Instrumentation Portable Equipment Consumer Products
ORDERING INFORMATION
Part No.
TC1030COD TC1030CPD TC1030CQR TC1030EOD TC1030EPD
Package
14-Pin SOIC (Narrow) 14-Pin Plastic DIP 16-Pin QSOP 14-Pin SOIC (Narrow) 14-Pin Plastic DIP
Temp. Range
0C to +70C 0C to +70C 0C to +70C - 40C to +85C - 40C to +85C
OUTA INA- INA+ VDD INB+
-
A
-
D
IND-
+
TC1030
+
IND+ VSS
5 6
TC43EV
Evaluation Kit for Linear Building Block Family
+
B
+
C
INC+
INB- OUTB
-
-
INC- OUTC
Pin configuration
14-Pin Plastic DIP
OUTA INA- INA+ VDD INB+ INB- OUTB 1 2 3 4 5 6 7 TC1030CPD TC1030EPD 14 OUTD 13 IND- 12 IND+ 11 VSS 10 INC+ 9 8 INC- OUTC
14-Pin SOIC (Narrow)
OUTA INA- INA+ VDD INB+ INB- OUTB 1 2 3 4 5 6 7 14 13 12 TC1030COD TC1030EOD 11 10 9 8 OUTD IND
-
16-Pin QSOP
OUTA INA- INA+ VDD INB+ INB- OUTB NC 1 2 3 4 TC1030CQR 5 6 7 8 12 11 10 9 16 15 14 13 OUTD IND- IND+ VSS INC+ INC- OUTC NC
IND+ VSS INC+ INC- OUTC
7
8
3-319
TC1030-01 10/2/96
TELCOM SEMICONDUCTOR, INC.


▲Up To Search▲   

 
Price & Availability of TC1030COD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X